Part Number Hot Search : 
BT101 100N1 RS1BG L2010 MOLEX TZ403BD 1SMA160 19WBEAW
Product Description
Full Text Search
 

To Download HCSS-12-S-02-01-S-N-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  hcmd factsheet f-198 supplement samtec usa ?tel: 1-800-samtec-9 or 812-944-6733 ?fax: 812-948-5047 samtec uk ?tel: 01236 739292 ?fax: 01236 727113 samtec germany ?tel: +49 (0)8141 / 37 85-0 ?fax: +49 (0)8141 / 37 85-99 samtec france ?tel: 33 1 60 24 75 50 ?fax: 33 1 60 24 75 59 samtec italy ?tel: 39-2-38093535 ?fax: 39-2-38093453 samtec asia pacific ?tel: 65-745-5955 ?fax: 65-841-1502 samtec japan ?tel: 81-424-42-8318 ?fax: 81-424-42-8319 due to technical progress, all designs, specifications and components are subject to change without notice. mates with: tsw, mtsw, tst, ew, bst, lcw, zst, mtlw, tsm male plug on one end with socket on other. begin part number with hcm. socket or male plug on each end = = socket or male plug on one end note: idc assemblies are non-standard, non-returnable. features: ? low profile ? skinny side locks ? dual beam contacts ? single & double row ? high temp insulator ? odd lead counts ? customs our specialty ? easy assembly end assembly .100" idc cable strips hcmd, hcms hcsd, hcss row option type strip no. pins per row = (3,30) .130 (0,51) .020 (2,54) .100 (0,64) .025 sq typ (5,08) .200 (2,54) .100 (3,05) .120 double (hcmd) single (hcms) no. of positions x .100 (2,54) + .180 (4,57) (7,87) .310 ref (3,30) .130 (2,54) .100 (5,08) .200 (2,54) .100 double (hcsd) single (hcss) (0,76) .030 sq. typ. no. of positions x .100 (2,54) + .180 (4,57) (9,53) .375 ref d = double (color coded cable n/a for 31 thru 36 pins/row. see Cg option.) = single s (call samtec other sizes) specifications: hcsd, hcss insulator material: black liquid crystal polymer flammability rating: ul 94v-o insulation resistance: 5000 m w temperature range: -65 c to +80 c withstanding voltage: 1000 vrms @ 60 hz contact: phosphor bronze plating: 10 m " (0,25 m m) on contact area, 150 m " (3,81 m m) sn on balance over 50 m " (1,27 m m) ni. current rating: 1a contact resistance: 10 m w max lead size range: .024" (0,61mm) sq to .026" (0,66mm) sq lead insertion depth: .185" (4,70mm) to .250" (6,35mm) insertion force: 6 oz avg (1,67n) average with .025" (0,64mm) sq probe withdrawal force: 3 oz avg (0,83n) average with .025" (0,64mm) sq probe wire: 28 awg 7/36 stranded tinned copper specifications: hcmd, hcms insulator material: black liquid crystal polymer flammability rating: ul 94v-o insulation resistance: 5000 m w temperature range: -65 c to +80 c withstanding voltage: 1000 vrms @ 60 hz terminal: phosphor bronze plating: 150 m " (3,81 m m) sn over 50 m " (1,27 m m) ni current rating: 1a wire: 28 awg 7/36 stranded tinned copper C05, C 07, C 08, C10, C12, C13, C15, C17, C20, C25, C30, C32, C36 Cs Cd double end Ct transfer end hcs socket strip hcm = male strip = single end
hcsd factsheet f-198 supplement samtec usa ?tel: 1-800-samtec-9 or 812-944-6733 ?fax: 812-948-5047 samtec uk ?tel: 01236 739292 ?fax: 01236 727113 samtec germany ?tel: +49 (0)8141 / 37 85-0 ?fax: +49 (0)8141 / 37 85-99 samtec france ?tel: 33 1 60 24 75 50 ?fax: 33 1 60 24 75 59 samtec italy ?tel: 39-2-38093535 ?fax: 39-2-38093453 samtec asia pacific ?tel: 65-745-5955 ?fax: 65-841-1502 samtec japan ?tel: 81-424-42-8318 ?fax: 81-424-42-8319 due to technical progress, all designs, specifications and components are subject to change without notice. 6 same as Cs xx except outer strip connected to conductor #2 and inside strip connected to conductor #1. assembled length breakout starts with number 1 lead indicated by brown wire or red stripe. shown on top side. 4 #1 wire opposite position #1 5 ?x (127,00) 5.00 max. (50,80) 2.00 min. (50,80) 2.00 min. (101,60) 4.00 minimum 6 when mating double row connector with two single row connectors, the outer most single will be connected to conductor #1 and the inside single to conductor #2. outer most (end of assembly) xx 1 / 8 " (3,18) single row connectors (50,80) 2.00 min. (101,60) 4.00 minimum double row strips outer most (end of assembly) xx 1 / 8 " (3,18) 6 other options notch polarization 2 standard cable is color coded. specify Cg for gray cable with one red edge. 1 specify xx as position. for double the same position will be polarized on both ends. (not available on hcm, unless transfer, then only the socket is polarized) 01 03 02 04 01 03 single double 02 04 specify suffix from table. all dimensions are 1 / 16 " (1,59mm) . not available in 28 positions and higher. Cst8 Cst4 Cst2 Cst3 1 / 8 " (3,18) 1 / 4 " (6,35) 1 / 2 " (12,70) 3 / 8 " (9,53) 3 specify xx as number of conducts to be broken out. requires Csxx, Cwxx or Cdxx 7 requires Csxx, Cwxx or Cdxx 7 7 required for hcss and hcsd. (not available on hcms or hcmd, unless transfer, then only the socket is polarized.) plating option assembled length in inches (?/8") 2 inches minimum 01 150 m " (3,81 m m) tin (standard on hcms & hcmd. leave blank) Ct = 10 m " (0,25 m m) gold on contact area or tail, 150 m " (3,81 m m) tin on balance (standard on hcss & hcsd. leave blank) Cs = 02 (3,81) .150 (1,27) .050 01 Cn = notch polarization Cr = reversed Cw xx = wiring reversed daisy chain, single Cxx = assembled length Crw = reversed wiring Cs xx = daisy chain single C d xx = daisy chain, double C p xx = position polarization Cg = gray cable C st x = stripped & tinned C b xx = breakout Cm = middle reversed Co = outside reversed .100" idc cable strips hcmd, hcms hcsd, hcss


▲Up To Search▲   

 
Price & Availability of HCSS-12-S-02-01-S-N-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X