this is information on a product in full production. may 2013 docid2055 rev 6 1/15 15 hcf4060 14-stage ripple carry binary co unter/divider and oscillator datasheet - production data features ? medium speed operation ? common reset ? fully static operation ? buffered inputs and outputs ? quiescent current specified up to 20 v ? 5 v, 10 v and 15 v parametric ratings ? input leakage current: i i = 100 na (max.) at v dd = 18 v, t a = 25 c ? 100% tested for quiescent current ? esd performance ?hbm: 1 kv ? mm: 200 v ?cdm: 1 kv applications ? automotive ? industrial ? computer ? consumer description the hcf4060 device is a monolithic integrated circuit fabricated in mos (metal oxide semiconductor) technology available in so16 and pdip16 packages. the hcf4060 device consists of an oscillator section and 14 ripple carry binary counter stages. the oscillator configuration allows design of either rc or crystal oscillator ci rcuits. a reset input is provided which resets the counter to the all 0?s state and disables the osc illator. a high level on the reset line accomplishes the reset function. all counter stages are master slave flip-flops. the state of the counter is advanced one step in binary order on the negative transition of 1 (and 0 ). all inputs and outputs are fully buffered. schmitt trigger action on the clock pin permits unlimited clock rise and fall time. table 1. device summary order code temperature range package packaging marking HCF4060M013TR -55/+125 c so16 tape and reel hcf4060 hcf4060ym013tr (1) -40/+125 c so16 (automotive version) tape and reel hcf4060y hcf4060bey -55/+125 c pdip16 tube hcf4066be 1. qualification and characterization ac cording to aec q100 and q003 or equivalen t, advanced screening according to aec q001 and q002 or equivalent. www.st.com
contents hcf4060 2/15 docid2055 rev 6 contents 1 pin information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 2 functional description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 3 electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 4 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 4.1 pdip16 (0.25) package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 4.2 so16 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 5 ordering information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 6 revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
docid2055 rev 6 3/15 hcf4060 pin information 1 pin information figure 1. pin connection table 2. pin description pin no. symbol name and function 1, 2, 3 ,4, 5, 6, 7, 13, 14, 15 q 12 , q 13 , q 14 , q 6 , q 5 , q 7 , q 4 , q 9 , q 8 , q 10 outputs 9, 10, 11 0 , 0 , 1 oscillator input 12 reset reset 8v ss negative supply voltage 16 v dd positive supply voltage
functional description hcf4060 4/15 docid2055 rev 6 2 functional description figure 2. logic diagram figure 3. functional diagram / & |