Part Number Hot Search : 
MUR1610 MAX1134 95030 MM5Z62V OPF391A 327MS8GE SM5272B N7040A
Product Description
Full Text Search
 

To Download GRM188B11H102KA01D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ! note ?please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. ?this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. please check the murata home page (http://www.murata.com/) if you cannot find the part number in the catalog. (part number) w q product id w series chip monolithic ceramic capacitors gr gq gm gn ll gj ga j m 4 7 m a d m l r a m m 2 3 soft termination type tin plated layer only for information devices / tip & ring only for camera flash circuit high frequency for flow/reflow soldering monolithic microchip for bonding capacitor array low esl type controlled esr low esl type 8-termination low esl type 10-termination low esl type high frequency low loss type for ac250v (r.m.s.) safety standard certified type product id code series gr q m e 18 r 8 t b1 y 1h u 102 i k o a01 e dimensions (l g w) !0 d code 0.4 g 0.2mm 0.6 g 0.3mm 0.5 g 0.5mm 0.8 g 0.8mm 0.38 g 0.38mm 0.9 g 0.6mm 1.0 g 0.5mm 1.6 g 0.8mm 1.37 g 1.0mm 2.0 g 1.25mm 2.8 g 2.8mm 3.2 g 1.6mm 3.2 g 2.5mm 4.5 g 2.0mm 4.5 g 3.2mm 5.7 g 2.8mm 5.7 g 5.0mm dimensions (l g w) 01005 0201 0202 0303 015015 0302 0402 0603 0504 0805 1111 1206 1210 1808 1812 2211 2220 eia 02 03 05 08 0d 0m 15 18 1m 21 22 31 32 42 43 52 55 a b c d e f m n q r s x 1.0mm 1.25mm 1.6mm 2.0mm 2.5mm 3.2mm 1.15mm 1.35mm 1.5mm 1.8mm 2.8mm depends on individual standards. r dimension (t) (except gnm ) code 2 3 5 6 7 8 9 0.2mm 0.3mm 0.5mm 0.6mm 0.7mm 0.8mm 0.85mm dimension (t) r elements ( gnm only) code 2 4 2-elements 4-elements elements continued on the following page. o part numbering o part numbering 2 ? this pdf catalog is downloaded from the website of murata manufacturing co., ltd. therefore, its specifications are subject to change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers before ordering. ? this pdf catalog has only typical specifications because there is no space for detailed specifications. therefore, please app rove our product specifications or transact the approval sheet for product specifications before ordering. ! note c02e.pdf 10.12.20
! note ?please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. ?this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. please check the murata home page (http://www.murata.com/) if you cannot find the part number in the catalog. continued from the preceding page. continued on the following page. 25 to 85 c 25 to 85 c 25 to 85 c 25 to 125 c *6 -25 to 85 c -25 to 85 c -55 to 125 c -55 to 105 c -220 60ppm/ c -330 60ppm/ c -470 60ppm/ c -750 120ppm/ c 10% 10% 22% 22% r2h *1 s2h *1 t2h *1 u2j *1 b *2 b x7s x6s 6r 6s 6t 7u b1 b3 c7 c8 -55 to 125 c -55 to 125 c -55 to 125 c -55 to 125 c -25 to 85 c -25 to 85 c -55 to 125 c -55 to 105 c t temperature characteristics code temperature characteristic codes temperature characteristics 20 to 85 c 20 to 125 c 20 to 85 c 20 to 85 c 20 to 85 c 20 to 85 c 20 to 125 c 20 to 85 c 20 to 85 c 20 to 85 c 20 to 85 c 20 to 85 c 20 to 125 c 25 to 125 c 25 to 150 c 25 to 125 c 25 to 85 c 20 c 20 c 20 c 20 c 20 c 20 c 20 c 20 c 20 c 20 c 20 c 20 c 20 c 25 c 25 c 25 c 25 c temperature range reference temperature +350 to -1000ppm/ c 0 60ppm/ c -150 60ppm/ c -220 60ppm/ c -330 60ppm/ c -470 60ppm/ c 0 120ppm/ c -150 120ppm/ c -220 120ppm/ c -330 120ppm/ c -470 120ppm/ c -750 120ppm/ c 0 250ppm/ c 0 30ppm/ c 0 30ppm/ c 0 60ppm/ c -150 60ppm/ c capacitance change or temperature coefficient sl *1 ch *1 ph *1 rh *1 sh *1 th *1 cj *1 pj *1 rj *1 sj *1 tj *1 uj *1 ck *1 c0g *1 x8g *1 c0h *1 p2h *1 jis jis jis jis jis jis jis jis jis jis jis jis jis eia eia eia eia 25 c 25 c 25 c 25 c 20 c 20 c 25 c 25 c eia eia eia eia jis jis eia eia -25 to 85 c -30 to 85 c -55 to 150 c -55 to 125 c -55 to 125 c -55 to 85 c -55 to 125 c -55 to 150 c -55 to 125 c +30, -80% +22, -82% +15, -40% 15% 15% 15% 15% 15% 10% *4 +22, -33% *5 f *2 y5v x8l r *2 r x5r x7r x8r - f1 f5 l8 r1 r3 r6 r7 r9 w0 -25 to 85 c -30 to 85 c -55 to 150 c -55 to 125 c -55 to 125 c -55 to 85 c -55 to 125 c -55 to 150 c -55 to 125 c 20 c 25 c 25 c 20 c 20 c 25 c 25 c 25 c 25 c jis eia *3 jis jis eia eia eia - -55 to 125 c +22, -33% x7t d7 -55 to 125 c 25 c eia -55 to 105 c +22, -33% x6t d8 -55 to 105 c 25 c eia -55 to 125 c +22, -56% x7u e7 -55 to 125 c 25 c eia public std code 1x 2c 2p 2r 2s 2t 3c 3p 3r 3s 3t 3u 4c 5c 5g 6c 6p -55 to 125 c -55 to 125 c -25 to 85 c -25 to 85 c -25 to 85 c -25 to 85 c -55 to 125 c -25 to 85 c -25 to 85 c -25 to 85 c -25 to 85 c -25 to 85 c -55 to 125 c -55 to 125 c -55 to 150 c -55 to 125 c -55 to 125 c operating temperature range *1 please refer to table for capacitance change under reference temperature. *2 capacitance change is specified with 50% rated voltage applied. *3 murata temperature characteristic code. *4 apply dc350v bias. *5 no dc bias. *6 rated voltage 100vdc max : 25 to 85 c 3 ? this pdf catalog is downloaded from the website of murata manufacturing co., ltd. therefore, its specifications are subject to change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers before ordering. ? this pdf catalog has only typical specifications because there is no space for detailed specifications. therefore, please app rove our product specifications or transact the approval sheet for product specifications before ordering. ! note c02e.pdf 10.12.20
! note ?please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. ?this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. please check the murata home page (http://www.murata.com/) if you cannot find the part number in the catalog. continued from the preceding page. murata code capacitance change from 25 c (%) ?5 c ?0 c ?0 c max. min. max. min. max. min. 5c/5g 0.58 ?.24 0.40 ?.17 0.25 ?.11 6c 0.87 ?.48 0.59 ?.33 0.38 ?.21 6p 2.33 0.72 1.61 0.50 1.02 0.32 6r 3.02 1.28 2.08 0.88 1.32 0.56 6s 4.09 2.16 2.81 1.49 1.79 0.95 6t 5.46 3.28 3.75 2.26 2.39 1.44 7u 8.78 5.04 6.04 3.47 3.84 2.21 eia code 4c 2.56 ?.88 1.54 ?.13 1.02 ?.75 3p 1.65 0.14 1.10 0.09 3r 2.03 0.45 1.35 0.30 3s 2.63 0.95 1.76 0.63 3t 3.40 1.58 2.27 1.05 3u 4.94 2.84 3.29 1.89 3c 1.37 ?.90 0.82 ?.54 0.55 ?.36 murata code capacitance change from 20 c (%) ?5 c ?5 c ?0 c max. min. max. min. max. min. 2c 0.82 ?.45 0.49 ?.27 0.33 ?.18 2p 1.32 0.41 0.88 0.27 2r 1.70 0.72 1.13 0.48 2s 2.30 1.22 1.54 0.81 2t 3.07 1.85 2.05 1.23 1x o capacitance change from each temperature jis code u capacitance expressed by three-digit alphanumerics. the unit is picofarad (pf). the first and second figures are significant digits, and the third figure expresses the number of zeros which follow the two numbers.if there is a decimal point, it is expressed by the capital letter " r ." in this case, all figures are significant digits. r50 1r0 100 103 ex.) 0.5pf 1.0pf 10pf 10000pf code capacitance y rated voltage 0e 0g 0j 1a 1c 1e ya 1h 2a 2d 2e yd 2h 2j 3a 3d 3f bb e2 gc gf gd gb dc2.5v dc4v dc6.3v dc10v dc16v dc25v dc35v dc50v dc100v dc200v dc250v dc300v dc500v dc630v dc1kv dc2kv dc3.15kv dc350v (for camera flash circuit) ac250v x1/y2; ac250v (safety standard certified type gc) y2, x1/y2; ac250v (safety standard certified type gf) y3; ac250v (safety standard certified type gd) x2; ac250v (safety standard certified type gb) code rated voltage continued on the following page. 4 ? this pdf catalog is downloaded from the website of murata manufacturing co., ltd. therefore, its specifications are subject to change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers before ordering. ? this pdf catalog has only typical specifications because there is no space for detailed specifications. therefore, please app rove our product specifications or transact the approval sheet for product specifications before ordering. ! note c02e.pdf 10.12.20
! note ?please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. ?this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. please check the murata home page (http://www.murata.com/) if you cannot find the part number in the catalog. continued from the preceding page. expressed by three figures. o individual specification code (except llr ) i capacitance tolerance code w grm/gjm series c ? tc 0.05pf capacitance tolerance v 9.9pf 0.1pf b grm/gjm gqm c ? 0.1pf v 9.9pf v 1pf 1.1 to 9.9pf 0.1pf 0.1pf 1pf step and e24 series c grm/gjm grm gqm c ? except c ? c ? 0.25pf v 9.9pf v 5pf v 1pf 1.1 to 9.9pf 0.1pf * 1pf 0.1pf 1pf step and e24 series d grm/gjm grm gqm c ? except c ? c ? 0.5pf 5.1 to 9.9pf 5.1 to 9.9pf 5.1 to 9.9pf 0.1pf * 1pf 1pf step and e24 series g gjm gqm c ? c ? 2% u 10pf u 10pf e12 series e24 series j grm/ga3 gqm/gjm c ? , sl, u2j c ? 5% u 10pf u 10pf e12 series e24 series capacitance step k grj/grm/gr7/ga3 gnm gr4, gmd b, r, x7r, x5r, zlm c0g b, r, x7r, x5r, zlm 10% e6 series e6 series e12 series m grm/gma gnm ga2 lll/llr/lla/llm b, r, x7r, x7s x5r, x7r, x7s x7r x5r, x7r, x7s, x6s 20% e6 series e3 series e3 series e3 series z grm f, y5v +80%, -20% e3 series r depends on individual standards. * e24 series is also available. o esr ( llr only) code e01 e03 e05 e07 100m 220m 470m 1000m esr !0 packaging code l d e k j f b c t ?80mm embossed taping ?80mm paper taping ?80mm paper taping (lll15) ?30mm embossed taping ?30mm paper taping ?30mm paper taping (lll15) bulk bulk case bulk tray packaging 5 ? this pdf catalog is downloaded from the website of murata manufacturing co., ltd. therefore, its specifications are subject to change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers before ordering. ? this pdf catalog has only typical specifications because there is no space for detailed specifications. therefore, please app rove our product specifications or transact the approval sheet for product specifications before ordering. ! note c02e.pdf 10.12.20
87 ! note please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. chip monolithic ceramic capacitors high-q type gjm series n features 1. mobile telecommunication and rf module, mainly 2. improvement of telephone call quality, low power consumption, yield ratio improvement. n applications vco, pa, mobile telecommunication l t part number lwt dimensions (mm) e g min. 1.0 0.05 0.5 0.05 0.15 to 0.35 0.3 0.5 0.05 gjm15 0.6 0.03 0.3 0.03 0.1 to 0.2 0.2 0.3 0.03 gjm03 w e e g for general grm series array gnm series low esl ll p series high-q gjm series high frequency gqm series monolithic microchip gma series for bonding gmd series product information ? this pdf catalog is downloaded from the website of murata manufacturing co., ltd. therefore, its specifications are subject to change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers before ordering. ? this pdf catalog has only typical specifications because there is no space for detailed specifications. therefore, please app rove our product specifications or transact the approval sheet for product specifications before ordering. ! note c02e.pdf 10.12.20
capacitance table 88 ! note please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. temperature compensating type c0g(5c)/c0h(6c) characteristics 0.6x0.3 ( 03 ) <0201> 1.0x0.5 ( 15 ) <0402> 25 ( 1e ) 3 ex.3: t dimension [mm] lxw [mm] rated voltage [vdc] capacitance 0.1pf( r10 ) 0.2pf( r20 ) 0.3pf( r30 ) 0.4pf( r40 ) 0.5pf( r50 ) 0.6pf( r60 ) 0.7pf( r70 ) 0.8pf( r80 ) 0.9pf( r90 ) 1.0pf( 1r0 ) 1.1pf( 1r1 ) 1.2pf( 1r2 ) 1.3pf( 1r3 ) 1.4pf( 1r4 ) 1.5pf( 1r5 ) 1.6pf( 1r6 ) 1.7pf( 1r7 ) 1.8pf( 1r8 ) 1.9pf( 1r9 ) 2.0pf( 2r0 ) 2.1pf( 2r1 ) 2.2pf( 2r2 ) 2.3pf( 2r3 ) 2.4pf( 2r4 ) 2.5pf( 2r5 ) 2.6pf( 2r6 ) 2.7pf( 2r7 ) 2.8pf( 2r8 ) 2.9pf( 2r9 ) 3.0pf( 3r0 ) 3.1pf( 3r1 ) 3.2pf( 3r2 ) 3.3pf( 3r3 ) 3.4pf( 3r4 ) 3.5pf( 3r5 ) 3.6pf( 3r6 ) 3.7pf( 3r7 ) 3.8pf( 3r8 ) 3.9pf( 3r9 ) 4.0pf( 4r0 ) 4.1pf( 4r1 ) 4.2pf( 4r2 ) 4.3pf( 4r3 ) 4.4pf( 4r4 ) 4.5pf( 4r5 ) 4.6pf( 4r6 ) 4.7pf( 4r7 ) 4.8pf( 4r8 ) 4.9pf( 4r9 ) 6.3 ( 0j ) 50 ( 1h ) 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 0.6x0.3 ( 03 ) <0201> 1.0x0.5 ( 15 ) <0402> 25 ( 1e ) lxw [mm] rated voltage [vdc] capacitance 5.0pf( 5r0 ) 5.1pf( 5r1 ) 5.2pf( 5r2 ) 5.3pf( 5r3 ) 5.4pf( 5r4 ) 5.5pf( 5r5 ) 5.6pf( 5r6 ) 5.7pf( 5r7 ) 5.8pf( 5r8 ) 5.9pf( 5r9 ) 6.0pf( 6r0 ) 6.1pf( 6r1 ) 6.2pf( 6r2 ) 6.3pf( 6r3 ) 6.4pf( 6r4 ) 6.5pf( 6r5 ) 6.6pf( 6r6 ) 6.7pf( 6r7 ) 6.8pf( 6r8 ) 6.9pf( 6r9 ) 7.0pf( 7r0 ) 7.1pf( 7r1 ) 7.2pf( 7r2 ) 7.3pf( 7r3 ) 7.4pf( 7r4 ) 7.5pf( 7r5 ) 7.6pf( 7r6 ) 7.7pf( 7r7 ) 7.8pf( 7r8 ) 7.9pf( 7r9 ) 8.0pf( 8r0 ) 8.1pf( 8r1 ) 8.2pf( 8r2 ) 8.3pf( 8r3 ) 8.4pf( 8r4 ) 8.5pf( 8r5 ) 8.6pf( 8r6 ) 8.7pf( 8r7 ) 8.8pf( 8r8 ) 8.9pf( 8r9 ) 9.0pf( 9r0 ) 9.1pf( 9r1 ) 9.2pf( 9r2 ) 9.3pf( 9r3 ) 9.4pf( 9r4 ) 9.5pf( 9r5 ) 9.6pf( 9r6 ) 9.7pf( 9r7 ) 9.8pf( 9r8 ) the part number code is shown in ( ) and unit is shown in [ ]. < >: eia [inch] code 6.3 ( 0j ) 50 ( 1h ) 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 0.6x0.3 ( 03 ) <0201> 1.0x0.5 ( 15 ) <0402> 25 ( 1e ) lxw [mm] rated voltage [vdc] capacitance 9.9pf( 9r9 ) 10pf( 100 ) 11pf( 110 ) 12pf( 120 ) 13pf( 130 ) 15pf( 150 ) 16pf( 160 ) 18pf( 180 ) 20pf( 200 ) 22pf( 220 ) 24pf( 240 ) 27pf( 270 ) 30pf( 300 ) 33pf( 330 ) 6.3 ( 0j ) 50 ( 1h ) 3 3 3 3 3 3 3 3 3 3 3 3 3 3 5 5 5 5 5 5 5 5 5 for general grm series array gnm series low esl ll p series high-q gjm series high frequency gqm series monolithic microchip gma series for bonding gmd series product information ? this pdf catalog is downloaded from the website of murata manufacturing co., ltd. therefore, its specifications are subject to change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers before ordering. ? this pdf catalog has only typical specifications because there is no space for detailed specifications. therefore, please app rove our product specifications or transact the approval sheet for product specifications before ordering. ! note c02e.pdf 10.12.20
89 ! note please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. the part number code is shown in ( ) and unit is shown in [ ]. < >: eia [inch] code lxw [mm] rated volt. [vdc] capacitance tolerance part number 25( 1e ) gjm0335c1er20wb01d gjm0335c1er20bb01d gjm0335c1er30wb01d gjm0335c1er30bb01d gjm0335c1er40wb01d gjm0335c1er40bb01d gjm0335c1er50wb01d gjm0335c1er50bb01d gjm0335c1er60wb01d gjm0335c1er60bb01d gjm0335c1er70wb01d gjm0335c1er70bb01d gjm0335c1er80wb01d gjm0335c1er80bb01d gjm0335c1er90wb01d gjm0335c1er90bb01d gjm0335c1e1r0wb01d gjm0335c1e1r0bb01d gjm0335c1e1r0cb01d gjm0335c1e1r1wb01d gjm0335c1e1r1bb01d gjm0335c1e1r1cb01d gjm0335c1e1r2wb01d gjm0335c1e1r2bb01d gjm0335c1e1r2cb01d gjm0335c1e1r3wb01d gjm0335c1e1r3bb01d gjm0335c1e1r3cb01d gjm0335c1e1r4wb01d gjm0335c1e1r4bb01d gjm0335c1e1r4cb01d gjm0335c1e1r5wb01d gjm0335c1e1r5bb01d gjm0335c1e1r5cb01d gjm0335c1e1r6wb01d gjm0335c1e1r6bb01d gjm0335c1e1r6cb01d gjm0335c1e1r7wb01d gjm0335c1e1r7bb01d gjm0335c1e1r7cb01d gjm0335c1e1r8wb01d gjm0335c1e1r8bb01d gjm0335c1e1r8cb01d gjm0335c1e1r9wb01d gjm0335c1e1r9bb01d gjm0335c1e1r9cb01d 50( 1h ) gjm1555c1hr10wb01d gjm1555c1hr10bb01d gjm1555c1hr20wb01d gjm1555c1hr20bb01d gjm1555c1hr30wb01d gjm1555c1hr30bb01d gjm1555c1hr40wb01d gjm1555c1hr40bb01d gjm1555c1hr50wb01d gjm1555c1hr50bb01d gjm1555c1hr60wb01d gjm1555c1hr60bb01d gjm1555c1hr70wb01d gjm1555c1hr70bb01d gjm1555c1hr80wb01d gjm1555c1hr80bb01d gjm1555c1hr90wb01d gjm1555c1hr90bb01d gjm1555c1h1r0wb01d gjm1555c1h1r0bb01d gjm1555c1h1r0cb01d gjm1555c1h1r1wb01d gjm1555c1h1r1bb01d gjm1555c1h1r1cb01d gjm1555c1h1r2wb01d gjm1555c1h1r2bb01d gjm1555c1h1r2cb01d gjm1555c1h1r3wb01d gjm1555c1h1r3bb01d gjm1555c1h1r3cb01d gjm1555c1h1r4wb01d gjm1555c1h1r4bb01d gjm1555c1h1r4cb01d gjm1555c1h1r5wb01d gjm1555c1h1r5bb01d gjm1555c1h1r5cb01d gjm1555c1h1r6wb01d gjm1555c1h1r6bb01d gjm1555c1h1r6cb01d gjm1555c1h1r7wb01d gjm1555c1h1r7bb01d gjm1555c1h1r7cb01d gjm1555c1h1r8wb01d gjm1555c1h1r8bb01d gjm1555c1h1r8cb01d gjm1555c1h1r9wb01d gjm1555c1h1r9bb01d gjm1555c1h1r9cb01d 0.6x0.3( 03 )<0201> 1.0x0.5( 15 )<0402> 0.1pf( r10 ) 0.2pf( r20 ) 0.3pf( r30 ) 0.4pf( r40 ) 0.5pf( r50 ) 0.6pf( r60 ) 0.7pf( r70 ) 0.8pf( r80 ) 0.9pf( r90 ) 1.0pf( 1r0 ) 1.1pf( 1r1 ) 1.2pf( 1r2 ) 1.3pf( 1r3 ) 1.4pf( 1r4 ) 1.5pf( 1r5 ) 1.6pf( 1r6 ) 1.7pf( 1r7 ) 1.8pf( 1r8 ) 1.9pf( 1r9 ) 0.05pf( w ) 0.1pf( b ) 0.05pf( w ) 0.1pf( b ) 0.05pf( w ) 0.1pf( b ) 0.05pf( w ) 0.1pf( b ) 0.05pf( w ) 0.1pf( b ) 0.05pf( w ) 0.1pf( b ) 0.05pf( w ) 0.1pf( b ) 0.05pf( w ) 0.1pf( b ) 0.05pf( w ) 0.1pf( b ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) temperature compensating type c0g(5c) characteristics gj m 03 3 5c 1e r20 w b01 d packaging code in part number shows std 180mm reel taping. q product id w series e dimensions (lxw) r dimension (t) t temperature characteristics y rated voltage u capacitance i capacitance tolerance o individual specification code !0 packaging (part number) w q e r t y u i o !0 for general grm series array gnm series low esl ll p series high-q gjm series high frequency gqm series monolithic microchip gma series for bonding gmd series product information ? this pdf catalog is downloaded from the website of murata manufacturing co., ltd. therefore, its specifications are subject to change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers before ordering. ? this pdf catalog has only typical specifications because there is no space for detailed specifications. therefore, please app rove our product specifications or transact the approval sheet for product specifications before ordering. ! note c02e.pdf 10.12.20
90 ! note please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. the part number code is shown in ( ) and unit is shown in [ ]. < >: eia [inch] code lxw [mm] rated volt. [vdc] capacitance tolerance part number 25( 1e ) gjm0335c1e2r1wb01d gjm0335c1e2r1bb01d gjm0335c1e2r1cb01d gjm0335c1e2r2wb01d gjm0335c1e2r2bb01d gjm0335c1e2r2cb01d gjm0335c1e2r3wb01d gjm0335c1e2r3bb01d gjm0335c1e2r3cb01d gjm0335c1e2r4wb01d gjm0335c1e2r4bb01d gjm0335c1e2r4cb01d gjm0335c1e2r5wb01d gjm0335c1e2r5bb01d gjm0335c1e2r5cb01d gjm0335c1e2r6wb01d gjm0335c1e2r6bb01d gjm0335c1e2r6cb01d gjm0335c1e2r7wb01d gjm0335c1e2r7bb01d gjm0335c1e2r7cb01d gjm0335c1e2r8wb01d gjm0335c1e2r8bb01d gjm0335c1e2r8cb01d gjm0335c1e2r9wb01d gjm0335c1e2r9bb01d gjm0335c1e2r9cb01d gjm0335c1e3r0wb01d gjm0335c1e3r0bb01d gjm0335c1e3r0cb01d gjm0335c1e3r1wb01d gjm0335c1e3r1bb01d gjm0335c1e3r1cb01d gjm0335c1e3r2wb01d gjm0335c1e3r2bb01d gjm0335c1e3r2cb01d gjm0335c1e3r3wb01d gjm0335c1e3r3bb01d gjm0335c1e3r3cb01d gjm0335c1e3r4wb01d gjm0335c1e3r4bb01d gjm0335c1e3r4cb01d gjm0335c1e3r5wb01d gjm0335c1e3r5bb01d gjm0335c1e3r5cb01d 50( 1h ) gjm1555c1h2r1wb01d gjm1555c1h2r1bb01d gjm1555c1h2r1cb01d gjm1555c1h2r2wb01d gjm1555c1h2r2bb01d gjm1555c1h2r2cb01d gjm1555c1h2r3wb01d gjm1555c1h2r3bb01d gjm1555c1h2r3cb01d gjm1555c1h2r4wb01d gjm1555c1h2r4bb01d gjm1555c1h2r4cb01d gjm1555c1h2r5wb01d gjm1555c1h2r5bb01d gjm1555c1h2r5cb01d gjm1555c1h2r6wb01d gjm1555c1h2r6bb01d gjm1555c1h2r6cb01d gjm1555c1h2r7wb01d gjm1555c1h2r7bb01d gjm1555c1h2r7cb01d gjm1555c1h2r8wb01d gjm1555c1h2r8bb01d gjm1555c1h2r8cb01d gjm1555c1h2r9wb01d gjm1555c1h2r9bb01d gjm1555c1h2r9cb01d gjm1555c1h3r0wb01d gjm1555c1h3r0bb01d gjm1555c1h3r0cb01d gjm1555c1h3r1wb01d gjm1555c1h3r1bb01d gjm1555c1h3r1cb01d gjm1555c1h3r2wb01d gjm1555c1h3r2bb01d gjm1555c1h3r2cb01d gjm1555c1h3r3wb01d gjm1555c1h3r3bb01d gjm1555c1h3r3cb01d gjm1555c1h3r4wb01d gjm1555c1h3r4bb01d gjm1555c1h3r4cb01d gjm1555c1h3r5wb01d gjm1555c1h3r5bb01d gjm1555c1h3r5cb01d 0.6x0.3( 03 )<0201> 1.0x0.5( 15 )<0402> 2.1pf( 2r1 ) 2.2pf( 2r2 ) 2.3pf( 2r3 ) 2.4pf( 2r4 ) 2.5pf( 2r5 ) 2.6pf( 2r6 ) 2.7pf( 2r7 ) 2.8pf( 2r8 ) 2.9pf( 2r9 ) 3.0pf( 3r0 ) 3.1pf( 3r1 ) 3.2pf( 3r2 ) 3.3pf( 3r3 ) 3.4pf( 3r4 ) 3.5pf( 3r5 ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) temperature compensating type c0g(5c) characteristics gjm0335c1e2r0wb01d gjm0335c1e2r0bb01d gjm0335c1e2r0cb01d gjm1555c1h2r0wb01d gjm1555c1h2r0bb01d gjm1555c1h2r0cb01d 2.0pf( 2r0 ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) gj m 03 3 5c 1e 2r0 w b01 d packaging code in part number shows std 180mm reel taping. q product id w series e dimensions (lxw) r dimension (t) t temperature characteristics y rated voltage u capacitance i capacitance tolerance o individual specification code !0 packaging (part number) w q e r t y u i o !0 for general grm series array gnm series low esl ll p series high-q gjm series high frequency gqm series monolithic microchip gma series for bonding gmd series product information ? this pdf catalog is downloaded from the website of murata manufacturing co., ltd. therefore, its specifications are subject to change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers before ordering. ? this pdf catalog has only typical specifications because there is no space for detailed specifications. therefore, please app rove our product specifications or transact the approval sheet for product specifications before ordering. ! note c02e.pdf 10.12.20
91 ! note please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. the part number code is shown in ( ) and unit is shown in [ ]. < >: eia [inch] code lxw [mm] rated volt. [vdc] capacitance tolerance part number 25( 1e ) gjm0335c1e3r7wb01d gjm0335c1e3r7bb01d gjm0335c1e3r7cb01d gjm0335c1e3r8wb01d gjm0335c1e3r8bb01d gjm0335c1e3r8cb01d gjm0335c1e3r9wb01d gjm0335c1e3r9bb01d gjm0335c1e3r9cb01d gjm0335c1e4r0wb01d gjm0335c1e4r0bb01d gjm0335c1e4r0cb01d gjm0335c1e4r1wb01d gjm0335c1e4r1bb01d gjm0335c1e4r1cb01d gjm0335c1e4r2wb01d gjm0335c1e4r2bb01d gjm0335c1e4r2cb01d gjm0335c1e4r3wb01d gjm0335c1e4r3bb01d gjm0335c1e4r3cb01d gjm0335c1e4r4wb01d gjm0335c1e4r4bb01d gjm0335c1e4r4cb01d gjm0335c1e4r5wb01d gjm0335c1e4r5bb01d gjm0335c1e4r5cb01d gjm0335c1e4r6wb01d gjm0335c1e4r6bb01d gjm0335c1e4r6cb01d gjm0335c1e4r7wb01d gjm0335c1e4r7bb01d gjm0335c1e4r7cb01d gjm0335c1e4r8wb01d gjm0335c1e4r8bb01d gjm0335c1e4r8cb01d gjm0335c1e4r9wb01d gjm0335c1e4r9bb01d gjm0335c1e4r9cb01d gjm0335c1e5r0wb01d gjm0335c1e5r0bb01d gjm0335c1e5r0cb01d gjm0335c1e5r1wb01d gjm0335c1e5r1bb01d gjm0335c1e5r1cb01d gjm0335c1e5r1db01d 50( 1h ) gjm1555c1h3r7wb01d gjm1555c1h3r7bb01d gjm1555c1h3r7cb01d gjm1555c1h3r8wb01d gjm1555c1h3r8bb01d gjm1555c1h3r8cb01d gjm1555c1h3r9wb01d gjm1555c1h3r9bb01d gjm1555c1h3r9cb01d gjm1555c1h4r0wb01d gjm1555c1h4r0bb01d gjm1555c1h4r0cb01d gjm1555c1h4r1wb01d gjm1555c1h4r1bb01d gjm1555c1h4r1cb01d gjm1555c1h4r2wb01d gjm1555c1h4r2bb01d gjm1555c1h4r2cb01d gjm1555c1h4r3wb01d gjm1555c1h4r3bb01d gjm1555c1h4r3cb01d gjm1555c1h4r4wb01d gjm1555c1h4r4bb01d gjm1555c1h4r4cb01d gjm1555c1h4r5wb01d gjm1555c1h4r5bb01d gjm1555c1h4r5cb01d gjm1555c1h4r6wb01d gjm1555c1h4r6bb01d gjm1555c1h4r6cb01d gjm1555c1h4r7wb01d gjm1555c1h4r7bb01d gjm1555c1h4r7cb01d gjm1555c1h4r8wb01d gjm1555c1h4r8bb01d gjm1555c1h4r8cb01d gjm1555c1h4r9wb01d gjm1555c1h4r9bb01d gjm1555c1h4r9cb01d gjm1555c1h5r0wb01d gjm1555c1h5r0bb01d gjm1555c1h5r0cb01d gjm1555c1h5r1wb01d gjm1555c1h5r1bb01d gjm1555c1h5r1cb01d gjm1555c1h5r1db01d 0.6x0.3( 03 )<0201> 1.0x0.5( 15 )<0402> 3.7pf( 3r7 ) 3.8pf( 3r8 ) 3.9pf( 3r9 ) 4.0pf( 4r0 ) 4.1pf( 4r1 ) 4.2pf( 4r2 ) 4.3pf( 4r3 ) 4.4pf( 4r4 ) 4.5pf( 4r5 ) 4.6pf( 4r6 ) 4.7pf( 4r7 ) 4.8pf( 4r8 ) 4.9pf( 4r9 ) 5.0pf( 5r0 ) 5.1pf( 5r1 ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.5pf( d ) temperature compensating type c0g(5c) characteristics gjm0335c1e3r6wb01d gjm0335c1e3r6bb01d gjm0335c1e3r6cb01d gjm1555c1h3r6wb01d gjm1555c1h3r6bb01d gjm1555c1h3r6cb01d 3.6pf( 3r6 ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) for general grm series array gnm series low esl ll p series high-q gjm series high frequency gqm series monolithic microchip gma series for bonding gmd series product information ? this pdf catalog is downloaded from the website of murata manufacturing co., ltd. therefore, its specifications are subject to change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers before ordering. ? this pdf catalog has only typical specifications because there is no space for detailed specifications. therefore, please app rove our product specifications or transact the approval sheet for product specifications before ordering. ! note c02e.pdf 10.12.20
92 ! note please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. the part number code is shown in ( ) and unit is shown in [ ]. < >: eia [inch] code lxw [mm] rated volt. [vdc] capacitance tolerance part number 25( 1e ) gjm0335c1e5r3wb01d gjm0335c1e5r3bb01d gjm0335c1e5r3cb01d gjm0335c1e5r3db01d gjm0335c1e5r4wb01d gjm0335c1e5r4bb01d gjm0335c1e5r4cb01d gjm0335c1e5r4db01d gjm0335c1e5r5wb01d gjm0335c1e5r5bb01d gjm0335c1e5r5cb01d gjm0335c1e5r5db01d gjm0335c1e5r6wb01d gjm0335c1e5r6bb01d gjm0335c1e5r6cb01d gjm0335c1e5r6db01d gjm0335c1e5r7wb01d gjm0335c1e5r7bb01d gjm0335c1e5r7cb01d gjm0335c1e5r7db01d gjm0335c1e5r8wb01d gjm0335c1e5r8bb01d gjm0335c1e5r8cb01d gjm0335c1e5r8db01d gjm0335c1e5r9wb01d gjm0335c1e5r9bb01d gjm0335c1e5r9cb01d gjm0335c1e5r9db01d gjm0335c1e6r0wb01d gjm0335c1e6r0bb01d gjm0335c1e6r0cb01d gjm0335c1e6r0db01d gjm0335c1e6r1wb01d gjm0335c1e6r1bb01d gjm0335c1e6r1cb01d gjm0335c1e6r1db01d gjm0335c1e6r2wb01d gjm0335c1e6r2bb01d gjm0335c1e6r2cb01d gjm0335c1e6r2db01d gjm0335c1e6r3wb01d gjm0335c1e6r3bb01d gjm0335c1e6r3cb01d gjm0335c1e6r3db01d 50( 1h ) gjm1555c1h5r3wb01d gjm1555c1h5r3bb01d gjm1555c1h5r3cb01d gjm1555c1h5r3db01d gjm1555c1h5r4wb01d gjm1555c1h5r4bb01d gjm1555c1h5r4cb01d gjm1555c1h5r4db01d gjm1555c1h5r5wb01d gjm1555c1h5r5bb01d gjm1555c1h5r5cb01d gjm1555c1h5r5db01d gjm1555c1h5r6wb01d gjm1555c1h5r6bb01d gjm1555c1h5r6cb01d gjm1555c1h5r6db01d gjm1555c1h5r7wb01d gjm1555c1h5r7bb01d gjm1555c1h5r7cb01d gjm1555c1h5r7db01d gjm1555c1h5r8wb01d gjm1555c1h5r8bb01d gjm1555c1h5r8cb01d gjm1555c1h5r8db01d gjm1555c1h5r9wb01d gjm1555c1h5r9bb01d gjm1555c1h5r9cb01d gjm1555c1h5r9db01d gjm1555c1h6r0wb01d gjm1555c1h6r0bb01d gjm1555c1h6r0cb01d gjm1555c1h6r0db01d gjm1555c1h6r1wb01d gjm1555c1h6r1bb01d gjm1555c1h6r1cb01d gjm1555c1h6r1db01d gjm1555c1h6r2wb01d gjm1555c1h6r2bb01d gjm1555c1h6r2cb01d gjm1555c1h6r2db01d gjm1555c1h6r3wb01d gjm1555c1h6r3bb01d gjm1555c1h6r3cb01d gjm1555c1h6r3db01d 0.6x0.3( 03 )<0201> 1.0x0.5( 15 )<0402> 5.3pf( 5r3 ) 5.4pf( 5r4 ) 5.5pf( 5r5 ) 5.6pf( 5r6 ) 5.7pf( 5r7 ) 5.8pf( 5r8 ) 5.9pf( 5r9 ) 6.0pf( 6r0 ) 6.1pf( 6r1 ) 6.2pf( 6r2 ) 6.3pf( 6r3 ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.5pf( d ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.5pf( d ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.5pf( d ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.5pf( d ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.5pf( d ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.5pf( d ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.5pf( d ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.5pf( d ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.5pf( d ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.5pf( d ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.5pf( d ) temperature compensating type c0g(5c) characteristics gjm0335c1e5r2wb01d gjm0335c1e5r2bb01d gjm0335c1e5r2cb01d gjm0335c1e5r2db01d gjm1555c1h5r2wb01d gjm1555c1h5r2bb01d gjm1555c1h5r2cb01d gjm1555c1h5r2db01d 5.2pf( 5r2 ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.5pf( d ) gj m 03 3 5c 1e 5r2 w b01 d packaging code in part number shows std 180mm reel taping. q product id w series e dimensions (lxw) r dimension (t) t temperature characteristics y rated voltage u capacitance i capacitance tolerance o individual specification code !0 packaging (part number) w q e r t y u i o !0 for general grm series array gnm series low esl ll p series high-q gjm series high frequency gqm series monolithic microchip gma series for bonding gmd series product information ? this pdf catalog is downloaded from the website of murata manufacturing co., ltd. therefore, its specifications are subject to change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers before ordering. ? this pdf catalog has only typical specifications because there is no space for detailed specifications. therefore, please app rove our product specifications or transact the approval sheet for product specifications before ordering. ! note c02e.pdf 10.12.20
93 ! note please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. the part number code is shown in ( ) and unit is shown in [ ]. < >: eia [inch] code lxw [mm] rated volt. [vdc] capacitance tolerance part number 25( 1e ) gjm0335c1e6r5wb01d gjm0335c1e6r5bb01d gjm0335c1e6r5cb01d gjm0335c1e6r5db01d gjm0335c1e6r6wb01d gjm0335c1e6r6bb01d gjm0335c1e6r6cb01d gjm0335c1e6r6db01d gjm0335c1e6r7wb01d gjm0335c1e6r7bb01d gjm0335c1e6r7cb01d gjm0335c1e6r7db01d gjm0335c1e6r8wb01d gjm0335c1e6r8bb01d gjm0335c1e6r8cb01d gjm0335c1e6r8db01d gjm0336c1e6r9wb01d gjm0336c1e6r9bb01d gjm0336c1e6r9cb01d gjm0336c1e6r9db01d gjm0336c1e7r0wb01d gjm0336c1e7r0bb01d gjm0336c1e7r0cb01d gjm0336c1e7r0db01d gjm0336c1e7r1wb01d gjm0336c1e7r1bb01d gjm0336c1e7r1cb01d gjm0336c1e7r1db01d gjm0336c1e7r2wb01d gjm0336c1e7r2bb01d gjm0336c1e7r2cb01d gjm0336c1e7r2db01d gjm0336c1e7r3wb01d gjm0336c1e7r3bb01d gjm0336c1e7r3cb01d gjm0336c1e7r3db01d gjm0336c1e7r4wb01d gjm0336c1e7r4bb01d gjm0336c1e7r4cb01d gjm0336c1e7r4db01d gjm0336c1e7r5wb01d gjm0336c1e7r5bb01d gjm0336c1e7r5cb01d gjm0336c1e7r5db01d gjm0336c1e7r6wb01d gjm0336c1e7r6bb01d gjm0336c1e7r6cb01d gjm0336c1e7r6db01d 50( 1h ) gjm1555c1h6r5wb01d gjm1555c1h6r5bb01d gjm1555c1h6r5cb01d gjm1555c1h6r5db01d gjm1555c1h6r6wb01d gjm1555c1h6r6bb01d gjm1555c1h6r6cb01d gjm1555c1h6r6db01d gjm1555c1h6r7wb01d gjm1555c1h6r7bb01d gjm1555c1h6r7cb01d gjm1555c1h6r7db01d gjm1555c1h6r8wb01d gjm1555c1h6r8bb01d gjm1555c1h6r8cb01d gjm1555c1h6r8db01d gjm1555c1h6r9wb01d gjm1555c1h6r9bb01d gjm1555c1h6r9cb01d gjm1555c1h6r9db01d gjm1555c1h7r0wb01d gjm1555c1h7r0bb01d gjm1555c1h7r0cb01d gjm1555c1h7r0db01d gjm1555c1h7r1wb01d gjm1555c1h7r1bb01d gjm1555c1h7r1cb01d gjm1555c1h7r1db01d gjm1555c1h7r2wb01d gjm1555c1h7r2bb01d gjm1555c1h7r2cb01d gjm1555c1h7r2db01d gjm1555c1h7r3wb01d gjm1555c1h7r3bb01d gjm1555c1h7r3cb01d gjm1555c1h7r3db01d gjm1555c1h7r4wb01d gjm1555c1h7r4bb01d gjm1555c1h7r4cb01d gjm1555c1h7r4db01d gjm1555c1h7r5wb01d gjm1555c1h7r5bb01d gjm1555c1h7r5cb01d gjm1555c1h7r5db01d gjm1555c1h7r6wb01d gjm1555c1h7r6bb01d gjm1555c1h7r6cb01d gjm1555c1h7r6db01d 0.6x0.3( 03 )<0201> 1.0x0.5( 15 )<0402> 6.5pf( 6r5 ) 6.6pf( 6r6 ) 6.7pf( 6r7 ) 6.8pf( 6r8 ) 6.9pf( 6r9 ) 7.0pf( 7r0 ) 7.1pf( 7r1 ) 7.2pf( 7r2 ) 7.3pf( 7r3 ) 7.4pf( 7r4 ) 7.5pf( 7r5 ) 7.6pf( 7r6 ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.5pf( d ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.5pf( d ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.5pf( d ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.5pf( d ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.5pf( d ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.5pf( d ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.5pf( d ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.5pf( d ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.5pf( d ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.5pf( d ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.5pf( d ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.5pf( d ) temperature compensating type c0g(5c)/c0h(6c) characteristics gjm0335c1e6r4wb01d gjm0335c1e6r4bb01d gjm0335c1e6r4cb01d gjm0335c1e6r4db01d gjm1555c1h6r4wb01d gjm1555c1h6r4bb01d gjm1555c1h6r4cb01d gjm1555c1h6r4db01d 6.4pf( 6r4 ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.5pf( d ) for general grm series array gnm series low esl ll p series high-q gjm series high frequency gqm series monolithic microchip gma series for bonding gmd series product information ? this pdf catalog is downloaded from the website of murata manufacturing co., ltd. therefore, its specifications are subject to change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers before ordering. ? this pdf catalog has only typical specifications because there is no space for detailed specifications. therefore, please app rove our product specifications or transact the approval sheet for product specifications before ordering. ! note c02e.pdf 10.12.20
94 ! note please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. the part number code is shown in ( ) and unit is shown in [ ]. < >: eia [inch] code lxw [mm] rated volt. [vdc] capacitance tolerance part number 25( 1e ) gjm0336c1e7r8wb01d gjm0336c1e7r8bb01d gjm0336c1e7r8cb01d gjm0336c1e7r8db01d gjm0336c1e7r9wb01d gjm0336c1e7r9bb01d gjm0336c1e7r9cb01d gjm0336c1e7r9db01d gjm0336c1e8r0wb01d gjm0336c1e8r0bb01d gjm0336c1e8r0cb01d gjm0336c1e8r0db01d gjm0336c1e8r1wb01d gjm0336c1e8r1bb01d gjm0336c1e8r1cb01d gjm0336c1e8r1db01d gjm0336c1e8r2wb01d gjm0336c1e8r2bb01d gjm0336c1e8r2cb01d gjm0336c1e8r2db01d gjm0336c1e8r3wb01d gjm0336c1e8r3bb01d gjm0336c1e8r3cb01d gjm0336c1e8r3db01d gjm0336c1e8r4wb01d gjm0336c1e8r4bb01d gjm0336c1e8r4cb01d gjm0336c1e8r4db01d gjm0336c1e8r5wb01d gjm0336c1e8r5bb01d gjm0336c1e8r5cb01d gjm0336c1e8r5db01d gjm0336c1e8r6wb01d gjm0336c1e8r6bb01d gjm0336c1e8r6cb01d gjm0336c1e8r6db01d gjm0336c1e8r7wb01d gjm0336c1e8r7bb01d gjm0336c1e8r7cb01d gjm0336c1e8r7db01d gjm0336c1e8r8wb01d gjm0336c1e8r8bb01d gjm0336c1e8r8cb01d gjm0336c1e8r8db01d 50( 1h ) gjm1555c1h7r8wb01d gjm1555c1h7r8bb01d gjm1555c1h7r8cb01d gjm1555c1h7r8db01d gjm1555c1h7r9wb01d gjm1555c1h7r9bb01d gjm1555c1h7r9cb01d gjm1555c1h7r9db01d gjm1555c1h8r0wb01d gjm1555c1h8r0bb01d gjm1555c1h8r0cb01d gjm1555c1h8r0db01d gjm1555c1h8r1wb01d gjm1555c1h8r1bb01d gjm1555c1h8r1cb01d gjm1555c1h8r1db01d gjm1555c1h8r2wb01d gjm1555c1h8r2bb01d gjm1555c1h8r2cb01d gjm1555c1h8r2db01d gjm1555c1h8r3wb01d gjm1555c1h8r3bb01d gjm1555c1h8r3cb01d gjm1555c1h8r3db01d gjm1555c1h8r4wb01d gjm1555c1h8r4bb01d gjm1555c1h8r4cb01d gjm1555c1h8r4db01d gjm1555c1h8r5wb01d gjm1555c1h8r5bb01d gjm1555c1h8r5cb01d gjm1555c1h8r5db01d gjm1555c1h8r6wb01d gjm1555c1h8r6bb01d gjm1555c1h8r6cb01d gjm1555c1h8r6db01d gjm1555c1h8r7wb01d gjm1555c1h8r7bb01d gjm1555c1h8r7cb01d gjm1555c1h8r7db01d gjm1555c1h8r8wb01d gjm1555c1h8r8bb01d gjm1555c1h8r8cb01d gjm1555c1h8r8db01d 0.6x0.3( 03 )<0201> 1.0x0.5( 15 )<0402> 7.8pf( 7r8 ) 7.9pf( 7r9 ) 8.0pf( 8r0 ) 8.1pf( 8r1 ) 8.2pf( 8r2 ) 8.3pf( 8r3 ) 8.4pf( 8r4 ) 8.5pf( 8r5 ) 8.6pf( 8r6 ) 8.7pf( 8r7 ) 8.8pf( 8r8 ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.5pf( d ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.5pf( d ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.5pf( d ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.5pf( d ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.5pf( d ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.5pf( d ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.5pf( d ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.5pf( d ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.5pf( d ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.5pf( d ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.5pf( d ) temperature compensating type c0g(5c)/c0h(6c) characteristics gjm0336c1e7r7wb01d gjm0336c1e7r7bb01d gjm0336c1e7r7cb01d gjm0336c1e7r7db01d gjm1555c1h7r7wb01d gjm1555c1h7r7bb01d gjm1555c1h7r7cb01d gjm1555c1h7r7db01d 7.7pf( 7r7 ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.5pf( d ) gj m 03 3 6c 1e 7r7 w b01 d packaging code in part number shows std 180mm reel taping. q product id w series e dimensions (lxw) r dimension (t) t temperature characteristics y rated voltage u capacitance i capacitance tolerance o individual specification code !0 packaging (part number) w q e r t y u i o !0 for general grm series array gnm series low esl ll p series high-q gjm series high frequency gqm series monolithic microchip gma series for bonding gmd series product information ? this pdf catalog is downloaded from the website of murata manufacturing co., ltd. therefore, its specifications are subject to change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers before ordering. ? this pdf catalog has only typical specifications because there is no space for detailed specifications. therefore, please app rove our product specifications or transact the approval sheet for product specifications before ordering. ! note c02e.pdf 10.12.20
95 ! note please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. the part number code is shown in ( ) and unit is shown in [ ]. < >: eia [inch] code lxw [mm] rated volt. [vdc] capacitance tolerance part number 25( 1e ) gjm0336c1e9r0wb01d gjm0336c1e9r0bb01d gjm0336c1e9r0cb01d gjm0336c1e9r0db01d gjm0336c1e9r1wb01d gjm0336c1e9r1bb01d gjm0336c1e9r1cb01d gjm0336c1e9r1db01d gjm0336c1e9r2wb01d gjm0336c1e9r2bb01d gjm0336c1e9r2cb01d gjm0336c1e9r2db01d gjm0336c1e9r3wb01d gjm0336c1e9r3bb01d gjm0336c1e9r3cb01d gjm0336c1e9r3db01d gjm0336c1e9r4wb01d gjm0336c1e9r4bb01d gjm0336c1e9r4cb01d gjm0336c1e9r4db01d gjm0336c1e9r5wb01d gjm0336c1e9r5bb01d gjm0336c1e9r5cb01d gjm0336c1e9r5db01d gjm0336c1e9r6wb01d gjm0336c1e9r6bb01d gjm0336c1e9r6cb01d gjm0336c1e9r6db01d gjm0336c1e9r7wb01d gjm0336c1e9r7bb01d gjm0336c1e9r7cb01d gjm0336c1e9r7db01d gjm0336c1e9r8wb01d gjm0336c1e9r8bb01d gjm0336c1e9r8cb01d gjm0336c1e9r8db01d gjm0336c1e9r9wb01d gjm0336c1e9r9bb01d gjm0336c1e9r9cb01d gjm0336c1e9r9db01d 50( 1h ) gjm1555c1h9r0wb01d gjm1555c1h9r0bb01d gjm1555c1h9r0cb01d gjm1555c1h9r0db01d gjm1555c1h9r1wb01d gjm1555c1h9r1bb01d gjm1555c1h9r1cb01d gjm1555c1h9r1db01d gjm1555c1h9r2wb01d gjm1555c1h9r2bb01d gjm1555c1h9r2cb01d gjm1555c1h9r2db01d gjm1555c1h9r3wb01d gjm1555c1h9r3bb01d gjm1555c1h9r3cb01d gjm1555c1h9r3db01d gjm1555c1h9r4wb01d gjm1555c1h9r4bb01d gjm1555c1h9r4cb01d gjm1555c1h9r4db01d gjm1555c1h9r5wb01d gjm1555c1h9r5bb01d gjm1555c1h9r5cb01d gjm1555c1h9r5db01d gjm1555c1h9r6wb01d gjm1555c1h9r6bb01d gjm1555c1h9r6cb01d gjm1555c1h9r6db01d gjm1555c1h9r7wb01d gjm1555c1h9r7bb01d gjm1555c1h9r7cb01d gjm1555c1h9r7db01d gjm1555c1h9r8wb01d gjm1555c1h9r8bb01d gjm1555c1h9r8cb01d gjm1555c1h9r8db01d gjm1555c1h9r9wb01d gjm1555c1h9r9bb01d gjm1555c1h9r9cb01d gjm1555c1h9r9db01d 1.0x0.5( 15 )<0402> 0.6x0.3( 03 )<0201> 9.0pf( 9r0 ) 9.1pf( 9r1 ) 9.2pf( 9r2 ) 9.3pf( 9r3 ) 9.4pf( 9r4 ) 9.5pf( 9r5 ) 9.6pf( 9r6 ) 9.7pf( 9r7 ) 9.8pf( 9r8 ) 9.9pf( 9r9 ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.5pf( d ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.5pf( d ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.5pf( d ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.5pf( d ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.5pf( d ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.5pf( d ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.5pf( d ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.5pf( d ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.5pf( d ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.5pf( d ) temperature compensating type c0g(5c)/c0h(6c) characteristics gjm0336c1e8r9wb01d gjm0336c1e8r9bb01d gjm0336c1e8r9cb01d gjm0336c1e8r9db01d gjm1555c1h8r9wb01d gjm1555c1h8r9bb01d gjm1555c1h8r9cb01d gjm1555c1h8r9db01d 8.9pf( 8r9 ) 0.05pf( w ) 0.1pf( b ) 0.25pf( c ) 0.5pf( d ) for general grm series array gnm series low esl ll p series high-q gjm series high frequency gqm series monolithic microchip gma series for bonding gmd series product information ? this pdf catalog is downloaded from the website of murata manufacturing co., ltd. therefore, its specifications are subject to change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers before ordering. ? this pdf catalog has only typical specifications because there is no space for detailed specifications. therefore, please app rove our product specifications or transact the approval sheet for product specifications before ordering. ! note c02e.pdf 10.12.20
96 ! note please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. the part number code is shown in ( ) and unit is shown in [ ]. < >: eia [inch] code lxw [mm] rated volt. [vdc] capacitance tolerance part number 25( 1e ) gjm0336c1e100gb01d gjm0336c1e100jb01d gjm0336c1e110gb01d gjm0336c1e110jb01d gjm0336c1e120gb01d gjm0336c1e120jb01d gjm0336c1e130gb01d gjm0336c1e130jb01d gjm0336c1e150gb01d gjm0336c1e150jb01d gjm0336c1e160gb01d gjm0336c1e160jb01d gjm0336c1e180gb01d gjm0336c1e180jb01d gjm0336c1e200gb01d gjm0336c1e200jb01d 6.3( 0j ) gjm0335c0j220gb01d gjm0335c0j220jb01d gjm0335c0j240gb01d gjm0335c0j240jb01d gjm0335c0j270gb01d gjm0335c0j270jb01d gjm0335c0j300gb01d gjm0335c0j300jb01d gjm0335c0j330gb01d gjm0335c0j330jb01d 50( 1h ) gjm1555c1h100gb01d gjm1555c1h100jb01d gjm1555c1h110gb01d gjm1555c1h110jb01d gjm1555c1h120gb01d gjm1555c1h120jb01d gjm1555c1h130gb01d gjm1555c1h130jb01d gjm1555c1h150gb01d gjm1555c1h150jb01d gjm1555c1h160gb01d gjm1555c1h160jb01d gjm1555c1h180gb01d gjm1555c1h180jb01d gjm1555c1h200gb01d gjm1555c1h200jb01d 0.6x0.3( 03 )<0201> 1.0x0.5( 15 )<0402> 10pf( 100 ) 11pf( 110 ) 12pf( 120 ) 13pf( 130 ) 15pf( 150 ) 16pf( 160 ) 18pf( 180 ) 20pf( 200 ) 22pf( 220 ) 24pf( 240 ) 27pf( 270 ) 30pf( 300 ) 33pf( 330 ) 2%( g ) 5%( j ) 2%( g ) 5%( j ) 2%( g ) 5%( j ) 2%( g ) 5%( j ) 2%( g ) 5%( j ) 2%( g ) 5%( j ) 2%( g ) 5%( j ) 2%( g ) 5%( j ) 2%( g ) 5%( j ) 2%( g ) 5%( j ) 2%( g ) 5%( j ) 2%( g ) 5%( j ) 2%( g ) 5%( j ) temperature compensating type c0g(5c)/c0h(6c) characteristics gj m 03 3 6c 1e 100 g b01 d packaging code in part number shows std 180mm reel taping. q product id w series e dimensions (lxw) r dimension (t) t temperature characteristics y rated voltage u capacitance i capacitance tolerance o individual specification code !0 packaging (part number) w q e r t y u i o !0 for general grm series array gnm series low esl ll p series high-q gjm series high frequency gqm series monolithic microchip gma series for bonding gmd series product information ? this pdf catalog is downloaded from the website of murata manufacturing co., ltd. therefore, its specifications are subject to change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers before ordering. ? this pdf catalog has only typical specifications because there is no space for detailed specifications. therefore, please app rove our product specifications or transact the approval sheet for product specifications before ordering. ! note c02e.pdf 10.12.20
gjm series specifications and test methods (1) ! note 1. this specifications and test methods is downloaded from the website of murata manufacturing co.,ltd. therefore, it's specifi cations are subject to change or our products in it may be discontinued without advance notice. 0. please check with our sales representatives or product engineers before ordering. 2. this specifications and test methods has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product 0. specifications before ordering. see the previous pages. within the specified dimensions no defects or abnormalities 10,000m min. or 500 f min. (whichever is smaller) no defects or abnormalities y 55 to w 125 d operating temperature range rated voltage appearance dimensions dielectric strength insulation resistance (i.r.) 1 2 3 4 5 6 using calipers the insulation resistance should be measured with a dc voltage not exceeding the rated voltage at 25 d and 75%rh max. and within 2 minutes of charging. no failure should be observed when 300% of the rated voltage is applied between the terminations for 1 to 5 seconds, provided the charge/discharge current is less than 50ma. visual inspection the rated voltage is defined as the maximum voltage that may be applied continuously to the capacitor. when ac voltage is superimposed on dc voltage, v p-p or v o-p , whichever is larger, should be maintained within the rated voltage range. reference temperature: 25 d (2c, 3c, 4c: 20 d ) 30pf and over: q u 1000 30pf and below: q u 400 w 20c c: nominal capacitance (pf) within the specified tolerance capacitance q 7 8 the capacitance/q should be measured at 25 d at the frequency and voltage shown in the table. continued on the following page. no removal of the terminations or other defect should occur. adhesive strength of termination 10 solder the capacitor to the test jig (glass epoxy board) shown in fig. 1 using a eutectic solder. then apply a 5n* force in parallel with the test jig for 10 t 1 sec. the soldering should be done either with an iron or using the reflow method and should be conducted with care so that the soldering is uniform and free of defects such as heat shock. *2n (gjm03) a b c baked electrode or copper foil solder resist frequency 1 t 0.1mhz voltage 0.5 to 5vrms within the specified tolerance (table a) within t 0.2% or t 0.05pf (whichever is larger.) temperature coefficient capacitance drift capacitance temperature characteristics 9 the capacitance change should be measured after 5 min. at each specified temperature stage. temperature compensating type the temperature coefficient is determined using the capacitance measured in step 3 as a reference. when cycling the temperature sequentially from step 1 through 5, (5c: w 25 to 125 d : other temp. coeffs.: w 20 to 125 d ) the capacitance should be within the specified tolerance for the temperature coefficient and capacitance change as in table a. the capacitance drift is calculated by dividing the differences between the maximum and minimum measured values in steps 1, 3 and 5 by the capacitance value in step 3. step 1 2 3 4 5 reference temp. t 2 y 55 t 3 reference temp. t 2 125 t 3 reference temp. t 2 temperature ( d ) (in mm) fig. 1 type a b c gjm03 gjm15 0.3 0.4 0.9 1.5 0.3 0.5 no. item specifications test method temperature compensating type gjm series specifications and test methods 97 ! note please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. for general grm series array gnm series low esl ll p series high-q gjm series high frequency gqm series monolithic microchip gma series for bonding gmd series product information ? this pdf catalog is downloaded from the website of murata manufacturing co., ltd. therefore, its specifications are subject to change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers before ordering. ? this pdf catalog has only typical specifications because there is no space for detailed specifications. therefore, please app rove our product specifications or transact the approval sheet for product specifications before ordering. ! note c02e.pdf 10.12.20
! note 1. this specifications and test methods is downloaded from the website of murata manufacturing co.,ltd. therefore, it's specifi cations are subject to change or our products in it may be discontinued without advance notice. 0. please check with our sales representatives or product engineers before ordering. 2. this specifications and test methods has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product 0. specifications before ordering. gjm series specifications and test methods (1) continued from the preceding page. continued on the following page. (in mm) fig. 2 type a b c gjm03 gjm15 0.3 0.4 0.9 1.5 0.3 0.5 75% of the terminations are to be soldered evenly and continuously. solderability of termination 13 immerse the capacitor in a solution of ethanol (jis-k-8101) and rosin (jis-k-5902) (25% rosin in weight proportion). preheat at 80 to 120 d for 10 to 30 seconds. after preheating, immerse in eutectic solder solution for 2 t 0.5 seconds at 230 t 5 d or sn-3.0ag-0.5cu solder solution for 20.5 seconds at 2455c. more than 10,000m or 500 f (whichever is smaller) within t 2.5% or t 0.25pf (whichever is larger) 30pf and over: q u 1000 30pf and below: q u 400 w 20c c: nominal capacitance (pf) appearance i.r. capacitance change q no marking defects the measured and observed characteristics should satisfy the specifications in the following table. resistance to soldering heat 14 preheat the capacitor at 120 to 150 d for 1 minute. immerse the capacitor in a eutectic solder or sn-3.0ag-0.5cu solder solution at 270 t 5 d for 10 t 0.5 seconds. let sit at room temperature for 24 t 2 hours. no failure dielectric strength more than 10,000m or 500 f (whichever is smaller) within t 2.5% or t 0.25pf (whichever is larger) 30pf and over: q u 1000 30pf and below: q u 400 w 20c c: nominal capacitance (pf) appearance i.r. capacitance change q no marking defects the measured and observed characteristics should satisfy the specifications in the following table. temperature cycle 15 fix the capacitor to the supporting jig in the same manner and under the same conditions as (10). perform the five cycles according to the four heat treatments listed in the following table. let sit for 24 t 2 hours at room temperature, then measure. no failure dielectric strength more than 10,000m or 500 f (whichever is smaller) within t 5% or t 0.5pf (whichever is larger) 30pf and below: q u 350 10pf and over, 30pf and below: q u 275 w c 10pf and below: q u 200 w 10c c: nominal capacitance (pf) 5 2 appearance i.r. capacitance change q no marking defects the measured and observed characteristics should satisfy the specifications in the following table. humidity, steady state 16 let the capacitor sit at 40 t 2 d and 90 to 95% humidity for 500 t 12 hours. remove and let sit for 24 t 2 hours (temperature compensating type) at room temperature, then measure. 30pf and over: q u 1000 30pf and below: q u 400 w 20c c: nominal capacitance (pf) no defects or abnormalities within the specified tolerance vibration resistance 11 solder the capacitor to the test jig (glass epoxy board) in the same manner and under the same conditions as (10). the capacitor should be subjected to a simple harmonic motion having a total amplitude of 1.5mm, the frequency being varied uniformly between the approximate limits of 10 and 55hz. the frequency range, from 10 to 55hz and return to 10hz, should be traversed in approximately 1 minute. this motion should be applied for a period of 2 hours in each of 3 mutually perpendicular directions (total of 6 hours). appearance capacitance q deflection 12 solder the capacitor to the test jig (glass epoxy boards) shown in fig. 2 using a eutectic solder. then apply a force in the direction shown in fig. 3. the soldering should be done by the reflow method and should be conducted with care so that the soldering is uniform and free of defects such as heat shock .  y z ^ a ? 
v z [ ? ? b   
  tu w xy z [ \] _ ` | ?a ? ? -?      q r s u v w z ] ^ | ? ?   tu x | ?  q tu | a  u |   u y | a c  
v w z [ ? ?  y ] ^ a ? 100 z ] ^ ? ?    s t w 40 f 4.5 capacitance meter flexure : v 1 20 50 r230 pressurizing speed: 1.0mm/sec. pressurize 45 45 fig. 3 t: 0.8mm step 1234 temp. ( d ) time (min.) min. operating temp. w 0/ y 3 room temp. max. operating temp. w 3/ y 0 room temp. 30 t 3 2 to 3 30 t 3 2 to 3 no. item specifications test method temperature compensating type (in mm) within t 5% or t 0.5pf (whichever is larger) capacitance change no marking defects appearance gjm series specifications and test methods 98 ! note please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. for general grm series array gnm series low esl ll p series high-q gjm series high frequency gqm series monolithic microchip gma series for bonding gmd series product information ? this pdf catalog is downloaded from the website of murata manufacturing co., ltd. therefore, its specifications are subject to change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers before ordering. ? this pdf catalog has only typical specifications because there is no space for detailed specifications. therefore, please app rove our product specifications or transact the approval sheet for product specifications before ordering. ! note c02e.pdf 10.12.20
! note 1. this specifications and test methods is downloaded from the website of murata manufacturing co.,ltd. therefore, it's specifi cations are subject to change or our products in it may be discontinued without advance notice. 0. please check with our sales representatives or product engineers before ordering. 2. this specifications and test methods has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product 0. specifications before ordering. gjm series specifications and test methods (1) continued from the preceding page. * 1: nominal values denote the temperature coefficient within a range of 25 to 125 d . * 2: nominal values denote the temperature coefficient within a range of 20 to 125 d . (2) 5c 6c 0 t 30 0 t 60 0.25 0.38 0.40 0.60 0.58 0.87 y 0.11 y 0.21 y 0.17 y 0.33 y 0.24 y 0.48 char. code temp. coeff. (ppm/ d ) * 1 capacitance change from 25 d value (%) max. min. y 30 dy 10 d max. min. table a (1) y 55 d max. min. 2c 3c 4c 0 t 60 0 t 120 0 t 250 0.33 0.55 1.02 0.49 0.82 1.54 0.82 1.37 2.56 y 0.18 y 0.36 y 0.75 y 0.27 y 0.54 y 1.13 y 0.45 y 0.90 y 1.88 char. nominal values (ppm/ d ) * 2 capacitance change from 20 d value (%) max. min. y 25 dy 10 d max. min. y 55 d max. min. no. item specifications test method temperature compensating type more than 500m or 25 f (whichever is smaller) within t 7.5% or t 0.75pf (whichever is larger) 30pf and over: q u 200 30pf and below: q u 100 w c c: nominal capacitance (pf) 10 3 appearance i.r. capacitance change q no marking defects the measured and observed characteristics should satisfy the specifications in the following table. humidity load 17 apply the rated voltage at 40 t 2 d and 90 to 95% humidity for 500 t 12 hours. remove and let sit for 24 t 2 hours at room temperature, then measure. the charge/discharge current is less than 50ma. more than 1,000m or 50 f (whichever is smaller) 0.1pf v c v 1pf: 350m pf below 1pf f c v 5pf: 300m below 5pf f c v 10pf: 250m below 10pf f c v 33pf: 400m below the esr should be measured at room temperature, and frequency 1 t 0.2ghz with the equivalent of boonton model 34a. the esr should be measured at room temperature, and frequency 500 t 50mhz with the equivalent of hp8753b. within t 3% or t 0.3pf (whichever is larger) 30pf and over: q u 350 10pf and over, 30pf and below: q u 275 w c 10pf and below: q u 200 w 10c c: nominal capacitance (pf) 5 2 appearance i.r. capacitance change q no marking defects the measured and observed characteristics should satisfy the specifications in the following table. high temperature load esr 18 19 apply 200% of the rated voltage for 1000 t 12 hours at the maximum operating temperature t 3 d . let sit for 24 t 2 hours (temperature compensating type) at room temperature, then measure. the charge/discharge current is less than 50ma. gjm series specifications and test methods 99 ! note please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. for general grm series array gnm series low esl ll p series high-q gjm series high frequency gqm series monolithic microchip gma series for bonding gmd series product information this pdf catalog is downloaded from the website of murata manufacturing co., ltd. therefore, it?s specifications are subject to change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers before ordering. this pdf catalog has only typical specifications because there is no space for detailed specifications. therefore, please app rove our product specifications or transact the approval sheet for product specifications before ordering. ! note c02e.pdf 10.12.20


▲Up To Search▲   

 
Price & Availability of GRM188B11H102KA01D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X