Part Number Hot Search : 
FESP08K 1N5989A FESP08K DA113F DA108S 74AUP1G 3ESK7 A5801017
Product Description
Full Text Search
 

To Download GF1M-E3-5CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 88617 for technical ques tions within your region, please cont act one of the following: www.vishay.com revision: 15-mar-11 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com 1 this datasheet is subject to change without notice. the product described here in and this datasheet are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 surface mount glass passivated rectifier gf1a thru gf1m vishay general semiconductor features ? superectifier structure for high reliability condition ? ideal for automated placement ? low forward voltage drop ? low leakage current ? high forward surge capability ? meets environmental standard mil-s-19500 ? meets msl level 1, per j-std-020, lf maximum peak of 250 c ? aec-q101 qualified ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec typical applications for use in general purpose rect ification of power supplies, inverters, converters and freewheeling diodes for consumer, automotive and telecommunication. mechanical data case: do-214ba, molded epoxy over glass body molding compound meets ul 94 v-0 flammabi lity rating base p/n-e3 - rohs compliant, commercial grade base p/nhe3 - rohs compli ant, aec-q101 qualified terminals: matte tin plated leads, solderable per j-std-002 and jesd 22-b102 e3 suffix meets jesd 201 cla ss 1a whisker test, he3 suffix meets jesd 201 class 2 whisker test polarity: color band denotes cathode end primary characteristics i f(av) 1.0 a v rrm 50 v to 1000 v i fsm 30 a v f 1.1 v, 1.2 v i r 5.0 a t j max. 175 c do-214ba (gf1) superectifier ? maximum ratings (t a = 25 c unless otherwise noted) parameter symbol gf1a gf1b gf1d gf1g gf1j gf1k gf1m unit device marking code ga gb gd gg gj gk gm maximum repetitive pe ak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified current at t l = 125 c i f(av) 1.0 a peak forward surge current 8. 3 ms single ha lf sine-wave superimposed on rated load i fsm 30 a operating junction and storage temperature range t j , t stg - 65 to + 175 c
www.vishay.com for technical qu estions within your region, please contact one of the fo llowing: document number: 88617 2 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com revision: 15-mar-11 this datasheet is subject to change without notice. the product described here in and this datasheet are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 gf1a thru gf1m vishay general semiconductor note (1) thermal resistance from junction to ambient and from junction to lead, pcb mounted on 0.2" x 0.2" (5.0 mm x 5.0 mm) copper pad areas note (1) aec-q101 qualified ratings and characteristics curves (t a = 25 c unless otherwise noted) fig. 1 - forward current derating curve fig. 2 - maximum non-repetitive pe ak forward surge current electrical characteristics (t a = 25 c unless otherwise noted) parameter test conditio ns symbol gf1a gf1b gf1d gf1g gf1j gf1k gf1m unit maximum instantaneous forward voltage 1.0 a v f 1.1 1.2 v maximum dc reverse current at rated dc blocking voltage t a = 25 c i r 5.0 a t a = 125 c 50 typical reverse recovery time i f = 0.5 a, i r = 1.0 a, i rr = 0.25 a t rr 2.0 s typical junction capacitance 4.0 v, 1 mhz c j 15 pf thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol gf1a gf1b gf1d gf1g gf1j gf1k gf1m unit typical thermal resistance (1) r ? ja 80 c/w r ? jl 26 ordering information (example) preferred p/n unit weight (g) preferred package code base quantity delivery mode gf1j-e3/67a 0.104 67a 1500 7" diameter plastic tape and reel gf1j-e3/5ca 0.104 5ca 6500 13" diam eter plastic tape and reel gf1jhe3/67a (1) 0.104 67a 1500 7" diameter plastic tape and reel gf1jhe3/5ca (1) 0.104 5ca 6500 13" diameter plastic tape and reel 0 100 130 110 120 140 150 160 180 0.50 1.00 60 hz resistive or inductive load lead temperature (c) 1.25 0.75 0.25 170 average forward rectified current (a) p.c.b. mounted on 0.2" x 0.2" (5.0 mm x 5.0 mm) copper pad areas 0 15 20 25 10 5 30 1 100 10 number of cycles at 60 hz t j = t j max. 8.3 ms single half sine-wave peak forward surge current (a)
document number: 88617 for technical ques tions within your region, please cont act one of the following: www.vishay.com revision: 15-mar-11 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com 3 this datasheet is subject to change without notice. the product described here in and this datasheet are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 gf1a thru gf1m vishay general semiconductor fig. 3 - typical instantaneous forward characteristics fig. 4 - typical reverse characteristics fig. 5 - typical j unction capacitance fig. 6 - typical transient thermal impedance package outline dimensions in inches (millimeters) 10 1 0.1 0.01 0.4 0.6 1.4 1.6 0.8 1.0 1.2 pulse width = 300 s 1 % duty cycle t j = 25 c instantaneous forward voltage (v) instan taneous forward current (a) 0.1 1 10 0.01 20 0 100 40 60 80 t j = 25 c t j = 100 c percent of rated peak reverse voltage (%) instantaneous reverse leakage current (a) 1 100 10 30 1 10 reverse voltage (v) junction capacitance (pf) t j = 25 c f = 1.0 mhz v sig = 50 mv p-p 0.01 100 10 100 0.1 0.1 1 10 1 mounted on 0.2" x 0.27" (5.0 mm x 7.0 mm) copper pad areas transient thermal impedan ce (c/w) t - pulse duration (s) 0.167 (4.24) 0.187 (4.75) 0.0065 (0.17) 0.015 (0.38) 0.030 (0.76) 0.060 (1.52) 0.196 (4.98) 0.226 (5.74) 0.094 (2.39) 0.114 (2.90) 0.100 (2.54) 0.118 (3.00) 0.040 (1.02) 0.066 (1.68) 0.098 (2.49) 0.108 (2.74) 0.006 (0.152) typ. do-214ba (gf1) 0.076 (1.93) max. 0.220 (5.58) ref. 0.060 (1.52) min. mounting pad layout cathode band 0.066 (1.68) min.
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of GF1M-E3-5CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X