Part Number Hot Search : 
74813 LTC3773 LZ39B ISL6224 HB3C4W A2012 04N50C3 MAX853
Product Description
Full Text Search
 

To Download FR107GP-TS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  FR107GP-TS 1 amp glass passivated rectifier 1000 volts features low cost low leakage low forward voltage drop high current capability fast switching speed for high efficiency glass passivated junction maximum ratings operating temperature: - 5 5 c to +1 50 c storage temperature: - 5 5 c to +1 50 c mcc catalog number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage fr1 0 7 gp-ts --- 1 0 0 0v 7 0 0 v 1 0 0 0v electrical characteristics @ 2 5 c unless otherwise specified average forward current i f(av) 1 a t a = 55 c peak forward surge current i fsm 30a 8.3ms, half sine maximum instantaneous forward voltage v f 1.3v i fm = 1.0a; t a = 25 c maximum dc reverse current at rated dc blocking voltage i r 5.0 m a 100 m a t a = 25 c t a = 100 c maximum reverse recovery time typical junction capacitance c j 15pf measured at 1.0mhz, v r =4.0v *pulse test: pulse width 30 0 m sec, duty cycle 1% do-41 dimensions inches mm dim min max min max note a .166 .205 4.10 5.20 b .080 .107 2.00 2.70 c .028 .034 .70 .90 d 1.000 --- 25.40 --- a b c d d cathode mark         
 omp onents 2 07 36 m ar ill a street chatsworth               !  " #   $
%         !   " #    mcc t rr 300ns i f =0.5a, i r =1.0a, i rr =0.25a www. mccsemi .com revision : 3 2003/03/18
FR107GP-TS average forward rectified current - amperes versus ambient temperature - c figure 2 forward derating curve 0 17550 75 100 125 0 .2 .4 .6 single phase, half wave 60hz resistive or inductive load amps c 150 .8 1.0 1.2 junction capacitance - pf versus reverse voltage - volts instantaneous forward current - amperes versus instantaneous forward voltage - volts figure 1 typical forward characteristics 4 6 20 10 amps .4 .6 .8 1.0 12 1.4 .01 .02 .04 .06 .1 .2 .4 .6 1 2 25 c volts figure 3 junction capacitance .1 .2 1 .4 2 10 20 404 100 200 1 2 6 10 20 100 pf volts 60 40 4 400 1000 t j =25 c mcc www. mccsemi .com revision : 3 2003/03/18
FR107GP-TS t rr +0.5a 0 -0.25 -1.0 1cm set time base for 20/100ns/cm 25vdc 1 w 50 w 10 w oscilloscope note 1 pulse generator note 2 notes: 1. rise time = 7ns max. input impedance = 1 megohm, 22pf 2. rise time = 10ns max. source impedance = 50 ohms 3. resistors are non-inductive figure 5 reverse recovery time characteristic and test circuit diagram 1 100 4 0 10 20 30 8 figure 4 peak forward surge current peak forward surge current - amperes versus number of cycles at 60hz - cycles amps cycles 2 6 10 20 60 80 40 40 50 60 mcc www. mccsemi .com revision : 3 2003/03/18


▲Up To Search▲   

 
Price & Availability of FR107GP-TS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X