Part Number Hot Search : 
12A01SS SMBJ100C C1411EPA LC104 N4732 W1206 1N540 DS21610
Product Description
Full Text Search
 

To Download CDDFN2-T47C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  *rohs directive 2002/95/ec jan 27 2003 including annex specifications are subject to change without notice. customers should verify actual device performance in their specific applications. cddfn2-t4.7c C surface mount tvs diode features bidirectional tvs 5 v low capacitance 15 pf esd protection >15k v fits 0402 footprint applications computers and peripherals communication systems audio & video equipment portable instrumentation general information electrical & thermal characteristics (@ t a = 25 c unless otherwise noted) notes: 1. see peak pulse power vs. pulse time. the cddfn2-t4.7c device provides esd and eft protection for external ports of electronic devices such as cellular phones, handheld electronics and other portable electronic devices. the device measures 1.05 mm x 0.65 mm and is available in a dfn-2 package intended to be mounted directly onto an fr4 printed circuit board. the device will fit an 0402 footprint. the device will meet iec 61000-4-2 (esd) and iec 61000-4-4 (eft) protection requirements. parameter symbol min. typ. max. unit peak pulse power @ 8/20 s 1 p pk 75 w peak pulse current @ 8/20 s i pp 5a operating temperature t opr -40 25 125 ?c storage temperature t stg -55 25 150 ?c *rohs compliant parameter symbol min. typ. max. unit working peak voltage v wm 5.0 v breakdown voltage @ 1 ma v br 5.1 7.0 v leaking current @ 5 v i l 0.1 2.0 a capacitance @ 0 v, 1 mhz c j 15 20 pf clamping voltage @ ipp = 5 a 8/20 sv c 15 v esd protection per iec 61000-4-2 contact discharge esd 8 kv air discharge esd 15 kv eft protection per iec 61000-4-4 @ 5/50 ns eft 40 a surge protection per iec 61000-4-5 @ 8/20 s surge 5 a
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. cddfn2-t4.7c C surface mount tvs diode product dimensions recommended pcb footprint b top bottom side d f e a h g c mm (inches) dimensions: 0.700 (0.028) 0.500 (0.020) 0.250 (0.010) 0.750 (0.030) 1.250 (0.049) 0.500 (0.020) dimensions a 0.55 - 0.65 (0.022 - 0.026) b 0.95 - 1.05 (0.037 - 0.041) c 0.45 - 0.55 (0.018 - 0.022) d 0.30 (0.012) e 0.432 (0.017) f 0.30 (0.012) g 0.50 (0.020) h 0.50 (0.020) this is a molded dfn-2 package with lead free 100 % sn plating on the terminations. it weighs approximately 30 mg. block diagram typical part marking cddfn2-t4.7c ..............................................................................e5
10 100 1,000 0 1 0.1 100,000 p pp ?peak pulse power (kw) t d ?pulse duration (?) 20 40 60 80 100 120 0 030 25 20 15 10 5 i pp ?peak pulse current (% of i pp ) t ?time (?) test waveform parameters t t = 8 ? t d = 20 ? t t e t t d = t | i pp /2 2 0.2 30 25 15 5 -5 -490.00 ns 10.00 ns 510.00 ns 5 volts per division esd test pulse: 25 kilovolt, 1/30 ns (waveshape) 10 100 1,000 10,000 75 w, 8/20 ? waveform 10u 1u 100n 10n 0 20 40 60 80 100 reverse current (a) reverse voltage (%) 100 80 60 40 20 0 0255075 mounting on glass epoxy pcbs 100 125 150 power rating (%) ambient temperature (?) specifications are subject to change without notice. customers should verify actual device performance in their specific applications. cddfn2-t4.7c C surface mount tvs diode performance graphs how to order cd dfn2 - t 4.7 c common code chip diode package ? dfn2 = dfn-2 package model t = transient voltage suppressor working peak reverse voltage 4.7 = 4.7 v rwm (volts) suffix c = bidirectional diode peak pulse power vs pulse time overshoot & clamping voltage reverse characteristics pulse wave form power derating curve
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. cddfn2-t4.7c C surface mount tvs diode packaging information asia-pacific: tel: +886-2 2562-4117 ? fax: +886-2 2562-4116 europe: tel: +41-41 768 5555 ? fax: +41-41 768 5510 the americas: tel: +1-951 781-5500 ? fax: +1-951 781-5700 www.bourns.com the surface mount product is packaged in an 8 mm x 4 mm tape and reel format per eia-481 standard. ....... ....... ....... ....... ....... ....... ....... ....... p a f e t 120 d 2 d d 1 w 1 c index hole p 0 p 1 w b 10 pitches (min.) direction of feed 10 pitches (min.) end trailer device leader start d item symbol dfn-2 carrier width a 0.80 0.10 (0.031 - 0.004) carrier length b 1.20 0.10 (0.047 - 0.004) carrier depth c 0.70 0.10 (0.027 - 0.004) sprocket hole d 1.55 0.05 (0.061 - 0.002) reel outside diameter d 178 (7.008) reel inner diameter d 1 50.0 (1.969) feed hole diameter d 2 13.0 0.20 (0.512 - 0.008) sprocket hole position e 1.75 0.10 (0.069 - 0.004) punch hole position f 3.50 0.05 (0.138 - 0.002) punch hole pitch p 4.00 0.10 (0.157 - 0.004) sprocket hole pitch p 0 4.00 0.10 (0.157 - 0.004) embossment center p 1 2.00 0.05 (0.079 - 0.002) overall tape thickness t 0.20 0.10 (0.008 - 0.004) tape width w 8.00 0.20 (0.315 - 0.008) reel width w 1 14.4 (0.567) quantity per reel 5,000 rev. 03/09 max. min.


▲Up To Search▲   

 
Price & Availability of CDDFN2-T47C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X