Part Number Hot Search : 
PCA8591T RJH6677 CY7C680 144868 1485815 MT9160BE CD4073B AD204JN
Product Description
Full Text Search
 

To Download CC0805ZRY5V6BB103 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data shee t surface-mount ceramic multilayer capacitors general purpose & high capacitance class 2, y5v 6.3 v to 50 v 10 nf to 47 f rohs compliant & halogen free product specification ? jul 29, 2010 v.5
www.yageo.com j ul 29, 2010 v.5 general purpose & high cap. 6.3 v to 50 v surface-mount ceramic multilayer capacitors 2 14 product specification y5v ordering information - glo bal part number, phycomp ctc & 12nc all part numbers are identified by the series, size, tolerance, tc material, packing style, voltage, process code, termination and capacitance value. y y a a g g e e o o b b r r a a n n d d o o r r d d e e r r i i n n g g c c o o d d e e global part number ( preferred ) cc xxxx x x y5v x bb xxx (1) (2) (3) (4) (5) ( 1 ) size ? inch based (metric) 0201 (0603) 0402 (1005) 0603 (1608) 0805 (2012) 1206 (3216) 1210 (3225) ( 2 ) tolerance m = 20% z = ?20% to +80% ( 3 ) packing style r = paper/pe taping reel; reel 7 inch k = blister taping reel; reel 7 inch p = paper/pe taping reel; reel 13 inch f = blister taping reel; reel 13 inch c = bulk case ( 4 ) rated voltage 5 = 6.3 v 6 = 10 v 7 = 16 v 8 = 25 v 9 = 50 v ( 5 ) capacitance value 2 significant digits+number of zeros the 3rd digit signifies the multiplying factor, and letter r is decimal point example: 103 = 10 x 10 3 = 10,000 pf = 10 nf scope this specification describes y5v series chip capacitors with lead- free terminations. applications consumer electronics, for example: - tuners - television receivers - video recorders - all types of cameras - mobile telephones features supplied in tape on reel nickel-barrier end termination rohs compliant halogen free compliant
www.yageo.com j ul 29, 2010 v.5 general purpose & high cap. 6.3 v to 50 v surface-mount ceramic multilayer capacitors 3 14 product specification y5v handbook, full pagewidth 2 2 x x x x x x 9 x x x carrier type 50 = blister (6.3 v) 55 = paper/pe (6.3 v) 22 = blister 38 = paper/pe 54 = bulk voltage 20 = 6.3 v 24 = 10 v 78 = 16 v 91 = 25 v 58 = 50 v size 8 = 0201 7 = 0402 6 = 0603 0 = 0805 1 = 1206 2 = 1210 capacitance value (1) tolerance 7 = 20% 8 = ? 20 to + 80% packaging (2) 1 = reel: ? 180 mm; 7" 5 = reel: ? 330 mm; 13" 4 = bulk case ynm0009 p p h h y y c c o o m m p p b b r r a a n n d d o o r r d d e e r r i i n n g g c c o o d d e e s s global part number (preferred), phycomp ctc (for north america) and 12nc (traditional) codes are acceptable to order phycomp brand products. global part number ( preferred ) for detailed information of global part number an d ordering example, please refer to page 2. 12nc code phycomp ctc code ( for north america ) example: 12062f105m8bb0d 1206 2f 105 m 8 b b 0 d size code temp. char. capacitance in pf tolerance voltage termination packing marking range identifier 0201 0402 0603 0805 1206 1210 2f = y5v 101 = 100 pf; the third digit signifies the multiplying factor: 0 = 1 1 = 10 2 = 100 3 = 1,000 4 = x 10,000 5 = x 100,000 6 = x 1,000,000 m = 20% z = ?20% to +80% 5 = 6.3 v 6 = 10 v 7 = 16 v 8 = 25 v 9 = 50 v b = nisn 2 = 180 mm 7? paper/pe 3 = 330 mm 13? paper/pe b = 180 mm 7? blister f = 330 mm 13? blister p = bulk case 0 = no marking d = class 2 mlcc (1) please refer to "last 2-digit of 12nc" in "capacitance range & thickness for y5v" (2) quantity on reel depends on thickness classification; see table 5
www.yageo.com j ul 29, 2010 v.5 general purpose & high cap. 6.3 v to 50 v surface-mount ceramic multilayer capacitors 4 14 product specification y5v mbb211 t l 4 l 1 l 2 l 3 w for dimension see table 1 o o u u t t l l i i n n e e s s fig. 2 surface mounted multilayer ceramic capacitor dimension construction the capacitor consists of a rectangular block of ceramic dielectric in which a number of interleaved metal electrodes are contained. this structure gives rise to a high capacitance per unit volume. the inner electrodes are connected to the two end terminations and finally covered with a layer of plated tin (nisn). the terminations are lead-free. a cross section of the structure is shown in fig.1. mlb457 terminations electrodes ceramic material fig. 1 surface mounted multilayer ceramic capacito r construction l 2 / l 3 (mm) l 4 (mm) type l 1 (mm) w (mm) t (mm) min. max. min. 0201 0 . 6 0 . 03 0 . 3 0 . 03 0 .1 0 0 .2 0 0 .2 0 0402 1.0 0.05 0.5 0.05 0.20 0.30 0.40 0603 1.6 0.10 0.8 0.10 0.20 0.60 0.40 2.0 0.10 (1) 1.25 0.10 (1) 0805 2.0 0.20 (2) 1.25 0.20 (2) 0.25 0.75 0.55 3.2 0.15 (1) 1.6 0.15 (1) 1206 3.2 0.30 (2) 1.6 0.20 (2) 0.25 0.75 1.40 3.2 0.20 (1) 2.5 0.20 (1) 1210 3.2 0.40 (2) 2.5 0.30 (2) 0.25 0.75 1.40 4.5 0.20 (1) 3.2 0.20 (1) 1812 4.5 0.40 (2) 3.2 0.40 (2) refer to table 2 to 4 0.25 0.75 2.20 note 1. dimension for size 0805 to 1812, c 100 nf 2. dimension for size 0805 to 1812, c > 100 nf table 1 for outlines see fig. 2 dimension
www.yageo.com j ul 29, 2010 v.5 general purpose & high cap. 6.3 v to 50 v surface-mount ceramic multilayer capacitors 5 14 product specification y5v capacitance range & thickness for y5v table 2 sizes from 0201 to 0402 cap. last 2-digit of 12nc 0201 0402 25 v 50 v 6.3 v 25 v 6.3 v 10 v 16 v 25 v 50 v 10 nf 36 05 0.30.03 0.50.05 22 nf 41 07 47 nf 45 09 100 nf 49 12 0.30.03 0.50.05 220 nf 52 14 470 nf 58 16 0.50.05 1.0 f 63 18 0.50.05 0.50.05 2.2 f 67 4.7 f 72 10 f 76 22 f 81 47 f 85 table 3 sizes from 0603 to 0805 cap. last 2-digit of 12nc 0603 0805 25 v 50 v 6.3 v 10 v 16 v 25 v 50 v 6.3 v 10 v 16 v 25 v 50 v 10 nf 36 05 22 nf 41 07 47 nf 45 09 100 nf 49 12 0.80.1 0.60.1 0.60.1 220 nf 52 14 0.60.1 470 nf 58 16 0.80.1 0.850.1 1.0 f 63 18 0.850.1 1.250.2 2.2 f 67 0.80.1 0.80.1 0.850.1 0.850.1 1.250.2 4.7 f 72 0.80.1 0.850.1 0.850.1 1.250.2 10 f 76 1.250.2 22 f 81 1.250.2 1.250.2 47 f 85 note 1. values in shaded cells indicate thickness class in mm 2. capacitance value of non e-3 series is on request
www.yageo.com j ul 29, 2010 v.5 general purpose & high cap. 6.3 v to 50 v surface-mount ceramic multilayer capacitors 6 14 product specification y5v table 4 sizes from 1206 to 1210 cap. last 2-digit of 12nc 1206 1210 25 v 50 v 6.3 v 10 v 16 v 25 v 50 v 6.3 v 10 v 16 v 25 v 10 nf 36 05 22 nf 41 07 47 nf 45 09 100 nf 49 12 220 nf 52 14 0.60.1 0.60.1 470 nf 58 16 1.0 f 63 18 0.850.1 2.2 f 67 0.850.1 4.7 f 72 0.850.1 10 f 76 0.850.1 0.850.1 1.150.1 1.50.1 1.50.1 1.50.1 22 f 81 1.60.2 1.60.2 1.60.2 1.60.2 1.60.2 1.60.2 47 f 85 2.00.2 note 1. values in shaded cells indicate thickness class in mm 2. capacitance value of non e-3 series is on request capacitance range & thickness for y5v
www.yageo.com j ul 29, 2010 v.5 general purpose & high cap. 6.3 v to 50 v surface-mount ceramic multilayer capacitors 7 14 product specification y5v table 5 thickness classes and packing quantity ?180 mm / 7 inch ?330 mm / 13 inch size code thickness classification tape width quantity per reel paper blister paper blister quantity per bulk case 0201 0.3 0.03 mm 8 mm 15,000 --- 50,000 --- --- 0402 0.5 0.05 mm 8 mm 10,000 --- 50,000 --- 50,000 0603 0.8 0.1 mm 8 mm 4,000 --- 15,000 --- 15,000 0.6 0.1 mm 8 mm 4,000 --- 20,000 --- 10,000 0805 0.85 0.1 mm 8 mm 4,000 --- 15,000 --- 8,000 1.25 0.2 mm 8 mm --- 3,000 --- 10,000 5,000 0.6 0.1 mm 8 mm 4,000 --- 20,000 --- --- 0.85 0.1 mm 8 mm 4,000 --- 15,000 --- --- 1.00 / 1.15 0.1 mm 8 mm --- 3,000 --- 10,000 --- 1.25 0.2 mm 8 mm --- 3,000 --- 10,000 --- 1.6 0.15 mm 8 mm --- 2,500 --- 10,000 --- 1206 1.6 0.2 mm 8 mm --- 2,000 --- 10,000 --- 0.6 / 0.7 0.1 mm 8 mm --- 4,000 --- 15,000 --- 0.85 0.1 mm 8 mm --- 4,000 --- 10,000 --- 1.15 0.1 mm 8 mm --- 3,000 --- 10,000 --- 1.15 0.15 mm 8 mm --- 3,000 --- 10,000 --- 1.25 0.2 mm 8 mm --- 3,000 --- --- --- 1.5 0.1 mm 8 mm --- 2,000 --- --- --- 1.6 / 1.9 0.2 mm 8 mm --- 2,000 --- --- --- 2.0 0.2 mm 8 mm --- 2,000 1,000 --- --- --- 1210 2.5 0.2 mm 8 mm --- 1,000 500 --- --- --- 1.15 0.15 mm 12 mm --- 3,000 --- --- --- 1.25 0.2 mm 12 mm --- 3,000 --- --- --- 1.35 0.15 mm 12 mm --- 2,000 --- --- --- 1.5 0.1 mm 12 mm --- 2,000 --- --- --- 1.6 0.2 mm 12 mm --- 2,000 --- --- --- 1808 2.0 0.2 mm 12 mm --- 2,000 --- --- --- 0.6 / 0.85 0.1 mm 12 mm --- 2,000 --- --- --- 1.15 0.1 mm 12 mm --- 1,000 --- --- --- 1.25 0.2 mm 12 mm --- 1,000 --- --- --- 1.5 0.1 mm 12 mm --- 1,000 --- --- --- 1.6 0.2 mm 12 mm --- 1,000 --- --- --- 2.0 0.2 mm 12 mm --- 1,000 --- --- --- 1812 2.5 0.2 mm 12 mm --- 500 50,000 --- ---
www.yageo.com j ul 29, 2010 v.5 general purpose & high cap. 6.3 v to 50 v surface-mount ceramic multilayer capacitors 8 14 product specification y5v electrical characteristics y y 5 5 v v d d i i e e l l e e c c t t r r i i c c c c a a p p a a c c i i t t o o r r s s ; ; n n i i s s n n t t e e r r m m i i n n a a t t i i o o n n s s unless otherwise specified, all test and measurements shall be made under standa rd atmospheric conditions for testing as given in 5.3 of iec 60068-1: - temperature: 15 c to 35 c - relative humidity: 25% to 75% - air pressure: 86 kpa to 106 kpa before the measurements are made, the capacitor shal l be stored at the measuring temperature for a time sufficient to allow the entire capac itor to reach this temperature. the period as prescribed for recovery at the end of a test is normally sufficient for this purpose. description value capacitance range 10 nf to 47 f capacitance tolerance 20% ?20% to +80% dissipation factor (d.f.) 6.3 v 15% exception: 0805 22 f 20% 10 v 12.5% exception: 0402 680 nf; 0603 2.2 f; 15% 0805 10 f; 1206 10 f 20% 16 v 12.5% exception: 0603 4.7 f 15% 25 v 9% exception: 0201 10 nf 12.5% insulation resistance after 1 minute at u r (dc) r ins 10 g ? or r ins c r 500 seconds whichever is less maximum capacitance change as a function of temperature (temperature characteristic/coefficient): +22% to ?82% operating temperature range: ?30 c to +85 c table 6
www.yageo.com j ul 29, 2010 v.5 general purpose & high cap. 6.3 v to 50 v surface-mount ceramic multilayer capacitors 9 14 product specification y5v 30 95 25 100 75 ynm0019 50 25 0 -5 20 55 70 t ( c) o c (%) c fig. 3 typical capacitance change as a function of temperature 050 15 110 85 ynm0020 60 35 10 10 20 30 40 c (%) v (v) dc c 25 v 10 v 50 v 16 v fig. 4 typical capacitance change with respect to the capacitance at 1 v as a function of dc voltage at 20 c 25 100 0 500 mbd078 1000 1500 2000 0 255075 t ( c) o tan (x 10 ) 4 fig. 5 typical tan as a function of temperature soldering recommend a tion table 7 soldering method size 0402 0603 0805 1206 1210 reflow 0.1 f 1.0 f 2.2 f 4.7 f reflow only reflow/wave < 0.1 f < 1.0 f < 2.2 f < 4.7 f ---
www.yageo.com j ul 29, 2010 v.5 general purpose & high cap. 6.3 v to 50 v surface-mount ceramic multilayer capacitors 10 14 product specification y5v tests and requirements table 8 test procedures and requirements test test method procedure requirements mounting iec 60384 - 21/22 4.3 the capacitors may be mounted on printed-circuit boards or ceramic substrates no visible damage visual inspection and dimension check 4.4 any applicable method using 10 magnific ation in accordance with specification capacitance (1) 4.5.1 class 2: at 20 c, 24 hrs after annealing f = 1 khz for c 10 f, rated voltage > 6.3 v, measuring at voltage 1 v rms at 20 c f = 1 khz, for c 10 f, rated voltage 6.3 v, measuring at voltage 0.5 v rms at 20 c f = 120 hz for c > 10 f, measuring at voltage 0.5 v rms at 20 c within specified tolerance dissipation factor (d.f.) (1) 4.5.2 class 2: at 20 c, 24 hrs after annealing f = 1 khz for c 10 f, rated voltage > 6.3 v, measuring at voltage 1 v rms at 20 c f = 1 khz, for c 10 f, rated voltage 6.3 v, measuring at voltage 0.5 v rms at 20 c f = 120 hz for c > 10 f, measuring at voltage 0.5 v rms at 20 c in accordance with specification insulation resistance 4.5.3 at u r (dc) for 1 minute in acco rdance with specification temperature characteristic 4.6 class 2: between minimum and maximum temperature y5v: -30 c to +85 c normal temperature: 20 c ? c/c class 2: y5v: 22% to -82% ? c/c class 2: y5v: 22% to -82% adhesion 4.7 a force applied for 10 seconds to the line joining the termination s and in a plane parallel to the substrate force size 0603: 5n size = 0402: 2.5n size = 0201: 1n note: 1. for individual product specification, please contact local sales.
www.yageo.com j ul 29, 2010 v.5 general purpose & high cap. 6.3 v to 50 v surface-mount ceramic multilayer capacitors 11 14 product specification y5v test test method procedure requirements mounting in accordance with iec 60384-22 paragraph 4.3 no visible damage bond strength of plating on end face iec 60384- 21/22 4.8 conditions: bending 1 mm at a rate of 1 mm/s, radius jig 340 mm ? c/c class2: y5v: 10% ? c/c class2: y5v: 10% dissolution of the end face plating shall not exceed 25% of the length of the edge concerned ? c/c class2: y5v: 20% ? c/c class2: y5v: 20% resistance to soldering heat 4.9 precondition: 150 +0/?10 c for 1 hour, then keep for 24 1 hours at room temperature preheating: for size 1206: 120 c to 150 c for 1 minute preheating: for size >1206: 100 c to 120 c for 1 minute and 170 c to 200 c for 1 minute solder bath temperature: 260 5 c dipping time: 10 0.5 seconds recovery time: 24 2 hours d.f. within initial specified value r ins within initial specified value solderability 4.10 preheated the temperature of 80 c to 140 c and maintained for 30 seconds to 60 seconds. test conditions for lead containing solder alloy temperature: 235 5 c dipping time: 2 0.2 seconds depth of immersion: 10 mm alloy composition: 60/40 sn/pb number of immersions: 1 test conditions for leadfr ee containing solder alloy temperature: 245 5 c dipping time: 3 0.3 seconds depth of immersion: 10 mm alloy composition: sac305 number of immersions: 1 the solder should cover over 95% of the critical area of each termination
www.yageo.com j ul 29, 2010 v.5 general purpose & high cap. 6.3 v to 50 v surface-mount ceramic multilayer capacitors 12 14 product specification y5v test test method procedure requirements no visual damage ? c/c class2: y5v: 20% ? c/c class2: y5v: 20% rapid change of temperature iec 60384- 21/22 4.11 preconditioning; 150 +0/?10 c for 1 hour, then keep for 24 1 hours at room temperature 5 cycles with following detail: 30 minutes at lower category temperature 30 minutes at upper category temperature recovery time 24 2 hours d.f. meet initial specified value r ins meet initial specified value no visual damage after recovery damp heat with u r load 4.13 1. preconditioning, class 2 only: 150 +0/-10 c /1 hour, then keep for 24 1 hour at room temp 2. initial measure: spec: refer initial spec c, d, ir 3. damp heat test: 500 12 hours at 40 2 c; 90 to 95% r.h. 1.0 u r applied 4. recovery: class 2: 24 2 hours 5. final measure: c, d, ir p.s. if the capacitance value is less than the minimum value permitted, then after the other measurements have been made the capacitor shall be precondition according to ?iec 60384 4.1? and then the requiremen t shall be met. ? c/c class2: y5v: 30% d.f. class2: y5v: 15% r ins class2: y5v: 500 m ? or r ins x c r 25s whichever is less ? c/c class2: y5v: 30% d.f. class2: y5v: 2 x initial value max r ins class2: y5v: 500 m ? or r ins x c r 25s whichever is less
www.yageo.com j ul 29, 2010 v.5 general purpose & high cap. 6.3 v to 50 v surface-mount ceramic multilayer capacitors 13 14 product specification y5v test test method procedure requirements no visual damage endurance iec 60384- 21/22 4.14 1. preconditioning, class 2 only: 150 +0/-10 c /1 hour, then keep for 24 1 hour at room temp 2. initial measure: spec: refer initial spec c, d, ir 3. endurance test: temperature: y5v: 85 c specified stress voltage applied for 1,000 hours: applied 2.0 x u r for general product. applied 1.5 x u r for high cap. product. 4. recovery time: 24 2 hours 5. final measure: c, d, ir p.s. if the capacitance value is less than the minimum value permitted, then after the other measurements have been made the capacitor shall be precondition according to ?iec 60384 4.1? and then the requirement shall be met. ? c/c class2: y5v: 30% d.f. class2: y5v: 15% r ins class2: y5v: 1,000 m ? or r ins x c r 50s whichever is less ? c/c class 2: y5v: 30% d.f. class 2: y5v: 2 x initial value max r ins class 2: y5v: 1,000 m ? or r ins x c r 50s whichever is less voltage proof iec 60384-1 4.6 specified stress voltage applied for 1 minute u r 100 v: series applied 2.5 u r 100 v < u r 200 v series applied (1.5 u r + 100) 200 v < u r 500 v series applied (1.3 u r + 100) u r > 500 v: 1.3 u r i: 7.5 ma no breakdown or flashover
www.yageo.com j ul 29, 2010 v.5 general purpose & high cap. 6.3 v to 50 v surface-mount ceramic multilayer capacitors 14 14 product specification y5v revision history revision date change notification description version 5 jul 29, 2010 - - modify the last 2-digit of 12nc version 4 jun 24, 2010 - - dimension on 1206 case size updated version 3 apr 22, 2010 - - dimension updated version 2 feb 04, 2010 - - the statement of "halogen free" on the cover added version 1 nov 04, 2009 - - ordering code updated - dimension updated version 0 apr 15, 2009 - - new datasheet for general purpose and high capacitance y5v series with rohs compliant - replace the "6.3v to 50v" part of pdf files: y5v_6.3v_10v_9_preliminary, y5v_10v-to-50v_10_preliminary, y5v_16v_25v_50v_11 - combine 0201 from pdf files: up-np0x5rx7ry5v_0201_6.3-to-50v_2 and uy-npox5rx7ry5v_0201_6.3-to-50v_2 - define global part number - description of "halogen free compliant" added - test method and procedure updated


▲Up To Search▲   

 
Price & Availability of CC0805ZRY5V6BB103

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X