Part Number Hot Search : 
HMC590 74VHC373 GBPC35A NE5534A 2SC22 MJE13007 PMEG4 M1201
Product Description
Full Text Search
 

To Download BP5068A24 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  220vac input/5vdc (100ma) output non-isolated ac/dc converter bp5041a5 data sheet absolute maximum ratings input voltage output current esd endurance operating temperature range storage temperature range parameter symbol limits unit vi io vsurge topr tstg 390 100 2 ?25 to +80 ?25 to +105 v mapk kv c c unit ?2 ?2 ?1 conditions v v ma v v vp-p % dc(160 to 276vac) vi=282v, io=50ma vi=282v vi=226 to 390v, io=50ma vi=282v, io=0 to 50ma vi=282v, io=50ma vi=282v, io=100ma ? 1 maximum output current varies depending on ambient temperature ; please refer to derating curve. ? 2 please refer to load regulation, conversion efficiency. electrical characteristics input voltage range output voltage output current line regulation load regulation output ripple voltage power conversion efficiency parameter symbol typ. max. min. vi vo io vr vl vp 282 5.0 ? 0.05 0.05 0.05 48 390 5.3 100 0.15 0.15 0.15 ? 226 4.7 0 ? ? ? 35 load regulation load regulation 5.3 5.2 5.1 5.0 4.9 4.8 4.7 200 40 60 80 100 (ta=25 c, vi=282v) output current io (ma) output voltage vo (v) temperature increase temperature increase 30 25 20 15 10 5 0 200 40 60 80 100 (ta=25 c, vi=282v) output current io (ma) surface temperature ?t (c) dimensions (unit : mm) application circuit external component specifications fuse: fuse use a quick-acting fuse of 0.5a capacitance : 3.3 to 22 f rated voltage : 450v or higher ripple current is 0.13arms or greater. capacitance : 0.1 to 0.22 f rated voltage : 450v or higher use a film or ceramic capacitor. evaluate under actual operating conditions. c1: input smoothing capacitor c2: noise reduction capacitor capacitance : 100 to 470 f rated voltage : 16v or higher, esr is 0.4? max. ripple current is 0.15arms or greater. evaluate under actual operating conditions. c3: output smoothing capacitor in the absolute maximum ratings, the reverse peak voltage should be 800v or higher, the average rectifying current should be 0.5a or higher, and the peak surge current should be 20a or higher. (full-wave rectification can be used.) d1: rectifier diode 10 to 22? 1/4w determine the ideal value through actual testing. r1: noise reduction resistor a varistor is required to protect against lightning surges and static electricity. znr: varistor pin no. 1 2 3 4 5 6 7 8 9 10 function output terminal vo(5v) not used n.c. not used common not used n.c. not used not used input terminal vi(282vdc) please verify operation and characteristics in the customer's circuit before actual usage. ensure that the load current does not exceed the maximum rating. bp5041a5 be sure to use fuse for safety. 19.3max. 41.0 32.5max. 22.86 1 3 5 7 10 0.5 0.1 p=5.08 0.2 1.3 0.2 3.25max. derating curve derating curve operation range 120 100 80 60 40 20 0 0 10 -30 -20 -10 20 4030 80706050 90 ambient temperature ta ( c) output current io (ma) please note that pin no.10 side is input. +5v output input 100f/16v ac200v 50hz/60hz 0.1 f c2 fuse 0.5a 1 10 7 5 3 + ? + ? 4.7 f/450v c1 znr r1 10?1/4w d1 c3 mark side 11.5max. 4.75max. 6.75max. 0.250.05 conversion efficiency conversion efficiency 100 80 60 40 20 0 200 40 60 80 100 (ta=25 c, vi=282v) output current io (ma) conversion efficiency (%) 100vac input/ ?24vdc (600ma) output non-isolated ac/dc converter BP5068A24 data sheet absolute maximum ratings input voltage output current esd endurance operating temperature range storage temperature range parameter symbol limits unit vi io vsurge topr tstg ?190 0.8 2 ?20 to +80 ?25 to +105 v apk kv c c unit ?2 ?2 ?1 conditions v v a v v vp-p % dc(85 to 115vac) vi=? 141v, io=600ma vi=?141v vi= ? 120 to ? 162v, io=600ma vi= ? 141v, io=0 to 600ma vi=? 141v, io=600ma vi=? 141v, io=600ma ? 1 maximum output current varies depending on ambient temperature ; please refer to derating curve. ? 2 please refer to load regulation, conversion efficiency. electrical characteristics input voltage range output voltage output current line regulation load regulation output ripple voltage power conversion efficiency parameter symbol typ. max. min. vi vo io vr vl vp ?141 ?24.0 ? 0.23 0.55 0.11 88 ?120 ?22.0 0.6 0.48 0.75 0.20 ? ?162 ?26.0 0 ? ? ? 82 conversion efficiency conversion efficiency 100 90 80 70 60 50 40 30 20 10 0 200 0 400 600 100 300 500 (ta=25 c , vi= ?141v) output current io(ma) conversion efficiency (%) surface temperature increase surface temperature increase 30 25 20 15 10 5 0 200 0 400 100 300 500 600 (ta=25 c , vi= ? 141v) output current io(ma) temperature rising ?t( c ) application circuit external component specifications fuse: fuse use a quick-acting fuse (2a) above 200v, 47 to 220 f ripple current 0.22arms or greater c1: input capacitor above 200v, 0.1 to 0.22 f use a film or ceramic capacitor. evaluate under actual operating conditions. c2: noise reduction capacitor above 50v, 330 to 1000 f, low impedance esr : 0.08 ? max. ripple current 1arms or greater capacitor impedance affects the output ripple voltage. c3: output capacitor inductance : 1.0mh, rating current : above 1.2a select components that do not easily get magnetically saturated at high temperature. l1: power inductor above 400v, current : above 3a fast recovery diode please note that both the switching and efficiency characteristics of the module are affected by this diode. recommended products : 31df4 (nihon inter) or ru30 (sanken) d1: flywheel diode 1.0 to 2.2?, 1/4w determine the ideal value through actual testing. r1: noise reduction resistor use a rectifying diode with a peak reverse voltage of 400v or higher, an average rectification current of 1a or larger and a peak surge current of 20a or larger. when using a large capacitance input capacitor, select a component that is strong against inrush current during power up. full-wave rectification can be used. d2: rectifier diode a varistor is required to protect against lightning surges and static electricity. znr: varistor please verify operation and characteristics in the customer's circuit before actual usage and ensure that the load current does not exceed 0.6a. BP5068A24 be sure to use fuse for safety. derating curve derating curve operation range 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0 10 -30 -20 -10 20 4030 80706050 90 ambient temperature ta( c) output current io(a) please note that pin no.12 side is input. ?24v output input 470 f/50v ac100v 50hz/60hz 0.1 f c2 fuse 2a 1 12 8 7 5 3 + ? + ? 100f/200v c1 l1 d1 znr 220v r1 2.2?1/4w d1 1sr35-400a c3 pin no. 1 2 3 4 5 6 7 8 9 10 11 12 function output terminal vo( ?24v) skip coil connect skip coil connect skip common common skip n.c. skip input terminal vi( ?141vdc) dimensions (unit : mm ) 21.5max. 41.0 34.5max. 2.54?11=27.94 1 3 5 7 8 10 12 0.50.1 p=2.54 0.2 1.30.2 3.25max mark side 11.3max. 7.35max. 3.95max. 0.250.05 load regulation load regulation 30 25 20 15 10 5 0 200 0 400 600 900800 100 300 500 700 (ta=25 c , vi= ? 141v) output current io(ma) output voltage ? vo(v) 1/1 2010.01 - rev.a www.rohm.com ?2010 rohm co., ltd. all rights reserved.


r1010 a www.rohm.com ? 2010 rohm co., ltd. all rights reserved. notice rohm customer support system http://www.rohm.com/contact/ thank you for your accessing to rohm product informations. more detail product informations and catalogs are available, please contact us. notes no copying or reproduction of this document, in part or in whole, is permitted without the consent of rohm co.,ltd. the content specified herein is subject to change for improvement without notice. the content specified herein is for the purpose of introducing rohm's products (hereinafter "products"). if you wish to use any such product, please be sure to refer to the specifications, which can be obtained from rohm upon request. examples of application circuits, circuit constants and any other information contained herein illustrate the standard usage and operations of the products. the peripheral conditions must be taken into account when designing circuits for mass production. great care was taken in ensuring the accuracy of the information specified in this document. however, should you incur any damage arising from any inaccuracy or misprint of such information, rohm shall bear no responsibility for such damage. the technical information specified herein is intended only to show the typical functions of and examples of application circuits for the products. rohm does not grant you, explicitly or implicitly, any license to use or exercise intellectual property or other rights held by rohm and other parties. rohm shall bear no responsibility whatsoever for any dispute arising from the use of such technical information. the products specified in this document are intended to be used with general-use electronic equipment or devices (such as audio visual equipment, office-automation equipment, commu- nication devices, electronic appliances and amusement devices). the products specified in this document are not designed to be radiation tolerant. while rohm always makes efforts to enhance the quality and reliability of its products, a product may fail or malfunction for a variety of reasons. please be sure to implement in your equipment using the products safety measures to guard against the possibility of physical injury, fire or any other damage caused in the event of the failure of any product, such as derating, redunda ncy, fire control and fail-safe designs. rohm shall bear no responsibility whatsoever for your use of any product outside of the prescribed scope or not in accordance with the instruction manual. the products are not designed or manufactured to be used with any equipment, device or system which requires an extremely high level of reliability the failure or malfunction of which may result in a direct threat to human life or create a risk of human injury (such as a medical instrument, transportation equipment, aerospac e machinery, nuclear-reactor controller, fuel- controller or other safety device). rohm shall bear no responsibility in any way for use of any of the products for the above special purposes. if a product is intended to be used for any such special purpose, please contact a rohm sales representative before purchasing. if you intend to export or ship overseas any product or technology specified herein that may be controlled under the foreign exchange and the foreign trade law, you will be required to obtain a license or permit under the law.


▲Up To Search▲   

 
Price & Availability of BP5068A24

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X