Part Number Hot Search : 
24LCS21 SI9712DY 337M00 QS6M4TR CM2836 XZMO53W 100HS LV138
Product Description
Full Text Search
 

To Download ASTX-11L-C-13000MHZ-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ||||||||||||||| astx-11l, asvtx-11l low voltage smd voltage & temperature controlled oscillator standard specifications: applications: ? cellular and cordless phones ? standard osc for exact equipment ? mobile communication equipment ? portable radio equipment and music player. ?pll features: ? 3.2 x 2.5 x 0.9mm compact package ? low current consumption ? suitable for high-density smt ? vc function corresponds to pll circuits ? ir reflow possible 3.2 x 2.5 x 0.9mm pb rohs compliant parameters frequency range 13.0000 mhz to 52.0000 mhz standard frequencies (mhz) 13.0, 16.0, 19.2, 23.104, 26.0, 32.0, 33.6, 38.4, 52.0 operating temperature aging (first year at +25 o c) - 30 c to + 75 c 1.0ppm storage temperature - 40 c to + 85 c frequency stability 2.5 ppm (- 30 c ~ + 75 c) frequency adjustment range 8ppm min./ (vcont=vdd/21.0v) supply voltage (vdd) see options; 1.8v available in q4 2008 supply current (icc) 1.5ma max/(~19.2mhz), 2.0ma max/(~38.4mhz), 2.5ma max/(~52mhz) output voltage 0.8 v p-p min. output load 10k / 10 pf 3.5ms max. (>16.0mhz) start-up time 5ms max. (~16.0mhz) abracon p/n astx-11l series or asvtx-11l series ? f/f 0 options & part identification: abracon is iso 9001 / qs 9000 certified abracon is iso 9001 / qs 9000 certified (left blank if standard) 30332 esperanza, rancho santa margarita, california 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com revised: 03.11.08 visit www.abracon.com for terms & conditions of sale k n a l b % 5 0 . 3 a b 2.85% c 2.755% d 2.45% frequency k l u b z h m x x x . x x vdd (v) packaging tape and reel 1,000pcs t astx-11l/asvtx-11l - - frequency - please contact abracon if parts are intended for life dependent applications.
||||||||||||||| astx-11l, asvtx-11l low voltage smd voltage & temperature controlled oscillator 3.2 x 2.5 x 0.9mm pb rohs compliant abracon is iso 9001 / qs 9000 certified abracon is iso 9001 / qs 9000 certified 30332 esperanza, rancho santa margarita, california 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com revised: 03.11.08 visit www.abracon.com for terms & conditions of sale outline drawing: tape & reel: tape and reel 1,000pcs/reel dimensions: inches (mm) dimensions: mm pin 1 2 3 4 * gnd for astx-11l (tcxo) vcc/gnd* gnd output vdd function it is not recommended that paths go underneath the oscillator. if needed, please use multi-layer pcb board or resist coating. note: recommend using an approximately 0.01uf bypass capacitor between pin 2 and 4.


▲Up To Search▲   

 
Price & Availability of ASTX-11L-C-13000MHZ-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X