Part Number Hot Search : 
FUJITSU MIP512 DB155 COMPONEN BC558 ARC242 T3010 133AC
Product Description
Full Text Search
 

To Download ASSM-FREQ14-E-C-C3-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  applica tions: additional benefits: ? medical ? reduce emissions up to 20 db. ? printers ? systemic approach to emi. ? scanners ? highly cost effective compared to other methods. ? modems ? eliminate need for individual node suppression. ? telecommunications ? eliminate need for expensive shielding. ? aerospace ? reduce component count. ? copier ? reduce pcb layer count. ? automotive ? drop- in replacement for 10 x 14mm smd package. fea tures: ? integrated spread spectrum technology ? standard ttl or hcmos output. ? meets clock jitter requirements for all major cisc, risc and dsp processors ? wide frequency range from 4 mhz to 128 mhz. 5.0vdc or 3.3vdc ? 10 x 14mm smd ? hcmos/ ttl low emi spread spectrum crystal clock oscillators assm and assml 29 journey ? aliso viejo, ca 92656 ? usa (949) 448-7070 ? f ax : (949) 448-8484 e- mail : abinfo @ abracon.com ? i nternet a ddress : www.abracon.com abracon is iso 9001 / qs 9000 certified note: left blank if standard ? all specifications and markings subject to change without notice 5th harmonic of 96 mhz 15.7db emi reduction center 480.00 mhz mkr 1.05 mhz -15.66 db rev. 2.4 05/2003 abracon ? corporation pin number function 1 nc 4 gnd 5 output 8 vdc table 1 pin configura tion: mechanical dimensions: dimensions: inches (mm) 20
standard electrical specifications parameter assm assml conditions frequency range (fo) 4.000 mhz ? 128.000 mhz operating temperature (topr) -40 c to +85 c (see ordering options) storage temperature (tsto) - 65 c to +150 c frequency stability vs. temp (df/fo) 100 ppm max. (see ordering options) operating supply voltage (vdc) 5.0 vdc 3.3 vdc +/-5 % operating input current (idd) 30 ma max duty cycle 45/55 % max rise time 5.0 ns. 3.5 ns. 15 pf fall time 5.0 ns. 3.5 ns. 15 pf output voltage (voh/vol) 3.0vdc min. / 0.4 vdc max. +25 c start-up time 10 ms max. 3 ms typ. aging +/- 5ppm max. /year jitter (ccj1) 625 ps typical f = 4 mhz jitter (ccj2) 225 ps typical f = 8 mhz jitter (ccj3) 125 ps typical f = 32 mhz jitter (ccj4) 135 ps typical f = 64 mhz jitter (ccj5) 180 ps typical f = 128 mhz output load 10-lsttl or 15 pf bandwidth accuracy +/- 10% 29 journey ? aliso viejo, ca 92656 ? usa (949) 448-7070 ? f ax : (949) 448-8484 e- mail : abinfo @ abracon.com ? i nternet a ddress : www.abracon.com abracon is iso 9001 / qs 9000 certified note: left blank if standard ? all specifications and markings subject to change without notice rev. 2.4 factory bandwidth selection freq. (mhz) center spread (%) down spread (%) modulation rate (khz) order option c1 c2 c3 c4 d1 d2 d3 d4 4 ? 5 1.4 1.2 0.6 0.5 -3.0 -2.2 -1.9 -0.7 31.25 ? 39.06 khz 5 - 6 1.3 1.1 0.5 0.4 -2.7 -1.9 -1.7 -0.6 39.06 ? 46.88 khz 6 - 7 1.2 0.9 0.5 0.4 -2.5 -1.8 -1.5 -0.6 46.88 ? 54.69 khz 7 - 8 1.1 0.9 0.4 0.3 -2.3 -1.7 -1.4 -0.5 54.69 ? 62.50 khz 8 ? 10 1.4 1.2 0.6 0.5 -3.0 -2.2 -1.9 -0.7 31.25 ? 39.06 khz 10 - 12 1.3 1.1 0.5 0.4 -2.7 -1.9 -1.7 -0.6 39.06 ? 46.88 khz 12 ? 14 1.2 0.9 0.5 0.4 -2.5 -1.8 -1.5 -0.6 46.88 ? 54.69 khz 14 - 16 1.1 0.9 0.4 0.3 -2.3 -1.7 -1.4 -0.5 54.69 ? 62.50 khz 16 ? 20 1.4 1.2 0.6 0.5 -3.0 -2.2 -1.9 -0.7 31.25 ? 39.06 khz 20 - 24 1.3 1.1 0.5 0.4 -2.7 -1.9 -1.7 -0.6 39.06 ? 46.88 khz 24 ? 28 1.2 0.9 0.5 0.4 -2.5 -1.8 -1.5 -0.6 46.88 ? 54.69 khz 28 - 32 1.1 0.9 0.4 0.3 -2.3 -1.7 -1.4 -0.5 54.69 ? 62.50 khz 32 ? 40 1.4 1.2 0.6 0.5 -3.0 -2.2 -1.9 -0.7 31.25 ? 39.06 khz 40 - 48 1.3 1.1 0.5 0.4 -2.7 -1.9 -1.7 -0.6 39.06 ? 46.88 khz 48 ? 56 1.2 0.9 0.5 0.4 -2.5 -1.8 -1.5 -0.6 46.88 ? 54.69 khz 56 - 64 1.1 0.9 0.4 0.3 -2.3 -1.7 -1.4 -0.5 54.69 ? 62.50 khz 64 - 80 1.4 1.2 0.6 0.5 -3.0 -2.2 -1.9 -0.7 31.25 ? 39.06 khz 80 - 96 1.3 1.1 0.5 0.4 -2.7 -1.9 -1.7 -0.6 39.06 ? 46.88 khz 96 - 112 1.2 0.9 0.5 0.4 -2.5 -1.8 -1.5 -0.6 46.88 ? 54.69 khz 112 - 128 1.1 0.9 0.4 0.3 -2.3 -1.7 -1.4 -0.5 54.69 ? 62.50 khz standard electrical specifications parameter assm assml conditions frequency range (fo) 4.000 mhz ? 128.000 mhz operating temperature (topr) -40 c to +85 c (see ordering options) storage temperature (tsto) - 65 c to +150 c frequency stability vs. temp (df/fo) 100 ppm max. (see ordering options) operating supply voltage (vdc) 5.0 vdc 3.3 vdc +/-5 % operating input current (idd) 30 ma max duty cycle 45/55 % max rise time 5.0 ns. 3.5 ns. 15 pf fall time 5.0 ns. 3.5 ns. 15 pf output voltage (voh/vol) 3.0vdc min. / 0.4 vdc max. +25 c start-up time 10 ms max. 3 ms typ. aging +/- 5ppm max. /year jitter (ccj1) 625 ps typical f = 4 mhz jitter (ccj2) 225 ps typical f = 8 mhz jitter (ccj3) 125 ps typical f = 32 mhz jitter (ccj4) 135 ps typical f = 64 mhz jitter (ccj5) 180 ps typical f = 128 mhz output load 10-lsttl or 15 pf bandwidth accuracy +/- 10% 5.0vdc or 3.3vdc ? 10 x 14mm smd ? hcmos/ ttl low emi spread spectrum crystal clock oscillators assm and assml 29 journey ? aliso viejo, ca 92656 ? usa (949) 448-7070 ? f ax : (949) 448-8484 e- mail : abinfo @ abracon.com ? i nternet a ddress : www.abracon.com abracon is iso 9001 / qs 9000 certified note: left blank if standard ? all specifications and markings subject to change without notice 05/2003 abracon ? corporation table 2 table 3 standard electrical specifications factory bandwidth selection freq. (mhz) center spread (%) down spread (%) modulation rate (khz) order option c1 c2 c3 c4 d1 d2 d3 d4 4 ? 5 1.4 1.2 0.6 0.5 -3.0 -2.2 -1.9 -0.7 31.25 ? 39.06 khz 5 - 6 1.3 1.1 0.5 0.4 -2.7 -1.9 -1.7 -0.6 39.06 ? 46.88 khz 6 - 7 1.2 0.9 0.5 0.4 -2.5 -1.8 -1.5 -0.6 46.88 ? 54.69 khz 7 - 8 1.1 0.9 0.4 0.3 -2.3 -1.7 -1.4 -0.5 54.69 ? 62.50 khz 8 ? 10 1.4 1.2 0.6 0.5 -3.0 -2.2 -1.9 -0.7 31.25 ? 39.06 khz 10 - 12 1.3 1.1 0.5 0.4 -2.7 -1.9 -1.7 -0.6 39.06 ? 46.88 khz 12 ? 14 1.2 0.9 0.5 0.4 -2.5 -1.8 -1.5 -0.6 46.88 ? 54.69 khz 14 - 16 1.1 0.9 0.4 0.3 -2.3 -1.7 -1.4 -0.5 54.69 ? 62.50 khz 16 ? 20 1.4 1.2 0.6 0.5 -3.0 -2.2 -1.9 -0.7 31.25 ? 39.06 khz 20 - 24 1.3 1.1 0.5 0.4 -2.7 -1.9 -1.7 -0.6 39.06 ? 46.88 khz 24 ? 28 1.2 0.9 0.5 0.4 -2.5 -1.8 -1.5 -0.6 46.88 ? 54.69 khz 28 - 32 1.1 0.9 0.4 0.3 -2.3 -1.7 -1.4 -0.5 54.69 ? 62.50 khz 32 ? 40 1.4 1.2 0.6 0.5 -3.0 -2.2 -1.9 -0.7 31.25 ? 39.06 khz 40 - 48 1.3 1.1 0.5 0.4 -2.7 -1.9 -1.7 -0.6 39.06 ? 46.88 khz 48 ? 56 1.2 0.9 0.5 0.4 -2.5 -1.8 -1.5 -0.6 46.88 ? 54.69 khz 56 - 64 1.1 0.9 0.4 0.3 -2.3 -1.7 -1.4 -0.5 54.69 ? 62.50 khz 64 - 80 1.4 1.2 0.6 0.5 -3.0 -2.2 -1.9 -0.7 31.25 ? 39.06 khz 80 - 96 1.3 1.1 0.5 0.4 -2.7 -1.9 -1.7 -0.6 39.06 ? 46.88 khz 96 - 112 1.2 0.9 0.5 0.4 -2.5 -1.8 -1.5 -0.6 46.88 ? 54.69 khz 112 - 128 1.1 0.9 0.4 0.3 -2.3 -1.7 -1.4 -0.5 54.69 ? 62.50 khz factory bandwidth selection 21
5.0vdc or 3.3vdc ? 10 x 14mm smd ? hcmos/ ttl low emi spread spectrum crystal clock oscillators assm and assml 29 journey ? aliso viejo, ca 92656 ? usa (949) 448-7070 ? f ax : (949) 448-8484 e- mail : abinfo @ abracon.com ? i nternet a ddress : www.abracon.com abracon is iso 9001 / qs 9000 certified note: left blank if standard ? all specifications and markings subject to change without notice rev. 2.4 05/2003 abracon ? corporation assm(l) - frequency - tempera ture - freq. st ability - bandwidth - p ackaging fo in mhz as; xxx.xxxx operating voltage assml = 3.3 5% vdc assm = 5.0 5% vdc -e for -20c to 70c -f for -30c to 70c -n for -30c to 85c -l for -40c to 85c -t for tape and reel -cx = center spread -dx = down spread (see table 3 for selection) -r for 25 ppm max -k for 30 ppm max -h for 35 ppm max -c for 50 ppm max example: assm-48.0000-e-c-c1-t would be the part number for a 48.0000mhz, 1.2% center spread with a +/-50 ppm center frequency accuracy ordering options 22


▲Up To Search▲   

 
Price & Availability of ASSM-FREQ14-E-C-C3-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X