Part Number Hot Search : 
SZN6355 D8087 TF541M 00221 MP600 2SC4553 00C562 TLM825SA
Product Description
Full Text Search
 

To Download ASE6-1431818MHZ-I-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  | | | | | | | | | | | | | | | ase6 series ? ccd clo c k f or vtr came r a ? computer peripherals ? digital camera, mp3 player ? mobile communications ? pda ? 3.2 x 2.5 x 0.9mm miniature package ? l o w current consumption ? 10ua standby current ? low current consumption 1.0ma typ for 20mhz ? ir reflow capable ? tight stability option pb rohs compliant 1.0vdc low voltage cmos output 3.2 x 2.5mm smd crystal clock oscillator applications: features: standard specifications: options & part identification: (left blank if standard) 3033 2 e s p e ranza , r an c ho s an t a mar g ar it a , ca lif o r n i a 9268 8 tel 949-546-8000 | f ax 949-546-800 1 | ww w . abra c on .c o m revised: 09.22.10 visit www.abracon.com for terms & conditions of sale 3.2 x 2.5 x 0.9 mm parameter s minimum t y pical maximum units notes frequency range 1 ----- 50 mhz standard frequencies: 25.00 0 mh z operating temperature: -10 ----- +70 c see options storage temperature: -55 ----- +155 c overall fre q uency stability: -100 ----- +100 ppm see options supply voltage (vdd): +0.95 1.00 +1.05 v ----- 1 . 0 1 . 5 ma 1 . 00 ? 20 . 0 0 mhz ----- 1.5 2.0 ma 20.01 ? 40. 0 0mhz input current: ----- 2.0 2.5 ma 40.01 ? 50. 0 0mhz s y mmet r y: 45 ----- 55 % @ 1 / 2 v dd rise and f all t ime ( t r /tf ) : ----- 1 . 3 3 . 0 ns output load: 15 pf cmos output voltage (voh): 0.9* vdd ----- ----- v output voltage (vol): ----- ----- 0.1* vdd v start-up time: ----- 1 . 0 2.0 ms rms jitter: ----- 3 . 3 5. 0 p s t ri-s t a t e f u n c t ion (s t an d -by) : "1" (vih 0.7*vdd) or open: oscillat i on; "0" (vih<0. 3 *vdd) : hi z di s able curren t: 10 a ase6 - mhz - - - o p er at i ng t e mp. i : 0c ~ + 5 0c d : - 1 0 c ~ + 6 0 c e : - 2 0 c ~ + 7 0 c f: - 3 0c ~ + 7 0c n : - 3 0 c ~ + 8 5 c l : - 4 0 c ~ + 8 5 c o v er a ll freq. stability j( * ) : 2 0 p p m r: 2 5 p p m k : 3 0 p p m h : 3 5 p p m b: 4 0 p p m c: 5 0 p p m frequen c y i n mh z please spec i fy the fr e qu e nc y i n m h z . e . g . 1 4 .3 1 818m h z p a c ka g i ng bla n k : b u l k t: tap e & reel * t e m p . op ti on i , d ,e a nd - 1 0 c ~ +7 0 c onl y please contact ab r acon f o r wider te m p . r a nge. ce r tified abracon is ce r tified abracon is iso9001:2008 ce r tified
| | | | | | | | | | | | | | | pb rohs compliant 30332 esperanza, rancho santa margarita, california 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com revised: 09.22.10 visit www.abracon.com for terms & conditions of sale tape & reel: 1,000 pcs/reel outline drawing: note: recommend using an approximately 0.01uf bypass capacitor between pin 2 and 4. pin 1 2 3 4 vdd function tri-state gnd/case output dimension: mm 3.2 x 2.5 x 0.9 mm note: the outline package configuration varies with frequency range. electrical properties, pin configuration, and land pattern are the same. dimension : inches (mm) reflow profile: ase6 series 1.0vdc low voltage cmos output 3.2 x 2.5mm smd crystal clock oscillator certified abracon is certified abracon is iso9001:2008 certified attention: abracon corporation?s products are cots ? commercial-off-the-shelf products; suitable for commercial, industrial and, where designated, automo- tive applications. abracon?s products are not specifically designed for military, aviation, aerospace, life-dependant medical applications or any application requir- ing high reliability where component failure could result in loss of life and/or property. for applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from abracon corporation is required. please contact abracon corporation for more information. 1000pcs/reel


▲Up To Search▲   

 
Price & Availability of ASE6-1431818MHZ-I-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X