Part Number Hot Search : 
SFZT92 9918H B9201 00N6T GKCD34P9 CMW01Y CY2280 330M63V
Product Description
Full Text Search
 

To Download AME8815AECT250Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ame 1 ame8815 1.5a cmos ldo rev. s.07 n typical application n functional block diagram l very low dropout voltage l guaranteed 1.5a output l accurate to within 1.5% l 45 m a quiescent current typically l over-temperature shutdown l current limiting l short circuit current fold-back l low temperature coefficient the ame8815 family of linear regulators feature low quiescent current (45 m a typ.) with low dropout voltage, making them ideal for battery applications. it is available in to-252, sot-223, to-263 and to-220 packages. output voltages are set at the factory and trimmed to 1.5% accuracy. these rugged devices have both thermal shutdown, and current fold-back to prevent device failure under the "worst" operating conditions. the ame8815 is stable with an output capacitance of 4.7 m f or greater. l instrumentation l portable electronics l wireless devices l pc peripherals l battery powered widgets n general description n features n applications l all ame ? s lead free products meet rohs standards overcurrent shutdown thermal shutdown amp gnd v out v in r1 r2 4.7 m f ame8815 v out v in c2 c1 1 m f in gnd out
ame 2 1.5a cmos ldo ame8815 rev. s.07 n pin configuration ame8815aegtxxx 1. in 2. gnd(tab) 3. out * die attach: conductive epoxy sot-223 top view sot-223 top view ame8815begtxxx 1. gnd 2. out (tab) 3. in * die attach: non-conductive epoxy to-252-2 top view to-252-2 top view ame8815aecsxxx 1. in 2. gnd(tab) 3. out * die attach: conductive epoxy ame8815becsxxx 1. gnd 2. out(tab) 3. in * die attach: non-conductive epoxy to-220-3 top view to-220-3 top view ame8815aebtxxx 1. in 2. gnd(tab) 3. out * die attach: conductive epoxy ame8815bebtxxx 1. gnd 2. out(tab) 3. in * die attach: non-conductive epoxy 1 3 2 ame 8815 1 3 2 ame 8815 1 3 2 ame 8815 1 3 2 ame 8815 amexxxx 1 ame 8815 2 3 amexxxx 1 ame 8815 2 3
ame 3 ame8815 1.5a cmos ldo rev. s.07 n pin configuration to-263-3 top view ame8815aedtxxx 1. in 2. gnd(tab) 3. out to-263-3 top view ame8815bedtxxx 1. gnd 2. out(tab) 3. in to-263-2 top view to-263-2 top view ame8815aedsxxx 1. in 2. gnd(tab) 3. out ame8815bedsxxx 1. gnd 2. out(tab) 3. in * die attach: conductive epoxy * die attach: non-conductive epoxy * die attach: non-conductive epoxy * die attach: conductive epoxy n pin description pin name pin description in input voltage pin. it should be decoupled with 1 m f or greater capacitor. gnd ground connection pin. out ldo voltage regulator output pin. it should be decoupled with a 4.7 f or greater value low esr ceramic capacitor. 1 3 2 ame 8815 1 3 2 ame 8815 1 3 2 ame 8815 1 3 2 ame 8815
ame 4 1.5a cmos ldo ame8815 rev. s.07 n ordering information operating ambient temperature range number of pins package type pin configuration special feature ame8815 x x x x xxx x output voltage a: 1. in e: -40 o c to +85 o c b: to-220 s: 2 120: v=1.2v z: lead free (to-220-3) 2. gnd c: to-252 t: 3 150: v=1.5v (to-252-2) 3. out d: to-263 180: v=1.8v (to-263-2) g: sot-223 190: v=1.9v (to-263-3) 250: v=2.5v (sot-223) 310: v=3.1v b: 1. gnd 330: v=3.3v (to-220-3) 2. out 390: v=3.9v (to-252-2) 3. in 475: v=4.75v (to-263-2) 500: v=5.0v (to-263-3) (sot-223) special feature pin configuration output voltage operating ambient temperature range package type number of pins
ame 5 ame8815 1.5a cmos ldo rev. s.07 n ordering information note: yyww & yww represents the date code * a line on top of the first letter represents lead free plating such as ame8815 please consult ame sales office or authorized rep./distributor for the availability of output voltage and package type. part number marking* output voltage package operating ambient temperature range ame8815aebt150 ame8815 aebt150 yyww 1.50 to-220 - 40 o c to +85 o c ame8815aebt150z ame8815 aebt150 yyww 1.50 to-220 - 40 o c to +85 o c ame8815aebt180 ame8815 aebt180 yyww 1.80 to-220 - 40 o c to +85 o c ame8815aebt180z ame8815 aebt180 yyww 1.80 to-220 - 40 o c to +85 o c ame8815aebt190 ame8815 aebt190 yyww 1.90 to-220 - 40 o c to +85 o c ame8815aebt190z ame8815 aebt190 yyww 1.90 to-220 - 40 o c to +85 o c ame8815aebt250 ame8815 aebt250 yyww 2.50 to-220 - 40 o c to +85 o c ame8815aebt250z ame8815 aebt250 yyww 2.50 to-220 - 40 o c to +85 o c ame8815aebt330 ame8815 aebt330 yyww 3.30 to-220 - 40 o c to +85 o c ame8815aebt330z ame8815 aebt330 yyww 3.30 to-220 - 40 o c to +85 o c
ame 6 1.5a cmos ldo ame8815 rev. s.07 n ordering information (contd.) part number marking* output voltage package operating ambient temperature range ame8815aebt475 ame8815 aebt475 yyww 4.75 to-220 - 40 o c to +85 o c ame8815aebt475z ame8815 aebt475 yyww 4.75 to-220 - 40 o c to +85 o c ame8815aebt500 ame8815 aebt500 yyww 5.00 to-220 - 40 o c to +85 o c ame8815aebt500z ame8815 aebt500 yyww 5.00 to-220 - 40 o c to +85 o c ame8815aecs150 ame8815 aecs150 yyww 1.50 to-252 -2 - 40 o c to +85 o c ame8815aecs150z ame8815 aecs150 yyww 1.50 to-252 -2 - 40 o c to +85 o c ame8815aecs180 ame8815 aecs180 yyww 1.80 to-252 -2 - 40 o c to +85 o c ame8815aecs180z ame8815 aecs180 yyww 1.80 to-252 -2 - 40 o c to +85 o c ame8815aecs190 ame8815 aecs190 yyww 1.90 to-252 -2 - 40 o c to +85 o c ame8815aecs190z ame8815 aecs190 yyww 1.90 to-252 -2 - 40 o c to +85 o c ame8815aecs250 ame8815 aecs250 yyww 2.50 to-252 -2 - 40 o c to +85 o c ame8815aecs250z ame8815 aecs250 yyww 2.50 to-252 -2 - 40 o c to +85 o c ame8815aecs330 ame8815 aecs330 yyww 3.30 to-252 -2 - 40 o c to +85 o c
ame 7 ame8815 1.5a cmos ldo rev. s.07 n ordering information (contd.) part number marking* output voltage package operating ambient temperature range ame8815aecs330z ame8815 aecs330 yyww 3.30 to-252 -2 - 40 o c to +85 o c ame8815aecs475 ame8815 aecs475 yyww 4.75 to-252 -2 - 40 o c to +85 o c ame8815aecs475z ame8815 aecs475 yyww 4.75 to-252 -2 - 40 o c to +85 o c ame8815aecs500 ame8815 aecs500 yyww 5.00 to-252 -2 - 40 o c to +85 o c ame8815aecs500z ame8815 aecs500 yyww 5.00 to-252 -2 - 40 o c to +85 o c ame8815aeds150 ame8815 aeds150 yyww 1.50 to-263-2 - 40 o c to +85 o c ame8815aeds150z ame8815 aeds150 yyww 1.50 to-263-2 - 40 o c to +85 o c ame8815aeds180 ame8815 aeds180 yyww 1.80 to-263-2 - 40 o c to +85 o c ame8815aeds180z ame8815 aeds180 yyww 1.80 to-263-2 - 40 o c to +85 o c ame8815aeds190 ame8815 aeds190 yyww 1.90 to-263-2 - 40 o c to +85 o c ame8815aeds190z ame8815 aeds190 yyww 1.90 to-263-2 - 40 o c to +85 o c ame8815aeds250 ame8815 aeds250 yyww 2.50 to-263-2 - 40 o c to +85 o c ame8815aeds250z ame8815 aeds250 yyww 2.50 to-263-2 - 40 o c to +85 o c
ame 8 1.5a cmos ldo ame8815 rev. s.07 n ordering information (contd.) part number marking* output voltage package operating ambient temperature range ame8815aeds330 ame8815 aeds330 yyww 3.30 to-263-2 - 40 o c to +85 o c ame8815aeds330z ame8815 aeds330 yyww 3.30 to-263-2 - 40 o c to +85 o c ame8815aeds475 ame8815 aeds475 yyww 4.75 to-263-2 - 40 o c to +85 o c ame8815aeds475z ame8815 aeds475 yyww 4.75 to-263-2 - 40 o c to +85 o c ame8815aeds500 ame8815 aeds500 yyww 5.00 to-263-2 - 40 o c to +85 o c ame8815aeds500z ame8815 aeds500 yyww 5.00 to-263-2 - 40 o c to +85 o c ame8815aedt150 ame8815 aedt150 yyww 1.50 to-263-3 - 40 o c to +85 o c ame8815aedt150z ame8815 aedt150 yyww 1.50 to-263-3 - 40 o c to +85 o c ame8815aedt180 ame8815 aedt180 yyww 1.80 to-263-3 - 40 o c to +85 o c ame8815aedt180z ame8815 aedt180 yyww 1.80 to-263-3 - 40 o c to +85 o c ame8815aedt190 ame8815 aedt190 yyww 1.90 to-263-3 - 40 o c to +85 o c ame8815aedt190z ame8815 aedt190 yyww 1.90 to-263-3 - 40 o c to +85 o c ame8815aedt250 ame8815 aedt250 yyww 2.50 to-263-3 - 40 o c to +85 o c
ame 9 ame8815 1.5a cmos ldo rev. s.07 n ordering information (contd.) part number marking* output voltage package operating ambient temperature range ame8815aedt250z ame8815 aedt250 yyww 2.50 to-263-3 - 40 o c to +85 o c ame8815aedt330 ame8815 aedt330 yyww 3.30 to-263-3 - 40 o c to +85 o c ame8815aedt330z ame8815 aedt330 yyww 3.30 to-263-3 - 40 o c to +85 o c ame8815aedt475 ame8815 aedt475 yyww 4.75 to-263-3 - 40 o c to +85 o c ame8815aedt475z ame8815 aedt475 yyww 4.75 to-263-3 - 40 o c to +85 o c ame8815aedt500 ame8815 aedt500 yyww 5.00 to-263-3 - 40 o c to +85 o c ame8815aedt500z ame8815 aedt500 yyww 5.00 to-263-3 - 40 o c to +85 o c ame8815bebt150 ame8815 bebt150 yyww 1.50 to-220 - 40 o c to +85 o c ame8815bebt150z ame8815 bebt150 yyww 1.50 to-220 - 40 o c to +85 o c ame8815bebt180 ame8815 bebt180 yyww 1.80 to-220 - 40 o c to +85 o c ame8815bebt180z ame8815 bebt180 yyww 1.80 to-220 - 40 o c to +85 o c ame8815bebt190 ame8815 bebt190 yyww 1.90 to-220 - 40 o c to +85 o c ame8815bebt190z ame8815 bebt190 yyww 1.90 to-220 - 40 o c to +85 o c
ame 10 1.5a cmos ldo ame8815 rev. s.07 n ordering information (contd.) part number marking* output voltage package operating ambient temperature range ame8815bebt250 ame8815 bebt250 yyww 2.50 to-220 - 40 o c to +85 o c ame8815bebt250z ame8815 bebt250 yyww 2.50 to-220 - 40 o c to +85 o c ame8815bebt330 ame8815 bebt330 yyww 3.30 to-220 - 40 o c to +85 o c ame8815bebt330z ame8815 bebt330 yyww 3.30 to-220 - 40 o c to +85 o c ame8815bebt475 ame8815 bebt475 yyww 4.75 to-220 - 40 o c to +85 o c ame8815bebt475z ame8815 bebt475 yyww 4.75 to-220 - 40 o c to +85 o c ame8815bebt500 ame8815 bebt500 yyww 5.00 to-220 - 40 o c to +85 o c ame8815bebt500z ame8815 bebt500 yyww 5.00 to-220 - 40 o c to +85 o c ame8815becs150 ame8815 becs150 yyww 1.50 to-252 -2 - 40 o c to +85 o c ame8815becs150z ame8815 becs150 yyww 1.50 to-252 -2 - 40 o c to +85 o c ame8815becs180 ame8815 becs180 yyww 1.80 to-252 -2 - 40 o c to +85 o c ame8815becs180z ame8815 becs180 yyww 1.80 to-252 -2 - 40 o c to +85 o c ame8815becs190 ame8815 becs190 yyww 1.90 to-252 -2 - 40 o c to +85 o c
ame 11 ame8815 1.5a cmos ldo rev. s.07 n ordering information (contd.) part number marking* output voltage package operating ambient temperature range ame8815becs190z ame8815 becs190 yyww 1.90 to-252 -2 - 40 o c to +85 o c ame8815becs250 ame8815 becs250 yyww 2.50 to-252 -2 - 40 o c to +85 o c ame8815becs250z ame8815 becs250 yyww 2.50 to-252 -2 - 40 o c to +85 o c ame8815becs330 ame8815 becs330 yyww 3.30 to-252 -2 - 40 o c to +85 o c ame8815becs330z ame8815 becs330 yyww 3.30 to-252 -2 - 40 o c to +85 o c ame8815becs475 ame8815 becs475 yyww 4.75 to-252 -2 - 40 o c to +85 o c ame8815becs475z ame8815 becs475 yyww 4.75 to-252 -2 - 40 o c to +85 o c ame8815becs500 ame8815 becs500 yyww 5.00 to-252 -2 - 40 o c to +85 o c ame8815becs500z ame8815 becs500 yyww 5.00 to-252 -2 - 40 o c to +85 o c ame8815beds150 ame8815 beds150 yyww 1.50 to-263-2 - 40 o c to +85 o c ame8815beds150z ame8815 beds150 yyww 1.50 to-263-2 - 40 o c to +85 o c ame8815beds180 ame8815 beds180 yyww 1.80 to-263-2 - 40 o c to +85 o c ame8815beds180z ame8815 beds180 yyww 1.80 to-263-2 - 40 o c to +85 o c
ame 12 1.5a cmos ldo ame8815 rev. s.07 n ordering information (contd.) part number marking* output voltage package operating ambient temperature range ame8815beds190 ame8815 beds190 yyww 1.90 to-263-2 - 40 o c to +85 o c ame8815beds190z ame8815 beds190 yyww 1.90 to-263-2 - 40 o c to +85 o c ame8815beds250 ame8815 beds250 yyww 2.50 to-263-2 - 40 o c to +85 o c ame8815beds250z ame8815 beds250 yyww 2.50 to-263-2 - 40 o c to +85 o c ame8815beds330 ame8815 beds330 yyww 3.30 to-263-2 - 40 o c to +85 o c ame8815beds330z ame8815 beds330 yyww 3.30 to-263-2 - 40 o c to +85 o c ame8815beds475 ame8815 beds475 yyww 4.75 to-263-2 - 40 o c to +85 o c ame8815beds475z ame8815 beds475 yyww 4.75 to-263-2 - 40 o c to +85 o c ame8815beds500 ame8815 beds500 yyww 5.00 to-263-2 - 40 o c to +85 o c ame8815beds500z ame8815 beds500 yyww 5.00 to-263-2 - 40 o c to +85 o c ame8815bedt150 ame8815 bedt150 yyww 1.50 to-263-3 - 40 o c to +85 o c ame8815bedt150z ame8815 bedt150 yyww 1.50 to-263-3 - 40 o c to +85 o c
ame 13 ame8815 1.5a cmos ldo rev. s.07 n ordering information (contd.) part number marking* output voltage package operating ambient temperature range ame8815bedt180 ame8815 bedt180 yyww 1.80 to-263-3 - 40 o c to +85 o c ame8815bedt180z ame8815 bedt180 yyww 1.80 to-263-3 - 40 o c to +85 o c ame8815bedt190 ame8815 bedt190 yyww 1.90 to-263-3 - 40 o c to +85 o c ame8815bedt190z ame8815 bedt190 yyww 1.90 to-263-3 - 40 o c to +85 o c ame8815bedt250 ame8815 bedt250 yyww 2.50 to-263-3 - 40 o c to +85 o c ame8815bedt250z ame8815 bedt250 yyww 2.50 to-263-3 - 40 o c to +85 o c ame8815bedt330 ame8815 bedt330 yyww 3.30 to-263-3 - 40 o c to +85 o c ame8815bedt330z ame8815 bedt330 yyww 3.30 to-263-3 - 40 o c to +85 o c ame8815bedt475 ame8815 bedt475 yyww 4.75 to-263-3 - 40 o c to +85 o c ame8815bedt475z ame8815 bedt475 yyww 4.75 to-263-3 - 40 o c to +85 o c ame8815bedt500 ame8815 bedt500 yyww 5.00 to-263-3 - 40 o c to +85 o c ame8815bedt500z ame8815 bedt500 yyww 5.00 to-263-3 - 40 o c to +85 o c ame8815aegt150 aspyww 1.50 sot-223 - 40 o c to +85 o c ame8815aegt150z aspyww 1.50 sot-223 - 40 o c to +85 o c ame8815aegt180 aquyww 1.80 sot-223 - 40 o c to +85 o c
ame 14 1.5a cmos ldo ame8815 rev. s.07 n ordering information (contd.) part number marking* output voltage package operating ambient temperature range ame8815aegt180z aquyww 1.80 sot-223 - 40 o c to +85 o c ame8815aegt190 bayyww 1.90 sot-223 - 40 o c to +85 o c ame8815aegt190z bayyww 1.90 sot-223 - 40 o c to +85 o c ame8815aegt250 apryww 2.50 sot-223 - 40 o c to +85 o c ame8815aegt250z apryww 2.50 sot-223 - 40 o c to +85 o c ame8815aegt330 akcyww 3.30 sot-223 - 40 o c to +85 o c ame8815aegt330z akcyww 3.30 sot-223 - 40 o c to +85 o c ame8815aegt475 aqryww 4.75 sot-223 - 40 o c to +85 o c ame8815aegt475z aqryww 4.75 sot-223 - 40 o c to +85 o c ame8815aegt500 aqsyww 5.00 sot-223 - 40 o c to +85 o c ame8815aegt500z aqsyww 5.00 sot-223 - 40 o c to +85 o c ame8815begt150 ajyyww 1.50 sot-223 - 40 o c to +85 o c ame8815begt150z ajyyww 1.50 sot-223 - 40 o c to +85 o c ame8815begt180 ajzyww 1.80 sot-223 - 40 o c to +85 o c ame8815begt180z ajzyww 1.80 sot-223 - 40 o c to +85 o c ame8815begt250 akbyww 2.50 sot-223 - 40 o c to +85 o c ame8815begt250z akbyww 2.50 sot-223 - 40 o c to +85 o c ame8815begt330 akdyww 3.30 sot-223 - 40 o c to +85 o c ame8815begt330z akdyww 3.30 sot-223 - 40 o c to +85 o c ame8815begt390 a qq yww 3.90 sot-223 - 40 o c to +85 o c ame8815begt390z a qq yww 3.90 sot-223 - 40 o c to +85 o c ame8815begt475 amnyww 4.75 sot-223 - 40 o c to +85 o c ame8815begt475z amnyww 4.75 sot-223 - 40 o c to +85 o c ame8815begt500 aqtyww 5.00 sot-223 - 40 o c to +85 o c ame8815begt500z aqtyww 5.00 sot-223 - 40 o c to +85 o c ame8815begt190z cagyww 1.90 sot-223 - 40 o c to +85 o c
ame 15 ame8815 1.5a cmos ldo rev. s.07 n absolute maximum ratings n recommended operating conditions caution: stress above the listed absolute maximum rating may cause permanent damage to the device. * hbm b:2000v~3999v parameter symbol rating unit ambient temperature range t a - 40 to +85 o c junction temperature range t j - 40 to +125 o c storage temperature range t stg - 65 to +150 o c parameter maximum unit input voltage -0.3 to +8 v output current p d / (v in - v o ) ma output voltage gnd - 0.3 to v in + 0.3 v esd classification b*
ame 16 1.5a cmos ldo ame8815 rev. s.07 n thermal information (contd.) * measure q jc on backside center of tab. parameter package die attach symbol maximum unit conductive epoxy 25 non-conductive epoxy 31 conductive epoxy 5 non-conductive epoxy 30 conductive epoxy 6 non-conductive epoxy 24 conductive epoxy 5 non-conductive epoxy 27 conductive epoxy 5 non-conductive epoxy 27 conductive epoxy 120 non-conductive epoxy 135 conductive epoxy 90 non-conductive epoxy 140 conductive epoxy 55 non-conductive epoxy 80 conductive epoxy 80 non-conductive epoxy 100 conductive epoxy 80 non-conductive epoxy 100 to-263-3 thermal resistance (junction to case) *sot-223 q jc o c / w *to-252-2 thermal resistance (junction to ambient) q ja to-252-2 to-220-3 to-263-2 *to-220-3 sot-223 *to-263-3 *to-263-2
ame 17 ame8815 1.5a cmos ldo rev. s.07 n thermal information (contd.) ** mil-std-202g 210f parameter package die attach symbol maximum unit conductive epoxy 900 non-conductive epoxy 800 conductive epoxy 1200 non-conductive epoxy 1000 conductive epoxy 2200 non-conductive epoxy 1600 conductive epoxy 1700 non-conductive epoxy 1400 conductive epoxy 1700 non-conductive epoxy 1400 150 350 maximum junction temperature o c solder iron (10 sec)** mw to-252-2 to-220-3 to-263-2 to-263-3 internal power dissipation sot-223 p d
ame 18 1.5a cmos ldo ame8815 rev. s.07 n electrical specifications v in = v o(nom) +2v, t a = 25 o c unless otherwise noted note1:v in(min) =v out +v dropout parameter symbol min typ max units input voltage v in note 1 7 v output voltage accuracy v o -1.5 1.5 % 1.4v v o >= 2.0v -0.1 0.02 0.1 % 4.0v <= v o -0.4 0.4 % load regulation reg load -1 0.2 1 % over temperature shutdown ots 150 o c over temperature hysterisis oth 30 o c v o temperature coefficient tc 30 ppm/ o c f=100hz 70 f=1khz 50 f=10khz 20 m vrms dropout voltage v dropout db psrr i o =1ma to 1500ma line regulation reg line i o =1ma v in =v o +1 to v o +2 30 f=10hz to 100khz i o =10ma co=4.7 m f i o =1ma i o =1.5a v o =v o(nom) -2.0% mv v o >1.2v v o >1.2v v in = v o(nom) +1v, v o <0.4v see chart test condition i o =0ma i o =1ma to 1500ma i o =100ma c o =4.7 m f power supply rejection output voltage noise en v
ame 19 ame8815 1.5a cmos ldo rev. s.07 the ame8815 family of cmos regulators contain a pmos pass transistor, voltage reference, error amplifier, over-current protection, and thermal shutdown. the p-channel pass transistor receives data from the error amplifier, over-current shutdown, and thermal pro- tection circuits. during normal operation, the error ampli- fier compares the output voltage to a precision reference. over-current and thermal shutdown circuits become ac- tive when the junction temperature exceeds 150 o c, or the current exceeds 2.2a. during thermal shutdown, the output voltage remains low. normal operation is restored when the junction temperature drops below 120 o c. the ame8815 behaves like a current source when the load reaches 2.2a. however, if the load impedance drops below 0.3 ohms, the current drops back to 600ma to prevent excessive power dissipation. normal operation is restored when the load resistance exceeds 0.75 ohms. n detailed description n external capacitors the ame8815 is stable with an output capacitor to ground of 4.7 m f or greater. ceramic capacitors have the lowest esr, and will offer the best ac performance. con- versely, aluminum electrolytic capacitors exhibit the high- est esr, resulting in the poorest ac response. unfortu- nately, large value ceramic capacitors are comparatively expensive. one option is to parallel a 0.1 m f ceramic ca- pacitor with a 10 m f aluminum electrolytic. the benefit is low esr, high capacitance, and low overall cost. a second capacitor is recommended between the in- put and ground to stabilize vin. the input capacitor should be at least 0.1 m f to have a beneficial effect. all capacitors should be placed in close proximity to the pins. a "quiet" ground termination is desirable. this can be achieved with a "star" connection.
ame 20 1.5a cmos ldo ame8815 rev. s.07 dropout voltage vs. i load quiescent current vs. temperature ground current vs. v in v out vs. temperature(2.5v) ground current vs. load current dropout voltage vs. v out 2.475 2.480 2.485 2.490 2.495 2.500 -45 -5 25 55 85 115 o u t p u t v o l t a g e ( v ) temperature ( o c) g r o u n d c u r r e n t ( m a ) v in (v) 10 15 20 25 30 35 40 45 50 2 3 4 5 6 7 8 i out = 140ma v out = 1.5v d r o p o u t v o l t a g e ( v ) v out (v) 0 0.2 0.4 0.6 0.8 1 0 2 4 6 8 i load =1.5a i load =1.0a i load =0.5a d r o p o u t v o l t a g e ( v ) i load (a) 0 0.2 0.4 0.6 0.8 1 1.2 0 0.3 0.6 0.9 1.2 1.5 1.8 1.8 2.0 2.1 2.8 3.3 v out =1.5 temperature ( o c) q u i e s c e n t c u r r e n t @ 5 v ( u a ) 25 27 29 31 33 35 37 39 41 -45 -5 25 55 85 115 g r o u n d c u r r e n t ( m a ) load current (a) 34.5 35 35.5 36 36.5 37 37.5 38 38.5 0 0.25 0.5 0.75 1 1.25 1.5 v in = 2.5v v out = 1.5v
ame 21 ame8815 1.5a cmos ldo rev. s.07 load step 40ma to 1.5a dropout voltage vs. load current(2.5v) line transient response load regulation vs. temperature current limit response current limit vs. v in 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 3 2 3 4 5 6 7 8 c u r r e n t l i m i t ( a ) v in (v) c in = 4.7 m f c out = 4.7 m f v out = 1.8v i l o a d 1 a / d i v v o u t 1 v / d i v time 1ms/div i lim i sc 0a 0v v in = 5v c in = 4.7 m f c out = 4.7 m f v o u t 1 0 m v / d i v i l o a d 1 a / d i v time 500 m s/div 0a c in = 4.7 m f c out = 4.7 m f v in = 4.0v v out = 1.8v 0 50 100 150 200 250 300 350 400 0.3 0.6 0.9 1.2 1.5 115 o c 85 o c 55 o c 25 o c -5 o c -45 o c load current (a) d r o p o u t v o l t a g e @ 1 . 5 a ( m v ) l o a d r e g u l a t i o n ( % ) temperature ( o c) 0.00 0.05 0.10 0.15 0.20 0.25 0.30 -45 -5 25 55 85 115 (a) 500 m s/div 1ms/div v i n ( 2 v / d i v ) v o u t ( 5 0 m v / d i v ) time (20 m s/div) c in = 4.7 m f c out = 4.7 m f t r = t f = 1 m s v out = 1.5v 0v
ame 22 1.5a cmos ldo ame8815 rev. s.07 short circuit current vs. v in overtemperature shutdown stability vs. esr vs. i load stability vs. esr vs. i load stability vs. esr vs. i load 0.001 0.01 0.1 1 10 100 1000 10000 0 250 500 750 1000 1250 1500 stable region untested region unstable region c l =10 m f c l e s r ( w ) iload (ma) 0.01 0.1 1 10 100 1000 10000 0 250 500 750 1000 1250 1500 stable region untested region unstable region c l =2 m f c l e s r ( w ) iload (ma) c l e s r ( w ) iload (ma) 0.01 0.1 1 10 100 1000 10000 0 250 500 750 1000 1250 1500 stable region untested region unstable region c l =5 m f v o u t 1 v / d i v i o u t 1 a / d i v time 100ms/div 0v 0a v in = 4v c in = 4.7 m f c out = 4. 7 m f s h o r t c i r c u i t c u r r e n t ( a ) v in (v) 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 2 3 4 5 6 7 8 c in = 4.7 m f c out = 4.7 m f 100ms/div
ame 23 ame8815 1.5a cmos ldo rev. s.07 package carrier width (w) pitch (p) part per full reel reel size sot-223 12.00.1 mm 4.00.1 mm 2500pcs 3301 mm n tape and reel dimension carrier tape, number of components per reel and reel size sot-223 w p pin 1 ame ame package carrier width (w) pitch (p) part per full reel reel size to-252 16.00.1 mm 4.00.1 mm 2500pcs 3301 mm carrier tape, number of components per reel and reel size to-252-2 w p pin 1 ame ame
ame 24 1.5a cmos ldo ame8815 rev. s.07 package carrier width (w) pitch (p) part per full reel reel size to-263-3 24.00.1 mm 4.00.1 mm 800pcs 3301 mm package carrier width (w) pitch (p) part per full reel reel size to-263-2 24.00.1 mm 4.00.1 mm 800pcs 3301 mm w p pin 1 n tape and reel dimension carrier tape, number of components per reel and reel size to-263-3 ame ame to-263-2 carrier tape, number of components per reel and reel size w p pin 1 ame ame
ame 25 ame8815 1.5a cmos ldo rev. s.07 to-220-3 n package dimension sot-223 min max min max a 1 0.01 0.10 0.0004 0.0039 b 0.60 0.84 0.0236 0.0330 b 1 2.90 3.15 0.1140 0.1240 c 0.24 0.38 0.0094 0.0150 d 6.30 6.71 0.2480 0.2640 e 3.30 3.71 0.1299 0.1460 f 1.40 1.80 0.0551 0.0709 e h 6.70 7.30 0.2638 0.2874 q 0 o 10 o 0 o 10 o 2.30 bsc 0.0906 bsc millimeters inches symbols c 13 o ( 4 x ) top view side view c d b 1 h e e a 1 b 13 o ( 4 x ) front view f pin 1 bottom view side view top view g p k n o m d a p 1 c e i g 1 pin 1 min max min max a 5.58 7.49 0.2197 0.2949 c 2.03 4.83 0.0799 0.1902 d 0.50 1.40 0.0197 0.0551 e 0.30 1.15 0.0118 0.0453 g 9.65 10.67 0.3799 0.4201 i 3.53 4.09 0.1390 0.1610 k 0.50 1.15 0.0197 0.0453 m 1.14 1.78 0.0449 0.0701 n 2.28 2.80 0.0898 0.1102 o 12.70 14.74 0.5000 0.5803 p 14.22 16.51 0.5598 0.6500 p1 5.00 5.70 0.1969 0.2244 g1 7.30 8.05 0.2874 0.3169 symbols millimeters inches
ame 26 1.5a cmos ldo ame8815 rev. s.07 n package dimension to-263-3 to-263-2 *: typical value notes: 1. controlling dimension: millimeters. 2. maximum lead thickness includes lead finish thickness mini- mum lead thickness is the minimum thickness of base material. min max min max a 9.65 10.67 0.380 0.420 b 8.28 9.66 0.326 0.380 c 4.06 4.83 0.160 0.190 d 0.50 1.36 0.020 0.054 e 1.14 1.45 0.045 0.057 g h 14.60 15.875 0.5748 0.625 k 0.99 2.93 0.03898 0.11535 n p 2.28 2.80 0.08976 0.11024 r 0 o 8 o 0 o 8 o b1 5.00 5.70 0.197 0.224 a2 7.30 8.05 0.287 0.317 0.31 0.012 * 2.54 * 0.100 symbols millimeters inches min max min max a 9.65 10.42 0.380 0.410 b 8.28 9.66 0.326 0.380 c 4.06 4.83 0.160 0.190 d 0.50 1.36 0.020 0.054 e 1.14 1.45 0.045 0.057 g h 14.60 15.60 0.5748 0.61417 k 0.99 2.93 0.03898 0.11535 n p 2.28 2.80 0.08976 0.11024 r 0 o 8 o 0 o 8 o b2 6.30 8.20 0.248 0.323 a2 7.30 8.95 0.287 0.352 0.381 ref 0.015 ref * 2.54 * 0.100 symbols millimeters inches a b r h g k n e d p top view side view b 1 a 2 bottom view pin 1 c front view a b r h g k n e d c p top view side view b 2 a 2 bottom view front view pin 1
ame 27 ame8815 1.5a cmos ldo rev. s.07 n package dimension to-252-2 *: typical value notes: 1. controlling dimension: millimeters. 2. maximum lead thickness includes lead finish thickness mini- mum lead thickness is the minimum thickness of base material. e k l f g h j b a d c e 1 d 1 top view side view pin 1 min max min max a 0.43 0.58 0.0169 0.0230 b 1.60 1.95 0.0630 0.0768 c 0.51 1.78 0.0200 0.0701 d 0.43 0.60 0.0169 0.0236 e 6.35 6.80 0.2500 0.2677 f 5.36 7.20 0.2110 0.2835 g 2.20 3.00 0.0866 0.1181 h - * 2.30 - *0.0906 j - 0.97 - 0.0380 k 5.20 5.50 0.2047 0.2165 l d1 e1 3.81 5.10 0.1500 0.2008 symbols millimeters inches 3.80 ref 0.1496 ref 1.40 ref 0.0551 ref
life support policy: these products of ame, inc. are not authorized for use as critical components in life-support devices or systems, without the express written approval of the president of ame, inc. ame, inc. reserves the right to make changes in the circuitry and specifications of its devices and advises its customers to obtain the latest version of relevant information. ? ame, inc. , november 2009 document: 2013-ds8815-s.07 corporate headquarter ame, inc. 2f, 302 rui-guang road, nei-hu district taipei 114, taiwan. tel: 886 2 2627-8687 fax: 886 2 2659-2989 www.ame.com.tw e-mail: sales@ame.com.tw


▲Up To Search▲   

 
Price & Availability of AME8815AECT250Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X