Part Number Hot Search : 
TFS622 GRM033R MP018 2SK3046 SN74L SRF1015 EMICO 2SK3046
Product Description
Full Text Search
 

To Download 57-40140-HB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  call toll free: 1 (800) 323-9612 6-24 .085 in. (2.16mm) density miniature ribbon f eatures terminates discrete wire (loose or jacketed cable) with ultra-low-resistance solder connections. metal shell provides grounding and shielding capability. available in plug and socket styles in 14, 24, 36, and 50 position sizes. designed for panel mount, 180 (top-entry), or 90 (standard) / 270 (reverse) end-entry cable applications. all plugs lock with instalatch passive latch feature for automatic latching. industry-standard bail latch feature available for locking/unlocking without tools in applications such as scsi-1 and centronics. ul recognized - files e170218 (ul1977), e130965 (ul1863). csa approved - file lr31996-7 . solder cup metal shell m aterials insulator: blue ul94v-0 rated diallyl phthalate type mdg, per mil-m14f contact: copper alloy contact plating: select gold over 50in. select nickel standard; 30in. select gold over 50in. select nickel available where indicated shell: steel shell plating: zinc with clear chromate coating e nvironmental operating temperature: -40c to +105c shock: 50g peak, per eia std. rs364, tp27, condition a vibration: 3 cycles @ 10-55hz in each of 3 axes per eia std. 364, tp28, condition a moisture resistance: per eia std. rs364, tp31, condition b, with step 7b excluded e lectrical voltage rating: 500 vac @ sea level; 125 vac @ 70,000 ft. withstanding voltage: 1200 vac rms @ sea level, per eia std. rs364, tp20 contact rating: 5 amps (4 amps per csa) contact resistance: 6 milliohms maximum, per eia std. rs364, tp6 insulation resistance: 5000 megohms minimum initial; 1000 megohms minimum after moisture m echanical durability: 200 mating/unmating cycles mating / unmating forces: mating force (max.) unmating force (min.) size lb. kg lb. kg 14 5 2.27 2 0.91 24 8 3.63 4 1.81 36 12 5.44 6 2.72 50 15 6.80 7 3.18 termination: each contact accepts maximum 22 awg solid wire or maximum 24 awg stranded wire
6-25 call toll free: 1 (800) 323-9612 .085 in. (2.16mm) density miniature ribbon solder cup metal shell panel mount ?panel mount? products are connectors without hoods. they are typically used to provide signal i/o from a system panel or cabinet, where strain relief to a cable jacket is not required.  available with high barrier insulators that extend beyond the end of the solder cup, physically isolating adjacent contacts.  standard versions have .103" mounting holes (sockets have .103" with float bushings) for use with #3 hardware, or .185" mounting holes for use with #8 hardware.  select sizes are available with .120" mounting holes for use with #4 hardware, or with integral panel clips, which allow snap-in front mounting for more cost-effective assembly.  bail latching sockets are available, as are bail latching plugs. while the plugs would not be panel- mounted, they are available for premold/solder overmolding applications. see page 6-4 for recommended standard panel cutout dimensions. see page 6-51 for accessories such as mounting screws and dust covers, which make the use of cinch miniature ribbon connectors even more cost-effective in panel-mount applications. see the appropriate cable connector section that follows for products that include hoods for exposed-cable applications. dimensions ab c size in mm in mm in mm 14 1.750 44.45 1.417 35.99 0.910 23.11 24 2.175 55.25 1.842 46.79 1.335 33.91 36 2.685 68.20 2.352 59.74 1.845 46.86 50 3.260 82.80 2.947 74.85 2.440 61.98 b max. a max. a max. b max.
6-26 6 call toll free: 1 (800) 323-9612 .085 in. (2.16mm) density miniature ribbon solder cup metal shell ordering information, panel mount plug, instalatching no barrier high barrier mount size commercial 30au/ni commercial 30au/ni 14 57-10140 57-10140a 57-10140-6 57-10140-6a .103 hole 24 57-10240 57-10240a 57-10240-6 57-10240-6a 36 57-10360 57-10360a 57-10360-14 57-10360-14a 50 57-10500 57-10500a 57-10500-6 57-10500-6a 14 57-10140-185 57-10140-185a - - .185 hole 24 57-10240-4 57-10240-4a - - 36 57-10360-22 57-10360-22a - - 50 57-10500-48 57-10500-48a - - .120 hole 50 - - 57-10500-120 57-10500-120a integral panel clips*, .103 hole 50 - - 57-10500-41 57-10500-41a bail latching 36 - - 57-10360-28? 57-10360-28a? tin-plated shells 50 - - 57-10500-79 57-10500-79a ? ieee 1284-b (for foil wrap & overmold applications) socket no barrier high barrier latch mount size commercial 30au/ni commercial 30au/ni 14 57-20140 57-20140a 57-20140-6 57-20140-6a float mounts with 24 57-20240 57-20240a 57-20240-6 57-20240-6a .103 hole 36 57-20360 57-20360a 57-20360-10 57-20360-10a 50 57-20500 57-20500a 57-20500-6 57-20500-6a 14 57-20140-4 57-20140-4a - - .185 hole 24 57-20240-2 57-20240-2a - - 36 57-20360-3 57-20360-3a - - 50 57-20500-15 57-20500-15a - - .120 hole 50 - - 57-20500-120 57-20500-120a integral panel clips*, .103 hole 50 - - 57-20500-41 57-20500-41a 14 57-40140 57-40140a 57-40140-HB 57-40140-HBa .116 hole 24 57-40240 57-40240a 57-40240-hb 57-40240-hba 36 57-40360? 57-40360a? 57-40360-9? 57-40360-9a? 50 57-40500 57-40500a 57-40500-4 57-40500-4a .116 hole with tin-plated shell 50 57-40500-5 57-40500-5a 57-40500-28? 57-40500-28a? * integral panel clips, for front-mount only, require modified panel cutout. see page 6-52 for details. ? ieee 1284-b no latches bail latches through hole bail latches float mounts integral panel clips
6-27 6 call toll free: 1 (800) 323-9612 .085 in. (2.16mm) density miniature ribbon solder cup metal shell 180 (top-entry) cable top-entry products include a connector, hood, and associated hardware. they are typically used at the end of a cable, where it is subject to physical strain and protection of the termination area is required.  includes all hardware required to attach hood to connector.  bail latching sockets have latch hardware integral to connector body, making cable assembly less costly.  bail latching plugs include notches that lock with industry-standard bail-lock sockets. socket plug dimensions abcd e fg size in mm in mm in mm in mm in mm in mm in mm 14 1.417 35.99 1.750 44.45 .306 7.77 1.495 37.97 .843 21.41 .306 7.77 .422 10.72 24 1.842 46.79 2.175 55.25 .473 11.10 1.920 48.77 .825 20.96 .473 12.01 .473 12.01 36 2.352 59.74 2.685 68.20 .639 16.23 2.431 61.75 .905 22.99 .640 16.26 .473 12.01 50 2.947 74.85 3.270 83.06 .766 19.46 3.025 76.84 .995 25.27 .766 19.46 .473 12.01 ordering information, 180 (top-entry) cable plug, instalatching no barrier high barrier mount size commercial 30au/ni commercial 30au/ni 14 57-30140 57-30140a - - bail latching 24 57-30240 57-30240a - - 36 57-30360 57-30360a - - 50 57-30500 57-30500a 57-30500-3 57-30500-3a #4-40 holes for captive screw 50 57-30500-4 57-30500-4a - - socket no barrier high barrier mount size commercial 30au/ni commercial 30au/ni 14 57-60140 57-60140a - - with bail latches 24 57-60240 57-60240a - - 36 57-60360 57-60360a - - 50 57-60500 57-60500a - -
6-28 6 call toll free: 1 (800) 323-9612 .085 in. (2.16mm) density miniature ribbon solder cup metal shell 90 (standard) / 270 (reverse) end-entry cable end-entry connectors, available in 50 position size only, include a hood and integral cable clamp for cable exit from the end o f the connector  the standard-orientation plug has the cable clamp on the position 1/26 end, and the standard-orientation socket has the clamp on the position 25/50 end.  cables may be extended end-to-end (i.e., ?running cable?) by mating standard-orientation plugs and sockets, or ?doubled back? by mating a standard-orientation connector with a reverse-orientation mate.  cables may exit either direction on a cable-to-panel application by choosing standard- or reverse-orientation, depending on the desired direction of cable exit.  include screw that is 5/8" long, suitable for locking directly to the body of another connector. for locking to connectors panel-mounted with screw-lock hardware, shorter screws are required. see page 6-51 for these and other accessories, such as dust covers. running cable application double-back cable application ordering information, end-entry plug, instalatching (high barrier, with dust cover) standard (90) orientation reverse (270) orientation mount size commercial 30au/ni commercial 30au/ni high (standard) hood 50 57-10500-14 57-10500-14a 57-10500-270 57-10500-270a low-profile hood 50 57-10500-7 57-10500-7a 57-10500-271 57-10500-271a socket (high barrier, with dust cover) standard (90) orientation reverse (270) orientation mount size commercial 30au/ni commercial 30au/ni high (standard) hood 50 57-20500-7 57-20500-7a 57-20500-270 57-20500-270a low-profile hood 50 57-20500-19 57-20500-19a 57-20500-271 57-20500-271a


▲Up To Search▲   

 
Price & Availability of 57-40140-HB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X