Part Number Hot Search : 
TLUR6401 MBR3040 P15N05 1102B BS62LV MST6M182 6472A PC895
Product Description
Full Text Search
 

To Download 472MWR630K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mwr axial leaded metallized polyester film capacitors features ? self healing ? small size ? low esr ? low cost applications ? general purpose ? coupling ? bypass ? blocking specifications operating temperature range -40c to +105c capacitance tolerance + 10% at 1 khz, 25c + 5% optional wvdc 50 63 100 250 400 630 1000 1500 vac 30 40 63 160 200 220 250 300 peak, ac voltage (50/60 hz) for t>+85c , the voltage must be decreased by 1.25% per c frequency (khz) c< 0.1uf 0.1uf1.0uf 1 0.8% 0.8% 1.0% 10 1.5% 1.5% - dissipation factor (max) 25c 100 3.0% - - wvdc capacitance insulation resistance < 100wvdc < 0.33 f 15000 m ? >100wvdc < 0.33 f 30000 m ? x f < 100wvdc >0.33 f 15000 m ? x f insulation resistance @25c (<70% rh)for 1 minute at 100vdc applied >100wvdc >0.33 f 10000 m ? x f 2000 hours, +85c with 125% of rated voltage capacitance change < 5% of initially measured value dissipation factor < 0.005 at 1khz and 25 c for c< 1uf < 0.005 at 1khz and 25 c for c>1uf load life insulation resistance > 50% of maximum specified value 56 days at40c with 93%rh(+/-2%), +40c and no voltage applied capacitance change < 5% of initially measured value dissipation factor < 0.005 at 1khz and 25 c damp heat test insulation resistance > 50% of maximum specified value self inductance <1 nano-henry per mm of body length and lead length capacitance drift factor <1.0% after 2 years at 40c capacitance temperature coefficient +400 ppm/c, + 200ppm/c terminal to terminal dielectric strength 160% of vdc applied for 2 seconds and 25c dielectric polyester construction metallized film internal series connected (> 1000wvdc) coating flame retardant polyester tape wrap (ul 510) with epoxy resin end fills(ul94v0) leads lead free tinned copper leads lead diameter d d < 9 0.6 920 1.0
mwr metallized polyester axial lead capacitance (f) wvdc ic part number dv/dt (v/ sec.) dims dxl (mm) d (mm) 0.001 630 102mwr630k 60 5.5x11.5 0.6 0.001 1500 102mwr152kb 90 5.5x14.5 0.6 0.0015 630 152mwr630k 60 5.5x11.5 0.6 0.0015 1500 152mwr152kb 90 5.5x14.5 0.6 0.0022 630 222mwr630k 60 5.5x11.5 0.6 0.0022 1500 222mwr152kb 90 6x14.5 0.6 0.0033 630 332mwr630k 60 5.5x11.5 0.6 0.0033 1500 332mwr152kb 90 6.5x14.5 0.6 0.0039 630 392mwr630k 60 5.5x11.5 0.6 0.0047 630 472MWR630K 60 5.5x11.5 0.6 0.0047 1500 472mwr152kb 90 7x14.5 0.6 0.0068 630 682mwr630k 60 5.5x11.5 0.6 0.0068 1500 682mwr152kb 90 8x14.5 0.6 0.01 400 103mwr400k 14 5x11.5 0.6 0.01 630 103mwr630k 20 6x14 0.6 0.01 1000 103mwr102k 80 7x14.5 0.6 0.01 1500 103mwr152kb 90 8.5x14.5 0.8 0.015 400 153mwr400k 14 5.5x14.5 0.6 0.015 630 153mwr630k 20 6.5x14.5 0.6 0.015 1000 153mwr102k 80 8x14.5 0.6 0.015 1500 153mwr152kd 50 8.5x20.5 0.8 0.022 250 223mwr250k 10 5.5x11.5 0.6 0.022 400 223mwr400k 14 5.5x14 0.6 0.022 630 223mwr630k 20 8x14 0.6 0.022 1000 223mwr102k 40 9.5x20.5 0.8 0.022 1500 223mwr152kd 50 9.5x20.5 0.8 0.033 250 333mwr250k 10 6x11.5 0.6 0.033 400 333mwr400k 14 6x14 0.6 0.033 630 333mwr630k 15 7.5x20.5 0.6 0.033 1000 333mwr102k 40 10.5x20.5 0.8 0.033 1500 333mwr152kd 50 11x20.5 0.8 0.039 250 393mwr250k 10 6x11.5 0.6 0.039 400 393mwr400k 14 7x15.5 0.6 0.039 630 393mwr630k 15 8x20.5 0.6 0.047 250 473mwr250k 10 5.5x14 0.6 0.047 400 473mwr400k 14 7x14 0.6 0.047 630 473mwr630k 15 7.5x19 0.6 0.047 1000 473mwr102k 33 11x29 0.8 0.047 1500 473mwr152kg 40 11x29 0.8 0.068 100 683mwr100k 6 5.5x11.5 0.6 0.068 250 683mwr250k 10 6.5x14.5 0.6 0.068 400 683mwr400k 10 7.5x20.5 0.6 0.068 630 683mwr630k 15 9x20.5 0.8 0.068 1000 683mwr102k 33 12.5x29 0.8 0.068 1500 683mwr152kg 40 12.5x29 0.8 0.1 100 104mwr100k 6 6x11.5 0.6 0.1 250 104mwr250k 10 6x14 0.6 0.1 400 104mwr400k 10 7.5x19 0.6 0.1 630 104mwr630k 10 9x27 0.8 0.1 1000 104mwr102k 33 12x29 0.8 0.1 1500 104mwr152kj 25 13x34 0.8 0.15 63 154mwr063k 11 5.5x14 0.6 0.15 100 154mwr100k 6 6x14 0.6 0.15 250 154mwr250k 10 7x14 0.6 0.15 400 154mwr400k 10 8.5x19 0.6 0.15 630 154mwr630k 10 10.5x29 0.8 0.15 1000 154mwr102k 20 13x34 0.8 0.15 1500 154mwr152kj 25 15x34 0.8 capacitance (f) wvdc ic part number dv/dt (v/ sec.) dims dxl (mm) d (mm) 0.22 50 224mwr050k 9 6x11.5 0.6 0.22 100 224mwr100k 6 6.5x14 0.6 0.22 250 224mwr250k 7 7x19 0.6 0.22 400 224mwr400k 6 8.5x27 0.8 0.22 630 224mwr630k 10 12.5x27 0.8 0.22 1000 224mwr102k 20 14.5x34 0.8 0.22 1500 224mwr152kj 25 17.5x34 0.8 0.33 50 334mwr050k 9 6x11.5 0.6 0.33 100 334mwr100k 6 7.5x14 0.6 0.33 250 334mwr250k 7 8x19 0.6 0.33 400 334mwr400k 6 10x27 0.8 0.33 630 334mwr630k 6 13.5x34 0.8 0.33 1000 334mwr102k 20 17x34 0.8 0.33 1500 334mwr152kj 25 20.5x34 1 0.47 50 474mwr050k 9 6x11.5 0.6 0.47 100 474mwr100k 6 7x15.5 0.6 0.47 250 474mwr250k 7 9.5x19 0.8 0.47 400 474mwr400k 6 12.5x27 0.8 0.47 630 474mwr630k 6 15.5x34 0.8 0.47 1000 474mwr102k 20 19.5x34 0.8 0.47 1500 474mwr152kj 25 24x34 1 0.68 50 684mwr050k 9 6x11.5 0.6 0.68 63 684mwr063k 7 6.5x19 0.6 0.68 100 684mwr100k 3 8x19 0.6 0.68 250 684mwr250k 4 9.5x27 0.8 0.68 400 684mwr400k 4 12.5x34 0.8 0.68 630 684mwr630k 6 18.5x34 0.8 0.68 1500 684mwr152kn 25 24.5x46.5 1 1 50 105mwr050k 9 7.5x11.5 0.6 1 63 105mwr063k 7 8x20.5 0.6 1 100 105mwr100k 3 9.5x19 0.8 1 250 105mwr250k 4 10.5x27 0.8 1 400 105mwr400k 4 14.5x34 0.8 1 630 105mwr630k 6 22x34 1 1 1500 105mwr152kn 25 28.5x46.5 1 1.5 50 155mwr050k 9 8x14.5 0.6 1.5 63 155mwr063k 7 9.5x20.5 0.8 1.5 100 155mwr100k 2 9x27 0.8 1.5 250 155mwr250k 4 12.5x29 0.8 1.5 400 155mwr400k 4 17.5x34 0.8 1.5 630 155mwr630k 6 26.5x34 1 1.5 1500 155mwr152kn 25 34x46.5 1 2.2 50 225mwr050k 9 9x14.5 0.8 2.2 63 225mwr063k 5 10.5x29 0.8 2.2 100 225mwr100k 2 12x29 0.8 2.2 250 225mwr250k 2 13.5x34 0.8 2.2 400 225mwr400k 4 20.5x34 0.8 3.3 50 335mwr050k 6 10x20.5 0.8 3.3 63 335mwr063k 5 11x29 0.8 3.3 100 335mwr100k 2 13x29 0.8 3.3 250 335mwr250k 2 15.5x34 0.8 3.3 400 335mwr400k 2 22.5x47 1 4.7 50 475mwr050k 6 10.5x20.5 0.8 4.7 63 475mwr063k 5 12.5x29 0.8 4.7 100 475mwr100k 1 12.5x34 0.8 4.7 250 475mwr250k 2 19.5x34 0.8 6.8 50 685mwr050k 6 11.5x20.5 0.8 6.8 100 685mwr100k 1 17x34 0.8
mwr metallized polyester axial lead capacitance (f) wvdc ic part number dv/dt (v/ sec.) dims dxl (mm) d (mm) 6.8 250 685mwr250k 2 23x34 1 10 50 106mwr050k 6 13.5x20.5 0.8 10 63 106mwr063k 4 14x34 0.8 10 100 106mwr100k 2 18x34 0.8 capacitance (f) wvdc ic part number dv/dt (v/ sec.) dims dxl (mm) d (mm) 10 250 106mwr250k 2 24.5x46.5 1 15 100 156mwr100k 1 21x34 1 22 100 226mwr100k 2 22x46 1


▲Up To Search▲   

 
Price & Availability of 472MWR630K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X