Part Number Hot Search : 
40347 M62004L MB90F867 78M00 AV13001 AD8618AR KF281 2N4910
Product Description
Full Text Search
 

To Download 2712-B-B-002000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   cord sets 25  www.schurter.com/pg07_ 2 appliance inlet power cord with iec appliance plug c7, angled, 70c ? c7 70c description power supply cord / interconnection cord, protection class ii, pin tem - perature 70 c, cable approvals - vde license number: 40005800 - csa license number: 1020530 weblinks approval s , roh s , china-roh s , e-stor e , schurter-stock-chec k , distributor-stock-chec k , product configurato r technical data ratings iec 2.5 a / 250 vac; 50 hz ratings ul/csa 2.5 a / 250 vac; 60 hz dielectric strength > 3 kvdc between l-n > 1.5 kvac between l/n-pe (1 min/50 hz) allowable operation temp. -25 c to 70 c degree of protection from front side ip 20 acc. to iec 60529 protection class suitable for appliances with protection class ii acc. to iec 61140 terminal moulded material: housing black or grey appliance-inlet/-outlet c7 acc. to iec/en 60320-1 ul 498, csa c22.2 no. 42 (for cold conditions) pin-temperature 70 c, 2.5 a, protection class ii dimensions length 38.5 mm ? 21 38.5 36.5 10 10
2 cord sets 25  www.schurter.com/pg07_ 2 appliance inlet order code product configurato r type | - | r | - | 2511 | - | d | - | length | the characters are placeholders for the correspondingly kees of selections from the key tables. typ steht fr den stecker bzw. 2. seite, l?nge ist die leitungsl?nge in mm. type | - | r | - | 2511 | - | d | - | length | = cord end 2 cord end 2 zzzz, ? 222 5 , ? 222 8 , ? 271 1 , ? 271 2 , ? 273 0 , ? 273 1 , ? 412 1 , ? 419 0 , ? 607 b , ? 608 b , ? 609 b type | - | r | - | 2511 | - | d | - | length | = corde type corde type configuration key h03vvh2-f?2x0,75mm2 b h05vvh2-f?2x0,75mm2 e spt? 2x18awg l svt? 2x18awg m general product information see page xxx type | - | r | - | 2511 | - | d | - | length | = color color configuration key jet?black;?ral9005 a silver?grey;?ral7001 b standard color: black type | - | r | - | 2511 | - | d | - | length | = leitungsl?nge leitungsl?nge zzzz, ?000500, ?001000, ?001500, ?002000, ?002500, ?003000, ?005000 cord length in mm mating inlets/plugs category / description appliance ?inle t ? ? iec? appliance?inlet?c8, ?screw-on?mounting, ?rear?side, ?pcb-/solder?terminal 0720-f p iec? appliance?inlet?c8, ?screw-on?mounting, ?rear?side, ?solder?terminal 0720-f s iec? appliance?inlet?c8, ? snap-in?mounting, ?front?side, ?solder?terminal 0721-p p iec? appliance?inlet?c8, ? snap-in?mounting, ?front?side, ?solder?terminal 0721-p s iec? appliance?inlet?c8, ?insert?mounting, ?solder/pcb/quick?connect?terminal 257 2 iec? appliance?inlet?c8, ?screw-on?mounting, ?font?side, ?solder/quick?connect?terminal 257 3 iec? appliance?inlet?c8, ?screw-on?mounting, ?font/rear?side, ?solder/quick?connect?terminal 257 6 iec? appliance?inlet?c8, ? snap-in?mounting, ?front?side, ?solder/quick?connect?terminal 257 8 interconnection?cor d ? ? power ?cord?with?iec? appliance ?plug?c, ?angled?70c 271 1 power ?cord?with?iec? appliance ?plug?c, ?angled, ?70c 271 2 power ?cord?with?iec? appliance ?plug?c, ?straight, ?70c 273 0 power ?cord?with?iec? appliance ?plug?c, ?straight, ?70c 273 1 power ? entry?modul e ? ? iec? appliance ?connector?c8?with?line?switch?1-pole cmf1, ?cmf 4 the specifications, descriptions and illustrations indicated in this document are based on current information. all content is subject to modifications and amendments.


▲Up To Search▲   

 
Price & Availability of 2712-B-B-002000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X