Part Number Hot Search : 
500XT TB1238BN TPM754 B1424 20M63 HD641 BY614 NTX2N67
Product Description
Full Text Search
 

To Download 247-039-S-N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  special connectors ? 2006 glenair, inc. www.glenair.com e -2 glenair, inc . ? 1211 air wa y ? glendale, ca 91201-249 7 ? 818-247-600 0 ? fax 818-500-9912 printed in u.s.a. cage codes 06324 e-mail: sales@glenair.com 247-039 mil-dtl-38999 series 1.5 (eu ro ?gh ter jn spe c) fil tered square flange wall mount receptacle connec tor application notes 1. this drawing describes the requirements for a ?ltered 26 way size 20 pin contact, pcb tail receptacle, complying with euro?ghter j62 .017 (jn1003) shell size 16 connector, polarization position 'n' insert arrangement 26. 2. electrical characteristics: i. current rating - each contact at 25 c: 3a dc ii. working voltage - 100 vdc at sea level iii. dielectric withstand voltage (dwv) - 250 vdv @ 5 sec. iv. typical capacitance - per table i +/- 20% v. attenuation - per mil-std-220a (in 50 ohm system no load) per table i 3. transient protection: 4. environmental requirements: i. temperature range : -55c to +125c ii . shock: 40g x 6ms iii. vibration: 10g rms @ 50 to 2000 hz iv. humidit y: up to 95% r. h. 5. materials and ?nishes in accordance with j62.017, summarized as follows: i. shell: aluminum al loy ii. finish: olive drab cad plate over nickel iii. contacts: copper allo y gold plate over nickel iv. insulator: high grade plastic v. potting: e poxy basic no. contacts s - socket p - pin 247 - 039 - p - n alternate key position per mil-c-38999 a, b, c, d or e, n = normal lines w.v. b.v. c.v. energy 1-2 26v @ 50ua dc 31-38v @ 1ma dc 58v @ 30a @ 8/20 us 0.1 j 3-13 30v @ 50ua dc 37-46v @ 1ma dc 65v @ 30a @ 8/20 us 0.1 j pin a 1.235 (31.4) max .632 (16.1) max .096 (2.4) max .619 (15.7) 1.000 (25.4) .995 (25.3) 1.250 (31.8) max .957 (24.3) .949 (24.1) .118 (3.0) max panel thickness 1.235 (31.4) max .974 (24.7) .963 (24.4) .020 (.5) 26 pins 4x holes .128 (3.3) table i: filter performance cont. no. cap nf filter type att. db 0.5m 1m 10m 100m 1g all 112 pi 13 17 48 55 50


▲Up To Search▲   

 
Price & Availability of 247-039-S-N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X