Part Number Hot Search : 
M74HC Z15GDB G914D 4QTDV01 00ETT T54FCT M85049 PJS6809
Product Description
Full Text Search
 

To Download 157LBA500M2BH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features multiple case sizes - high voltage ? high current applications filtering ? switching power supplies operating temperature range -40c to +85c capacitance tolerance + 20% at 120 hz, 20c wvdc 16 25 35 50 63 80 100 160 200 250 350 400 450 500 surge voltage svdc 20 32 44 63 79 100 120 200 250 300 400 450 500 550 wvdc 16 25 35 50 63 80 100 160 200 250 350 400 450 500 tan .5 .4 .25 .2 .15 .15 .15 .1* .1* .1* .15 .15 .15 .15 dissipation factor (120 hz) *note: .15 for 35 mm diameter time 5 minutes leakage current @20c, rated wvdc applied .02cv or 2000ua, whichever is less wvdc 16 25 35 50 63 80 100 160 200 250 350 400 450 500 -25c/+20c 4 3 3 2 2 2 2 6 6 6 8 8 8 8 impedance ratio (120 hz ) -40c/+20c 15 10 8 6 6 5 5 9 9 9 12 12 12 12 2000 hours with rated voltage applied at 85c with full rated ripple current applied capacitance change < 20% of initial measured value dissipation factor < 175% of maximum specified value load life leakage current < 100% of maximum specified value 1000 hours at 85c with no voltage applied capacitance change < 20% of initial measured value dissipation factor < 175% of maximum specified value shelf life leakage current < 100% of maximum specified value frequency (hz) temperature (c) wvdc 60 120 400 1k 10k 40 60 70 85 < 100 0.8 1.0 1.1 1.2 1. 2 1.8 1.4 1.2 1.0 ripple current multipliers > 160 0.8 1.0 1.1 1.3 1. 4 1.8 1.4 1.2 1.0 .
lead style options code 2 (standard) diameter 20 to 40 mm code z diameter 20 to 40 mm code p diameter 22 to 35 mm code d diameter 30 to 40 mm code 9 diameter 25 to 35 mm code t diameter 25 to 35 mm code 4 diameter 35 to 45 mm code 4s (straight leads) diameter 35 to 45 mm code 5 diameter 40 to 50 mm code g d 35 40 50 63 76 p 14 14 18 25 25 diameter 35 to 76 mm
lba +85c standard 2000 hrs capacitance (f) wvdc ic part number maximum esr (m) 120 hz, +20c maximum rms ripple current (a) 120 hz, +105c dims dxl (mm) 47 450 476lba450m2bc 5291.06 0.46 22x25 68 450 686lba450m2cc 3657.05 0.6 22x25 100 350 107lba350m2cc 3315.73 0.63 25x25 100 350 107lba350m2bd 3315.73 0.65 22x30 100 400 107lba400m2bd 3315.73 0.68 22x30 100 450 107lba450m2be 3315.73 0.77 22x35 100 500 107lba500m2dc 2486.8 0.84 30x25 100 500 107lba500m2bf 2486.8 0.85 22x40 100 500 107lba500m2cd 2486.8 0.81 25x30 150 250 157lba250m2ca 1105.24 0.85 25x20 150 350 157lba350m2cd 1657.86 0.97 25x30 150 400 157lba400m2bf 1657.86 0.94 22x40 150 400 157lba400m2cd 1657.86 0.89 25x30 150 450 157lba450m2cf 1657.86 1.08 25x40 150 500 157LBA500M2BH 1657.86 1.15 22x50 150 500 157lba500m2cf 1657.86 1.12 25x40 150 500 157lba500m2de 1657.86 1.18 30x35 150 500 157lba500m2ed 1657.86 1.22 35x30 220 160 227lba160m2ba 753.58 1 22x20 220 200 227lba200m2bc 753.58 1.14 22x25 220 200 227lba200m2ca 753.58 1.1 25x20 220 250 227lba250m2da 753.58 1.1 30x20 220 250 227lba250m2bd 753.58 1.2 22x30 220 250 227lba250m2cc 753.58 1.15 25x25 220 350 227lba350m2dd 1130.36 1.29 30x30 220 400 227lba400m2bh 1130.36 1.26 22x50 220 400 227lba400m2cf 1130.36 1.22 25x40 220 450 227lba450m2df 1130.36 1.44 30x40 220 500 227lba500m2ee 1130.36 1.57 35x35 220 500 227lba500m2dg 1130.36 1.59 30x45 220 500 227lba500m2ch 1130.36 1.5 25x50 330 160 337lba160m2bc 502.38 1.2 22x25 330 200 337lba200m2bd 502.38 1.48 22x30 330 200 337lba200m2cc 502.38 1.48 25x25 330 250 337lba250m2cd 502.38 1.67 25x30 330 250 337lba250m2bf 502.38 1.72 22x40 330 250 337lba250m2dc 502.38 1.61 30x25 330 350 337lba350m2dd 753.58 2.03 30x30 330 350 337lba350m2df 753.58 1.72 30x40 330 350 337lba350m2ed 753.58 1.88 35x30 330 400 337lba400m2dg 753.58 1.74 30x45 330 450 337lba450m2ef 753.58 1.92 35x40 330 500 337lba500m2eg 753.58 2.13 35x45 470 160 477lba160m2cc 352.74 1.52 25x25 470 200 477lba200m2bf 352.74 2.02 22x40 470 200 477lba200m2ce 352.74 1.8 25x35 470 200 477lba200m2dc 352.74 1.97 30x25 470 200 477lba200m2cd 352.74 1.91 25x30 470 250 477lba250m2bh 352.74 2.08 22x50 470 250 477lba250m2cf 352.74 2.03 25x40 470 250 477lba250m2dd 352.74 1.97 30x30 470 350 477lba350m2ef 529.11 2.3 35x40 470 400 477lba400m2eg 529.11 2.23 35x45 470 400 477lba400m2fe 529.11 2.16 40x35 470 450 477lba450m2eh 529.11 2.5 35x50 560 200 567lba200m2ce 296.05 2.22 25x35 560 250 567lba250m2de 296.05 2.3 30x35 680 100 687lba100m2bc 365.71 1.85 22x25 capacitance (f) wvdc ic part number maximum esr (m) 120 hz, +20c maximum rms ripple current (a) 120 hz, +105c dims dxl (mm) 680 160 687lba160m2dc 243.8 2.1 30x25 680 200 687lba200m2cf 243.8 2.43 25x40 680 200 687lba200m2ec 365.71 2.3 35x25 680 250 687lba250m2de 243.8 2.4 30x35 680 250 687lba250m2df 243.8 2.55 30x40 680 250 687lba250m2ed 365.71 2.48 35x30 820 200 827lba200m2df 202.18 2.85 30x40 820 250 827lba250m2dg 202.18 2.9 30x45 820 250 827lba250m2ee 303.27 2.83 35x35 820 400 827lba400m2eh 0.3033 4 35x50 1000 80 108lba080m2bc 248.68 1.65 22x25 1000 100 108lba100m2cc 248.68 2.03 25x25 1000 100 108lba100m2be 248.68 2.08 22x35 1000 160 108lba160m2ec 248.68 2.8 35x25 1000 160 108lba160m2dd 165.79 2.8 30x30 1000 160 108lba160m2de 165.79 2.77 30x35 1000 200 108lba200m2dg 166.79 3.42 30x45 1000 200 108lba200m2ee 248.68 3.35 35x35 1000 200 108lba200m2ed 248.68 3.42 35x30 1000 250 108lba250m2ef 248.68 3.58 35x40 1000 250 108lba250m2dg 165.79 3 30x45 1000 250 108lba250m2dh 165.79 3.65 30x50 1200 160 128lba160m2de 138.16 3.2 30x35 1200 160 128lba160m2ed 207.23 3.2 35x30 1200 200 128lba200m2dg 138.16 3.4 30x45 1200 200 128lba200m2ee 207.23 3.54 35x35 1200 200 128lba200m2dh 138.16 3.4 30x50 1200 200 128lba200m2ef 207.23 3.47 35x40 1200 250 128lba250m2eg 207.23 3.5 35x45 1500 63 158lba063m2bc 165.79 2 22x25 1500 80 158lba080m2cc 165.79 2.15 25x25 1500 100 158lba100m2ce 165.79 2.76 25x35 1500 160 158lba160m2ee 165.79 3.48 35x35 1500 200 158lba200m2dg 165.79 3.75 30x45 1500 200 158lba200m2eg 165.79 4.1 35x45 1500 200 158lba200m2ef 165.79 3.8 35x40 1500 250 158lba250m2eh 165.79 4 35x50 1800 160 188lba160m2dh 92.1 4.1 30x50 1800 160 188lba160m2ef 138.16 4.1 35x40 1800 200 188lba200m2eg 138.16 4.2 35x45 1800 200 188lba200m2eh 138.16 4.38 35x50 2200 35 228lba035m2ca 188.39 1.7 25x20 2200 50 228lba050m2bc 150.72 2 22x25 2200 63 228lba063m2cc 113.04 2.3 25x25 2200 80 228lba080m2bf 113.04 2.71 22x40 2200 80 228lba080m2ce 113.04 2.66 25x35 2200 100 228lba100m2cg 113.04 3.41 25x45 2200 100 228lba100m2de 113.04 3.35 30x35 2200 100 228lba100m2ed 113.04 3.28 35x30 2200 160 228lba160m2eh 113.04 4.97 35x50 2200 160 228lba160m4ff 113.04 4.57 40x40 2200 200 228lba200m2eh 113.04 4.7 35x50 3300 35 338lba035m2bc 125.6 2.2 22x25 3300 50 338lba050m2cc 100.48 2.35 25x25 3300 50 338lba050m2bd 100.48 2.4 22x30 3300 50 338lba050m2bc 401.9 1.8 22x25 3300 63 338lba063m2ce 75.358 2.81 25x35 3300 80 338lba080m2cg 75.358 3.41 25x45
lba +85c standard 2000 hrs capacitance (f) wvdc ic part number maximum esr (m) 120 hz, +20c maximum rms ripple current (a) 120 hz, +105c dims dxl (mm) 3300 80 338lba080m2ed 75.358 3.28 35x30 3300 100 338lba100m2ee 75.358 3.58 35x35 3300 100 338lba100m2fd 75.358 3.5 40x30 4700 25 478lba025m2bc 105.82 2.2 22x25 4700 35 478lba035m2bd 88.18 2.4 22x30 4700 35 478lba035m2cc 88.18 2.35 25x25 4700 50 478lba050m2bf 70.55 2.91 22x40 4700 50 478lba050m2ce 70.55 2.86 25x35 4700 50 478lba050m2dc 70.55 2.8 30x25 4700 63 478lba063m2cg 52.91 3.25 25x45 4700 63 478lba063m2dd 52.91 3.2 30x30 4700 63 478lba063m2ec 52.91 3.13 35x25 4700 63 478lba063m2ce 52.91 3.59 25x35 4700 80 478lba080m2be 52.91 3.5 22x35 4700 80 478lba080m2ed 52.91 3.3 35x30 4700 80 478lba080m2ee 52.91 3.73 35x35 4700 100 478lba100m2eg 52.91 4.3 35x45 4700 100 478lba100m2fe 52.91 4.22 40x35 5600 25 568lba025m2bd 88.81 2.4 22x30 6800 25 688lba025m2be 73.14 2.6 22x35 6800 25 688lba025m2cc 73.14 2.55 25x25 6800 35 688lba035m2dc 60.95 2.95 30x25 6800 35 688lba035m2bf 60.95 3.06 22x40 6800 35 688lba035m2cd 60.95 3.01 25x30 6800 35 688lba035m2be 60.95 2.9 22x35 6800 50 688lba050m2dd 85.331 3.69 30x30 6800 50 688lba050m2cg 60.95 3.86 25x45 6800 50 688lba050m2ed 60.95 3.73 35x30 6800 63 688lba063m2ee 36.57 4.15 35x35 6800 80 688lba080m2eg 36.57 4.8 35x45 8200 16 828lba016m2bc 80.87 2.37 22x25 8200 25 828lba025m2be 60.65 3.31 22x35 capacitance (f) wvdc ic part number maximum esr (m) 120 hz, +20c maximum rms ripple current (a) 120 hz, +105c dims dxl (mm) 8200 35 828lba035m2ce 50.55 3.45 25x35 8200 50 828lba050m2df 40.44 4.35 30x40 10000 16 109lba016m2bd 66.32 2.84 22x30 10000 16 109lba016m2cc 66.32 2.76 25x25 10000 25 109lba025m2bg 49.74 3.4 22x45 10000 25 109lba025m2ce 49.74 3.32 25x35 10000 25 109lba025m2dc 49.74 3.31 30x25 10000 35 109lba035m2cf 41.45 4.06 25x40 10000 35 109lba035m2dd 41.45 4 30x30 10000 35 109lba035m2ec 41.45 3.93 35x25 10000 50 109lba050m2ee 33.16 4.7 35x35 10000 63 109lba063m2eg 24.868 5.2 35x45 15000 10 159lba010m2cc 55.26 2.76 25x25 15000 16 159lba016m2bf 44.21 3.94 22x40 15000 16 159lba016m2dc 44.21 3.51 30x25 15000 25 159lba025m2cg 33.16 4.5 25x45 15000 25 159lba025m2ed 33.16 4.39 35x30 15000 35 159lba035m2df 27.63 5.07 30x40 15000 35 159lba035m2ee 27.63 5 35x35 15000 50 159lba050m2eg 22.11 5.9 35x45 22000 10 229lba010m2dc 37.68 3.49 30x25 22000 16 229lba016m2dd 30.14 4.45 30x30 22000 16 229lba016m2ec 30.14 4.13 35x25 22000 16 229lba016m2bh 30.14 5.23 22x50 22000 25 229lba025m2ee 22.61 5.73 35x35 22000 25 229lba025m2fd 22.61 5.65 40x30 22000 35 229lba035m2eg 18.84 6.25 35x45 33000 16 339lba016m2df 20.1 5.8 30x40 33000 16 339lba016m2ed 20.1 5.15 35x30 33000 25 339lba025m2eh 15.07 7.2 35x50 47000 16 479lba016m2dh 14.11 6.78 30x50 47000 16 479lba016m2ef 14.11 6.71 35x40


▲Up To Search▲   

 
Price & Availability of 157LBA500M2BH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X