Part Number Hot Search : 
M37451M8 AQG22124 2S335A 7461117 2V7HCB 70MIT SUR510EF FR6G05
Product Description
Full Text Search
 

To Download SI1022R-T1-E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vishay siliconix si1022r document number: 71331 s10-2687-rev. f, 22-nov-10 www.vishay.com 1 n-channel 60 v (d-s) mosfet features ? halogen-free according to iec 61249-2-21 definition ?trenchfet ? power mosfets ? low on-resistance: 1.25 ? ? low threshold: 2.5 v ? low input capacitance: 30 pf ? fast switching speed: 25 ns ? low input and output leakage ? miniature package ? esd protected: 2000 v ? compliant to rohs directive 2002/95/ec applications ? drivers: relays, solenoids, lamps, hammers, displays, memories, transistors, etc. ? battery operated systems ? solid state relays benefits ? low offset voltage ? low-voltage operation ? high-speed circuits ? low error voltage ? small board area product summary v ds(min.) (v) r ds(on) ( ? )v gs(th) (v) i d (ma) 60 1.25 at v gs = 10 v 1 to 2.5 330 notes: a. surface mounted on fr4 board, power applied for t ? 10 s. markin g code: e sc-75a (sot-416) 1 2 3 g s d orderin g information: si1022r-t1-ge3 (lead (p b )-free and halogen-free) absolute maximum ratings (t a = 25 c, unless otherwise noted) parameter symbol limit unit drain-source voltage v ds 60 v gate-source voltage v gs 20 continuous drain current a t a = 25 c i d 330 ma t a = 85 c 240 pulsed drain current a i dm 650 power dissipation a t a = 25 c p d 250 mw t a = 85 c 130 thermal resistance, maximum junction-to-ambient a r thja 500 c/w operating junction and storage temperature range t j , t stg - 55 to 150 c
www.vishay.com 2 document number: 71331 s10-2687-rev. f, 22-nov-10 vishay siliconix si1022r notes: a. pulse test; pulse width ? 300 s, duty cycle ? 2 %. b. for design aid only, not subject to production testing. c. switching time is essentially independent of operating temperature. stresses beyond those listed under ?absolute maximum ratings? ma y cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other condit ions beyond those indicated in the operational sections of the specifications is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. specifications (t j = 25 c, unless otherwise noted) parameter symbol test conditions min. typ. max. unit static drain-source breakdown voltage v ds v gs = 0 v, i d = 10 a 60 v gate-threshold voltage v gs(th) v ds = v gs , i d = 0.25 ma 12.5 gate-body leakage i gss v ds = 0 v, v gs = 10 v 150 na t j = 85 c 500 v ds = 0 v, v gs = 5 v 20 zero gate voltage drain current i dss v ds = 50 v, v gs = 0 v 10 t j = 85 c 100 v ds = 60 v, v gs = 0 v 1a on-state drain current a i d(on) v ds = 10 v, v gs = 4.5 v 500 ma v ds = 7.5 v, v gs = 10 v 800 drain-source on-state resistance a r ds(on) v gs = 4.5 v, i d = 200 ma 3.0 ? t j = 125 c 5.0 v gs = 10 v, i d = 500 ma 1.25 t j = 125 c 2.25 forward transconductance a g fs v ds = 10 v, i d = 200 ma 100 ms diode forward voltage a v sd v gs = 0 v, i s = 200 ma 1.3 v dynamic b input capacitance c iss v ds = 25 v, v gs = 0 v, f = 1 mhz 30 pf output capacitance c oss 6 reverse transfer capacitance c rss 2.5 gate charge q g v ds = 10 v, i d = 250 ma, v gs = 4.5 v 0.6 nc switching b, c tu r n - o n t i m e t (on) v dd = 30 v, r l = 150 ? , i d = 200 ma, v gen = 10 v, r g = 10 ? 25 ns turn-off time t (off) 35
document number: 71331 s10-2687-rev. f, 22-nov-10 www.vishay.com 3 vishay siliconix si1022r typical characteristics (t a = 25 c, unless otherwise noted) output characteristics on-resistance vs. drain current gate charge 0.0 0.2 0.4 0.6 0. 8 1.0 012345 v ds - drain-to-so u rce v oltage ( v ) - drain c u rrent (a) i d v gs = 10 v thr u 7 v 3 v 5 v 4 v 6 v 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 0 200 400 600 8 00 1000 i d - drain c u rrent (ma) v gs = 4.5 v v gs = 10 v - on-resistance ( ) r ds(on) 0 1 2 3 4 5 6 7 0.0 0.1 0.2 0.3 0.4 0.5 0.6 v ds = 10 v i d = 250 ma - gate-to-so u rce v oltage ( v ) q g - total gate charge (nc) v gs transfer characteristics capacitance on-resistance vs. junction temperature 0 300 600 900 1200 0123456 v gs - gate-to-so u rce v oltage ( v ) - drain c u rrent (ma) i d t j = - 55 c 125 c 25 c 0 10 20 30 40 50 0510152025 v ds - drain-to-so u rce v oltage ( v ) c - capacitance (pf) c rss c oss c iss v gs = 0 v f = 1 mhz 0.0 0.4 0. 8 1.2 1.6 2.0 - 50 - 25 0 25 50 75 100 125 150 t j - j u nction temperat u re (c) v gs = 10 v at 500 ma v gs = 4.5 v at 200 ma ( n ormalized) - on-resistance r ds(on)
www.vishay.com 4 document number: 71331 s10-2687-rev. f, 22-nov-10 vishay siliconix si1022r typical characteristics (t a = 25 c, unless otherwise noted) vishay siliconix maintains worldwide manufacturing capability. products may be manufactured at one of several qualified locatio ns. reliability data for silicon technology and package reliability represent a composite of all qualified locations. for related documents such as package/tape drawings, part marking, and reliability data, see www.vishay.com/ppg?71331 . source-drain diode forward voltage threshold voltage variance over temperature 1.2 1.5 1 100 1000 0 0.3 0.6 0.9 t j = 25 c t j = 125 c v sd - so u rce-to-drain v oltage ( v ) - so u rce c u rrent (a) i s 10 t j = - 55 c v gs = 0 v v ariance ( v ) v gs(th) -0. 8 - 0.6 - 0.4 - 0.2 0.0 0.2 0.4 - 50 - 25 0 25 50 75 100 125 150 i d = 250 a t j - j u nction temperat u re (c) on-resistance vs. gate-source voltage single pulse power, junction-to-ambient 0 1 2 3 4 5 0246 8 10 v gs - gate-to-so u rce v oltage ( v ) i d = 500 ma i d = 200 ma - on-resistance ( ) r ds(on) 0.01 0 1 2.5 3 100 600 0.1 po w er ( w ) time (s) 1.5 2 0.5 1 10 t a = 25 c normalized thermal transient impedance, junction-to-ambient 10 -3 10 -2 0 0 6 0 1 1 10 -1 10 -4 100 2 1 0.1 0.01 0.2 0.1 0.05 0.02 single p u lse d u ty cycle = 0.5 sq u are w a v e p u lse d u ration (s) n ormalized effecti v e transient thermal impedance 1. d u ty cycle, d = 2. per unit base = r thja = 500 c/ w 3. t jm - t a = p dm z thja (t) t 1 t 2 t 1 t 2 n otes: 4. s u rface mo u nted p dm
package information www.vishay.com vishay siliconix revision: 08-aug-11 1 document number: 71348 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 sc-75a: 3-leads notes dimensions in millimeters will govern. 1. dimension d does not include mold flash, protrusions or gate burrs. mold flash protrusions or gate burrs shall not exceed 0.10 mm per end. dimension e1 does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.10 mm per side. 2. dimensions d and e1 are determi ned at the outmost extremes of the plastic body exclusive of mold flash, tie bar burrs, gate burrs and interelead flash, but includi ng any mismatch between the top and bottom of the plastic body. 3. datums a, b and d to be determined 0.10 mm from the lead tip. 4. terminal positions are shown for reference only. 5. these dimensions apply to the flat section of the lead between 0.08 mm and 0.15 mm from the lead tip. c m b a ? 2x 1 2 3 a 1 2 d c bbb 4 b 3 d 3 d d d bbb d bbb d e2 b1( b 1) 3 e1 2xb1 e1 2x e3 2 e e/2 d bbb 4x d seating plane a a2 a1 base metal with tin planting section b-b 5 b1 b 1 c c1 l2 l l1 b b 2x 1 ddd c c 1 1 dimensions tolerances aaa 0.10 bbb 0.10 ccc 0.10 ddd 0.10 millimeters dim. min. nom. max. note a- -0.80 a 1 0.00 - 0.10 a 2 0.65 0.70 0.80 b 1 0.19 - 0.24 5 b 1 0.17 - 0.21 c 0.13 - 0.15 5 c 1 0.10 - 0.12 5 d 1.48 1.575 1.68 1, 2 e 1.50 1.60 1.70 e 1 0.66 0.76 0.86 1, 2 e 1 0.50 bsc e 2 1.00 bsc e 3 0.50 bsc l 0.15 0.205 0.30 l 1 0.40 ref l 2 0.15 bsc ? 0 - 8 ? 1 4 - 10 ecn: e11-2210-rev. d, 08-aug-11 d w g: 5868
application note 826 vishay siliconix document number: 72603 www.vishay.com revision: 21-jan-08 19 application note recommended minimum pads for sc-75a: 3-lead 0.014 (0.356) 0.071 (1.803) recommended mi nimum pads dimensions in inches/(mm) 0.264 (0.660) 0.054 (1.372) 0.031 (0.798) 0.020 (0.503) return to index return to index
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of SI1022R-T1-E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X