Part Number Hot Search : 
ST485EC V1210 4089B 00007 SGPLM358 TEA6850 TEA6850 BL537
Product Description
Full Text Search
 

To Download PT00A-20-41PW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 pt mil-c-26482, series 1 amphenol miniature cylindrical proprietary/mil-c-26482, series 1 pt-se mil-c-26482, series 1 sp design characteristics ? medium size, widely used cylindrical  operating voltage to 1,000 vac (rms) at sea level  environment resistant  quick positive three point bayonet lock coupling system  visual confirmation of complete coupling  five key/keyway polarization  pt solder is ul recognized under file #e115497, vol. 1, section 5 customer options  seven mounting styles provide optimum design flexibility  ten shell sizes 6 through 24  solder or crimp front or rear release contacts  size 20 through 12 contacts accept wire sizes 20 through 12 awg  various finishes provide protection in a wide variety of corrosive and mechanical environments - availability of zinc cobalt* non-cadmium plating  coaxial and thermocouple contact options  hermetic seal (glass fused) receptacles  double stub threaded coupling series available  alternate positioning amphenol ? miniature cylindrical connectors offer twice the number of contacts in just half the size of a standard connector. these miniature connectors, are available in several series, each with varying design characteristics and customer options to meet cost considerations and provide maximum design flexi- bility. two of the miniature family series, ms/pt and ms/pt-se, are ms approved and qualified to mil-c-26482, series 1. the miniature family consists of three basic series: pt, sp and pc. in all series, pin and socket contacts are machined from low loss copper alloy and gold plated to eliminate contact corrosion and provide an indefinite shelf life. all series incorporate closed entry socket contacts. the pt, sp and pc series are provided with factory installed solder contacts. printed circuit board con- tacts are available in the pt series box mount and jam nut style receptacles. the pt, sp and pc series are also available with removable crimp contacts incorporating either of two types of retention systems. the suffix ?se? or ?ce? refers to the type of retention system employed. ms approved ?se? types utilize a spring tower retention system, while the proprietary ?ce? types utilize a nylon wafer retention system to maintain contact position. hermetically sealed receptacles are available in the pt and pc series. note: please refer to page 54 for a brief description of the amphenol ? /matrix ? mil-c- 26482, series 2 bayonet coupling connectors with crimp, rear insertable and rear releasable contacts, and ask for catalog 12-071 for detailed information on this series. * for more information on zinc cobalt plating for connectors ask for amphenol product data sheet #172. ?
2 the accompanying chart is provided to assist the user in selecting the appropriate type of miniature connector to meet the application requirements. further information can be found in specific sections of this catalog. ri/fr = rear insertion/front releasable ri/rr = rear insertion/rear releasable ? o intermates with o x intermates with x ?? optional finishes available. see ?how to order? sections. * available in hermetic version ** dual mounting holes *** this connector style is sometimes referred to as a cable connecting ?plug.? it does, however, mate with either a straight or 90 degree plug. characteristics solder crimp pt ms/pt sp pc ms/ pt-se pt-se sp-se pc-se pt-ce sp-ce pc-ce intermateable? o o o x o o o x o o x contacts solder  crimp ri/fr   crimp ri/rr contact retention system non-removable  removable   coupling bayonet    threaded  standard finishes?? olive drab cadmium (003)    electroless nickel (023) anodic coated (005)  bright cadmium (001)  temperature range resilient dielectric (125c)   hard dielectric (175c & 200c) wide mounting flange  hermetic seal  shell style availability wall mounting receptacle ?00? **  cable connecting receptacle ?01? ***     box mounting receptacle ?02? *   * ** straight plug ?06?   jam nut receptacle ?07? **  *   thru-bulkhead receptacle ?tb?  solder mount receptacle ?i? * * * 90 plug ?08?     amphenol miniature cylindrical connector selection guide ?
4 wall mounting receptacle amphenol pt, sp, ms/pt proprietary/mil-c-26482, series 1 solder type cable connecting receptacle* box mounting receptacle straight plug jam nut receptacle thru bulkhead receptacle amphenol ? solder contact miniature cylindrical connectors meet the most critical application needs. design versatility combined with high reliability performance makes these series of miniature cylindrical connectors ideal for envi- ronmental sealing or pressurized applications. the ms/pt series is qualified to mil-c-26482, series 1 and has all the outstanding design characteristics and quality of the pt series. the sp series is a modification of the pt, providing special shells with a wide mounting flange for back panel mounting. a corrosion resistant electrically conductive finish of cadmium plate with an olive drab chromate after-treatment is used on the pt and ms/pt. the sp is given a durable non-conductive hard anodic ?alumilite? ? coating which provides abrasion protection and resistance to corrosion. shell components for these series are aluminum. the depend- able 5 key/keyway polarization with bayonet lock coupling assures positive mating with no chance of cross plugging. spring tension provided by a wave washer in the coupling nut ensures maintenance of interfacial seal between mating halves. both the insert and main joint gasket are molded from resilient neoprene. this provides excellent moisture sealing at the gas- ket and superior electrical isolation of the contact in the insert. both pins and sockets are machined from a copper alloy and are gold plated. this gold plating eliminates contact corrosion and offers an indefinite shelf life. socket contacts for these series are a closed entry design. printed circuit board contacts are also available. the pt, sp and ms/pt series are intermateable and inter- mountable with all existing miniature cylindrical series connec- tors except for the threaded coupling pc series. pt solder is ul recognized under file #e115497, volume 1, section 5. refer to pages 56-61 for insert arrangement availability. pt, sp, ms/pt ? silver plated wire per mil-c-26482 * this connector style is sometimes referred to as a cable connecting ?plug.? it does, however, mate with a straight or 90 degree plug. mil-spec contact data/connector ratings contact specifications contact size test current maximum millivolt drop? solder well diameter solder well depth 20 7.5 55 .046 .125 16 13.0 50 .078 .188 service rating service rating recommended operating ac voltage at sea level test voltage ac (rms), 60 cps sea level 50,000 ft. 70,000 ft. 110,000 ft. i 600 1,500 500 375 200 ii 1,000 2,300 750 500 200 ? +.004 ?.000 +.031 ?.000 +.005 ?.003 +.031 ?.000
5 pt, sp service classes pt and sp connectors are available in the service classes listed below. each class, with the exception of hermetic, offers one or more means of terminating or supporting a cable or wire bun- dle. class ?w? is not available in the sp series. ?a? general duty; back shell is threaded for conduit attachment of ms3057 cable clamp ?a? (sr) general duty, with strain relief clamp for cable or wire bundle support ?c? pressurized receptacle; less than 1 cu. in. per hour leakage at 30 psi over a temperature range of ?65f to +257f ?e? environmental resistant connectors - supplied with a multi-holed grommet and clamping nut for moisture- proofing individual open wires ?e? (sr) environmental resistant strain relief clamp and grom- met for moisture proofing individual wires; provides added wire bundle support ?j? same as ?w? class except with strain relief ?p? translucent nylon boot for retaining customer-applied potting compounds; held in place by a threaded ring ?p? (sr) strain relief clamp suitable for retaining customer applied potting compounds, with provision for wire support ?w? compressing clamp and neoprene gland for moisture proofing multi-conductor jacketed cables. telescoping sleeves (ms 3420a) can be used to adapt to cables smaller than minimum close-down. ?h?* hermetically sealed with compression glass inserts ms/pt service classes the ms/pt miniature connector is available in the following cer- tified service classes: ?e? environmental resistant connectors - supplied with a multi-holed grommet and clamping nut for moisture- proofing individual open wires ?f? grommet seal with strain relief clamp ?p? translucent nylon boot for retaining customer-applied potting compounds; held in place by a threaded ring * refer to pages 14-17 for hermetic versions. ?a? general duty ?e? (sr), ms / ?f? strain relief ?e? ms / ?e? open wire seal ?p?, ms / ?p? potting boot ?w? cable seal
9 nd l nd xl termination assemblies ?a? general duty pt06a-xx-xxx sp06a-xx-xxx ptg06a-xx-xxx ?a? (sr), ?e? (sr), ?p? (sr), ms / ?f? strain relief pt06a-xx-xxx (sr) sp06a-xx-xxx (sr) ptg06a-xx-xxx (sr) pt06e-xx-xxx (sr) sp06e-xx-xxx (sr) ptg06e-xx-xxx (sr) pt06p-xx-xxx (sr) sp06p-xx-xxx (sr) ptg06p-xx-xxx (sr) ms3116f-xx-xxx ?e? open wire seal pt06e-xx-xxx sp06e-xx-xxx ptg06e-xx-xxx ms3116e-xx-xxx ?p? potting boot pt06p-xx-xxx sp06p-xx-xxx ptg06p-xx-xxx ms3116p-xx-xxx ?w? cable seal pt06w-xx-xxx sp06w-xx-xxx ptg06w-xx-xxx ?j? cable seal pt06j-xx-xxx ms3116j-xx-xxx * available in pt06 only all dimensions for reference only. shell size plug front view plug side view class ?a? s max. j l max. q thread class 2a z max. d min. l max. n max. v thread class a 6 .625 .353 .906 .3125-32 nef .594 .175 1.609 .462 .3750-32 nef 8 .750 .353 .906 .4375-28 unef .594 .297 1.609 .590 .5000-28 unef 10 .859 .353 .906 .5625-24 nef .594 .421 1.609 .717 .6250-24 nef 12 1.013 .353 .906 .6875-24 nef .594 .546 1.609 .834 .7500-20 unef 14 1.156 .353 .906 .8125-20 unef .594 .663 1.609 .970 .8750-20 unef 16 1.281 .353 .906 .9375-20 unef .594 .787 1.609 1.088 1.0000-20 unef 18 1.319 .353 .906 1.0625-18 nef .594 .879 1.609 1.216 1.1875-18 nef 20 1.531 .415 1.062 1.1875-18 nef .672 1.014 1.656 1.332 1.1875-18 nef 22 1.656 .415 1.062 1.3125-18 nef .672 1.135 1.656 1.460 1.4375-18 nef 24* 1.776 .415 1.125 1.4375-18 nef .672 1.259 1.750 1.587 1.4375-18 nef shell size class ?a? (sr), ?e? (sr), ?p? (sr), ms / ?f? class ?e?, ms / ?e? class ?p?, ms / ?p? class ?w?, ?j? c thread d min. g .010 h max. l max. n max. l max. n max. d min. l max. n max. d l max. n max. xl max. closed free 6 ??? ? ? ? 1.266 .440 .192 1.526 .484 ????? 8 6-32 .240 .125 .812 1.906 .550 1.266 .560 .317 1.526 .608 .168 .230 1.705 .547 2.271 10 6-32 .302 .188 .875 1.906 .675 1.266 .685 .434 1.526 .734 .205 .312 1.705 .675 2.271 12 6-32 .428 .312 1.000 1.906 .803 1.266 .813 .548 1.526 .858 .338 .442 1.848 .812 2.411 14 6-32 .552 .375 1.125 1.906 .920 1.266 .930 .673 1.526 .984 .416 .539 2.040 .940 2.599 16 6-32 .615 .500 1.188 2.047 1.047 1.266 1.057 .798 1.526 1.110 .550 .616 2.256 1.067 2.943 18 8-32 .740 .625 1.438 2.078 1.165 1.266 1.175 .899 1.526 1.234 .600 .672 2.486 1.194 3.172 20 8-32 .740 .625 1.438 2.250 1.290 1.438 1.301 1.024 1.546 1.360 .635 .747 2.844 1.322 3.610 22 8-32 .928 .750 1.625 2.250 1.418 1.438 1.430 1.149 1.546 1.484 .670 .846 3.000 1.449 3.766 24* 8-32 .990 .800 1.750 2.312 1.543 1.500 1.555 1.274 1.656 1.610 .740 .894 3.210 1.576 3.985 pt06 (ms3116) sp06 straight plug to complete part number see how to order on page 18. s l zq j nd .375 min v l g l c n dh l n n l d
18 pt, sp to more easily illustrate ordering procedure, part number pt00a-20- 41pw(sr) is shown as follows: pt 00 a - 20 - 41 p w (sr) 1 2345678 see code below: 1. connector type ? pt ? designates standard olive drab, electrically conductive cad- mium plated bayonet lock connector with solder contacts ? sp ? designates electrically non-conductive, hard anodic coated bayonet lock connector with solder contacts and larger flange and mounting holes for back panel mounting ? ptg ? designates plug with grounding fingers 2. shell style ? 00 ? designates wall mounting receptacle ? 01 ? designates cable connecting receptacle** ? 02 ? designates box mounting receptacle ? 06 ? designates straight plug ? 07 ? designates jam nut receptacle ? 08 ? designates 90 degree plug cable support ? b ? designates thru bulkhead receptacle (pressurized) ? i ? designates solder mount receptacle (hermetic only) 3. service classes ? a ? designates general duty back shell ? c ? designates pressurized receptacle ? e ? designates environmental resisting open wire seal with grommet and nut ? j ? designates clamp assembly for moisture proofing multi- jacketed cables, with strain relief ? p ? designates assembly with potting boot ? w ? designates clamp assembly for moisture proofing multi- jacketed cables ? h ? designates hermetic* without interfacial seal ? y ? designates hermetic* with interfacial seal 4. shell size ? 20 ? designates shell size. shell sizes 6 through 24 available. 5. insert arrangement ? 20 - 41 ? designates insert arrangement. refer to pages 56-61 for insert availability. 6. contacts ? p ? designates pin contacts ? s ? designates socket contacts for ordering connectors with printed circuit board contacts, see pg. 12. 7. insert rotation ? w ? , ? x ? , ? y ? , ? z ? designate that insert is rotated in its shell from ? nor- mal position. no letter required for normal (no rotation) position. 8. ? sr ? designates a strain relief clamp. indicate optional finishes as follows: (003) olive drab cadmium plate (standard on ? pt ? ) (005) anodic coating - alumilite ? (standard on ? sp ? ) (014) olive drab cadmium plate over nickel (023) electroless nickel (024) olive drab zinc cobalt plating (025) non-conductive black zinc cobalt plating (027) conductive black zinc cobalt plating (424) electroless nickel finish with strain relief (466) olive drab zinc cobalt plating with strain relief (470) non-conductive black zinc cobalt plating with strain relief (476) conductive black zinc cobalt plating with strain relief (100) suffix added for flat eyelet pin contacts in hermetic versions ms/pt mil-c-26482, series 1 part number ms3110e20-41pw is shown as follows: ms 311 0 e 20 - 41 p w 1 2345678 for hermetic connectors part number ms3113h20y41pw is shown as follows: ms 311 3 h 20 y 41 p w 1 234 5, 6 78 see code below: 1. ? ms ? designates military standard 2. specification number ? 311 ? designates basic family number for mil-c-26482, series 1 sol- der type 3. shell style ? 0 ? designates wall mounting receptacle ? 1 ? designates cable connecting receptacle** ? 2 ? designates box mounting receptacle ? 3 ? designates solder mount receptacle (hermetic only) ? 4 ? designates jam nut receptacle ? 6 ? designates straight plug 4. service class ? e ? designates environmental resisting connector ? f ? designates environmental resisting connectors with strain relief ? j ? designates clamp assembly for moisture proofing multi-jacketed cables, with strain relief ? p ? designates potted type with potting boot ? h ? designates hermetic 5. shell size ? 20 ? designates shell size. shell sizes 8 through 24 available. 6. insert arrangement ? 20-41 ? designates arrangement. refer to pages 56-61 for insert availability. hermetic version ? 20y41 ? designates insert arrangement; specify ? y ? for flat eyelet pin contacts, or ? c ? for solder cup pin contacts 7. contact configuration ? p ? designates pin contacts ? s ? designates socket contacts 8. insert rotation ? w ? , ? x ? , ? y ? , ? z ? designate that insert is rotated in its shell from ? nor- mal ? position. no letter required for normal (no rotation) position. * hermetic connectors are supplied with tin plated shells. **this connector style is sometimes referred to as a cable connecting ? plug ? . it does, however, mate with either a straight or 90 degree plug. pt, sp, ms/pt how to order
58 ab a b c a b c d a c b a c b a d c b e a f e d c b a fe dc b ac b a d c b a h g f e d c b a kj h g f e d c b a p n m l k j h f e d c b r a d c b h g f e m l k j a h g f e d c b m l k j r p n a d c b h gf e m l k jp n u t sr a d c b h g f e m l k j t s r p n u v amphenol miniature cylindrical insert arrangements ? front face of pin inserts illustrated insert arrangement 6-1 8-2 8-3 8-4 8-33 8-98 10-2 service rating iiiiiii number of contacts1234332 contact size 20 20 20 20 20 20 16 insert arrangement 10-5 10-6 10-70 10-98 12-3 12-4 12-8 service rating i i coax i ii i i number of contacts5616348 contact size 20 20 8 coax 20 16 16 20 insert arrangement 12-10 12-14 12-98 14-2 14-4 14-5 14-8 service rating i i i iiiiii number of contacts 10 14 10 2 4 5 6 2 contact size 20 20 20 12 12 16 20 12 insert arrangement 14-12 14-15 14-18 14-19 14-22 14-71 14-91hv service rating iiiiii number of contacts 8 4 14 1 18 19 1 4 3 1 3 contact size 20 16 20 16 20 20 20 12 16 8 coax 20 for contact legend see page 61. a d c b e d a c b a c b ad bc flashover 5,000 vac (rms) ba a b c d e f g h jk a bh c d e f g a e dc b


▲Up To Search▲   

 
Price & Availability of PT00A-20-41PW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X