Part Number Hot Search : 
MIC520 IRFF30 MMSZ5 100MZF 3EVKIT KD200 MBRS130L SZ553J
Product Description
Full Text Search
 

To Download POR-1220 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  POR-1220 ???? ??: 1 outdoor gigabit poe-plus repeater extend the reach of your gigabit poe-plus devices for system integrators looking for a professional solution to help extend their outdoor gigabit poe (802.3af/at) network, POR-1220 is the perfect accessory to increase your network performance. normal cable runs only reach 100 meters, but with POR-1220 installers can extend the poe network performance up to 200 meters. furthermore, you can triple your range or even more by daisy-chaining* multiple poe repeaters. * maximum distance depends on the required wattage of the pd. simple yet durable, no software required as a gigabit poe-plus repeater, POR-1220 receives all power from the power sending equipment (pse), such as a gigabit poe-plus switch. this means that POR-1220 uses no external power supply, making it the most flexible option for system integrators looking for an easy, affordable solution to increase the distance to the attached devices. POR-1220 has 3 rj-45 ports for easy deployment, 1 in port that accepts the power and data for the first 100 meters, and 2 out ports for 1 poe (power + data) and 1 non-poe (data only) installation, that boosts and extends the device an additional 100 meters. with a durable metal housing, POR-1220 fits into any tight deployments. applications POR-1220 is a long-ranged solution for deploying poe ip digital signage and any gigabit poe pd powered by 802.3at gigabit pse. ip65-compliant the POR-1220 is compliant to ip65, and is therefore weatherproof from snow, rain, storms, desert heat, etc. for deployment in any harsh weather conditions, this poe repeater is up to the challenge. www.level1.com page 1 of 3
key features - 1?? poe ? 1?? ? poe ????? ??? 2?? ?? ?? - 10/100/1000mbps? ?? ?? ?? ? ?? - weatherproof ip65-rated housing - ?? ? ??? ????? ?? ieee 802.3af / at poe ??? ?? - ??? ????(802.3af/at poe)? ?? ??? ?? - 100 ?? ??? ?? ???? poe ?? ?? - multiple poe repeaters can be deployed by daisy chain to extend range - ??? ??????? ??? ???? ?? ????? ???? ?? ???? system specifications connectors and cabling: 1 x 10/100/1000base-t rj-45 poe input port 1 x 10/100/1000base-t rj-45 poe output port 1 x 10/100/1000base-t rj-45 lan output port power: poe power input: 44-57 volt power consumption: 2.5w (max.) standards & protocols: ieee 802.3 10base-t, ethernet ieee 802.3u 100base-tx, fast ethernet ieee802.3ab 1000base-t, gigabit ethernet ieee 802.3x ethernet flow control ieee 802.3af power over ethernet (poe) ieee 802.3at power over ethernet plus (poe+) physical specifications dimensions (w x d x h mm): 195 x 160 x 95mm weight (g): 700 g enclosure: weatherproof ip65-rated housing features poe: ieee 802.3af/at compliant environment temperature (c): operating: 0c ~ 50c storage: 0c ~ 70c humidity (non-condensing): storage: 5% to 95% operating: 5 ~ 95% others approval and compliance: fcc part 15, ce www.level1.com page 2 of 3
deployment: wall/pole mount ?? order information POR-1220 package contents mounting kit quick installation guide no responsibility for any errors or omissions. all mentioned brand names are registered trademarks and property of their owners. copyright ? digital data communications gmbh, germany. all rights reserved. powered by tcpdf (www.tcpdf.org) www.level1.com page 3 of 3


▲Up To Search▲   

 
Price & Availability of POR-1220

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X