Part Number Hot Search : 
1B43BS PT100 P512F P512F SMLJ60S2 AD558J V6123 CFB0301
Product Description
Full Text Search
 

To Download POR-0222 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  POR-0222 ???? ??: 1 2-?? ???? poe-plus ??? extend the reach of your gigabit poe-plus devices for system integrators looking for a professional solution to help extend their gigabit poe (802.3af/at) network, POR-0222 is the perfect accessory to increase your network performance. as a 2-port repeater, its now easier to add more devices to the network for greater deployment flexibility. normal cable runs only reach 100 meters, but with POR-0222 installers can extend the poe network performance up to 200 meters. furthermore, you can triple your range or even more by daisy-chaining* multiple poe repeaters. * maximum distance depends on the required wattage of the pd. simple yet durable, no software required as a gigabit poe-plus repeater, POR-0222 receives all power from the power sending equipment (pse), such as a gigabit poe-plus switch. this means that POR-0222 uses no external power supply, making it the most flexible option for system integrators looking for an easy, affordable solution to increase the distance to the attached devices on a network. POR-0222 has 3 rj-45 ports for easy deployment, 1 in port that accepts the power and data for the first 100 meters, and 2 out ports that boosts and extends the power and data an additional 100 meters. with a durable metal housing, POR-0222 fits into any tight deployments. applications POR-0222 is a long-ranged solution for deploying poe ip digital signage and any gigabit poe pd powered by 802.3at gigabit pse. key features www.level1.com page 1 of 3
- poe ????? ??? 2?? 2 poe ?? ?? - 10/100/1000mbps? ?? ?? ?? ? ?? - ?? ? ??? ????? ?? ieee 802.3af / at poe ??? ?? - ??? ????(802.3af/at poe)? ?? ??? ?? - 100 ?? ??? ?? ???? poe ?? ?? - multiple poe repeaters can be deployed by daisy chain to extend range - ??? ??????? ??? ???? ?? ????? ???? ?? ???? system specifications connectors and cabling: 1 x 10/100/1000base-t rj-45 poe input port 2 x 10/100/1000base-t rj-45 poe output port indicator: power, poe in, poe out power: poe power input: 44-57 volt power consumption: 2.5w (max.) standards & protocols: ieee 802.3 10base-t, ethernet ieee 802.3u 100base-tx, fast ethernet ieee802.3ab 1000base-t, gigabit ethernet ieee 802.3x ethernet flow control ieee 802.3af power over ethernet (poe) ieee 802.3at power over ethernet plus (poe+) physical specifications dimensions (w x d x h mm): 120 x 90x 28mm weight (g): 400 g features poe: ieee 802.3af/at compliant environment temperature (c): operating: 0c ~ 50c storage: 0c ~ 70c humidity (non-condensing): storage: 5% to 95% operating: 5 ~ 95% others approval and compliance: fcc part 15, ce deployment: wall mount www.level1.com page 2 of 3
order information POR-0222 package contents quick installation guide no responsibility for any errors or omissions. all mentioned brand names are registered trademarks and property of their owners. copyright ? digital data communications gmbh, germany. all rights reserved. powered by tcpdf (www.tcpdf.org) www.level1.com page 3 of 3


▲Up To Search▲   

 
Price & Availability of POR-0222

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X