Part Number Hot Search : 
TC124E SMF05C DTB114ES SI9124 1460GC GS1535 TA7130 LUY44D
Product Description
Full Text Search
 

To Download PCX-100-M-150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  k di-resistor produc ts 60 south jefferson road, whippany, nj 07981 tel: 973-887-8100 ? fax: 973-884-0445 w ww.aeroflex-kdi.com ? sales@aeroflex-kdi.com key : inches [millimeters] .xx .03 .xxx .010 [.x 0.8 .xx 0.25] general information the pcx series high power terminations are designed to dissipate rf power when mounted to a heat sink or chill plate. power levels up to 500 watts in 50 ohm impedance are avail- able in units with sma or type n, male or female connectors. high stability thin film resistive elements on beryllium oxide substrates are used to insure stable vswr performance over temperature and environmental conditions. series pcx high power coaxial terminations dc to 6 ghz notes 1. input power ratings based on case temperature of 85c maximum. 2 . connectors: sma - stainless steel passivated per mil-c-39012, type n - nickel plated brass per mil-c-39012 3. housing: copper, nickel plated per qq-n-290 physical dimensions 1.375 [34.93] .120 [3.05] dia. 4 holes .125 [3.18] .960[24.38] .625 [15.88] "x" 1.25 [31.8] "y" .090 [2.29] "z" 1.25 [31.8] 1.625 [41.28] 2.000 [50.8] 1.250 [31.8] .215 [5.46] dia. 4 holes .187 [4.75] 1.625 [41.28] .875 [22.23] "x" .375 [9.53] 1.060 [26.92] .180 [4.57] "y" outline a (shown with sma) outline b (shown with type n) model "x" "y" "z" pcx050-f-50 .375 .560 .260 [9.53] [14.22] [6.60] pcx050-m-50 .507 .560 .260 [12.88] [14.22] [6.60] pcx050-f-100 .375 .560 .260 [9.53] [14.22] [6.60] pcx050-m-100 .507 .560 .260 [12.88] [14.22] [6.60] model "x" "y" pcx050-f-150, 250 .375 .515 [9.53] [13.08] pcx050-m-150, 250 .375 .515 [9.53] [13.08] pcx100-f-150, 250, 500 .736 .508 [18.69] [12.9] pcx100-m-150, 250, 500 .819 .508 [20.8] [12.9] part number input power (watts) frequency connector type vswr outline (note 1) range (note 2) (typical) pcx-050-f-50 50 dc - 6 ghz sma female dc-3 ghz: 1.25:1 a pcx-050-m-50 sma male 3 - 6 ghz: 1.35:1 pcx-050-f-100 100 dc - 3 ghz sma female dc- 3 ghz: 1.25:1 a pcx-050-m-100 smamale pcx-050-f-150 150 dc - 2 ghz sma female dc - 1 ghz: 1.15:1 b pcx-050-m-150 sma male 1 - 2 ghz: 1.40:1 pcx-100-f-150 n female PCX-100-M-150 n male pcx-050-f-250 250 dc -800 mhz sma female dc - 200 mhz: 1.15:1 b pcx-050-m-250 sma male 200 - 400 mhz: 1.40:1 pcx-100-f-250 n female 400-800 mhz: 1.30:1 pcx-100-m-250 n male pcx-100-m-500 500 dc - 200 mhz n male dc - 200 mhz: 1.15:1 b performance specifications sma 50 & 100 watts sma or n connectors 150, 250 & 500 watts rev 3/09 rohs  


▲Up To Search▲   

 
Price & Availability of PCX-100-M-150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X