Part Number Hot Search : 
SD5401CY C1210 H8S2630 A1212 25N7550A 2N6730 TLHP4405 PI5C3861
Product Description
Full Text Search
 

To Download MUR1020CT-BP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mur1010ct thru mur1 020ct 10 amp superfast glass passivated rectifier features maximum ratings ? operating junction temperature: -55 c to +150 c ? storage temperature: -55 c to +150 c mcc catalog number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage mur1010ct mur1010ct 100v 70v 100v mur1020ct mur1020ct 200v 140v 200v mcc pin 1 pin 3 pin 2 case a b c k j i h g f d n m l h pin 13 2 electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 10 a t c = 125 c peak forward surge current i fsm 55 a 8.3ms, half sine maximum forward voltage drop per element 0.975v maximum dc reverse current at rated dc blocking voltage i r 5ua 500ua t j = 25 c t j = 100 c 0.925v maximum reverse recovery time *pulse test: pulse width 300 sec, duty cycle 2% c j 80pf measured at 1.0mhz, v r =4.0v typical junction capacitance 35ns t rr t j = 25 c i f = 5a t j = 125 c i f =0.5a, i r =1.0a, i rr =0.25a v f  
 omp onents 20736 marilla street chatsworth       
  revision: 6 2007/10/08  inches mm      
a .560 .625 14.22 15.88 b .380 .420 9.65 10.67 c .100 .135 2.54 3.43 d .230 .270 5.84 6.86 f ------ .250 ------ 6.35 g .500 .580 12.70 14.73 h .090 .110 2.29 2.79 i .020 .045 0.51 1.14 j .012 .025 0.30 0.64 k .139 .161 3.53 4.09 l .140 .190 3.56 4.83 m .045 .055 1.14 1.40 n .080 .115 2.03 2.92 
  to-220ab tm micro commercial components www. mccsemi .com 1 of 3 glass passivated chip superfast switching time for hight efficiency low reverse leakage current high surge capacity
mur1010ct thru mur1020ct instantaneous reverse leakage current - microamperes versus ereeeeversees vererreeurreeres versus seeerure ure rrerurve eseve essveruve s seusrrurreeres versus seusrres ure rrrerss s s ure eversererss s s ure ueeverrureurre errureurreeres versus uereses s es evs reres se
mcc revision: 6 2007/10/08 tm micro commercial components www. mccsemi .com 3 of 3 products are represented on our website, harmless against all damages. ***applications disclaimer*** ***important notice*** aerospace or military applications. products offer by micro commercial components corp . are not intended for use in medical, micro commercial components corp . reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose


▲Up To Search▲   

 
Price & Availability of MUR1020CT-BP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X