Part Number Hot Search : 
HV83007 AEVKIT 65A603ML ZTX301 2SA1327 XRN740 824DH 01209
Product Description
Full Text Search
 

To Download LA42052 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  51408 ms pc/83006/42606 ms jk b8-7286 no.a0314-1/7 specifications of any and all sanyo semiconductor co.,l td. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer ' s products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer ' sproductsor equipment. any and all sanyo semiconductor co.,ltd. products described or contained herein are, with regard to "standard application", intended for the use as general el ectronics equipment (home appliances, av equipment, communication device, office equipment, industrial equ ipment etc.). the products mentioned herein shall not be intended for use for any "special application" (medica l equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, t ransportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of re liability and can directly threaten human lives in case of failure or malfunction of the product or may cause har m to human bodies, nor shall they grant any guarantee thereof. if you should intend to use our products for app lications outside the standard applications of our customer who is considering such use and/or outside the scope of our intended standard applications, please consult with us prior to the intended use. if there is n o consultation or inquiry before the intended use, our customer shall be solely responsible for the use. LA42052 overview LA42052 is 5w 2-channel af power amplifier intended for televisions. functions ? 5w 2 channels (v cc = 18v, r l = 8 ) ? standby function ? pop noise reduction function ? ripple filter ? thermal protection circuit la42000 series is power ic which made pin compatible altogeth er in 5 to 15w. they consist of four kinds of power ics (mono, stereo, mono with volume function, stereo with volume function. they realized pcb layout communalization of an audio power block of tv). channel model name p o monaural stereo volume la42051 5w { LA42052 5w { la42351 5w { { la42352 5w { { la42071 7w { la42072 7w { la42152 15w { monolithic linear ic audio output for tv application 5w 2ch power amplifier orderin g numbe r : ena0314a
LA42052 no.a0314-2/7 specifications maximum ratings at ta = 25 c parameter symbol conditions ratings unit maximum supply voltage v cc max no signal 24 v allowable power dissipation pd max infinitely heat sink 15 w maximum junction temperature tj max 150 c thermal resistance jc 3 c/w operating temperature topr -25 to +75 c storage temperature tstg -40 to +150 c operating conditions at ta = 25 c parameter symbol conditions ratings unit recommended supply voltage v cc 18 v recommended load resistance r l 8 allowable operating voltage range v cc op 5.5 to 22 v electrical characteristics at ta = 25 c, v cc = 18v, r l = 8 , f = 1khz, rg=600 ratings parameter symbol conditions min typ max unit standby current i stb amplifier off 1 10 a quiescent current i cco rg = 0 18 50 100 ma output power p o thd = 10% 4 5 w total harmonic distortion thd p o = 1w 0.15 0.4 % voltage gain vg v o = 0dbm 33 35 37 db output noise voltage v no rg = 0, bpf = 20hz to 20khz 0.05 0.25 mvrms ripple rejection svrr rg = 0, f r = 100hz, v cc r = 0dbm 50 60 db channel separation ch sep. rg = 10k , v o = 0dbm 50 60 db v stb -h amplifier on 1.0 5 v standby control voltage (the pin 5 voltage) v stb -l amplifier off 0 0.5 v input resistance ri 21 30 39 k package dimensions unit : mm 3107b (11.8) (10.0) 0.5 (0.8) 2.0 25.6 ( 2.0) 3.4 c0.7 15.4max 1.0 min 3.0 min 11.2 (13.9) 4.5 1 13 0.4 1.2 1.15 2.4 sanyo : sip13h pd max - ta allowable power dissipation, pd max - w 100 100 1.5mm 3 no heat sink. 15 11.7 5.8 18 16 14 12 10 8 6 4 2 0 infinite heat sink. -20 0 20 40 60 80 100 120 140 160 50 50 1.5mm 3 ambient temperature, ta - c al heat sink mounting torque 39n ? cm flat washer silicone greas applird j=3 c/w
LA42052 no.a0314-3/7 block diagram application circuit example ripple filter ref amplifier input amplifier output amplifier input amplifier output amplifier ripple filter block v cc standby pre gnd powe r gnd out1 out2 in1 1 p. p 6 2 12 7 5 10 3 in2 4 8 pop noise prevention block thermal protection circuit in1 ripple filter pre gnd pwr gnd in2 stb p.p out2 out1 n.c. n.c. n.c. v cc r l + + 1 2 3 4 5 6 7 8 9 10 11 12 13 c5 1000 f /25v c2 1 f /10v c1 1 f /10v c3 100 f /16v + c4 4.7 f /16v + c6 470 f /16v LA42052 ** r l + c7 470 f /16v
LA42052 no.a0314-4/7 external components c1, c2 : input coupling capacitors, which are recommended to be 1.0 f or less. the input pin voltage 2v be ( about 1.4v). determine the polarity orientation of these capacitors based on the dc current from the circuit connected to the LA42052 front end. c3 : the recommended value for the ripple filter capacitor is 100 f. c4 : the recommended valu e for the p.p capacitor 4.7 f. it is a capacitor for there being small pop sound. c5 : power supply capacitor. c6, c7 : the recommended value for the output capacitor is 470 f. 1. standby function (pin 5) by means of controlling pin 5 to high and low, the power supply can be set to on and off. control voltage of pin 5 pin 5 voltage amplifier standby 0 to 0.5 off on 1.0 to 5.0 on off when the impression voltage of v s is high, i want to stop 5 pin inflow current. restriction resistance (r stb ) is inserted in a case. vs = 5v, r stb = 5.1k 5 pin inflow current = about 750a 5 pin voltage = about 1.2v 2. ripple filter and mute function (pin 1) pin voltage is approx. 1/2 v cc the recommended value for the ripple filter capacitor is 100f. muting : the output signal can be controlled by connecting pin 1(ripple filter) to ground via a resistance of 300 to 500 . if resistance is higher than 750 , the suppression ratio will decrease. 3. input pin (pin 2,4) voltage at the input pins is approx. 2v be (about 1.4v) determine the polarity orientation of these capacitors based on the dc current from the circuit connected to the LA42052 front end. input resistance is approx. 30k (typ) the recommended value for the input capacitor is 1.0f. 4. p.p (pin 6) the pin 6 is terminal for there being small pop sound at the time of power supply on/off. c4 recommends 4.7f. when capacitance is higher 10f, the sound will not be cut off when setting the power supply off. pin 6 voltage = v cc ? v ce (about 0.3v) ? 5.6v 2 +5.6v 5 r stb 2k v s 2k + 6 c4 4.7 f v cc 5k 5k
LA42052 no.a0314-5/7 usage notes 1. lightening (power supply - output short-circuit) and ground fault (gnd - output short-circuit) protective circuits are not incorporated. due care must be taken during handling of the product. 2. the thermal protective circuit is incorporated and activ ated when the junction temperature (tj) rises above about 160 c. this circuit controls the output gradually to the attenuated condition. 3. always ensure the sufficient margin for the supply volta ge, etc. to operate the produc t within the area where the maximum rating will never be exceeded. namely, the maximu m rating may be exceeded due to the slight change in conditions, resulting in damage, if the product is used around the maximum rating.
LA42052 no.a0314-6/7 0 20 40 60 80 0 2 4 6 8 10 06 410 8 214 12 16 18 20 22 10 12 16 18 20 14 68 24 0 0.3 0 100 23 57 23 57 1k 23 57 10k 6 8 10 12 14 16 18 20 22 100k 424 supply voltage, v cc ?v quiescent current, i cco ?ma 0.01 0.1 2 3 5 7 1 2 3 5 7 10 2 3 5 7 2 3 5 7 ? 14 ? 12 ? 10 ? 8 ? 6 ? 4 ? 2 0 100 0.01 0.1 2 3 5 7 1 2 3 5 7 10 2 3 5 7 2 3 5 7 100 0.1 23 57 23 57 1 23 57 100 23 57 1k 2 3 57 2 3 57 10k 10 output power, p o ?w total harmonic distortion, thd ? % response ? f ? 16 0.1 0.2 ? 80 ? 70 ? 60 ? 50 ? 40 ? 30 ? 20 ? 10 2 10 23 57 23 57 23 57 23 57 100 1k 10k 23 57 23 57 23 57 23 57 1k 10k 100k frequency, f ? hz response ? db ch sep. ? f svrr ? v cc ? 70 ? 60 ? 50 ? 40 ? 30 ? 20 ? 10 0 10 100 100k frequency, f ? hz channel separation, ch sep. ? db supply voltage, v cc ?v ripple rejection ratio, svrr ? db 10 100k frequency, f ? hz total harmonic distortion, thd ? % 422 supply voltage, v cc ?v output power, p o ?w i cco ? v cc resistance for signal generation, rg ? output noise voltage, v no ? mvrms v no ? rg p o ? v cc thd ? p o thd ? f r l = 8 rg = 0 rg = 600 f = 1khz thd = 10% v cc = 18v r l = 8 rg = 600 v cc = 18v r l = 8 din audio v cc = 18v r l = 8 rg = 600 p o = 1w 1khz 10khz 100hz ch1 ch2 ch2 ch1 r l = 8 rg = 0 fr = 100hz v cc r = 0dbm cv cc = 1 f v cc = 18v r l = 8 rg = 600 v o = 0dbm (at f = 1khz) v cc = 18v r l = 8 v o = 0dbm rg = 10k
LA42052 ps no.a0314-7/7 sanyo semiconductor co.,ltd. assumes no responsib ility for equipment failures that result from using products at values that exceed, even momentarily, rate d values (such as maximum ra tings, operating condition ranges, or other parameters) listed in products specif ications of any and all sanyo semiconductor co.,ltd. products described or contained herein. sanyo semiconductor co.,ltd. strives to supply high-qual ity high-reliability products, however, any and all semiconductor products fail or malfunction with some probabi lity. it is possible that these probabilistic failures or malfunction could give rise to acci dents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause dam age to other property. when designing equipment, adopt safety measures so that these kinds of accidents or e vents cannot occur. such measures include but are not limited to protective circuits and error prevention c ircuits for safe design, redundant design, and structural design. upon using the technical information or products descri bed herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of sanyo semiconductor co.,ltd. or any third party. sanyo semiconductor co.,ltd. shall not be liable f or any claim or suits with regard to a third party's intellctual property rights which has resulted from the use of the technical information and products mentioned above. information (including circuit diagr ams and circuit parameters) herein is for example only; it is not guaranteed for volume production. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equi pment, refer to the "delivery specification" for the sanyo semiconductor co.,ltd. product that you intend to use. in the event that any or all sanyo semiconductor c o.,ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities conc erned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any in formation storage or retrieval system, or otherwise, without the prior written consent of sanyo semiconductor co.,ltd. this catalog provides information as of may, 2008. specifications and inform ation herein are subject to change without notice. ripple frequency, fr ? hz ripple rejection ratio, svrr ? db 0 8 1 2 3 4 5 6 7 0.1 10 output power, p o ?w power dissipation, pd ? w 2 3 57 2 3 57 1 0 2.2 power supply ripple voltage, v cc r?vrms ripple rejection ratio, svrr ? db svrr ? fr svrr ? v cc r pd ? p o ? 80 0 0 10 100 23 57 23 57 1k 2 3 5 7 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 10k ? 60 ? 70 ? 50 ? 40 ? 30 ? 20 ? 10 ? 80 ? 60 ? 70 ? 50 ? 40 ? 30 ? 20 ? 10 v cc = 18v r l = 8 rg = 0 v cc r = 0dbm cv cc = 1 f v cc = 18v r l = 8 rg = 0 fr = 100hz cv cc = 1 f svrr = 20log (v o /v cc r) r l = 8 rg = 600 f = 1khz


▲Up To Search▲   

 
Price & Availability of LA42052

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X