Part Number Hot Search : 
NTROLBR 710222K FS6050 DG9454 CA13057 100HS MX784 6PHR20
Product Description
Full Text Search
 

To Download KP11N60D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2013. 5. 15 1/6 semiconductor technical data KP11N60D n channel mos field effect transistor revision no : 0 general description this super junction mosfet has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristics. it is mainly suitable for active power factor correction and switching mode power supplies. features h v dss =600v, i d =11a h drain-source on resistance : r ds(on) (max)=0.38 ? @v gs =10v h qg(typ.)= 20nc maximum rating (tc=25 ? ) * : drain current limited by maximum junction temperature. characteristic symbol rating unit drain-source voltage v dss 600 v gate-source voltage v gss ? 30 v drain current @t c =25 ? i d 11* a @t c =100 ? 6.9* pulsed (note1) i dp 24* single pulsed avalanche energy (note 2) e as 195 mj repetitive avalanche energy (note 1) e ar 4.0 mj peak diode recovery dv/dt (note 3) dv/dt 4.5 v/ns drain power dissipation tc=25 ? p d 69.4 w derate above 25 ? 0.56 w/ ? maximum junction temperature t j 150 ? storage temperature range t stg -55 q 150 ? thermal characteristics thermal resistance, junction-to-case r thjc 1.8 ? /w thermal resistance, junction-to-ambient r thja 110 ? /w g d s pin connection dpak (1) dim millimeters a a b b c c d d f ff h g k g j l k l m 0.96 max 0.90 max e e m n h 0.70 min o 0.1 max n 123 6.60 0.20 + _ 6.10 0.20 + _ 5.34 0.30 + _ 0.70 0.20 + _ 2.70 0.15 + _ 2.30 0.10 + _ 1.80 0.20 + _ 0.50 0.10 + _ 2.30 0.10 + _ 0.50 0.10 + _ j o 1. gate 2. drain 3. source
2013. 5. 15 2/6 KP11N60D revision no : 0 electrical characteristics (tc=25 ? ) characteristic symbol test condition min. typ. max. unit static drain-source breakdown voltage bv dss i d =250  a, v gs =0v 600 - - v breakdown voltage temperature coefficient  bv dss /  t j i d =250  a, referenced to 25 ? - 0.6 - v/ ? drain cut-off current i dss v ds =600v, v gs =0v - - 10  a gate threshold voltage v th v ds =v gs , i d =250  a 2.0 - 4.0 v gate leakage current i gss v gs = ? 30v, v ds =0v - - ? 100 na drain-source on resistance r ds(on) v gs =10v, i d =5.5a - 0.33 0.38 ? dynamic total gate charge q g v ds =480v, i d =11a v gs =10v (note 5) - 20 - nc gate-source charge q gs - 4.0 - gate-drain charge q gd - 9.0 - turn-on delay time t d(on) v dd =300v i d =11a r g =25 ? (note4,5) - 25 - ns turn-on rise time t r - 35 - turn-off delay time t d(off) - 65 - turn-off fall time t f - 25 - input capacitance c iss v ds =25v, v gs =0v, f=1.0mhz - 850 - pf output capacitance c oss - 800 - reverse transfer capacitance c rss - 2.0 - source-drain diode ratings continuous source current i s v gs 2013. 5. 15 3/6 KP11N60D revision no : 0 normalized breakdown voltage bv dss gate - source voltage v gs (v) fig1. i d - v ds drain - source voltage v ds (v) drain current i d (a) 10 0 10 -1 10 1 68 410 2 fig2. i d - v gs fig3. bv dss - t j fig4. r ds(on) - i d 050 25 0.9 1.0 1.3 1.2 1.1 75 100 125 150 drain current i d (a) drain current i d (a) on - resistance r ds(on) ( ? ) fig5. i s - v sd 0.4 0.8 1.0 1.2 0.6 1.8 1.4 reverse drain current i s (a) 1.2 0.8 0.6 0.4 0.2 0 1.0 05 20 10 15 junction temperature tj ( ) c source - drain voltage v sd (v) 10 0 10 -1 10 1 10 2 fig6. r ds(on) - t j junction temperature t j ( ) 0 50 -100 -50 100 150 normalized on resistance 0.0 0.5 3.0 2.5 1.0 1.5 2.0 c v gs =10v i ds = 5.5a v gs = 0v i ds = 250 100 c 25 c 100 c 25 c 1100 0.1 10 0.1 1 10 100 v gs =10v v gs =6v v gs =5v v ds =20v v gs =5v v gs =10v
2013. 5. 15 4/6 KP11N60D revision no : 0 drain current i d (a) gate - charge q g (nc) drain - source voltage v ds (v) 0 12 10 6 2 4 8 24 20 41216 8 0 fig8. q g - v gs fig9. safe operation area gate - source voltage v gs (v) 10 1 10 2 1 10 2 10 1 10 3 10 4 10 1 10 -1 10 0 10 0 10 -2 10 2 10 3 i d =11a v ds = 480v fig 7. c - v ds drain - source voltage v ds (v) capacitance (pf) 0 10203040 c rss c oss c iss time ( sec ) fig10. transient thermal response curve transient thermal resistance 10 -5 10 -3 10 -2 10 -1 10 0 10 1 10 -4 10 -2 10 -1 10 0 10 1 dut y=0 . 5 single pul se 0 . 0 5 0.02 0. 2 0.0 1 0 .1 t 1 t 2 p dm - duty factor, d= t 1 /t 2 - r th(j-c) = 1.8 c/w max. 100 ? 1  10 ? 10  dc operation in this area is limited by r ds(on)
fig11. gate charge i d i d v ds v gs v gs v ds v gs 1.0 ma fast recovery diode 10v 10 v 25 ? r l q g q gd q gs q t p fig13. resistive load switching fig12. single pulsed avalanche energy v ds (t) i d (t) v ds v gs 10 v 25 ? l time e as = li as 2 bv dss - v dd bv dss 1 2 v dd i as bv dss v ds v gs t r t d(off) t off t d(on) t on t f 10% 90% 50v 0.8 v dss 0.5 v dss 2013. 5. 15 5/6 KP11N60D revision no : 0
2013. 5. 15 6/6 KP11N60D revision no : 0 fig14. source - drain diode reverse recovery and dv /dt i f i s v ds v sd i sd (dut) v ds (dut) v gs 10v driver dut body diode recovery dv/dt body diode forword voltage drop body diode forword current body diode reverse current di/dt v dd i rm 0.5 v dss


▲Up To Search▲   

 
Price & Availability of KP11N60D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X