Part Number Hot Search : 
TMP47C8 ADM1085 MAX3785 284168 STC2200 E37270MF DB152G AD891JP
Product Description
Full Text Search
 

To Download JM74111-V0C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  all specification & dimensions are subject to change, please call your nearest foxconn sales representative for update information . specifications modular jack jm series rj45 1x1 r/a, t/h type 1.02mm [.040 ? ] pitch mechanical mating force: 5 pounds max. unmating force: 10 pounds max. durability: 1000 cycles electrical current rating: 1 .5a max. contact resistance: 5 0m w ma x. dielectric withstanding voltage: 1000v physical housing: thermoplastic, ul 94v - 0 r ated in black color contact: copper alloy plating: see ? ordering information ? shell : copper alloy operating temperature: - 3 0 j to + 85 j drawing ordering informat ion 7=15u" gold 5=50u" gold 3=30u" gold 1=flash gold body height:11.50mm extension code contact area plating 1=1port no. of body product no. : jm 7 4 1 1 * - v0 * 7=r/a all shield smt 4=w/o penel-gnd shell,w/o b/l pos. type 1=8p8c design type body & termination jm=modular jack series prefix


▲Up To Search▲   

 
Price & Availability of JM74111-V0C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X