Part Number Hot Search : 
SLD231VL 41T00M6 MMBT5 26000 2N2222 26000 IRFU370 YM7128
Product Description
Full Text Search
 

To Download IXSK50N60BD1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 - 5 ? 2000 ixys all rights reserved to-264 aa g c e g = gate, c = collector, e = emitter, tab = collector symbol test conditions maximum ratings v ces t j = 25  c to 150  c 600 v v cgr t j = 25  c to 150  c; r ge = 1 m  600 v v ges continuous  20 v v gem transient  30 v i c25 t c = 25  c, limited by leads 75 a i c90 t c = 90  c50a i cm t c = 25  c, 1 ms 200 a ssoa v ge = 15 v, t vj = 125  c, r g = 22  i cm = 100 a (rbsoa) clamped inductive load, l = 30  h @ 0.8 v ces t sc v ge = 15 v, v ce = 360 v, t j = 125  c 10  s (scsoa) r g = 22  non repetitive p c t c = 25  c 300 w t j -55 ... +150  c t jm 150  c t stg -55 ... +150  c m d mounting torque 0.9/6 nm/lb.in. weight 10 g maximum lead temperature for soldering 300  c 1.6 mm (0.062 in.) from case for 10 s igbt with diode v ces = 600 v i c25 = 75 a v ce(sat) = 2.5 v short circuit soa capability symbol test conditions characteristic values (t j = 25  c, unless otherwise specified) min. typ. max. bv ces i c = 3 ma, v ge = 0 v 600 v v ge(th) i c = 4 ma, v ce = v ge 48v i ces v ce = 0.8 ? v ces t j = 25  c 350  a v ge = 0 v t j = 125  c5ma i ges v ce = 0 v, v ge =  20 v  100 na v ce(sat) i c = i c90 ; v ge = 15 v 2.2 2.5 v features  international standard package jedec to-264 aa, and hole-less to-247 package for clip mounting  guaranteed short circuit soa capability  high frequency igbt and anti- parallel fred in one package  latest generation hdmos tm process  low v ce(sat) - for minimum on-state conduction losses  mos gate turn-on - drive simplicity  fast recovery epitaxial diode (fred) - soft recovery with low i rm applications  ac motor speed control  dc servo and robot drives  dc choppers  uninterruptible power supplies (ups)  switch-mode and resonant-mode power supplies advantages  space savings (two devices in one package)  easy to mount with 1 screw (isolated mounting screw hole)  reduces assembly time and cost 98619 (4/99) ixsk 50n60bd1 ixsx 50n60bd1 plus247 (ixsx) g c e c (tab) (ixsk) ixys reserves the right to change limits, test conditions, and dimensions.
2 - 5 ? 2000 ixys all rights reserved symbol test conditions characteristic values (t j = 25  c, unless otherwise specified) min. typ. max. g fs i c = i c90 ; v ce = 10 v, 16 23 s pulse test, t  300  s, duty cycle  2 % i c(on) v ge = 15 v, v ce = 10 v 160 a c ies 3850 pf c oes v ce = 25 v, v ge = 0 v, f = 1 mhz 440 pf c res 50 pf q g 167 nc q ge i c = i c90 , v ge = 15 v, v ce = 0.5 v ces 45 nc q gc 88 nc t d(on) 70 ns t ri 70 ns t d(off) 150 300 ns t fi 150 300 ns e off 3.3 6.0 mj t d(on) 70 ns t ri 70 ns e on 2.5 mj t d(off) 230 ns t fi 230 ns e off 4.8 mj r thjc 0.42 k/w r thck 0.15 k/w reverse diode (fred) characteristic values (t j = 25  c, unless otherwise specified) symbol test conditions min. typ. max. v f i f = i c90 , v ge = 0 v, 2.5 v pulse test, t  300  s, duty cycle d  2 % i rm i f = i c90 , v ge = 0 v, -di f /dt = 100 a/  s 2 2.5 a t rr v r = 100 v i f = 1 a; -di/dt = 200 a/  s; v r = 30 v t j =25  c35 ns r thjc 0.75 k/w inductive load, t j = 25  c i c = i c90 , v ge = 15 v, l = 100  h, v ce = 0.8 v ces , r g = 2.7  remarks: switching times may increase for v ce (clamp) > 0.8  v ces , higher t j or increased r g inductive load, t j = 125  c i c = i c90 , v ge = 15 v, l = 100  h v ce = 0.8 v ces , r g = 2.7  remarks: switching times may increase for v ce (clamp) > 0.8  v ces , higher t j or increased r g ixsk 50n60bd1 ixsx 50n60bd1 millimeter inches min. max. min. max. a 4.82 5.13 .190 .202 a1 2.54 2.89 .100 .114 a2 2.00 2.10 .079 .083 b 1.12 1.42 .044 .056 b1 2.39 2.69 .094 .106 b2 2.90 3.09 .114 .122 c 0.53 0.83 .021 .033 d 25.91 26.16 1.020 1.030 e 19.81 19.96 .780 .786 e 5.46 bsc .215 bsc j 0.00 0.25 .000 .010 k 0.00 0.25 .000 .010 l 20.32 20.83 .800 .820 l1 2.29 2.59 .090 .102 p 3.17 3.66 .125 .144 q 6.07 6.27 .239 .247 q1 8.38 8.69 .330 .342 r 3.81 4.32 .150 .170 r1 1.78 2.29 .070 .090 s 6.04 6.30 .238 .248 t 1.57 1.83 .062 .072 dim. to-264 aa outline plus247 tm (ixsx) dim. millimeter inches min. max. min. max. a 4.83 5.21 .190 .205 a 1 2.29 2.54 .090 .100 a 2 1.91 2.16 .075 .085 b 1.14 1.40 .045 .055 b 1 1.91 2.13 .075 .084 b 2 2.92 3.12 .115 .123 c 0.61 0.80 .024 .031 d 20.80 21.34 .819 .840 e 15.75 16.13 .620 .635 e 5.45 bsc .215 bsc l 19.81 20.32 .780 .800 l1 3.81 4.32 .150 .170 q 5.59 6.20 .220 .244 r 4.32 4.83 .170 .190 ixys mosfets and igbts are covered by one or more of the following u.s. patents: 4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025
3 - 5 ? 2000 ixys all rights reserved v ge - volts 4 6 8 10 12 14 16 i c - amperes 0 20 40 60 80 100 v ce -volts 0 5 10 15 20 25 30 35 40 capacitance - pf 10 100 1000 10000 t j - degrees c 25 50 75 100 125 150 v ce (sat) - normalized 0.4 0.6 0.8 1.0 1.2 1.4 1.6 v ce - volts 0246810 i c - amperes 0 20 40 60 80 100 v ce - volts 0 4 8 121620 i c - amperes 0 40 80 120 160 13v 11v 9v v ce = 10v t j = 25 c v ge = 15v t j = 25 c i c = 25a i c = 50a i c = 100a t j = 125 c c rss f = 1mhz 9v v ge = 15v t j = 25 c v ce - volts 0246810 i c - amperes 0 20 40 60 80 100 t j = 125 c c iss c oss 7v 9v 11v 7v 13v v ge = 15v 13v 11v v ge = 15v figure 1. saturation voltage characteristics figure 2. extended output characteristics figure 3. saturation voltage characteristics figure 4. temperature dependence of v ce(sat) figure 5. admittance curves figure 6. capacitance curves ixsk 50n60bd1 ixsx 50n60bd1
4 - 5 ? 2000 ixys all rights reserved pulse width - seconds 0.00001 0.0001 0.001 0.01 0.1 1 z thjc (k/w) 0.001 0.01 0.1 1 d=0.02 v ce - volts 0 100 200 300 400 500 600 i c - amperes 0.1 1 10 100 q g - nanocoulombs 0 25 50 75 100 125 150 175 0 4 8 12 16 20 r g - ohms 0 102030405060 e (off) - millijoules 0 5 10 15 20 e (on) - millijoules 0 1 2 3 4 i c - amperes 0 20406080100 e (off) - millijoules 0 4 8 12 16 20 24 e (on) - millijo u les 0.0 0.5 1.0 1.5 2.0 2.5 3.0 v ce = 250v i c =50a e (on) e (off) e (on) e (off) t j = 125c r g = 6.2  dv/dt < 5v/ns d=0.1 d=0.05 single pulse d = duty cycle t j = 125c r g = 10  600 e (off) e (off) d=0.2 d=0.5 d=0.01 i c =25a t j = 125c i c = 100a i c = 50a e (on) e (on) figure 9. gate charge figure 10. turn-off safe operating area figure 11. transient thermal resistance figure 7. dependence of e on and e off on i c . figure 8. dependence of e on and e off on r g . ixsk 50n60bd1 ixsx 50n60bd1
5 - 5 ? 2000 ixys all rights reserved ixsk 50n60bd1 ixsx 50n60bd1 200 600 1000 0 400 800 60 70 80 90 0.00001 0.0001 0.001 0.01 0.1 1 0.001 0.01 0.1 1 0 40 80 120 160 0.0 0.5 1.0 1.5 2.0 k f t vj c -di f /dt t s k/w 0 200 400 600 800 1000 0 5 10 15 20 0.00 0.25 0.50 0.75 1.00 v fr di f /dt v 200 600 1000 0 400 800 0 5 10 15 20 25 30 100 1000 0 200 400 600 800 1000 0123 0 10 20 30 40 50 60 i rm q r i f a v f -di f /dt -di f /dt a/ m s a v nc a/ m s a/ m s t rr ns t fr z thjc a/ m s s dsec 60-06b i f = 60a i f = 30a i f = 15a t vj = 100 c v r = 300v t vj = 100 c i f = 30a fig. 14 peak reverse current i rm versus -di f /dt fig. 13 reverse recovery charge q r versus -di f /dt fig. 12 forward current i f versus v f t vj = 100 c v r = 300v t vj = 100 c v r = 300v i f = 60a i f = 30a i f = 15a q r i rm fig. 15 dynamic parameters q r , i rm versus t vj fig. 16 recovery time t rr versus -di f /dt fig. 17 peak forward voltage v fr and t fr versus di f /dt i f = 60a i f = 30a i f = 15a t fr v fr fig. 18 transient thermal resistance junction to case constants for z thjc calculation: ir thi (k/w) t i (s) 1 0.465 0.0052 2 0.179 0.0003 3 0.256 0.0396 t vj =25 c t vj =100 c t vj =150 c


▲Up To Search▲   

 
Price & Availability of IXSK50N60BD1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X