Part Number Hot Search : 
EC3BB25 MCP4017 12CNE8N TM128160 AD9775 LT5579 BFXXX BAS38608
Product Description
Full Text Search
 

To Download IDT74ALVCH16276PA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  industrial temperature range idt74alvch16276 3.3v cmos 12-bit synchronous bus exchanger with bus-hold 1 january 2004 industrial temperature range the idt logo is a registered trademark of integrated device technology, inc. ? 2004 integrated device technology, inc. dsc-4213/3 features: ? 0.5 micron cmos technology ? typical t sk(o) (output skew) < 250ps ? esd > 2000v per mil-std-883, method 3015; > 200v using machine model (c = 200pf, r = 0) ?v cc = 3.3v 0.3v, normal range ?v cc = 2.7v to 3.6v, extended range ?v cc = 2.5v 0.2v ? cmos power levels (0.4 w typ. static) ? rail-to-rail output swing for increased noise margin ? available in ssop and tssop packages functional block diagram applications: ? 3.3v high speed systems ? 3.3v and lower voltage computing systems drive features: ? high output drivers: 24ma ? suitable for heavy loads ce1b clk cea1b sel oeb cea2b a 1:12 ce2b a-1b register 1b-a register m u x 1 0 12 12 12 12 12 12 1 b 1:12 2 b 1:12 12 oea ce d ce q q d control register 2b-a register ce q d a-2b register ce d q 12 12 1 29 56 28 30 27 55 2 idt74alvch16276 3.3v cmos 12-bit synchronous bus exchanger with bus-hold description: this 12-bit synchronous bus exchanger is built using dual metal cmos technology. the alvch16276 device is a high-speed, bidirectional, 12-bit, registered, bus multiplexer for use in synchronous memory interleaving applications. all registers have a common clock and use a clock enable (cexxx) on each data register to control data sequencing. the output enables and mux select ( oea , oeb and sel) are also under synchronous control allowing direction changes to be edge triggered events. the alvch16276 has three 12-bit ports. data may be transferred between the a port and either/both of the b ports. the clock enable ( ce1b , ce2b , cea1b and cea2b ) inputs control data storage. both b ports have a common output enable ( oeb ) to aid in synchronously loading the b registers from the b port. the alvch16276 has been designed with a 24ma output driver. this driver is capable of driving a moderate to heavy load while maintaining speed performance. the alvch16276 has ?bus-hold? which retains the inputs? last state when- ever the input goes to a high impedance. this prevents floating inputs and eliminates the need for pull-up/down resistors.
industrial temperature range 2 idt74alvch16276 3.3v cmos 12-bit synchronous bus exchanger with bus-hold ssop/ tssop top view pin configuration cea1b 2 b 3 gnd 2 b 2 2 b 1 v cc a 1 a 2 gnd a 3 a 4 a 5 a 6 a 8 a 9 gnd a 10 a 11 a 12 v cc 1 b 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 48 49 50 51 52 53 54 55 56 1 ce1b 2 b 4 gnd 2 b 5 2 b 6 v cc 2 b 7 2 b 8 2 b 9 2 b 10 2 b 11 2 b 12 gnd 1 b 11 1 b 10 1 b 9 1 b 8 gnd 1 b 7 1 b 6 1 b 5 gnd 1 b 3 oea sel 25 26 27 28 32 31 30 29 gnd 1 b 4 oeb clk a 7 1 b 2 v cc 1 b 12 cea2b ce2b symbol description max unit v term (2) terminal voltage with respect to gnd ?0.5 to +4.6 v v term (3) terminal voltage with respect to gnd ?0.5 to v cc +0.5 v t stg storage temperature ?65 to +150 c i out dc output current ?50 to +50 ma i ik continuous clamp current, 50 ma v i < 0 or v i > v cc i ok continuous clamp current, v o < 0 ?50 ma i cc continuous current through each 100 ma i ss v cc or gnd absolute maximum ratings (1) notes: 1. stresses greater than those listed under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. v cc terminals. 3. all terminals except v cc . note: 1. as applicable to the device type. symbol parameter (1) conditions typ. max. unit c in input capacitance v in = 0v 5 7 pf c out output capacitance v out = 0v 7 9 pf c i/o i/o port capacitance v in = 0v 7 9 pf capacitance (t a = +25c, f = 1.0mhz)
industrial temperature range idt74alvch16276 3.3v cmos 12-bit synchronous bus exchanger with bus-hold 3 notes: 1. h = high voltage level l = low voltage level x = don?t care z = high impedance 2. output level before the indicated steady-state input conditions were established. note: 1. these pins have "bus-hold". all other pins are standard inputs, outputs, or i/os. pin description pin names i/o description ax (1:12) i/o bidirectional data port a. usually connected to the cpu?s address/data bus. (1) 1bx (1:12) i/o bidirectional data port 1b. usually connected to the even path or even bank of memory. (1) 2bx (1:12) i/o bidirectional data port 2b. usually connected to the odd path or odd bank of memory. (1) clk i clock input cea1b i clock enable input for the a-1b register. if cea1b is low during the rising edge of clk, data will be clocked into register a-1b (active low). cea2b i clock enable input for the a-2b register. if cea2b is low during the rising edge of clk, data will be clocked into register a-2b (active low). ce1b i clock enable input for the 1b-a register. if ce1b is low during the rising edge of clk, data will be clocked into register 1b-a (active low). ce2b i clock enable input for the 2b-a register. if ce2b is low during the rising edge of clk, data will be clocked into register 2b-a (active low). sel i 1b or 2b port selection. when high during the rising edge of clk, sel enables data transfer from 1b port to a port. when low during the rising edge of clk, sel enables data transfer from 2b port to a port. oea i synchronous output enable for a port (active low) oeb i synchronous output enable for 1b port and 2b port (active low) inputs outputs ax cea1b cea2b oeb clk 1 bx 2 bx hlll?hh llll?ll hlhl?hb 0 (2) llhl?lb 0 (2) hh ll?b 0 (2) h lh ll?b 0 (2) l xhhl?b 0 (2) b 0 (2) xxxh?zz x x x l ? active active inputs output 1 bx 2 bx sel ce1b ce2b oea clk ax hxhlxl? h lxhlxl? l xxhhxl?a 0 (2) xhlx ll? h xllxll? l xxlxhl?a 0 (2) xxxxxh? z function tables (1)
industrial temperature range 4 idt74alvch16276 3.3v cmos 12-bit synchronous bus exchanger with bus-hold bus-hold characteristics symbol parameter (1) test conditions min. typ. (2) max. unit i bhh bus-hold input sustain current v cc = 3v v i = 2v ? 75 ? ? a i bhl v i = 0.8v 75 ? ? i bhh bus-hold input sustain current v cc = 2.3v v i = 1.7v ? 45 ? ? a i bhl v i = 0.7v 45 ? ? i bhho bus-hold input overdrive current v cc = 3.6v v i = 0 to 3.6v ? ? 500 a i bhlo notes: 1. pins with bus-hold are identified in the pin description. 2. typical values are at v cc = 3.3v, +25c ambient. symbol parameter test conditions min. typ. (1) max. unit v ih input high voltage level v cc = 2.3v to 2.7v 1.7 ? ? v v cc = 2.7v to 3.6v 2 ? ? v il input low voltage level v cc = 2.3v to 2.7v ? ? 0.7 v v cc = 2.7v to 3.6v ? ? 0.8 i ih input high current v cc = 3.6v v i = v cc ?? 5a i il input low current v cc = 3.6v v i = gnd ? ? 5a i ozh high impedance output current v cc = 3.6v v o = v cc ?? 10 a i ozl (3-state output pins) v o = gnd ? ? 10 v ik clamp diode voltage v cc = 2.3v, i in = ?18ma ? ?0.7 ?1.2 v v h input hysteresis v cc = 3.3v ? 100 ? mv i ccl quiescent power supply current v cc = 3.6v ? 0.1 40 a i cch v in = gnd or v cc i ccz ? i cc quiescent power supply current one input at v cc - 0.6v, other inputs at v cc or gnd ? ? 750 a variation dc electrical characteristics over operating range following conditions apply unless otherwise specified: operating condition: t a = ?40c to +85c note: 1. typical values are at v cc = 3.3v, +25c ambient.
industrial temperature range idt74alvch16276 3.3v cmos 12-bit synchronous bus exchanger with bus-hold 5 note: 1. v ih and v il must be within the min. or max. range shown in the dc electrical characteristics over operating range table for the appropriat e v cc range. t a = ? 40c to + 85c. output drive characteristics symbol parameter test conditions (1) min. max. unit v oh output high voltage v cc = 2.3v to 3.6v i oh = ? 0.1ma v cc ? 0.2 ? v v cc = 2.3v i oh = ? 6ma 2 ? v cc = 2.3v i oh = ? 12ma 1.7 ? v cc = 2.7v 2.2 ? v cc = 3v 2.4 ? v cc = 3v i oh = ? 24ma 2 ? v ol output low voltage v cc = 2.3v to 3.6v i ol = 0.1ma ? 0.2 v v cc = 2.3v i ol = 6ma ? 0.4 i ol = 12ma ? 0.7 v cc = 2.7v i ol = 12ma ? 0.4 v cc = 3v i ol = 24ma ? 0.55 operating characteristics, t a = 25c v cc = 2.5v 0.2v v cc = 3.3v 0.3v symbol parameter test conditions typical typical unit c pd power dissipation capacitance outputs enabled c l = 0pf, f = 10mhz 55 59 pf c pd power dissipation capacitance outputs disabled 46 49
industrial temperature range 6 idt74alvch16276 3.3v cmos 12-bit synchronous bus exchanger with bus-hold notes: 1. see test circuits and waveforms. t a = ? 40c to + 85c. 2. skew between any two outputs of the same package and switching in the same direction. switching characteristics (1) v cc = 2.5v 0.2v v cc = 2.7v v cc = 3.3v 0.3v symbol parameter min. max. min. max. min. max. unit t plh propagation delay 1.5 5 1.5 4.7 1.5 4.3 ns t phl clk to 1bx or clk to 2bx t plh propagation delay 1.5 5.3 1.5 5 1.5 4.6 ns t phl clk to ax, sel stable and cexb enabled t plh propagation delay 1.5 5.7 1.5 5.3 1.5 5.1 ns t phl sel changing and cexb disabled t plh propagation delay 1.5 5.8 1.5 5.4 1.5 5.1 ns t phl sel changing and cexb enabled t pzh output enable time 1.5 5.6 1.5 5.2 1.5 5 ns t pzl clk to ax, clk to 1bx, or clk to 2bx t phz output disable time 1.3 4.7 1.5 5.2 1.5 5 ns t plz clk to ax, clk to 1bx, or clk to 2bx t su set-up time, data to clk, high or low 1 ? 1 ? 1 ? ns t su set-up time, oea to clk, oeb to clk 1 ? 1 ? 1 ? ns t su set-up time, sel to clk 1 ? 1 ? 1 ? ns t su set-up time, cea1b to clk, ce1b to clk 1 ? 1 ? 1 ? ns ce2b to clk, or cea2b to clk t h hold time, clk to data 1 ? 1 ? 1 ? ns t h hold time, clk to oea , clk to oeb , clk to sel 1 ? 1 ? 1 ? ns t h hold time, clk to cea1b , clk to ce1b, 1 ? 1 ? 1 ? ns clk to ce2b , or clk to cea2b t w pulse width, clk high 2.5 ? 2.5 ? 2.5 ? ns t sk(o) output skew (2) ????? 500 ps
industrial temperature range idt74alvch16276 3.3v cmos 12-bit synchronous bus exchanger with bus-hold 7 open v load gnd v cc pulse generator d.u.t. 500 ? 500 ? c l r t v in v out (1, 2) alvc link input v ih 0v v oh v ol t plh1 t sk (x) output 1 output 2 t phl1 t sk (x) t plh2 t phl2 v t v t v oh v t v ol t sk (x) = t plh2 - t plh1 or t phl2 - t phl1 alvc link same phase input transition opposite phase input transition 0v 0v v oh v ol t plh t phl t phl t plh output v ih v t v t v ih v t alvc link data input 0v 0v 0v 0v t rem timing input synchronous control t su t h t su t h v ih v t v ih v t v ih v t v ih v t alvc link asynchronous control low-high-low pulse high-low-high pulse v t t w v t alvc link control input t plz 0v output normally low t pzh 0v switch closed output normally high enable disable switch open t phz 0v v lz v oh v t v t t pzl v load/2 v load/2 v ih v t v ol v hz alvc link test circuits and waveforms propagation delay test circuit for all outputs enable and disable times set-up, hold, and release times notes: 1. for t sk (o) output1 and output2 are any two outputs. 2. for t sk (b) output1 and output2 are in the same bank. definitions: c l = load capacitance: includes jig and probe capacitance. r t = termination resistance: should be equal to z out of the pulse generator. notes: 1. pulse generator for all pulses: rate 1.0mhz; t f 2.5ns; t r 2.5ns. 2. pulse generator for all pulses: rate 1.0mhz; t f 2ns; t r 2ns. output skew - t sk ( x ) pulse width note: 1. diagram shown for input control enable-low and input control disable-high. symbol v cc (1) = 3.3v0.3v v cc (1) = 2.7v v cc (2) = 2.5v0.2v unit v load 6 6 2 x vcc v v ih 2.7 2.7 vcc v v t 1.5 1.5 vcc / 2 v v lz 300 300 150 mv v hz 300 300 150 mv c l 50 50 30 pf test conditions switch position test switch open drain disable low v load enable low disable high gnd enable high all other tests open
industrial temperature range 8 idt74alvch16276 3.3v cmos 12-bit synchronous bus exchanger with bus-hold ordering information idt xx alvc xxx xx package device type temp. range pv pa 16 74 shrink small outline package thin shrink small outline package 12-bit synchronous bus exchanger ? 40c to +85c x xxx family bus-hold 276 bus-hold h double-density, 24ma corporate headquarters for sales: for tech support: 2975 stender way 800-345-7015 or 408-727-6116 logichelp@idt.com santa clara, ca 95054 fax: 408-492-8674 (408) 654-6459 www.idt.com


▲Up To Search▲   

 
Price & Availability of IDT74ALVCH16276PA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X