Part Number Hot Search : 
50397 CD4748A O55CC 980908 SB320H WS075200 MTN1136 AN6454SH
Product Description
Full Text Search
 

To Download GMX-SMT2-S6-1010-50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series shield no of positions contacts plating option packaging option packaging blank - bulk tr - t ape & reel ( contact kycon sales for tr options ) plating option series gmx- surface mount right angle modular jack standard - nickel lr78160 features ? low profile design suitable for pc add-on board applications ? a vailable in 4, 6, 8, and 10 position housings ? a vailable fully shielded for emi/rfi protection ? csa/nrtl certified file no. lr78160 performance specifications materials and finish housing material high t emperature thermoplastic, reflow compatible, ul 94 v -0 rated, black color shield material copper allo y , nickel plated contact material phosphor bronze electrical characteristics insulation resistance 500 megohms min dielectric withstanding v oltage 1000v ac for 1 minute contact resistance 20 milliohms max current rating 1.0 amps k y co n 2007 gmx-smt2 serie s surf a ce moun t modula r jac k gmx-smt2 series modular j a cks and p lug s option mounting kycon, i nc. ? t el: + 1 408 - 494-0330 ? u s: 1 - 888- kyc on - 22 ? f ax : +1 408 - 494 - 0325 ? ww w .ky c on.co m mounting option smt2 - with post rohs documentation & ordering information kycon part # part number builder option shield option ,positions & contacts shield option number of positions & contacts n s s2 s6 s7 66 88 64 44 66 88 1010 64 88 1010 1010 88 1010 88 - - - - - - - - - - * not available with 50 " gold plating 50 - 50 " gold plating 66 * s4 88 - - - - contact kycon for other options


▲Up To Search▲   

 
Price & Availability of GMX-SMT2-S6-1010-50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X