positronic industries www.connectpositronic.com 9 ordering information specify complete connector by following step 1 through step 5. step 1: basic series gg4 : gg series step 7: special options consult factory for customization. step 6: environmental compliance options /aa : compliant per eu directive 2002/95/ec (rohs) example: gg8567f10/aa note: if no environmental options are required, this step will not be used. example: gg8567f10 step 5: mounting style 0: no hardware. 82: float mount 1.5 mm panel thickness. 83: float mount 2.3 mm panel thickness. e: turnable male jackscrews . t: fixed female jackscrews. j: hood.* ej: turnable male jackscrews with hood.* tj: fixed female jackscrews with hood.* *consult factory for hood availability. step 4: type of contact 1: removable contact. contacts ordered separately. step 3: connector gender f: female m: male steps 2: connector version 256 versions available . specify using step 2a through step 2d. each step (2a, 2b,2c, or 2d) can be any module. code 8 : one (1) size 0 power contact. code 7: four (4) size 12 power contacts. code 6: twelve (12) size 16 power contacts. code 5 : nineteen (19) size 20 signal contacts. consult factory for the availability of two (2) size 8 power contacts or other contact sizes. consult factory for high performance glass-flled polyester material option. part number example: gg8568m10 part number example: gg8767m1e male face for reference only step 2a code 8 = 1 ea. size 0 power contact (step 2a) code 8 = 1 ea size 0 power contact (step 2a) code 8 = 1 ea size 0 power contact (step 2d) code 7 = 4 ea size 12 power contacts (step 2b) code 5 = 19 ea. size 20 signal contacts (step 2b) code 7 = 4 ea size 12 power contacts (step 2d) code 6 = 12 ea. size 16 power contacts (step 2c) code 6 = 12 ea size 16 power contacts (step 2c) step 2a step 2b step 2b step 2c step 2c step 2d step 2d male face for reference only 1 2a 2b 2c 2d 3 4 5 6 7 gg 8 7 6 8 m 1 0 /aa xxx step example male mating face for reference only a b c d 1 2 3 4 1 2 3 4 1 2 3 5 10 9 6 12 gg series
positronic industries www.connectpositronic.com part number (standard material) part number (high conductivity material) wire size awg [mm 2 ] ? a ? b c female contacts sfc1210n2 sfc1210n2s 10[6.0] 3.73[0.147] n/a* 22.76[0.896] sfc1212n2 sfc1212n2s 12[4.0] 2.54[0.100] 4.19[0.165] male contacts smc1210bn smc1210bns 10[6.0] 3.73[0.147] n/a* 22.70[0.894] smc1212bn smc1212bns 12[4.0] 2.54[0 .100] 4.19[0.165] part number (standard material) wire size awg [mm 2 ] ? a ? b sequential mate c female contacts sfc2020n2 20[0.5] 1.14[0.045] 1.73[0.068] n/a* 22.30[0.878] male contacts smc2020an 20[0.5] 1.14[0.045] 1.73[0.068] first 23.93[0.942] smc2020bn standard 20.12[0.792] 6 removable contacts & safety features male connector female connector male probe protector size 0 male crimp contact size 0 female crimp contact crown pressure device increased insulator area for safety the connector was designed to pass the iec 60950 (fgure 2c) test probe which provides protection from electric shock and energy hazards. materials and finishes: male probe protector: nylon, ul 94v-0, black color. crown pressure device: beryllium copper, gold fash over nickel plate. materials: contacts: copper alloy. retention clips: beryllium copper. finishes: gold fash over nickel plate. please use correct wire size and it should be smaller than ? a of the contact. consult factory for other contact sizes, materials, fnishes and termination styles. removable contacts should be allowed to foat after installation in the connector body. this enables superior mating performance. n/a*- not applicable n/a*- not applicable n/a*- not applicable size 12 removable crimp contacts size 16 removable crimp contacts size 20 removable crimp contacts safety features of insulator and size 0 contact male male male female female female part number (standard material) part number (high conductivity material) wire size awg [mm 2 ] ? a ? b sequential mate c female contacts sfc1612n2 sfc1612n2s 12 [4.0] n/a* 2.49[0.098] n/a* 22.80 [0.898] sfc1614n2 sfc1614n2s 14 [2.5] 2.06 [0.081] 2.64[0.104] sfc1616n2 sfc1616n2s 16 [1.5] 1.70 [0.067] 2.36[0.093 sfc1620n2 sfc1620n2s 20 [0.5] 1.14 [0.045] 1.73[0.068] male contacts smc1612an smc1612ans 12 [4.0] n/a* 2.49[0.098] first 23.68 [0.932] smc1612bn smc1612bns standard 19.87 [0.782] smc1614an smc1614ans 14[2.5] 2.06 [0.081] 2.67[0.105] first 23.68 [0.932] smc1614bn smc1614bns standard 19.87 [0.782] smc1616an smc1616ans 16[1.5] 1.70[0.067] 2.36[0.093] first 23.68 [0.932] smc1616bn smc1616bns standard 19.87 [0.782] smc1620an smc1620ans 20 [0.5] 1.14 [0.045] 1.73[0.068] first 23.68 [0.932] smc1620bn smc1620bns standard 19.87 [0.782] gg series
positronic industries www.connectpositronic.com 7 removable size 0 contacts insertion, extraction, and retention of size 0 materials: locking clip: copper alloy with nylon, ul 94v-o dielectric overmold, black color. finishes: gold fash over nickel plate. insertion step 2: lock the locking clip. locking clip dielectric overmold step 1: insert the contact from rear side. part number (standard material) part number (high conductivity material) wire size awg [mm 2 ] ? a female contacts ggfc00n ggfc00ns 0[55] 10.50 [0.413] ggfc04n ggfc04ns 4[25] 7.50 [0.295] male contacts ggmc00n ggmc00ns 0[55] 10.50 [0.413] ggmc04n ggmc04ns 4[25] 7.50 [0.295] part number (standard material) part number (high conductivity material) thread t female contacts ggfit00m ggfit00ms m6 x 1 ggfit00s ggfit00ss 1/4-20 unc 2b male contacts ggmit00m ggmit00ms m6 x 1 ggmit00s ggmit00ss 1/4-20 unc 2b part number (standard material) part number (high conductivity material) thread t female contacts ggfet00m ggfet00ms m6 x 1 ggfet00s ggfet00ss 1/4-20 unc 2a male contacts ggmet00m ggmet00ms m6 x 1 ggmet00s ggmet00ss 1/4-20 unc 2a part number (standard material) part number (high conductivity material) thread t female contacts ggfra00m ggfra00ms m6 x 1 ggfra00s ggfra00ss 1/4-20 unc 2b male contacts ggmra00m ggmra00ms m6 x 1 ggmra00s ggmra00ss 1/4-20 unc 2b size 0 removable crimp contacts size 0 removable contacts, internal threads for typical ring terminal size 0 removable contacts, external threads for typical ring terminal size 0 removable contacts, right angle threads for typical ring terminal contacts ring terminal (shown for reference only.) consult factory for bus bar contacts availability male male male male female female female female materials: contacts: copper alloy. locking clips: copper alloy and nylon. male probe plug : nylon, ul 94v-o, black color finish: gold fash over nickel plate. consult factory for silver plating option. extraction step 1: unlock the locking clip. step 2: extract the contact from rear side. gg series
positronic industries connector families power circular hermetic positronic industries, inc. 423 n campbell ave ?po box 8247 ?springfield, mo 65801 tel (417) 866-2322 ?fax (417) 866-4115 ?toll free (800) 641-4054 info@connectpositronic.com ?www.connectpositronic.com
|