Part Number Hot Search : 
2SK38 TDA7434 0A1GYT 12SH3 D1889 LCM5467 AC180 AD5541LR
Product Description
Full Text Search
 

To Download G5Q-1A4-DC24 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  g 5 q 1 g5q pcb power relay a miniature power relay with 1-pole 10a switching capacity ? compact single pole relay. ? excellent switching performance for a variety of loads. ? small, yet provide 8-kv impuls e withstand voltage (between coil and contacts). model number legend application examples ? ideal for output applications of control equipments. ordering information ratings coil note 1. the rated current and coil resistance are measured at a coil temperature of 23c with a tolerance of 10%. note 2. the operating characteristics are measured at a coil temperature of 23c. note 3. the ?max. voltage? is the maximum voltage that can be applied to the relay coil. contacts rohs compliant g5q- @@@ ??? 123 1. number of poles 1: 1-pole 2. contact form none : spdt (1c) a : spst-no (1a) 3. enclosure rating none : flux protection 4 : fully-sealed te r m i n a l shape classification enclosure rating flux protection fully-sealed minimum packing unit contact form model rated coil voltage model rated coil voltage pcb terminals standard spst-no (1a) g5q-1a 5 vdc g5q-1a4 5 vdc 40 pcs/ tube 9 vdc 9 vdc 12 vdc 12 vdc 24 vdc 24 vdc spdt (1c) g5q-1 5 vdc g5q-14 5 vdc 9 vdc 9 vdc 12 vdc 12 vdc 24 vdc 24 vdc contact form rated voltage rated current (ma) coil resistance ( ) must operate voltage (v) must release voltage (v) max. voltage (v) power consumption (mw) % of rated voltage spst-no (1a) 5 vdc 40 125 75% max. 5% min. 190% (at 23c) approx. 200 9 vdc 22.2 405 12 vdc 16.7 720 24 vdc 8.3 2880 spdt (1c) 5 vdc 80 63 approx. 400 9 vdc 44.4 202 12 vdc 33.3 360 24 vdc 16.7 1440 load resistive load item spst-no (1a) spdt (1c) contact type single contact material ag-alloy (cd free) rated load (resistive) 10 a at 125 vac 3 a at 125 vac 3 a at 250 vac 5 a at 30 vdc 10 a at 125 vac (no) 3 a at 125 vac (no) 3 a at 250 vac (no) 5 a at 30 vdc (no) 3 a at 125 vac (nc) 3 a at 250 vac (nc) 3 a at 30 vdc (nc) rated carry current 10 a (no)/3 a (nc) max. switching voltage 277 vac, 30 vdc max. switching current ac: 10 a (no)/3 a (nc) dc: 5 a (no)/3 a (nc) note. when ordering, add the rated coil voltage to the model number. example: g5q-1a 5 vdc rated coil voltage
g5q pcb power relay g 5 q 2 characteristics note. the data shown above are initial values. *1. the contact resistance is possible with 1 a applied at 5 vdc using a fall-of-potential method. *2. testing conditions: the insulation resi stance was measured with a 500 vdc megohmmeter at the same locations as the dielectri c strength was measured. *3. this value was measured at a switching frequency of 120 operations/min. engineering data item classification standard model contact resistance *1 100 m max. operate time 10 ms max. release time 5 ms max. insulation resistance *2 1,000 m min. dielectric strength between coil and contacts 4,000 vac, 50/60 hz for 1 min between contacts of the same polarity 1,000 vac, 50/60 hz for 1 min impulse withstand voltage (between coil and contacts) 8 kv (1.2 x 50 s) vibration resistance destruction 10 to 55 to 10 hz, 0.75 mm single amplitude (1.5 mm double amplitude) malfunction 10 to 55 to 10 hz, 0.75 mm single amplitude (1.5 mm double amplitude) shock resistance destruction 1,000 m/s 2 malfunction 100 m/s 2 durability mechanical 10,000,000 operations (18,000 operations per hour) electrical ?no 50,000 operations: 10 a at 125 vac resistive load (operation: on for 1 sec, off for 3 sec) 200,000 operations: 3 a at 125 vac resistive load (operation: on for 1 sec, off for 1 sec) 100,000 operations: 3 a at 250 vac resistive load (operation: on for 1 sec, off for 1 sec) 100,000 operations: 5 a at 30 vdc resistive load (operation: on for 1 sec, off for 1 sec) ?nc 200,000 operations: 3 a at 125 vac resistive load (operation: on for 1 sec, off for 1 sec) 100,000 operations: 3 a at 250 vac resistive load (operation: on for 1 sec, off for 1 sec) 100,000 operations: 3 a at 30 vdc resistive load (operation: on for 1 sec, off for 1 sec) failure rate (p level) (reference *3) 10 ma at 5 vdc ambient operating temperature -40c to 85c (with no icing or condensation) ambient operating humidity 5% to 85% weight approx. 6.5 g maximum switching capacity ambient temperature vs. maximum coil voltage shock malfunction 100 10 1 1 10 100 1000 s witching c u rrent (a) s witching voltg a te (v) ac re s i s tive lo a d (no) ac re s i s tive lo a d (nc) dc re s i s tive lo a d (no) dc re s i s tive lo a d (nc) 200 1 8 0 160 140 120 100 8 0 60 40 20 0 -40 20 0 -20 8 0 2 3 60 8 5 100 40 120 m a xim u m coil volt a ge ( % of r a ted) am b ient temper a t u re (c) z z' shock direction y y' xx' z' z unit: m/s 2 y y' x x' 1,000 1,000 1,000 1,000 1,000 1,000 no contact nc contact 300 300 sample: g5q-14 12 vdc number of relays: 5 pcs test conditions: shock is applied in x, y, and z directions three times each with without energizing the relays to check the number of malfunctions. requirement: none malfuction 100 m/s 2
g5q pcb power relay g 5 q 3 dimensions (unit: mm) approved standards ul recognized: (file no. e41515) csa certified: (file no. lr31928) ec/iec, vde (certified/no.40009467) precautions please refer to ?pcb relays comm on precautions? for correct use. model contact form coil ratings contact ratings number of test operations g5q spst-no (1a) spdt (1c) 5 to 48 vdc 10 a 250 vac n.o. only (resistive) 40?c 6,000 10 a 30 vdc n.o. only (resistive) 40?c 4 a 120 vac n.o. only (resistive) 40?c 100,000 3 a 250 vac n.c. only (resistive) 40?c 6,000 3 a 30 vdc n.c. only (resistive) 40?c model contact form coil ratings contact ratings number of test operations g5q spst-no (1a) spdt (1c) 5, 9, 12, 24 vdc 10 a 250 vac (cos =1) (n.o.) 105?c 5 a 30 vdc (0 ms) (n.o.) 105?c 3 a 30 vdc (0 ms) (n.c.) 105?c 10,000 7.62 0.1 terminal arran g ement/ internal connection s (bottom view) pcb mountin g hole s (bottom view) to l e r a nce: 0.1 mm 15. 8 max (15.5 ) * 20. 3 max (20.0) * 0.4 3 .4 7.62 10.16 10. 3 max (10.0) * 7.62 1 (1.19 ) (1.1 8 ) 7.62 0.1 10.16 0.1 4-1. 3 0.1 di a . 12 3 5 0.27 max (no coil pol a rity) * aver a ge v a l u e 0.4 x 0.4 g5q-1a g5q-1a4 7.62 0.1 terminal arran g ement/ internal connection s (bottom view) (no coil pol a rity) pcb mountin g hole s (bottom view) toler a nce: 0.1 mm (1.19 ) (1.1 8 ) 0.27 max 0.4 3 .4 2.54 5.0 8 10.16 7.62 1 2.54 0.1 5.0 8 0.1 10.16 0.1 5-1. 3 0.1 di a . 12 3 4 5 15. 8 max (15.5 ) * 20. 3 max (20.0) * 10. 3 max (10.0) * * aver a ge v a l u e 0.4 x 0.4 g5q-1 g5q-14
g5q pcb power relay g 5 q 4 ? applic a tion ex a mple s provided in thi s doc u ment a re for reference only. in a ct ua l a pplic a tion s , confirm e qu ipment f u nction s a nd sa fety b efore us ing the prod u ct. ? con su lt yo u r omron repre s ent a tive b efore us ing the prod u ct u nder condition s which a re not de s cri b ed in the m a n ua l or a pplying the prod u ct to n u cle a r control s y s tem s , r a ilro a d s y s tem s , a vi a tion s y s tem s , vehicle s , com bus tion s y s tem s , medic a l e qu ipment, a m us ement m a chine s , sa fety e qu ipment, a nd other s y s tem s or e qu ipment th a t m a y h a ve a s erio us infl u ence on live s a nd property if us ed improperly. m a ke su re th a t the r a ting s a nd perform a nce ch a r a cteri s tic s of the prod u ct provide a m a rgin of sa fety for the s y s tem or e qu ipment, a nd b e su re to provide the s y s tem or e qu ipment with do ub le sa fety mech a ni s m s . omron corporation electronic and mechanical component s company contact: www.omron.com/ecb cat. no. j155-e1-0 3 0 8 12(0207)(o) note: do not u s e thi s document to operate the unit.
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: omron: ? g5q-1a4-dc5? g5q-1a4-dc12? g5q-14-dc5? G5Q-1A4-DC24? g5q-14-dc12? g5q-14-dc24? g5q-1-dc5? g5q- 1a-dc5? g5q-1-dc12? g5q-1-dc24? g5q-1a-dc12? g5q-1a-dc24? g5q-1 dc22? g5q-14 dc18? g5q-1a4 dc9? g5q-1 dc9? g5q-14 dc22? g5q-14 dc9? g5q-1a dc9? g5q-1a4 dc18? g5q-1a4 dc22? g5q-1a4 dc48


▲Up To Search▲   

 
Price & Availability of G5Q-1A4-DC24

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X