Part Number Hot Search : 
AD9869 SXXXXC RB481 9526ATV HS2262A B0530W LRF3W SOT540A
Product Description
Full Text Search
 

To Download G27094731108JLA000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  g200 www.vishay.com vishay draloric revision: 03-aug-12 1 document number: 21002 for technical questions, contact: ww1resistors@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 axial vitreous wirewound resistors features ? complete welded construction ? vitreous coating ? enhanced humidity protection ? tcr 100 ppm/k to 180 ppm/k ? cecc 40201-801 approve d version available ? pure tin plating provides compati bility with lead (pb)-free and lead containing soldering processes ? material categorization: for definitions please see www.vishay.com/doc?99912 notes (1) resistance value to be selected for 10 % tolerance from e12 and for 5 % from e24 (2) 1 % on request note (3) see packaging table standard electrical specifications model size power rating w p 40 c limiting voltage v resistance range (1) ? tcr = 100 ppm/k to 180 ppm/k tolerance (2) % g202 g220414 4 200 0.10 to 10k 10, 5, 2 g204 g240719 7 350 0.10 to 39k 10, 5, 2 g206 g260933 13 500 0.15 to 68k 10, 5, 2 g207 g270947 17 650 0.20 to 120k 10, 5, 2 part number and product description part number: g24071933902j4b000 model tcr/material value tolerance code packaging code special g220414 = g202 g240719 = g204 g260933 = g206 g270947 = g207 3 = class 3 wm 110 100 to 180 ppm/k 3 digit value 1 digit multiplier multiplier 7 = *10 -3 8 = *10 -2 9 = *10 -1 0 = *10 0 1 = *10 1 2 = *10 2 3 = *10 3 f = 1.0 % g = 2.0 % j = 5.0 % k = 10.0 % (3) the 5 digit bv number will be encoded using a 36 character code. this code contains numbers 0...9 and letters a...z (36 characters to tal) and allows to encode at least 46 655 five digit bv numbers. 000 = standard product description: g204 39k 5 % ab g73 g204 39k 5 % ab g73 model value tolerance code packaging description (3) 0719 390 3 24 j4b 0 2 g 0 0
g200 www.vishay.com vishay draloric revision: 03-aug-12 2 document number: 21002 for technical questions, contact: ww1resistors@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 electrical specifications for parts qualified according to cecc 40201-801 model style acc. to cecc40201-801 power rating w p 25 c power rating w p 40 c limiting voltage v resistance range (1) ? tcr = 100 ppm/k to 180 ppm/k tolerance (2) % g202 fdg 3.5 3.0 100 0.10 to 10k 5, 2 g204 fdk 6.5 5.5 200 0.10 to 39k 5 0.10 to 22k 2 g206 fdp 11.5 10 350 0.15 to 68k 5 0.15 to 33k 2 part number and product description for cecc 40201-801 qualified part part number: fdpcee031809jla000 model tcr/material value tolerance code packaging code special fdgcee0 = g202 fdkcee0 = g204 fdpcee0 = g206 3 = class 3 wm 110 100 to 180 ppm/k 3 digit value 1 digit multiplier multiplier 7 = *10 -3 8 = *10 -2 9 = *10 -1 0 = *10 0 1 = *10 1 2 = *10 2 3 = *10 3 f = 1.0 % g = 2.0 % j = 5.0 % k = 10.0 % 4c = ammopack tape 73 mm, 500 pcs 7b = ammopack tape 88 mm, 250 pcs la = loose, 100 pcs 4a = ammopack tape 73 mm, 100 pcs f1 = reel tape 73 mm, 1000 pcs 000 = standard product description: g206 18r 5 % la cecc 40201-801 g206 18r 5 % la cecc 40201-801 model value tolerance code packaging description variant packaging table model tape/lead length ( mm ) ammo pack reel loose pcs packaging code packaging description pcs packaging code packaging description pcs packaging code packaging description g202 53 500 2c ac g53 1000 d1 r1 g53 73 500 4c ac g73 1000 f1 r1 g73 g204 73 250 4b ab g73 500 fc rc g73 88 250 7b ab g88 500 ic rc g88 250 8b ab g88 cl 98 50 ld ld 200 lj lj g206 107 100 la la g207 120 100 la la cee0 180 3 dp jla 0 9 f 0 0
g200 www.vishay.com vishay draloric revision: 03-aug-12 3 document number: 21002 for technical questions, contact: ww1resistors@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 dimensions for packaging dimensions see sepa rate packaging dimensions page. notes (1) the body diameter should be increase d by 1 mm [0.039"] for ohmic values ? 10 ? (2) c according to iec 60301 derating temperature rise temperature rise model dimensions in millimeters [inches] a max. b max. (1) c (2) dd1 mass (g) g202 13 [0.512] 5.7 [0.224] 0.8 [0.031] 53 1 [2.087 0.039] 1 g204 19.3 [0.760] 8.5 [0.335] 0.8 [0.031] 73 1 [2.874 0.039] 2.2 g206 32.3 [1.272] 9.8 [0.386] 0.8 [0.031] 107 2 [4.213 0.079] 6.5 g207 49.3 [1.941] 10.5 [0.413] 0.8 [0.031] 120 2 [4.724 0.079] 10 b a c d d1 - 50 50 150 250 350 120 100 80 60 40 20 0 % n i r e w o p d e t a r ambient temperature in c 40 - 5 5 temperature rise in k power in w 0 100 200 300 400 500 012345 g202 temperature rise in k power in w 0 100 200 300 400 500 0246810 g204
g200 www.vishay.com vishay draloric revision: 03-aug-12 4 document number: 21002 for technical questions, contact: ww1resistors@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 temperature rise temperature rise temperature rise in k power in w 0 100 200 300 400 500 048121620 g206 g207 temperature rise in k power in w 0 100 200 300 400 500 0 5 10 15 20 test procedures and requirements en 60115-1 clause iec 60068-2 test method test procedure requirements permissible change ( ? r) 4.7 - voltage proof v-block-method; u = u ins ; 60 s no flashover or breakdown model u ins (v) g202/fdg 300 g204/fdk 400 g206/fdp 500 g207 650 4.8.4.2 - temperature coefficient at (20/- 55/20) c and (20/200/20) c 100 ppm/k to 180 ppm/k 4.13 - short time overload overload voltage = x rated voltage (1.0 % r + 0.05 ? ) no visible damage model duration (s) g202/fdg 5 g204/fdk 6 g206/fdp 10 g207 10 4.16 21 (ua 1 ) 21 (ub) 21 (uc) robustness of terminations tensile, bending and torsion (1.0 % r + 0.05 ? ), no visible damage 4.17.2 20 (ta) solderability solder bath method; snpb40; non-activated flux (235 5) c; (2 0.2) s good tinning ( ? 95 % covered, no visible damage) solder bath method; snag3cu0.5; non-activated flux; (245 5) c; (3 0.3) s 4.18.2 20 (tb, method 1a) resistance to soldering heat unmounted components; (260 3) c; (10 1) s (1.0 % r + 0.05 ? ), no visible damage 4.19 14 (na) rapid change of temperature 30 min at lct = - 55 c 30 min at uct = 200 c 5 cycles (1.0 % r + 0.05 ? ), no visible damage 4.21 27 (ea) shock acceleration: 981 m/s 2 pulse duration: 11 ms wave form: half sine 3 successive shocks to be applied in each perpendicular direction (1.0 % r + 0.05), no visible damage 10
g200 www.vishay.com vishay draloric revision: 03-aug-12 5 document number: 21002 for technical questions, contact: ww1resistors@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 4.22 6 (b4) vibration 6 h; 10 hz to 2000 hz 1.5 mm or 196 m/s 2 (1.0 % r + 0.05 ? ), no visible damage 4.23 climatic sequence (5.0 % r + 0.05 ? ) 4.23.2 2 (ba) dry heat 200 c; 16 h 4.23.3 30 (db) damp heat, cyclic 55 c; 24 h; 90 % to 100 % rh; 1 cycle 4.23.4 1 (aa) cold - 55 c; 2 h 4.23.5 13 (m) low air pressure; 1.0 kpa; 2 h; 15 c to 35 c 4.23.6 30 (db) damp heat, cyclic 55 c; 5 days; 95 % to 100 % rh; 5 cycles 4.25.2 - endurance at rt c p rt , 1000 h ( p rt = p 25 for cecc qual ified model and p 40 for commercial model) u = 1.5 h on; 0.5 h off (5.0 % r + 0.05 ? ) p rt , 8000 h (8.0 % r + 0.05 ? ) 4.25.3 - endurance at upper category temperature uct = 200 c acc. to cecc40201-801; load 54 % p 70 ; 1000 h u = 1.5 h on; 0.5 h off (5.0 % r + 0.05 ? ) 4.24 78 (cab) damp heat, steady state (40 2) c; 56 days; (93 3) % rh (5.0 % r + 0.05 ? ) test procedures and requirements en 60115-1 clause iec 60068-2 test method test procedure requirements permissible change ( ? r)
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of G27094731108JLA000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X