Part Number Hot Search : 
MM3Z27VC LA7668 8C839 AOB7S65 0RPEL V1N4565 NJU7054D LA7668
Product Description
Full Text Search
 

To Download ERFA11023-D-SS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  desktop type er doped optical fiber amplifier description: erfa11000 series a re desktop type er dop ed optical fiber amplifiers (edfas) for experimental use. erfa11000 series can be operat ed with commercial ac power. various models are lined up according to the output power level, gain and noise figure. features: both of edfas pumped by 1480nm lase r diodes and 980nm laser diodes are available. following three operati ng modes are available (1) acc : automatic pump lase r current control pump laser current is controll ed to stabilize pump laser power. (2) apc : automatic pump power control pump power is monitored and cont rolled using photo diode in pump laser. (3) alc : automatic amplified output power control output power level of the amplif ier is monitored and controlled. pump laser current, pump la ser power, temperature of pump laser, input power output power and returned power from output terminal are monitored. (input power monitor and returned powe r monitor are optional for erfa11031b) pump laser current, pump la ser power, temperature of pump laser and output power are displayed on front panel. maximum output power level is over +24db. (erfa11023) maximum gain is over 45db. (erfa11023) noise figure is less than 5.5db. (erfa11031b and erfa11032 pumped by 980nm laser diode(s).) erfa11000 series ft1i-03016 appearance of erfa11022
specifications *1 : input power > 0dbm *2 : input power = -35 dbm @ 1530 ? 1560 nm *3 : input power = -35 dbm @ 1530 ? 1565 nm *4 : excluding protrusions *5 : applicable only to polarization maintaining type edfa. the state of input light should be a linear polarization th at is parallel to the slow axis of panda fiber and key boss of sc connector. table1 line-up of edfas for single channel application pumped by 1480 nm laser diodes table 2 line-up of edfas fo r single channel application pumped by 980 nm laser diodes items erfa11021b erfa11022 erfa11023 signal wavelength maximum output power (*1) > +18 dbm > +21 dbm > +24 dbm gain (*2) > 35 db > 40 db > 45 db gain (*3) > 30 db > 35 db > 40 db noise figure (*2) polarization dependence of output power polarization extinction ratio wavelength of pump laser number of pump laser 1 pc. 2 pcs. 4 pcs. dimensions (*4) 190 x 270 x 94 mm 190 x 270 x 94 mm 220 x 355 x 114 mm optical interfaces optical fiber power voltage operating temperature see "ordering information" smf ( dsf and pmf can be supported.) see " ordering information" 100-240vac +4% / -10% 0 - 40 deg.c 1530 - 1565 nm < 7.5 db < 0.15 db 1480nm band > 17 db (*5) items erfa11031b erfa11032 signal wavelength maximum output power (*1) > +15 dbm > +18 dbm gain (*3) > 35 db > 40 db noise figure (*3) polarization dependence of output power polarization extinction ratio wavelength of pump laser number of pump laser 1 pc. 2 pcs. dimensions (*4) 190 x 270 x 94 mm 190 x 270 x 94 mm optical interfaces optical fiber power voltage operating temperature see "ordering information" smf ( dsf and pmf can be supported.) 100-240vac +4% / -10% 0 - 40 deg.c 1530 - 1565 nm < 5.5 db < 0.15 db 980nm band > 17 db (*5)
items erfa11101 notes signal wavelength 1534 - 1563 nm maximum output power +22 dbm input power=-8 dbm (total) gain 30 db noise figure < 6.5 db input power=-8 dbm (total), output power = +22 dbm gain flatness < 2.0 dbpp (typ. 1.0 db) input power=-8 dbm (total), output power = +22 dbm polarization dependence of output power < 0.2 db wavelength of pump laser 980nm and 1480nm band number of pump laser 4 pcs. dimensions 220 x 355 x 114 mm excluding protrusions optical interfaces optical fiber power voltage 100-240vac +4% / -10% operating temperature 0 - 40 deg.c see "ordering information" smf ( dsf and pmf can be supported.) see " ordering information" table3 c band edfa for wdm application items erfa11501 notes signal wavelength 1570 - 1600 nm maximum output power +22 dbm input power=-8 dbm (total) gain 30 db noise figure < 7.0 db input power=-8 dbm (total), output power = +22 dbm gain flatness < 2.0 dbpp (typ. 1.0 db) input power=-8 dbm (total), output power = +22 dbm polarization dependence of output power < 0.2 db wavelength of pump laser 1480nm band number of pump laser 4 pcs. dimensions 220 x 355 x 114 mm excluding protrusions optical interfaces optical fiber power voltage 100-240vac +4% / -10% operating temperature 15 - 35 deg.c see "ordering information" smf ( dsf and pmf can be supported.) see " ordering information" table4 l band edfa for wdm application general specifications items specs. notes pump ld control mode acc / apc / alc display pump laser current / pump laser power / temperature of pump laser / amplified output power displayed on front panel pump ld current alarm temperature alarm when temperature of pump ld is over 30 deg.c. input power alarm (*1) when pin is under -10dbm. (*2) reflection alarm (*1) when returned power from output terminal is over about +3dbm. (*2) shut down temperature of pump ld when temperature of pump ld is over 35 deg.c, pump lds are automatically shut down. alarm *1 : optional for erfa11031 *2 : at the same time, pump lds are automatically shut down.
table6 ?@ edfas for single channel application pumped by high power 1480 nm laser diodes items erfa11053 signal wavelength 1530 - 1565 nm maximum output power (*1) > +27 dbm gain > 45 db noise figure (*2) < 7.5 db dependence of output power < 0.15 db wavelength of pump laser 1480nm number of pump laser 4 pcs. dimensions (*3) 483 x 434.5 x 149 mm optical interfaces (*4) fc/spc, sc/spc, sc/anpc optical fiber (*4) smf, dsf power voltage 100-240vac +10% / -10% operating temperature 0 - 40 deg.c table5 ?@ edfas for single channel application clad pump technology items erfa11028 signal wavelength 1545 - 1560 nm maximum output power (*1) > +30 dbm gain > 30 db noise figure (*2) < 6.5 db dependence of output power < 0.15 db wavelength of pump laser 980nm band multi mode laser (*3) number of pump laser 2 pcs. of multi mode laser dimensions (*4) 483 x 434.5 x 149 mm optical interfaces (*5) sc/spc optical fiber (*5) smf power voltage 100-240vac +10% / -10% operating temperature 15 - 35 deg.c *1 : input power ?? 0dbm *2 : input power = - 35dbm@1530-1565nm, 45db gain *3 :excluding protrusions *4 :see ?ordering information? *1 : input power ?? 0dbm *2 : input power = 0dbm *3 :excluding protrusions *4 :ordering code ?-sss?
asia area china & hong kong furukawa electric h.k. ltd. e-mail:guest@fehk.com.hk asia area taiwan taiwan furukawa electric co., ltd. e-mail:arai@tfe.com.tw asia area others except for korea furukawa electric singap ore pte. ltd. (fes) e-mail:admin@furukawa.com.sg south america area furukawa industrial s.a. (fisa) e-mail:nhsaito@furukawa.com.br japan and other area the furukawa electric co.,ltd. e-mail:comsales@ho.furukawa.co.jp all rights reserved,copyright(c) the furukawa electric co.,ltd. 2003 ordering information erfa 11xxx -x -yy fiber for optical interfaces s d p optical connector fs ss sa smf dsf all pmf fc super pc sc super pc sc angled pc model number see table1, 2, 3 and 4. high power output if you need higher output power, we can support up to +27.0 dbm. polarization maintaining optical fiber amplifier we can support polarization maintaining edfa. sc/spc connectors are used as standard optical interfaces. any requirement can be consider ed. feel free to contact us! north america area furukawa america inc. (fai) e-mail:oesales@furukawaamerica.com europe area furukawa electric europe ltd. (feel) e-mail:sales@furukawa-fitel.co.uk


▲Up To Search▲   

 
Price & Availability of ERFA11023-D-SS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X