specifications circuit no.1 connector outline a 0.05 1 0.05 2.5 0.05 0 f 0.7 + 0.1 odd circuit number from 3 to 11 circuits. : 6.7 odd circuit number from 13 to 31 circuits. : 7.2 11.9 3 1 1 cs family series / csr cs tcs connector 1.0mm pitch/disconnectable insulation displacement connectors this is a 1.0mm pitch insulation displacement connector with the secure locking structure to prevent coming off the connector and incomplete mating. 1.8a in rated current was realized by using awg#27. cs connector secure locking structure realization of multi-circuits by low insertion force countermeasure for unexpected prying insertion tcs connector secure locking structure countermeasure for unexpected prying insertion * compliant with rohs. * refer to "general instruction and notice when using terminals and connectors" at the end of this catalog. * contact jst for details. csr ?cs connector tcs connector initial value/25m ? max. after environmental testing/50m? max. 0.8 to 2.0mm 1.8a (awg #27) 50v ac, dc -25? to +85? (including temperature rise) initial value/15m ? max. after environmental testing/30m? max. 500m ? min. 500v ac/minute ul11079, ul3619 awg#27, #28 conductor / 7-strands, tincoated annealed copper insulation o.d. / 0.65 to 0.73mm (contact jst for details.) 1.6mm current rating series item voltage rating temperature rise contact resistance insulation resistance withstanding voltage applicable wire applicable pc board thickness applicable panel thickness odd circuit number from 3 to 11 circuits. : 7.4 odd circuit number from 13 to 31 circuits. : 7.9 22.7 d 0.05 5 0.05 6.1 0.05 e + 0.1 0 panel hole dimensions (applicable panel thickness: t=0.8 to 2.0mm) note: 1. tolerances are non-cumulative: 0.05mm for all centers. 2. hole dimensions differ according to the kind of pc board and piercing method. the dimensions above should serve as a guideline. contact jst for details. note: d, e dimensions: refer to tcs connector (unit for wire-to-wire connection). cs connector csr ?tcs csr ?cs tcs connector pc board layout (viewed from component side) and assembly layout
2 cs family series / csr cs tcs connector circuit no.1 circuit no.1 1 1 1 1 1 a a a a b b b b b a 3.8 c 10.1 3.8 c 10.1 3.8 c 10.1 3.8 c 10.1 3.8 c 10.1 circuit no.1 circuit no.1 circuit no.1 circuits model no. dimensions (mm) abc material and finish q?y / box contact: copper alloy, tin-plated housing: pbt, ul94v-0, pink 3 5 7 9 11 13 15 17 19 21 23 25 27 29 31 03csr-8pk 05csr-8pk 07csr-8pk 09csr-8pk 11csr-8pk 13csr-8pk 15csr-8pk 17csr-8pk 19csr-8pk 21csr-8pk 23csr-8pk 25csr-8pk 27csr-8pk 29csr-8pk 31csr-8pk 2.0 4.0 6.0 8.0 10.0 12.0 14.0 16.0 18.0 20.0 22.0 24.0 26.0 28.0 30.0 4.0 6.0 8.0 10.0 12.0 14.0 16.0 18.0 20.0 22.0 24.0 26.0 28.0 30.0 32.0 6.7 7.2 4,500 3,000 2,220 1,800 1,500 1,890 1,620 1,440 1,350 1,170 2,160 1,980 1,800 1,800 1,620 3 9.8 6 b aa 11 b b a 1 b a 1 circuit no.1 b a 1 2.5 2.5 3 9.8 6 3 9.8 6 3 9.8 6 3 9.8 6 2.5 2.5 2.5 circuit no.1 circuit no.1 circuit no.1 circuit no.1 rohs compliance circuits model no. dimensions (mm) q?y / box 3 5 7 9 11 13 15 17 19 21 23 25 27 29 31 b03b-csrk b05b-csrk b07b-csrk b09b-csrk b11b-csrk b13b-csrk b15b-csrk b17b-csrk b19b-csrk b21b-csrk b23b-csrk b25b-csrk b27b-csrk b29b-csrk b31b-csrk a 2.0 4.0 6.0 8.0 10.0 12.0 14.0 16.0 18.0 20.0 22.0 24.0 26.0 28.0 30.0 b 7.0 9.0 11.0 13.0 15.0 17.0 19.0 21.0 23.0 25.0 27.0 29.0 31.0 33.0 35.0 5,040 3,960 3,240 2,760 2,400 2,040 1,800 1,680 1,560 1,440 1,320 1,200 1,080 1,080 960 material and finish housing: glass-filled pa 66, ul94v-0, red contact: copper alloy, copper-undercoated, tin-plated (reflow treatment) rohs compliance this product displays (lf)(sn) on a label. (13 ?15 ?17 ?19 circuits) (3 circuits) (5 circuits) (7 ?9 ?11 circuits) (21 ?23 ?25 ?27 ?29 ?31 circuits) (13 ?15 ?17 ?19 circuits) (3 circuits) (5 circuits) (7 ?9 ?11 circuits) (21 ?23 ?25 ?27 ?29 ?31 circuits) csr connector socket cs connector through-hole type shrouded header
3 cs family series / csr cs tcs connector b b b b b a a a a a c c c c c 1 1 1 1 6.4 5.9 6.4 5.9 6.4 5.9 6.4 5.9 6.4 5.9 1 circuit no.1 circuit no.1 circuit no.1 circuit no.1 circuit no.1 circuits model no. dimensions (mm) e material and finish q?y / box housing: pbt, ul94v-0, light blue contact: copper alloy, copper-undercoated, tin-plated (reflow treatment) 3 5 7 9 11 13 15 17 19 21 23 25 27 29 31 bu03p-tcs-le bu05p-tcs-le bu07p-tcs-le bu09p-tcs-le bu11p-tcs-le bu13p-tcs-le bu15p-tcs-le bu17p-tcs-le bu19p-tcs-le bu21p-tcs-le bu23p-tcs-le bu25p-tcs-le bu27p-tcs-le bu29p-tcs-le bu31p-tcs-le c 10.0 12.0 14.0 16.0 18.0 20.0 22.0 24.0 26.0 28.0 30.0 32.0 34.0 36.0 38.0 b 13.8 15.8 17.8 19.8 21.8 23.8 25.8 27.8 29.8 31.8 33.8 35.8 37.8 39.8 41.8 a 2.0 4.0 6.0 8.0 10.0 12.0 14.0 16.0 18.0 20.0 22.0 24.0 26.0 28.0 30.0 6.2 8.2 10.2 12.2 14.2 16.2 18.2 20.2 22.2 24.2 26.2 28.2 30.2 32.2 34.2 5,400 4,500 4,500 4,500 3,600 3,600 2,700 2,700 2,700 1,800 1,800 1,800 1,800 1,800 1,800 d t0.8 < d < t1.2 t1.2 < d < t2.0 10.7 12.7 14.7 16.7 18.7 20.7 22.7 24.7 26.7 28.7 30.7 32.7 34.7 36.7 38.7 11.0 13.0 15.0 17.0 19.0 21.0 23.0 25.0 27.0 29.0 31.0 33.0 35.0 37.0 39.0 rohs compliance this product displays (lf)(sn) on a label. (13 ?15 ?17 ?19 circuits) (3 circuits) (9 ?11 circuits) (5 ?7 circuits) (21 ?23 ?25 ?27 ?29 ?31 circuits) tcs connector (unit for wire-to-wire connection)
|