Part Number Hot Search : 
47100 DME3013 87758 JYOC0178 SSH5N90A MIC23050 2N2865 SWG12400
Product Description
Full Text Search
 

To Download BCW68G-DG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sot23 pnp silicon planar medium power transistors issue 4 - june 1996 partmarking details ? bcw67a ? da bcw67ar ? 4w bcw67b ? db bcw67br ? 5w bcw67c ? dc bcw67cr ? 6w bcw68f ? df bcw68fr ? 7t bcw68g ? dg bcw68gr ? 5t bcw68h ? dh bcw68hr ? 7n complementary types ? bcw67 ? bcw65 bcw68 ? bcw66 absolute maximum ratings. parameter symbol bcw67 bcw68 unit collector-emitter voltage v ces -45 -60 v collector-emitter voltage v ceo -32 -45 v emitter-base voltage v ebo -5 v peak pulse current(10ms) i cm -1000 ma continuous collector current i c -800 ma base current i b -100 ma power dissipation at t amb =25c p tot 330 mw operating and storage temperature range t j :t stg -55 to +150 c bcw67 bcw68 electrical characteristics (at t amb = 25c unless otherwise stated). parameter symbol min. typ. max. unit conditions. collector-emitter breakdown voltage bcw67 bcw68 v (br)ceo -32 -45 vi ceo =-10ma i ceo =-10ma bcw67 bcw68 v (br)ces -45 -60 i c =-10 m a i c =-10 m a emitter-base breakdown voltage v (br)ebo -5 v i ebo =-10 m a collector-emitter cut-off current bcw67 bcw68 i ces -20 -10 -20 -10 na m a na m a v ces =-32v v ces =-32v ,t amb =150 c v ces =-45v v ces =-45v , t amb =150c emitter-base cut-off current i ebo -20 na v ebo =-4v collector-emitter saturation voltage v ce(sat) -0.7 -0.3 v v i c =-100ma, i b = -10ma i c = -500ma, i b =-50ma* base-emitter saturation voltage v be(sat) -2 v i c =-500ma, i b =-50ma* static forward current transfer bcw67a bcw68f h fe 75 100 35 170 250 i c =-10ma, v ce =-1v i c =-100ma, v ce =-1v* i c =-500ma, v ce =-2v* bcw67b bcw68g h fe 120 160 60 250 400 i c =-10ma, v ce =-1v i c =-100ma, v ce =-1v* i c =-500ma, v ce =-2v* bcw67c bcw68h h fe 180 250 100 350 630 i c =-10ma, v ce =-1v i c =-100ma, v ce =-1v* i c =-500ma, v ce =-2v* transition frequency f t 100 mhz i c =-20ma, v ce =-10v f = 100mhz collector-base capacitance c cbo 12 18 pf v cbo =-10v, f =1mhz emitter-base capacitance c ebo 80 pf v ebo =-0.5v, f =1mhz noise figure n 2 10 db i c = -0.2ma, v ce =- 5v r g =1k w, f=1kh d f=200hz switching times: turn-on time turn-off time t on t off 100 400 ns ns i c =-150ma i b1 =- i b2 =-15ma r l =150 w spice parameter data is available upon request for this device *measured under pulsed conditions. pulse width=300 m s. duty cycle 2% c b e sot23 bcw67 bcw68 3 - 29 3 - 30 part obsolete - use bcw68h
sot23 pnp silicon planar medium power transistors issue 4 - june 1996 partmarking details ? bcw67a ? da bcw67ar ? 4w bcw67b ? db bcw67br ? 5w bcw67c ? dc bcw67cr ? 6w bcw68f ? df bcw68fr ? 7t bcw68g ? dg bcw68gr ? 5t bcw68h ? dh bcw68hr ? 7n complementary types ? bcw67 ? bcw65 bcw68 ? bcw66 absolute maximum ratings. parameter symbol bcw67 bcw68 unit collector-emitter voltage v ces -45 -60 v collector-emitter voltage v ceo -32 -45 v emitter-base voltage v ebo -5 v peak pulse current(10ms) i cm -1000 ma continuous collector current i c -800 ma base current i b -100 ma power dissipation at t amb =25c p tot 330 mw operating and storage temperature range t j :t stg -55 to +150 c bcw67 bcw68 electrical characteristics (at t amb = 25c unless otherwise stated). parameter symbol min. typ. max. unit conditions. collector-emitter breakdown voltage bcw67 bcw68 v (br)ceo -32 -45 vi ceo =-10ma i ceo =-10ma bcw67 bcw68 v (br)ces -45 -60 i c =-10 m a i c =-10 m a emitter-base breakdown voltage v (br)ebo -5 v i ebo =-10 m a collector-emitter cut-off current bcw67 bcw68 i ces -20 -10 -20 -10 na m a na m a v ces =-32v v ces =-32v ,t amb =150 c v ces =-45v v ces =-45v , t amb =150c emitter-base cut-off current i ebo -20 na v ebo =-4v collector-emitter saturation voltage v ce(sat) -0.7 -0.3 v v i c =-100ma, i b = -10ma i c = -500ma, i b =-50ma* base-emitter saturation voltage v be(sat) -2 v i c =-500ma, i b =-50ma* static forward current transfer bcw67a bcw68f h fe 75 100 35 170 250 i c =-10ma, v ce =-1v i c =-100ma, v ce =-1v* i c =-500ma, v ce =-2v* bcw67b bcw68g h fe 120 160 60 250 400 i c =-10ma, v ce =-1v i c =-100ma, v ce =-1v* i c =-500ma, v ce =-2v* bcw67c bcw68h h fe 180 250 100 350 630 i c =-10ma, v ce =-1v i c =-100ma, v ce =-1v* i c =-500ma, v ce =-2v* transition frequency f t 100 mhz i c =-20ma, v ce =-10v f = 100mhz collector-base capacitance c cbo 12 18 pf v cbo =-10v, f =1mhz emitter-base capacitance c ebo 80 pf v ebo =-0.5v, f =1mhz noise figure n 2 10 db i c = -0.2ma, v ce =- 5v r g =1k w, f=1kh d f=200hz switching times: turn-on time turn-off time t on t off 100 400 ns ns i c =-150ma i b1 =- i b2 =-15ma r l =150 w spice parameter data is available upon request for this device *measured under pulsed conditions. pulse width=300 m s. duty cycle 2% c b e sot23 bcw67 bcw68 3 - 29 3 - 30 part obsolete - use bcw68h


▲Up To Search▲   

 
Price & Availability of BCW68G-DG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X