Part Number Hot Search : 
C3082 C3082 UPD70F IR21592 SPLSI1 D7808 TB62726F NCP1601B
Product Description
Full Text Search
 

To Download BAS19-AU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 rev.0.1-feb.4.2009 bas16-au~bas21-au surface mount switching diodes voltage 100-250 volts 350mwatts mechanical case: sot-23, plastic terminals: solderable per mil-std-750, method 2026 approx. weight: 0.0003 ounces, 0.0084 grams data power maximum ratings and electrical characteristics ratings at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load.for capacitive load, derate current by 20%. note: 1. cj at v r =0, f=1mhz 2.from i f =10ma to i r =1ma, v r =6volts, r l =100 ? single retemara pl obmys s tinu edocgnikram 6 a8 a0 8 a2 8a egatlovesreve rv r 5 70 0 10 5 10 0 2v egatlovesreverkae pv rm 00 10 2 10 0 20 5 2v noitacifitcerevawflah,)egareva(tnerrucdeifitcer zh05=>fdnadaolevitsiserhtiw i o 05 20 0 20 0 20 0 2a m 0.1=pt,tnerrucegrusdrawrofkaep flahelgniss daoldetarnodesopmirepusevaw-enis )dohtemcedej( i fsm 25 . 25 . 25 . 2a 52evobaetarednoitapissidrewop o cp tot 05 30 5 30 5 30 5 3w m egatlovdrawrofmumixa mv f am01@558. 0a m001@0. 1v gnikcolbcddetartatnerrucesrevercdmumixam tegatlov j 52= o c i r 1111a u )1seton(ecnaticapacnoitcnujlacipy tj c2 5 . 15 . 15 . 1f p )2seton(yrevoceresrevermumixa mt rr 60 50 50 5s n ecnatsiserlamrehtlacipy tr a j7 53 o w/c egnarerutarepmetegarot st j 521+ot55- o c sot-23 unit inch(mm) features ? fast switching speed. ? surface mount package ideally suited for automatic insertion electrically identical to standard jedec high conductance ? ? acqire quality system certificate : ts16949 aec-q101 qualified ? lead free in comply with eu rohs 2002/95/ec directives. ? green molding compound as per iec61249 std. . (halogen free) ? ? 0.120(3.04) 0.110(2.80) 0.056(1.40) 0.047(1.20) 0.079(2.00) 0.070(1.80) 0.020(0.50) 0.013(0.35) 0.044(1.10) 0.035(0.90) 0.008(0.20) 0.003(0.08) 0.004(0.10) 0.000(0.00) $8 $8 0 2sa b $8 $8 2sa 1 b 9 b 1sa 61sa b
page . 2 rev.0.1-feb.4.2009 bas16-au~bas21-au
page . 3 rev.0.1-feb.4.2009 mounting pad layout ? packing information t/r - 12k per 13" plastic reel t/r - 3k per 7? plastic reel order information bas16-au~bas21-au sot-23 0.031 min. (0.80) min. 0.037 (0.95) 0.043 (1.10) 0.078 (2.00) 0.035 min. (0.90) min. 0.043 (1.10) 0.106 (2.70) unit inch(mm)
page . 4 bas16-au~bas21-au rev.0.1-feb.4.2009 part no_packing code_version bas16-au _r1_000 a 1 bas16-au _r2_000 a 1 for example : rb500v-40 _ r2 _ 00001 part no. serial number version code means hf packing size code means 13" packing type means t/r packing code xx version code xxxxx packing type 1 st code packing size code 2 nd code hf or rohs 1 st code 2 nd ~5 th code tape and ammunition box (t/b) a n/a 0 hf 0 serial number tape and reel (t/r) r 7" 1 rohs 1 serial number bulk packing (b/p) b 13" 2 tube packing (t/p) t 26mm x tape and reel (right oriented) (trr) s 52mm y tape and reel (left oriented) (trl) l panasert t/b cathode up (pbcu) u forming f panasert t/b cathode down (pbcd) d
disclaimer z reproducing and modifying information of the document is prohibited without permission from panjit international inc.. z panjit international inc. reserves the right s to make changes of the content herein the document anytime without notific ation. please refer to our website for the latest document. z panjit international inc. disclaims any and a ll liability arising out of the application or use of any product including damages inci dentally and consequentially occurred. z panjit international inc. does not assume any and all im plied warranties, including warranties of fitness for particular pur pose, non-infringement and merchantability. z applications shown on the herein doc ument are examples of standard use and operation. customers are responsible in co mprehending the suitable use in particular applications. panjit international inc. make s no representation or warranty that such applications will be suitable for the specified us e without further testing or modification. z the products shown herein are not desi gned and authorized for equipments requiring high level of reliability or relating to human life and for any applications concerning life-saving or life-sustaining, such as medical instruments, transportation equipment, aerospace machinery et cetera . customers using or selli ng these products for use in such applications do so at their own risk and agree to fully indemnify panjit international inc. for any damages result ing from such improper use or sale. bas16-au~bas21-au page . 5 rev.0.1-feb.4.2009


▲Up To Search▲   

 
Price & Availability of BAS19-AU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X