Part Number Hot Search : 
SR320 4VCXH1 R1045 71M65 10100 74477710 2SK1230 1N4409B
Product Description
Full Text Search
 

To Download AST3-128000MHZ-L-SW-N5-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  | | | | | | | | | | | | | | | ast3 7.0 x 5.0 x 2.0m m pb rohs compliant abracon is iso 9001 / qs 9000 ce r tified abracon is iso 9001 / qs 9000 ce r tified features: electrical specifications: stratum -iii smd vctcxo 3033 2 espe r anza, ran c ho santa m a r g a r ita, califo r nia 9268 8 tel 949-546-8000 | f ax 949-546-800 1 | ww w .ab r acon.co m revised: 09.10.09 visit www.abracon.com for terms & conditions of sale ? high precision over temperature (0.-37 ppm over -40 c to + 85 c) ? excellent long term stability (4.60 ppm max. over 20-year life) ? small profile (7*5*2 mm) ? low power (< 6ma cmos; < 3.5ma sinewave) ? exceptional close-in phase noise (-140 dbc/hz @ 1khz typ; 12.80mhz carrier) applications: features: ? wireless & wireline communications ? cellular infrastructure ? point-to-point radios ? broadband equipment ? test & measurement equipment ? gps tracking with precision hold-over accuracy * overall frequency stability includes: as received set-tolerance, stability over temperature, shift through stand reflow, aging over 20-year product life, supply voltage and output load variation. abracon p/n a st3 series z h m 0 0 0 . 6 2 o t z h m 0 0 0 . 0 1 y c n e u q e r f standard frequencies 10, 12.8,19.2, 19.44, 25.6 mhz operating temperature - 20c to +70c (see option) storage temperatur e - 55c to + 125c overall frequency stability* 4.6ppm over 20-years referenced to +25oc frequency stability vs temp range m p p 8 2 . 0 c 0 7 + o t c 0 2 - m p p 7 3 . 0 c 5 8 + o t c 0 4 - supply voltage (vdd) 3.3vdc 5% (see option) symmetry 45/55 % @ 50% vdd ) n o i t p o e e s ( s o m c l e v e l t u p t u o output load 15pf (cmos, clipped sine wave) output voltage (cmos) voh = 0.9*vdd min. vol = 0.1*vdd max. output voltage (clipped sinewave) 0.8 vp-p min tri-state function vih = 80%vdd min.:oscillation, vil = 20%vdd max.: high z start-up-time 2ms max. current consumption 6ma max. (cmos output) 3.5ma max. (clipped sine wave output) vc port impedance 100k min. control voltage range (vc) 0 to vdd (for vctcxo) frequency pull range 5.0 ppm min. (see options) frequency pull slope positive spurious response: -70 dbc max. phase noise (12.8mhz carrier) @ 100 hz offse t -120 dbc/hz @ 1000 hz offse t -140 dbc/hz @ 10000 hz offse t -148 dbc/hz p arameters
| | | | | | | | | | | | | | | pb rohs compliant abracon is iso 9001 / qs 9000 ce r tified abracon is iso 9001 / qs 9000 ce r tified 3033 2 e s p e ranza , ran c ho san t a mar g ari t a , cali f o r nia 9268 8 tel 949-546-8000 | f ax 949-546-800 1 | ww w . abra c on .c o m revised: 09.10.09 visit www.abracon.com for terms & conditions of sale ast3 stratum -iii smd vctcxo dimensions: inch (mm) outline drawing: pin 1 2 3 4 5 6 7 8 9 10 gnd nc nc rf output (cmos or clipped sinewave) nc nc tri-state control vdd function control voltage (vc); nc for a tcxo nc note: recommend using an approximately 0.01uf bypass capacitor between pin 5 and 10. tape & reel: dimensions: mm options & part identification: (left blank if standard) 7 . 0 x 5 . 0 x 2 . 0m m blan k 3.35 % l - 40c to +85c blan k bulk a 5.05% blan k cmos sw clipped sine wave t c tcxo n 5 5 ppm n 8 8 ppm t ast3 - frequency - - - - xx.xxxx mhz pulling packaging temp range tape and reel output p/n and vdd (v) frequency reflow profile dimensions: mm note: a b r a c on manufa c tu r ed p r o du c ts a r e i n t ended f or gene r al c omme r cial and indust r ial us e . f or appli c a tions r equi r ing high r eliabili t y and/or p r ese n ting e x t r eme o p e r a ting e n vi r onme n t , w r it t en c onse n t & autho r iz a tion f r om a b r a c on is r equi r e d .


▲Up To Search▲   

 
Price & Availability of AST3-128000MHZ-L-SW-N5-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X