may 2003 1 dsc-6094/00 ? 2003 integrated device technology, inc. all rights reserved. product specifications subject to change without notice. all other trademarks mentioned are the property of their respective owners. network search engine development board for the intel ? ixdp2400 development platform introduction idt provides proven, industry-leading network search engines (nses) and a comprehensive suite of software that enable and accelerate the intelligent processing of network services in communications equip- product brief 75KTA062134-200 development board description idt provides the idt75KTA062134-200 development board to further accelerate your application software development. the 75KTA062134-200 compliments the intel ixdp2400 development plat- form to provide a complete hardware search accelerated network processing development platform. utilizing the idt 9m nse with a la-1 interface (idt75k62134), the 75KTA062134-200 enables your intel ixdp2400 development platform to achieve the highest search perfor- mance speed in the industry: 100 million searches per second (msps) using a 200 mhz qdr ii bus frequency. additionally, resources on the module include an onboard zbt? sram allows for the storage of nse associated data, and a qdr sram is integrated for auxiliary npu memory. ment. as a part of the complete idt classification subsystem that includes content inspection engines, the idt family of nses delivers high-perfor- mance, feature-rich, easy-to-use, integrated search accelerators. power regulation network search engine 75k62134 zbt? -sram idt71t75602 la-1 sram la-1 bus 6094 d01 114-pin connector network search engine 75k62134 idt75KTA062134-200 block diagram the 75KTA062134-200 is bundled with a comprehensive software suite that consists of control plane, data plane, diagnostic, and development software, including the system level architecture model (slam?). the complete software package is fully integrated with the intel ixa microengine and control plane software development environments, enabling custom- ers to enjoy lower development costs and improved time-to-market. both the 75KTA062134-200 and its accompanying software are easy to install. the 75KTA062134-200 directly plugs into the qdr ii memory slot via a 114-pin mictor connector on the intel ixdp2400 development platform.
2 network search engine development board for the intel ixdp2400 development platform product b rief corporate headquarters for sales: for tech support: 6024 silver creek valley road 800-345-7015 or i pchelp@idt.com san jose, ca 95138 408-284-8200 800-345-7015 fax: 408-284-2775 www.idt.com idt75KTA062134-200 development board the idt logo is a registered trademark of integrated device technology, inc. zbt ? and zero bus turnaround are trademarks of integrated device technology, inc. and the architecture is supported by micron techn ology and motorola inc. qdr? - quad data rate (trademark of cypress, idt, micron, nec and samsung.) all brands or products are the trademarks or regis tered trademarks of their respective owners. features n 100 msps at 200 mhz qdr? ii n 512kx36 entries of full ternary content addressable memory (tcam) n two 75k62134 nse devices n 512k x 32 associated data memory on board (zbt? and/or qdr ii sram) n supports entry widths up to 576 bits n 16 independently controlled databases - independent width selection - independent depth selection - independent aging - dynamic database management? for up to 70% power savings n bundled idt software for the intel ixdp2400 development platform, including: - initialization, management, and search (ims) software library C a set of software components that operate in the network processing control plane to support nse component initialization, advanced database configuration, associated data management, and global mask register (gmr) management. - data plane macros (dpm) library C data plane macros for each nse instruction. - intel lookup library C additional control plane and data plane software support that conforms to the intel internet exchange architecture (ixa) portability framework. - diagnostic software for testing the nse-qdr device. - system level architecture model (slam) C a cycle- and data-accurate simulation model that allows customers to evaluate packet-processing solutions prior to system availability.
|