Part Number Hot Search : 
1N6269L B090A9M SCE5743 F1100ELF BZX84C47 AHC1G KMR233G 1N476
Product Description
Full Text Search
 

To Download 585A-1800MHZ-AM0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fox electronics 5570 enterprise parkway fort myers, florida 33905 usa +1.239.693.0099 fax +1.239.693.1554 http://www.foxonline.com emea tel/fax: +44 .1767.312632 | asia hong kong tel: +852.2854.4285 fax +852.2854.4282 | japan tel: +81.3.3374/2079 fax: +81.3.3374.5221 ? 2009 fox electronics | iso9001:2000 certifed output (pin 3) active active high z ? enable / disable function inh (pin 1) open 2 '1' level v ih 70% v dd '0' level v il 30% v dd all dimensions are in millimeters. fea tures ? 3.3v operation ? hcmos output ? standby function ? tape and reel (2,000 pcs. std) frequency stability 1 100ppm 100ppm 50ppm 50ppm 25ppm 25ppm 20ppm operating temperature (oc) -10 ~ +70 -40 ~ +85 -10 ~ +70 -40 ~ +85 -10 ~ +70 -40 ~ +85 -10 ~ +70 frequency range (mhz) 1.800 ~ 50.000 1.800 ~ 50.000 1.800 ~ 50.000 1.800 ~ 50.000 1.800 ~ 50.000 1.800 ~ 50.000 1.800 ~ 50.000 f330a f330ar f335a f335ar f336a f336ar f338a model number part number 584a-frequency-xxxxx 585a-frequency-xxxxx 586a-frequency-xxxxx 587a-frequency-xxxxx 588a-frequency-xxxxx 589a-frequency-xxxxx 590a-frequency-xxxxx ? par t number selection learn more - internet required 1.800 ~ 50.000 mhz -55oc ~ +125oc 3.3v 5% 2.5ma 3.5ma 45% ~ 55% 12ns 12ns 10% v dd 90% v dd min 2ma min -2ma min 15pf 1a 5ms 150ns 5ms 260oc / 10 seconds 1 au parameters frequency range (f o ) storage temperature range (t stg ) supply voltage (v dd ) input current (i dd ) (no load) 1.800 ~ 32.000 mhz 32.000+ ~ 50.000 mhz output symmetry (50% v dd ) rise time (10% ~ 90% v dd ) (t r ) fall time (90% ~ 10% v dd ) (t f ) output voltage (v ol ) (v oh ) output current (i ol ) (i oh ) output load (hcmos) standby current start-up time (t s ) output disable time 2 output enable time 2 refow soldering temp moisture sensitivity level (msl) termination finish ? electrical characteristics max (unless otherwise noted) 1 inclusive operating temperature range, input voltage change, load change, aging, shock, and vibration. 2 an internal pullup resistor from pin 1 to pin 4 allows active output if pin 1 is left open. note: a 0.01f bypass capacitor should be placed between vdd (pin 4) and gnd (pin 2) to minimize power supply line noise. all specifcations subject to change without notice. drawing is for reference to critical specifcations defned by size measurements. certain non-critical visual attributes, such as side castellations, reference pin shape, etc. may vary. all specifcations subject to change without notice. hcmos 3.2x2.5mm 3.3v smd oscillator rev. 7/23/2007 rohs compliant / pb free http://www.foxonline.com/need_a_sample.htm model: f330a series page 1 of 2 low current 3 . 2 0 . 2 1 . 2 m a x 1 . 3 1 . 3 0 . 8 0 . 4 solder pad layout recommended 2 . 5 0 . 2 1 . 2 0 . 7 0 . 9 0 . 8 #1 #2 #4 #3 pin connection #1 e/d** #3 output #2 gnd #4 v dd
29 fox electronics 5570 enterprise parkway fort myers, florida 33905 usa +1.239.693.0099 fax +1.239.693.1554 http://www.foxonline.com emea tel/fax: +44 .1767.312632 | asia hong kong tel: +852.2854.4285 fax +852.2854.4282 | japan tel: +81.3.3374/2079 fax: +81.3.3374.5221 ? 2009 fox electronics | iso9001:2000 certifed hcmos 3.2x2.5mm 3.3v smd oscillator rev. 7/23/2007 rohs compliant / pb free http://www.foxonline.com/need_a_sample.htm model: f330a series ? t ape specifica tions (millimeters) model f330a series a ? 1.5 b 4.0 c 4.0 d 3.5 e 8.0 f 1.3 std reel qty 2,000 ? reel specifica tions (millimeters) g 2.0 h ? 13 i ? 21 j ? 60 k ? 180 l 9.0 m 1.2 model f330a series hcmos 3.2x2.5 mm 3.3v smd oscillator rev. 7/23/2007 rohs compliant / pb free http://www.foxonline.com/need_a_sample.htm model: f330a series page 2 of 2 low current


▲Up To Search▲   

 
Price & Availability of 585A-1800MHZ-AM0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X