Part Number Hot Search : 
MBL8243 640431 IRN50 76PSB06S N4007 111X17X OP284FS 6011E
Product Description
Full Text Search
 

To Download 5601-0-01-01-00-00-03-0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pins m a h i n e d c p r e c i s i o n printed circuit pins www.mill-max.com ? 516-922-6000 187 specifications pin material: brass alloy 360, 1/2 hard ( except swage pins which are annealed ) dimension in inches tolerances on: lengths: .005 diameters: .002 angles: 2 311x-x-00-xx-00-00-08-0 swage mount in .043 hole 3110/3111 313x-x-00-xx-00-00-08-0 solder mount in .043 mounting hole 3136/3137 6821-0-00-xx-00-00-08-0 wire termination 6821 3132-0-00-xx-00-00-08-0 wire termination material is annealed 3132 3150-x-00-xx-00-00-08-0 swage mount in .043 mounting hole 3150 3148-3-00-xx-00-00-08-0 swage mount in .062 hole for .094 thick board 3148 5601-0-01-xx-00-00-03-0 compliant press-fit in .040.003 plated hole. for .060 .100 thick board. 5601 8815-0-00-xx-00-00-03-0 hex press-fit in .066 plated thru hole 8815 5602-0-01-xx-00-00-03-0 compliant press-fit in .040.003 plated hole. for .090 .130 thick board. 5602 basic part number 3110-1 3110-2 3110-3 3111-1 3111-2 3111-3 length a .150 .150 .150 .300 .300 .300 length v .051 .082 .113 .051 .082 .113 board thick- ness .031 .062 .094 .031 .062 .094 basic part number board thickness length v 3150-1 3150-2 .031 .062 .051 .082 basic part number 3136-1 3136-2 3136-3 3137-1 3137-2 3137-3 3137-4 board thick- ness .062 .094 .125 .062 .094 .125 .156 length v .082 .110 .145 .082 .110 .145 .185 flange dia. c .078 .062 order code: xxxx - x - 0x - xx - 00 - 00 - xx - 0 basic part # specify pin finish: 01 200 " tin/lead over nickel ? 80 200 " tin over nickel (rohs) ? 15 10 " gold over nickel (rohs) ? 21 20 " gold over nickel (rohs) ? 34 50 " gold over nickel (rohs) rohs 2002/95/ec


▲Up To Search▲   

 
Price & Availability of 5601-0-01-01-00-00-03-0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X