Part Number Hot Search : 
EV004 AX863 MX7224UQ AME7107R BGO807C 102M000 302QZ SD335
Product Description
Full Text Search
 

To Download 5601-0-00-1-00-00-03-0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specifications pin material: brass alloy 360, 1/2 hard ( except swage pins which are annealed ) dimension in inches tolerances on: lengths: .005 diameters: .002 angles: 2 order code: xxxx - x - 0x - xx - 00 - 00 - 0x - 0 basic part # specify pin finish: 01 200 " tin/lead over nickel 15 10 " gold over nickel 21 20 " gold over nickel 34 50 " gold over nickel mill-max-mfg.corp., p.o. box 300, 190 pine hollow road, oyster bay, ny 11771-0300.tel: 516-922-6000 fax: 516-922-9253 178 311x-x-00-xx-00-00-08-0 swage mount in .043 hole 3110/3111 313x-x-00-xx-00-00-08-0 solder mount in .043 mounting hole 3136/3137 6821-0-00-xx-00-00-08-0 wire termination 6821 3132-0-00-xx-00-00-08-0 wire termination material is annealed 3132 3150-x-00-xx-00-00-08-0 swage mount in .043 mounting hole 3150 3148-3-00-xx-00-00-08-0 swage mount in .062 hole for .094 thick board 3148 5601-0-01-xx-00-00-03-0 compliant press-fit in .040.003 plated hole. for .060 .100 thick board. 5601 8815-0-00-xx-00-00-03-0 hex press-fit in .066 plated thru hole 8815 5602-0-01-xx-00-00-03-0 compliant press-fit in .040.003 plated hole. for .090 .130 thick board. 5602 printed circuit pins basic part number 3110-1 3110-2 3110-3 3111-1 3111-2 3111-3 length a .150 .150 .150 .300 .300 .300 length v .051 .082 .113 .051 .082 .113 board thick- ness .031 .062 .094 .031 .062 .094 basic part number board thickness length v 3150-1 3150-2 .031 .062 .051 .082 basic part number 3136-1 3136-2 3136-3 3137-1 3137-2 3137-3 3137-4 board thick- ness .062 .094 .125 .062 .094 .125 .156 length v .082 .110 .145 .082 .110 .145 .185 flange dia. c .078 .062


▲Up To Search▲   

 
Price & Availability of 5601-0-00-1-00-00-03-0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X