Part Number Hot Search : 
BC337 5L0165RY 5602B SIHFI 350CA M68AW127 R3010 1N5370B
Product Description
Full Text Search
 

To Download 47309-5251 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/20/2010 please check www.molex.com for latest part information part number: 0473095251 status: active description: 1.10mm (.043") pitch microsd card header, with detect switch, height 5.25mm (.207"), lead free documents: drawing (pdf) rohs certificate of compliance (pdf) product specification ps-47309-002 (pdf) general product family memory card sockets series 47309 button type push-pull comments
  • push-pull type component type i/o header (card) product name microsd card, transflash type n/a physical card detection switch yes circuits (loaded) 8 circuits (maximum) 8 color - resin black durability (mating cycles max) 10,000 ejector button side no ejector button present entry angle 90 angle keying to mating part yes material - metal phosphor bronze material - plating mating gold material - plating termination gold material - resin high temperature thermoplastic pcb locator no pcb mounting side reverse pcb retention yes packaging type embossed tape on reel pitch - mating interface (in) 0.043 in pitch - mating interface (mm) 1.10 mm pitch - term. interface (in) 0.043 in pitch - term. interface (mm) 1.10 mm plating min: mating (in) 29.5 plating min: mating (m) 0.75 plating min: termination (in) 2 plating min: termination (m) 0.05 ports 1 temperature range - operating -40c to +85c termination interface: style surface mount electrical current - maximum per contact 0.5a shielded yes voltage - maximum 5v solder process data duration at max. process temperature (seconds) 3 lead-free process capability reflow capable (smt only) max. cycles at max. process temperature 2 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 47309 series mates with standard sim card use with microsd card
    process temperature max. c 255 material info reference - drawing numbers packaging specification pk-47309-525 product specification ps-47309-002 sales drawing sd-47309-525 this document was generated on 05/20/2010 please check www.molex.com for latest part information



  • ▲Up To Search▲   

     
    Price & Availability of 47309-5251

    All Rights Reserved © IC-ON-LINE 2003 - 2022  

    [Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
    Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


     . . . . .
      We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X