Part Number Hot Search : 
BT3904 ADP224 H3500 SD211 MCP3023 160NH00G 12K16 1V680MNR
Product Description
Full Text Search
 

To Download 2SK2111 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smd type smd type 1.80 +0.1 -0.1 4.50 +0.1 -0.1 2.50 +0.1 -0.1 0.80 +0.1 -0.1 4.00 +0.1 -0.1 0.53 +0.1 -0.1 0.48 +0.1 -0.1 1.50 +0.1 -0.1 0.44 +0.1 -0.1 2.60 +0.1 -0.1 0.40 +0.1 -0.1 3.00 +0.1 -0.1 sot-89 unit: mm 1. base 2. collector 3. emiitter 1. source 2. drain 3. gate 1 2 3 1gate 2drain 3source 2SK2111 features low on-resistance r ds(on) =0.6 max.@v gs =4.0v,i d =0.5a high switching speed absolute maximum ratings ta = 25 parameter symbol rating unit drain to source voltage v dss 60 v gate to source voltage v gss 20 v i d 1.0 a i dp 2.0 a power dissipation * p d 2.0 w channel temperature t ch 150 storage temperature t stg -55to+150 *16cm 2 x0.7mm,ceramic substrate used drain current electrical characteristics ta = 25 parameter symbol testconditons min typ max unit drain cut-off current i dss v ds =60v,v gs =0 1.0 a gate leakage current i gss v gs = 20v,v ds =0 10 a gate threshold voltage v gs(th) v ds =10v,i d =1ma 0.8 1.4 2.0 v forward transfer admittance y fs v ds =10v,i d =0.5a 0.4 s v gs =4.0v,i d =0.5a 0.32 0.6 v gs =10v,i d =0.5a 0.24 0.45 input capacitance c iss 170 pf output capacitance c oss 87 pf reverse transfer capacitance c rss 32 pf turn-on delay time t d(on) 2.8 ns rise time tr 2.3 ns turn-off delay time t d(off) 55 ns fall time tf 27 ns v ds =10v,v gs =0,f=1mhz i d =0.5a,v gs(on) =10v,r l =50 ,r g =10 ,v dd =25v drain to source on-state resistance r ds(on) marking marking nu smd type ic smd type smd type smd type product specification 4008-318-123 sales@twtysemi.com 1 of 1 http://www.twtysemi.com


▲Up To Search▲   

 
Price & Availability of 2SK2111

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X