Part Number Hot Search : 
80000 STK4231 XEZ01 TND024F SRA8100 50PI2 S61LV B29150
Product Description
Full Text Search
 

To Download 2PC4081S135 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. product pro?le 1.1 general description npn transistor in a sot323 (sc-70) plastic package. the pnp complement is 2pa1576. 1.2 features n low current (max. 150 ma) n low voltage (max. 50 v). 1.3 applications n general-purpose switching n small signal ampli?cation. 2. pinning information 3. ordering information 2pc4081 npn general-purpose transistor rev. 05 25 november 2004 product data sheet table 1: pinning pin description simpli?ed outline symbol 1 base 2 emitter 3 collector 12 3 sym021 3 2 1 table 2: ordering information type number package name description version 2pc4081q sc-70 plastic surface mounted package; 3 leads sot323 2pc4081r 2pc4081s
9397 750 14084 ? koninklijke philips electronics n.v. 2004. all rights reserved. product data sheet rev. 05 25 november 2004 2 of 7 philips semiconductors 2pc4081 npn general-purpose transistor 4. marking [1] * = -: made in hong kong. * = t: made in malaysia. 5. limiting values [1] transistor mounted on an fr4 printed-circuit board, single-sided copper, tin-plated and standard footprint. 6. thermal characteristics [1] transistor mounted on an fr4 printed-circuit board, single-sided copper, tin-plated and standard footprint. table 3: marking codes type number marking code [1] 2pc4081q z*q 2pc4081r z*r 2pc4081s z*s table 4: limiting values in accordance with the absolute maximum rating system (iec 60134). symbol parameter conditions min max unit v cbo collector-base voltage open emitter - 60 v v ceo collector-emitter voltage open base - 50 v v ebo emitter-base voltage open collector - 7 v i c collector current (dc) - 150 ma i cm peak collector current - 200 ma i bm peak base current - 200 ma p tot total power dissipation t amb 25 c [1] - 200 mw t stg storage temperature - 65 +150 c t j junction temperature - 150 c t amb ambient temperature - 65 +150 c table 5: thermal characteristics symbol parameter conditions min typ max unit r th(j-a) thermal resistance from junction to ambient [1] - - 625 k/w
9397 750 14084 ? koninklijke philips electronics n.v. 2004. all rights reserved. product data sheet rev. 05 25 november 2004 3 of 7 philips semiconductors 2pc4081 npn general-purpose transistor 7. characteristics [1] pulse test: t p 300 m s; d 0.02. table 6: characteristics t amb = 25 c; unless otherwise speci?ed. symbol parameter conditions min typ max unit i cbo collector-base cut-off current i e = 0 a; v cb = 30 v - - 100 na i e = 0 a; v cb =30v; t j = 150 c --5 m a i ebo emitter-base cut-off current i c = 0 a; v eb = 4 v - - 100 na h fe dc current gain i c = 1 ma; v ce =6v 2pc4081q 120 - 270 2pc4081r 180 - 390 2pc4081s 270 - 560 v cesat collector-emitter saturation voltage i c = 50 ma; i b =5ma [1] - - 400 mv c c collector capacitance i e =i e = 0 a; v cb =12v; f=1mhz - 2 3.5 pf f t transition frequency i c = 2 ma; v ce =12v; f = 100 mhz 100 - - mhz
9397 750 14084 ? koninklijke philips electronics n.v. 2004. all rights reserved. product data sheet rev. 05 25 november 2004 4 of 7 philips semiconductors 2pc4081 npn general-purpose transistor 8. package outline fig 1. package outline sot323 (sc-70) unit a 1 max b p cd e e 1 h e l p qw v references outline version european projection issue date iec jedec jeita mm 0.1 1.1 0.8 0.4 0.3 0.25 0.10 2.2 1.8 1.35 1.15 0.65 e 1.3 2.2 2.0 0.23 0.13 0.2 0.2 dimensions (mm are the original dimensions) 0.45 0.15 sot323 sc-70 w m b p d e 1 e a b a 1 l p q detail x c h e e v m a a b y 0 1 2 mm scale a x 12 3 plastic surface mounted package; 3 leads sot323 97-02-28 04-11-04
9397 750 14084 ? koninklijke philips electronics n.v. 2004. all rights reserved. product data sheet rev. 05 25 november 2004 5 of 7 philips semiconductors 2pc4081 npn general-purpose transistor 9. revision history table 7: revision history document id release date data sheet status change notice doc. number supersedes 2pc4081_5 20041125 product data sheet - 9397 750 14084 2pc4081_4 modi?cations: ? the format of this data sheet has been redesigned to comply with the new presentation and information standard of philips semiconductors. ? section 1.2 : maximum low current and maximum low voltage upgraded ? t ab le 4 : v cbo value changed to 60 v ? t ab le 4 : v ceo value changed to 50 v ? t ab le 4 : v ebo value changed to 7 v ? t ab le 4 : i c value changed to 150 ma. 2pc4081_4 19990408 product speci?cation - 9397 750 05524 2pc4081_3 2pc4081_3 19970704 product speci?cation - 9397 750 02584 2pc4081_2 2pc4081_2 19931213 n.a. - n.a. n.a.
philips semiconductors 2pc4081 npn general-purpose transistor 9397 750 14084 ? koninklijke philips electronics n.v. 2004. all rights reserved. product data sheet rev. 05 25 november 2004 6 of 7 10. data sheet status [1] please consult the most recently issued data sheet before initiating or completing a design. [2] the product status of the device(s) described in this data sheet may have changed since this data sheet was published. the l atest information is available on the internet at url http://www.semiconductors.philips.com. [3] for data sheets describing multiple type numbers, the highest-level product status determines the data sheet status. 11. de?nitions short-form speci?cation the data in a short-form speci?cation is extracted from a full data sheet with the same type number and title. for detailed information see the relevant data sheet or data handbook. limiting values de?nition limiting values given are in accordance with the absolute maximum rating system (iec 60134). stress above one or more of the limiting values may cause permanent damage to the device. these are stress ratings only and operation of the device at these or at any other conditions above those given in the characteristics sections of the speci?cation is not implied. exposure to limiting values for extended periods may affect device reliability. application information applications that are described herein for any of these products are for illustrative purposes only. philips semiconductors make no representation or warranty that such applications will be suitable for the speci?ed use without further testing or modi?cation. 12. disclaimers life support these products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. philips semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify philips semiconductors for any damages resulting from such application. right to make changes philips semiconductors reserves the right to make changes in the products - including circuits, standard cells, and/or software - described or contained herein in order to improve design and/or performance. when the product is in full production (status production), relevant changes will be communicated via a customer product/process change noti?cation (cpcn). philips semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise speci?ed. 13. contact information for additional information, please visit: http://www.semiconductors.philips.com for sales of?ce addresses, send an email to: sales.addresses@www.semiconductors.philips.com level data sheet status [1] product status [2] [3] de?nition i objective data development this data sheet contains data from the objective speci?cation for product development. philips semiconductors reserves the right to change the speci?cation in any manner without notice. ii preliminary data quali?cation this data sheet contains data from the preliminary speci?cation. supplementary data will be published at a later date. philips semiconductors reserves the right to change the speci?cation without notice, in order to improve the design and supply the best possible product. iii product data production this data sheet contains data from the product speci?cation. philips semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. relevant changes will be communicated via a customer product/process change noti?cation (cpcn).
? koninklijke philips electronics n.v. 2004 all rights are reserved. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. no liability will be accepted by the publisher for any consequence of its use. publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. date of release: 25 november 2004 document number: 9397 750 14084 published in the netherlands philips semiconductors 2pc4081 npn general-purpose transistor 14. contents 1 product pro?le . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.1 general description. . . . . . . . . . . . . . . . . . . . . . 1 1.2 features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.3 applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 2 pinning information . . . . . . . . . . . . . . . . . . . . . . 1 3 ordering information . . . . . . . . . . . . . . . . . . . . . 1 4 marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 5 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 2 6 thermal characteristics. . . . . . . . . . . . . . . . . . . 2 7 characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 3 8 package outline . . . . . . . . . . . . . . . . . . . . . . . . . 4 9 revision history . . . . . . . . . . . . . . . . . . . . . . . . . 5 10 data sheet status . . . . . . . . . . . . . . . . . . . . . . . . 6 11 de?nitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 12 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 13 contact information . . . . . . . . . . . . . . . . . . . . . 6


▲Up To Search▲   

 
Price & Availability of 2PC4081S135

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X