Part Number Hot Search : 
CD5526B ADG611YR SS51T AON7410 M5072 AMS12405 125HS 13442
Product Description
Full Text Search
 

To Download 1-1744439-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? housing locking latch ? polarization tabs ? asymmetrical terminals can only be loaded one way ? low insertion force terminals ? anti-fretting contact lubricant ? complete offering includes vertical and right angle headers in both single and dual row ? product specification:108-2418 ? application specification: 114-13315 ? voltage rating: 250 vac ? current rating: 4.5 a ? position: 2 to 15 single row wire to wire position: 2 to 20 single row wire to board position: 8 to 40 dual row wire to board ? wire size: 0.13 to 0.60mm 2 (26 to 20 awg) ? centerline pitch: 2.5 mm (0.098) ? operating temperature: -55 to 105 o c ? selectively loaded headers available upon request s ample s n ow a v a i l a b l e t e . c om / p r oducts/ep 7-1773461-6 appl pdf 06/2013 usa: 1-800-522-6752 canada: +1-905-475-6222 mexico: +52 (0) 55-1106-0800 latin/s. america: +54 (0) 11-4733-2200 germany: +49 (0) 6251-133-1999 uk: +44 (0) 800-267666 france: +33 (0) 1-3420-8686 netherlands: +31 (0) 73-6246-999 china: +86 (0) 400-820-6015 ? 2013 tyco electronics corporation, a te connectivity ltd. compan y. all rights reserved. te conne ctivity a nd the te c onnecti v ity (lo g o ) are trademar ks. oth er logos, pro duct and/or company names might be trademarks of their respective owners. key features applications specifications electrical mechanical ? housings: ul 94 v0 rated nylon ? contacts: copper alloy ? colored housings available upon request ? glow wire material and ul94 v0 option available ? cruus recognized e28476 ? tuv approval pending materials standards ? household appliances ? hvac ? industrial machinery (e.g.control boards) ? products can be used for global applications where compliance to iec 60335 -1 and ul94 v0 is required. ? g low wire products compliant to glow wire test required by iec/en 60335 -1 5th edition: household and similar appliances- safety and ul-94 v0 economy power 2.5 connector (ep 2.5) is a new type of single row or dual row crimp connector system. ep 2.5 connector is comprised of new plug housings, contacts, and headers, based on a 2.5mm centerline (0.098" pitch), which makes it a very compact solution. the newly designed contact retainers provide terminal position assurance (tpa). the inserted tpa retainers help prevent the contacts from backing out in applications with random vibration and help ensure full contact insertion within the housing . with board space increasingly at a premium, the ep 2.5 connector series offers an ideal interconnection solution for densely packed printed circuit boards. ep 2.5 connector halves are available from 2 to 40 positions. besides single row solutions, ep 2.5 connector series offers 8-40 position dual row wire-to-board and wire-to-wire connector systems. the wire-to-board dual row connector system for discrete wires awg 20-26, offers both vertical and right angle header options. the wire-to-wire dual row connector system for discrete wires 0.13 to 0.60mm 2 (26 to 20 awg), has both free-hanging and panel-mount options available. ep 2.5 housings and contacts were designed to help the workers on the shop floor. the low-insertion force terminals, for instance, have an asymmetrical shape, which means that they can only be loaded one-way in the housing cavity. ep 2.5 connectivity solution provides complete connectivity solutions including vertical and right angle headers, optional tpa retainers, wire - t o - wire and wire-to-board solutions, as well as resin materials to meet your gwt requirements. ep 2.5 connectors are also intermateable with similar products in the market to facilitate simple retrofitting. in terms of industrial standards, the ep 2.5 connector series offers products meeting gwt and ul 94 v0 standards. introducing economy power 2.5 ( ep 2.5 ) connector series ep 2.5 6 - posn receptacle housing with latch and tabs, part num ber 1969442-6 ep 2.5 10 - posn tpa retainer, part number 1-1969443-0
te c onnectivity economy power 2.5 c onnect or series t e . c om/ pr oducts/ep usa: 1-800-522-6752 canada: +1-905-475-6222 mexico: +52 (0) 55-1106-0800 latin/s. america: +54 (0) 11-4733-2200 germany: +49 (0) 6251-133-1999 uk: +44 (0) 800-267666 france: +33 (0) 1-3420-8686 netherlands: +31 (0) 73-6246-999 china: +86 (0) 400-820-6015 7-1773461-6 appl pdf 06/2013 ? 2013 tyco electronics corporation, a te connectivity ltd. company. all rights reserved. te connectivity and the te connectivity (logo) are trademarks. other logos, product and/or company names might be trademarks of their respective owners. product offering single row product image flammability part number type / style for all types position ul - 94 v0 gwt acc. iec 60335-1 and ul 94 v0 x-1969442-y x-1744417-y 2 -2 3 -3 4 -4 5 -5 6 -6 7 -7 8 -8 9 -9 10 1- -0 11 1- -1 12 1- -2 13 1- -3 14 1- -4 15 1- -5 16 1- -6 17 1- -7 18 1- -8 19 1- -9 20 2- -0 position 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 -2 -3 -4 -5 -6 -7 -8 -9 1- -0 1- -1 1- -2 1- -3 1- -4 1- -5 1- -6 1- -7 1- -8 1- -9 2- -0 -2 -3 -4 -5 -6 -7 -8 -9 1- -0 1- -1 1- -2 1- -3 1- -4 1- -5 1- -6 1- -7 1- -8 1- -9 2- -0 single row plug housing locking plate free hanging position ul - 94 v0 gwt acc. iec 60335-1 and ul 94 v0 x-1969588-y x-1969589-y 2 -2 3 -3 4 -4 5 -5 6 -6 7 -7 8 -8 9 -9 10 1- -0 11 1- -1 12 1- -2 13 1- -3 14 1- -4 15 1- -5 -2 -3 -4 -5 -6 -7 -8 -9 1- -0 1- -1 1- -2 1- -3 1- -4 1- -5 panel mount ul - 94 v0 gwt acc. iec 60335-1 and ul 94 v0 x-1969590-y x-1969591-y -2 -3 -4 -5 -6 -7 -8 -9 1- -0 1- -1 1- -2 1- -3 1- -4 1- -5 -2 -3 -4 -5 -6 -7 -8 -9 1- -0 1- -1 1- -2 1- -3 1- -4 1- -5 ul - 94 v0 x-1969443-y single row receptacle housing vertical w boss position ul - 94 v0 gwt acc. iec 60335-1 and ul 94 v0 x-2132230-y x-1744418-y 2 -2 3 -3 4 -4 5 -5 6 -6 7 -7 8 -8 9 -9 10 1- -0 11 1- -1 12 1- -2 13 1- -3 14 1- -4 15 1- -5 16 1- -6 17 1- -7 18 1- -8 19 1- -9 20 2- -0 -2 -3 -4 -5 -6 -7 -8 -9 1- -0 1- -1 1- -2 1- -3 1- -4 1- -5 1- -6 1- -7 1- -8 1- -9 2- -0 shrouded header vertical w/o boss ul - 94 v0 gwt acc. iec 60335-1 and ul 94 v0 x-2132415-y x-1744439-y -2 -3 -4 -5 -6 -7 -8 -9 1- -0 1- -1 1- -2 1- -3 1- -4 1- -5 1- -6 1- -7 1- -8 1- -9 2- -0 -2 -3 -4 -5 -6 -7 -8 -9 1- -0 1- -1 1- -2 1- -3 1- -4 1- -5 1- -6 1- -7 1- -8 1- -9 2- -0 right angle ul - 94 v0 gwt acc. iec 60335-1 and ul 94 v0 x-1744426-y x-1744446-y -2 -3 -4 -5 -6 -7 -8 -9 1- -0 1- -1 1- -2 1- -3 1- -4 1- -5 1- -6 1- -7 1- -8 1- -9 2- -0 -2 -3 -4 -5 -6 -7 -8 -9 1- -0 1- -1 1- -2 1- -3 1- -4 1- -5 1- -6 1- -7 1- -8 1- -9 2- -0 tpa colored housings are available upon request. please contact te sales representatives for more information. part number ordering : example for x-1969588 -y housing* - 2 thru - 9 substitute dash number listed for y, therefore a -2 signifies pn 1969588-2 1- - 0 thru 1- - 2 substitute first number for x and second number listed for y, therefore a 1- -2 signifies pn 1- 1 969588 - 2 * follow same numbering scheme throughout for other part numbers listed
te c onnectivity economy power 2.5 c onnect or series t e . c om/ pr oducts/ep usa: 1-800-522-6752 canada: +1-905-475-6222 mexico: +52 (0) 55-1106-0800 latin/s. america: +54 (0) 11-4733-2200 germany: +49 (0) 6251-133-1999 uk: +44 (0) 800-267666 france: +33 (0) 1-3420-8686 netherlands: +31 (0) 73-6246-999 china: +86 (0) 400-820-6015 7-1773461-6 appl pdf 06/2013 ? 2013 tyco electronics corporation, a te connectivity ltd. company. all rights reserved. te connectivity and the te connectivity (logo) are trademarks. other logos, product and/or company names might be trademarks of their respective owners. dual row product image flammability part number type / style dual row vertical header with boss ul - 94 v0 gwt acc. iec 60335-1 and ul 94 v0 x-1969543-y x-1969570-y -8 1- -0 1- -2 1- -4 1- -6 1- -8 2- -0 2- -2 2- -4 2- -6 2- -8 3- -0 3- -2 3- -4 3- -6 3- -8 4- -0 -8 1- -0 1- -2 1- -4 1- -6 1- -8 2- -0 2- -2 2- -4 2- -6 2- -8 3- -0 3- -2 3- -4 3- -6 3- -8 4- -0 without boss ul - 94 v0 gwt acc. iec 60335-1 and ul 94 v0 x-1969582-y x-1969584-y -8 1- -0 1- -2 1- -4 1- -6 1- -8 2- -0 2- -2 2- -4 2- -6 2- -8 3- -0 3- -2 3- -4 3- -6 3- -8 4- -0 -8 1- -0 1- -2 1- -4 1- -6 1- -8 2- -0 2- -2 2- -4 2- -6 2- -8 3- -0 3- -2 3- -4 3- -6 3- -8 4- -0 right angle ul - 94 v0 gwt acc. iec 60335-1 and ul 94 v0 x-1969572-y x-1969574-y -8 1- -0 1- -2 1- -4 1- -6 1- -8 2- -0 2- -2 2- -4 2- -6 2- -8 3- -0 3- -2 3- -4 3- -6 3- -8 4- -0 -8 1- -0 1- -2 1- -4 1- -6 1- -8 2- -0 2- -2 2- -4 2- -6 2- -8 3- -0 3- -2 3- -4 3- -6 3- -8 4- -0 dual row right angle header position 8 10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 40 position 8 10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 40 position 8 10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 40 position 8 10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 40 position 8 10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 40 for all types ul - 94 v0 gwt acc. iec 60335-1 and ul 94 v0 x-1969540-y x-1969567-y -8 1- -0 1- -2 1- -4 1- -6 1- -8 2- -0 2- -2 2- -4 2- -6 2- -8 3- -0 3- -2 3- -4 3- -6 3- -8 4- -0 -8 1- -0 1- -2 1- -4 1- -6 1- -8 2- -0 2- -2 2- -4 2- -6 2- -8 3- -0 3- -2 3- -4 3- -6 3- -8 4- -0 dual row plug housing locking plate ul - 94 v0 x-1969541-y -8 1- -0 1- -2 1- -4 1- -6 1- -8 2- -0 2- -2 2- -4 2- -6 2- -8 3- -0 3- -2 3- -4 3- -6 3- -8 4- -0 dual row tpa device free hanging ul - 94 v0 gwt acc. iec 60335-1 and ul 94 v0 x-1969592-y x-1969593-y -8 1- -0 1- -2 1- -4 1- -6 1- -8 2- -0 2- -2 2- -4 2- -6 2- -8 3- -0 3- -2 3- -4 3- -6 3- -8 4- -0 -8 1- -0 1- -2 1- -4 1- -6 1- -8 2- -0 2- -2 2- -4 2- -6 2- -8 3- -0 3- -2 3- -4 3- -6 3- -8 4- -0 dual row receptacle housing panel mount ul - 94 v0 gwt acc. iec 60335-1 and ul 94 v0 x-1969594-y x-1969595-y -8 1- -0 1- -2 1- -4 1- -6 1- -8 2- -0 2- -2 2- -4 2- -6 2- -8 3- -0 3- -2 3- -4 3- -6 3- -8 4- -0 -8 1- -0 1- -2 1- -4 1- -6 1- -8 2- -0 2- -2 2- -4 2- -6 2- -8 3- -0 3- -2 3- -4 3- -6 3- -8 4- -0 colored housings are available upon request. please contact te sales representatives for more information. part number ordering : example for x-196954 0 -y housing* - 2 thru - 9 substitute dash number listed for y, therefore a - 2 signifies pn 1969540 -2 1- - 0 thru 1- - 2 substitute first number for x and second number listed for y, therefore a 1- -2 signifies pn 1 - 1969540 - 2 * follow same numbering scheme throughout for other part numbers listed
te c onnectivity ep 2.5 www.te.com/products/ep ask us all about economy power connectors: t e . c om/ pr oducts/ep usa: 1-800-522-6752 canada: +1-905-475-6222 mexico: +52 (0) 55-1106-0800 latin/s. america: +54 (0) 11-4733-2200 germany: +49 (0) 6251-133-1999 uk: +44 (0) 800-267666 france: +33 (0) 1-3420-8686 netherlands: +31 (0) 73-6246-999 china: +86 (0) 400-820-6015 7-1773461-6 appl pdf 06/2013 ? 2013 tyco electronics corporation, a te connectivity ltd. company. all rights reserved. te connectivity and the te connectivity (logo) are trademarks. other logos, product and/or company names might be trademarks of their respective owners. applica tion t ooling application tooling p n - hand tool p art number 1725950 -[ ] 1530232-[ ] 1725900 -[ ] 1530232-3 1530232-2 1530232-1 354500 -[ ] 528324 -[ ] description hdi quick change mini a tur e applic a t or amp 3 / k-40 pr es s amp 5 / k pr es s lead making machine t ermina ting machine amp-o-lec tric model g k omax g amma 333 pc amp-o-lectric model g termination machine amp-o-lectric model k termination machine 2217074-1 (22-26 awg) product image finishing type / style socket terminals pin, lanceless tin plating 22-26 awg (0.13 to 0.33mm 2 ) 20-24 awg (0.20 to 0.52mm 2 ) size 22-26 awg (0.13 to 0.33mm 2 ) 20-24awg (0.20 to 0.52mm 2 ) 2110989-1 1744423-1 2238007-1 2238008-1 part number for more information te connectivity technical support center usa: +1 (800) 522-6752 canada: +1 (905) 475-6222 mexico: +52 (0) 55-1106-0800 latin/south america: +54 (0) 11-4733-2200 germany: +49 (0) 6251-133-1999 uk: + 44 (0) 800-267666 france: + 33 (0) 1-3420-8686 netherlands: + 31 (0) 73-6246-999 china: + 86 (0) 400-820-6015 for other country numbers, go to te.com/supportcenter both the tab and receptacle contact can be applied to wire using the ocean applicator for automatic and semi-automatic applications. for low volume production and prototype work, a hand-tool will be available to crimp the contacts to wire. ep 2.5 6-posn vertical shrouded header with boss, part number 2132230-6 at hand tool ocean applicator economy power 2.5 c onnect or series while te has made every reasonable effort to ensure the accuracy of the information in this document, te does not guarantee that it is error-free, nor does te make any other representation, warranty or guarantee that the information is accurate, correct, reliable or current. te reserves the right to make any adjustments to the information contained herein at any time without notice. te expressly disclaims all implied warranties regarding the information contained herein, including, but not limited to, any implied warranties of merchantability or fitness for a particular purpose. in no event will te be liable for any direct, indirect, incidental, special or consequential damages arising from or related to recipient ? s use of the information. it is the sole responsibility of recipient of this information to verify the results of this information using their engineering and product environment. recipient assumes any and all risks associated with the use of the information.


▲Up To Search▲   

 
Price & Availability of 1-1744439-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X