Part Number Hot Search : 
BC456 70NBS EM481M16 0F109 AS7C3 TDA5149G UPD446C 0F0AR20
Product Description
Full Text Search
 

To Download 0471880000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product catalogue | terminals | screwing technology | sak-series modular terminals | ts 35 | polyamide pa 6.6 | installation terminals - 1 - general ordering data order no. 0471880000 part designation nt 10/35 10x3 bl version neutral conductor modular terminal, 10 mm2, busbar connection, pa 66, blue, ts 35 ean 4008190083045 qty. 50 pc(s). product notes note, technical data tightening torque via disconnector is 0.5 ... 0.8 nm. fix 10 mm2 stranded connection with 2 nm tightening torque. product description these nt modular terminals are prescribed for insulation measurements without detaching the conductors according to vde standards for places of public assembly. note, accessories refer to the "accessories" section for pen bridges and additional clamping-yoke versions. use of twin wire-end ferrules on request. additional technical data colour of insulating material blue connection direction on side end plate required yes explosion-tested version "ex e" no installation advice ts 35 insulating material pa 66 levels cross-connected internally no no. of terminal strips per level 2 open sides right operating temperature range - 50 c, + 100 c product family sak series type of connection screwed type of mounting snap-on ul 94 flammability rating of insulation material v2 version neutral conductor disconnect terminal csa rating data voltage (csa) 300 v csa current 50 a min. cross-section (csa) awg 14 max. cross-section (csa) awg 8 conductors for clamping (additional connection) stranded, max. 10 mm2 flexible with ferrule, min. (din 46228 pt 1) 0.5 mm2 flexible with ferrule, max. (din 46228 pt 1) 10 mm2 conductors for clamping (rated connection) clamping range, min. 0.5 mm2
product catalogue | terminals | screwing technology | sak-series modular terminals | ts 35 | polyamide pa 6.6 | installation terminals - 2 - conductors for clamping (rated connection) clamping range, max. 16 mm2 type of connection busbar connection 2nd type of connection screwed connection direction on side no. of connections 2 stripping length 12 mm clamping screw m 4 blade size 1.0 x 5.5 mm tightening torque range 1.2...1.6 nm gauge to iec 60947-1 b6 solid, min. 0.5 mm2 solid, max. 16 mm2 stranded, min. 0.5 mm2 stranded, max. 10 mm2 flexible, min. 0.5 mm2 flexible, max. 10 mm2 flexible with ferrule, min. (din 46228/1) 0.5 mm2 flexible with ferrule, max. (din 46228/1) 10 mm2 flexible, min., ferrule with plastic collar (din 46228 pt 4) 0.5 mm2 flexible, max., ferrule with plastic collar (din 46228 pt 4) 10 mm2 awg conductor size, min. awg 14 awg conductor size, max. awg 8 dimensions width 10 mm height of lowest version 44 mm length 45 mm n-conductor disconnect terminal for n-busbar 3 x 10 mm rating data rated cross-section 10 mm2 rated voltage 400 v rated impulse voltage 6 kv rated current 57 a standards iec 60947-7-1 current with max. conductor 57 a pollution severity 3 ul rating data voltage (ul) 300 v current (ul) 50 a min. cross-section (ul) awg 14 max. cross-section (ul) awg 8
product catalogue | terminals | screwing technology | sak-series modular terminals | ts 35 | polyamide pa 6.6 | installation terminals - 3 - approvals approvals institutes classifications etim 2.0 ec001257 etim 3.0 ec001257 eclass 4.1 27-14-11-20 eclass 5.0 27-14-11-38 eclass 5.1 27-14-11-38 similar products order no. part designation version 0499280000 nt 16/35 10x3 bl neutral conductor modular terminal, 16 mm2, busbar connection, pa 66, blue, ts 35 0471780000 nt 2.5/35 10x3 bl neutral conductor modular terminal, 2.5 mm2, screw connection, pa 66, blue, ts 35 0501470000 nt 6/35 10x3 krg/bl neutral conductor modular terminal, 6 mm2, screw connection, pa 66, blue, ts 35


▲Up To Search▲   

 
Price & Availability of 0471880000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X