Part Number Hot Search : 
TVB170SC 1A476 TZX3V3 78M08 NJU6316 5EFM1S APT60 MC100
Product Description
Full Text Search
 

To Download VFH3225-BD-100MHZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  75 south street, hopkinton, ma 01748 ? 800-982-5737 ? 508-435-6831 ? fax 508-435-5289 ? www.valpeyfisher.com ? reva0511 1 vfh3225 clock oscillators ?55oc to + 125oc 3.2x2.5mm smd, cmos parameter symbol condition min typ max unit note frequency range fout 3.3v 2.5v 1.8v 50 160 mhz consult factory for standard frequencies frequency stability ? f/f operating temperature ? 100 ? 50 ppm order code a order code b supply voltage; 1st year aging ? 3 ? 3 operating temperature ta -55 +125 ? c supply voltage v dd 3.00 2.52 2.25 1.71 3.30 2.80 2.50 1.80 3.60 3.08 2.75 1.89 v order code d order code e order code f order code g supply current icc max 50 mhz fo <160mhz 3.3v 2.8v 2.5v 1.8v ma max current across entire temp range 10 9 8 7 tristate output active or enabled 0.7 v dd v output in tri-state (disable) 0.3 v dd rise / fall time tr/tf 10% to 90% of v dd 5.0 ns duty cycle 45 50 55 % features ? 50 mhz to 160 mhz frequency range ? 3.3v, 2.8v, 2.5v, or 1.8v supply voltage ? low jitter ? low p ower consum p tion applications ? military portable communications ? test & measurement ? gigabit ethernet electrical specifications rohs status
75 south street, hopkinton, ma 01748 ? 800-982-5737 ? 508-435-6831 ? fax 508-435-5289 ? www.valpeyfisher.com ? reva0511 2 vfh3225 clock oscillators ?55oc to + 125oc 3.2x2.5mm smd, cmos ? frequency stability code stability a 100ppm b 50ppm parameter symbol condition min typ max unit note output c l = 15 pf lvcmos logic ?1? level voh 90% v dd - v logic ?0? level vol - 10% v dd v phase noise n 10 hz offset 100 hz 1k hz 10k hz 100 khz 1 mhz -66 -101 -126 -138 -145 -149 dbc/hz @ 66 mhz start up time 8 ms rms jitter 12khz to 20mhz 1 ps storage temperature ts -55 +125 ? ? c electrical specifications how to order vfh3225 ? frequency , mhz supply voltage code vdd d 3.3v e 2.8v f 2.5v g 1.8v standard available frequencies: 50 mhz, 66 mhz, 75 mhz, 100 mhz, 125 mhz and 150 mhz consult factory for additional available frequencies.
75 south street, hopkinton, ma 01748 ? 800-982-5737 ? 508-435-6831 ? fax 508-435-5289 ? www.valpeyfisher.com ? reva0511 3 vfh3225 clock oscillators ?55oc to + 125oc 3.2x2.5mm smd, cmos parameter specification mechanical shock per mil-std-202, method 213, condition e thermal shock per mil-std-883, method 1011, condition a vibration per mil-std-883, method 2007, condition a soldering conditions 260 ? c for 10s max hermetic seal leak rate less than 5x10 - 8 atm.cc/s of helium environmental and mechanical pin # connection 1 tristate 2 gnd 3 output 4 v dd bottom view
75 south street, hopkinton, ma 01748 ? 800-982-5737 ? 508-435-6831 ? fax 508-435-5289 ? www.valpeyfisher.com ? reva0511 4 vfh3225 clock oscillators ?55oc to + 125oc 3.2x2.5mm smd, cmos 1. group a electrical characteristics at -55, +25 and +125 c frequency @ +1.8 and + 3.3 volts symmetry (duty cycle) input current zero/one levels rise/fall times physical dimensions length/width height package finish (corrosion, discoloration, etc.) marking placement/legibility 2. group b- life test 1000 hrs at 125c with bias and load 3. group c- all units have passed group a testing a. subgroup 1-12pcs. end point standard condition description measurement mil-std-883 method 2002 mechanical shock frequency cond.b 1500 g?s, 5ms output waveform 5 drops, 6 axis mil-std-883 method 2007 vibration, var. frequency cond. a. freq. 20 g?s, output waveform .06? disp., 20- 20, 000-20 hz mil-std-883 method 2003 solderability visual 95% coverage b. subgroup 2: 6 pcs (one-half of subgroup 1 end point standard condition descriptio n measurement mil-std-883 method 1011 thermal shock frequency cond. b liq. to liq. output waveform 15 cycles mil-std-202 method 105 altitude, 3.44 frequency cond. b inch hg. 12 hrs output waveform mil-std-883 method 1004 moisture resist. frequency with 3.3v applied output waveform 25-65c, 90 to 100% rh, 10 cycles mil-std-202 method 210 resistance to frequency cond.a solder heat output waveform immersion @350oc 3.5 sec c. subgroups 3: 6 pcs. (one half of subgroup 1) end point standard condition description measurement storage temp. 24 hrs. @ -55c frequency no. oper 24 hrs. @ 125c output waveform mil-std-883 method 1009 salt atmosphere frequency cond. a 24 hrs. @ 35c output waveform .5-3.0% solution visual mil-std-883 method 1014 fine leak qs <5 x10 -8 cond. b mil-std-883 method 1014 gross leak visual in 125c cond. c detector fluid table 2 reliability test procedures and conditions for quartz crystal oscillators


▲Up To Search▲   

 
Price & Availability of VFH3225-BD-100MHZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X