enec/cqc: 5 (2.5) a, 125 vac/250 vac (50000 cycles) ul/cul: 10 a 1? hp, 125 vac/250 vac (100000 cycles)
micro switch? v15 series ordering instructions v15 xx switch type special designator t t125 5 enec/cqc: 5 (2.5) a, 125 vac/250 vac (50000 cycles) c quick connect 6,35 mm x 0,80 mm [0.250 in x 0.032 in] z spdt 100 100 gf 0.98 n no lever pin plunger no lever pin plunger a special designator letter is used only when terminal type is "x" or actuator/lever type is "99" to specify that the terminals or the actuator of the switch is special. review product specification to determine the exact differences. metric ?3,1 mm h t150 10 ul/cul: 10 a 1? hp, 125 vac/250 vac (100000 cycles) d quick connect 4,80 mm x 0,8 mm [0.187 in x 0.032 in] p spst- no 200 200 gf 1.96n a far from pin plunger 01 short straight lever k usa ?2,9 mm s t85 11 enec/cqc: 11(3) a, 125/150 vac 25t85 5e4 ul/cul: 11(3) a, 125/150 vac 25t85 5e4 e quick connect 4,80 mm x 0,5 mm [0.187 in x 0.020 in] c spst- nc 300 300 gf 2.94 n b near pin plunger 02 std. straight lever 16 enec/cqc: 16(4)a 250 vac ul/cul: 16 1/2hp 125/250 vac h push-in terminals 400 400 gf 3.92 n 03 long straight lever 22 enec/cqc: 22(8) a, 250 vac ul/cul: 22 a 1hp, 125/250 vac 04 simulated roller lever 26 enec: 26(10) a, 250 vac 05 roller lever 06 long roller lever disclaimer: not all configurations are immediately available. 99 special lever lever position lever type temp. grade c terminal style circuit code operating force at pin plunger, max. electrical rating mounting holes k 16 micro switch? v- basic switch standard (v15 series) t c z 200 a 01
+1 - 815 - 235 - 6545 fax
|