Part Number Hot Search : 
PMEG20 D1768 M50179P 07024 WH32FU SM8A27T CJQ7328 74HC36
Product Description
Full Text Search
 

To Download STP80NF0607 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  may 2007 rev 5 1/14 14 stp80nf06 - stb80nf06 stw80nf06 n-channel 60v - 0.0065 ? - 80a to-220/d 2 pa k / to - 2 4 7 stripfet ii? power mosfet features 100% avalanche tested low threshold drive description this power mosfet is th e latest development of stmicroelectronics unique "single feature size?" strip-based process. the resulting transistor shows extremely high packing density for low on-resistance, rugged avalanche characteristics and less critical alignment steps therefore a remarkable manufacturing reproducibility. applications switching application internal schematic diagram type v dss r ds(on) i d stb80nf06 60v <0.008 ? 80a stp80nf06 60v <0.008 ? 80a stw80nf06 60v <0.008 ? 80a to-220 1 2 3 d2pak to-247 1 3 www.st.com order codes part number marking package packaging stb80nf06t4 b80nf06 d2pak tape & reel stp80nf06 p80nf06 to-220 tube stw80nf06 w80nf06 to-247 tube
contents stp80nf06 - stb80nf06 - stw80nf06 2/14 contents 1 electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 2 electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 2.1 electrical characteristics (curves) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 3 test circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 4 package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 5 revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
stp80nf06 - stb80nf06 - stw80nf06 electrical ratings 3/14 1 electrical ratings table 1. absolute maximum ratings symbol parameter value unit v ds drain-source voltage (v gs = 0) 60 v v gs gate- source voltage 20 v i d (1) 1. current limited by wire bonding drain current (continuous) at t c = 25c 80 a i d drain current (continuous) at t c = 100c 80 a i dm (2) 2. pulse width limited by safe operating area drain current (pulsed) 320 a p tot total dissipation at t c = 25c 300 w derating factor 2 w/c e as (3) 3. starting t j = 25c, i d = 40a, v dd =40v single pulse avalanche energy 870 mj t stg storage temperature ? 65 to 175 175 c t j max. operating junction temperature table 2. thermal data r thj-case thermal resistance junction-case max 0.5 c/w r thj-a thermal resistance junction-ambient max 62.5 c/w t l maximum lead temperature for soldering purpose 300 c
electrical characteristics stp80nf06 - stb80nf06 - stw80nf06 4/14 2 electrical characteristics (t case =25c unless otherwise specified) table 3. on/off states symbol parameter test conditions min. typ. max. unit v (br)dss drain-source breakdown voltage i d = 250 a, v gs = 0 60 v i dss zero gate voltage drain current (v gs = 0) v ds = max rating 1 a v ds =max rating, t c =125c 10 a i gss gate-body leakage current (v ds = 0) v gs = 20v 100 na v gs(th) gate threshold voltage v ds = v gs , i d = 250a 2 3 4 v r ds(on) static drain-source on resistance v gs = 10v, i d = 40a 0.0065 0.008 ? table 4. dynamic symbol parameter test conditions min. typ. max. unit g fs (1) 1. pulsed: pulse duration = 300 s, duty cycle 1.5% forward transconductance v ds = 2.5v , i d =18a 20 s c iss input capacitance v ds = 25v, f = 1 mhz, v gs = 0 3850 pf c oss output capacitance 800 pf c rss reverse transfer capacitance 250 pf q g total gate charge v dd = 80v, i d = 80a, v gs = 10v 115 150 nc q gs gate-source charge 24 nc q gd gate-drain charge 46 nc table 5. switching times symbol parameter test conditions min. typ. max. unit t d(on) t r turn-on delay time rise time v dd = 27v, i d = 40a r g =4.7 ? v gs = 10v (see figure 13) 25 85 ns ns t d(off) t f turn-off-delay time fall time v dd = 27v, i d = 40a, r g =4.7 ?, v gs = 10v (see figure 13) 70 25 ns ns t d(off) t f t c off-voltage rise time fall time cross-over time vclamp =44v, i d =80a r g =4.7 ?, v gs = 10v (see figure 15) 85 75 110 ns ns ns
stp80nf06 - stb80nf06 - stw80nf06 electrical characteristics 5/14 table 6. source drain diode symbol parameter test conditions min. typ. max unit i sd source-drain current 80 a i sdm (1) 1. pulse width limited by safe operating area. source-drain current (pulsed) 320 a v sd (2) 2. pulsed: pulse duration = 300 s, duty cycle 1.5% forward on voltage i sd = 80a, v gs = 0 1.5 v t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i sd = 80a, v dd = 50v di/dt = 100a/s, t j = 150c (see figure 15) 80 250 6.4 ns nc a
electrical characteristics stp80nf06 - stb80nf06 - stw80nf06 6/14 2.1 electrical characteri stics (curves) figure 1. safe operating area figure 2. thermal impedance figure 3. output characteristics figure 4. transfer characteristics figure 5. transconductance figure 6. static drain-source on resistance
stp80nf06 - stb80nf06 - stw80nf06 electrical characteristics 7/14 figure 7. gate charge vs. gate-source voltage figure 8. capacitance variations figure 9. normalized gate threshold voltage vs. temperature figure 10. normalized on resistance vs. temperature figure 11. source-drain diode forward characteristics figure 12. normalized breakdown voltage vs. tj
test circuit stp80nf06 - stb80nf06 - stw80nf06 8/14 3 test circuit figure 13. switching times test circuit for resistive load figure 14. gate charge test circuit figure 15. test circuit for inductive load switching and diode recovery times figure 16. unclamped inductive load test circuit figure 17. unclamped inductive waveform figure 18. switching time waveform
stp80nf06 - stb80nf06 - stw80nf06 package mechanical data 9/14 4 package mechanical data in order to meet environmental requirements, st offers these devices in ecopack? packages. these packages have a lead-free second level interconnect. the category of second level interconnect is marked on the package and on the inner box label, in compliance with jedec standard jesd97. the maximum ratings related to soldering conditions are also marked on the inner box label. ecopack is an st trademark. ecopack specifications are available at : www.st.com
package mechanical data stp80nf06 - stb80nf06 - stw80nf06 10/14 dim. mm. inch min. typ max. min. typ. max. a 4.40 4.60 0.173 0.181 b 0.61 0.88 0.024 0.034 b1 1.15 1.70 0.045 0.066 c 0.49 0.70 0.019 0.027 d 15.25 15.75 0.60 0.620 e 10 10.40 0.393 0.409 e 2.40 2.70 0.094 0.106 e1 4.95 5.15 0.194 0.202 f 1.23 1.32 0.048 0.052 h1 6.20 6.60 0.244 0.256 j1 2.40 2.72 0.094 0.107 l 13 14 0.511 0.551 l1 3.50 3.93 0.137 0.154 l20 16.40 0.645 l30 28.90 1.137 ?p 3.75 3.85 0.147 0.151 q 2.65 2.95 0.104 0.116 to-220 mechanical data
stp80nf06 - stb80nf06 - stw80nf06 package mechanical data 11/14 to-247 mechanical data 1 dim. mm. inch min. typ max. min. typ. max. a 4.4 4.6 0.173 0.181 a1 2.49 2.69 0.098 0.106 a2 0.03 0.23 0.001 0.009 b 0.7 0.93 0.027 0.036 b2 1.14 1.7 0.044 0.067 c 0.45 0.6 0.017 0.023 c2 1.23 1.36 0.048 0.053 d 8.95 9.35 0.352 0.368 d1 8 0.315 e 10 10.4 0.393 e1 8.5 0.334 g 4.88 5.28 0.192 0.208 l 15 15.85 0.590 0.625 l2 1.27 1.4 0.050 0.055 l3 1.4 1.75 0.055 0.068 m 2.4 3.2 0.094 0.126 r0.4 0.015 v2 0o 4o d 2 pak mechanical data 3
package mechanical data stp80nf06 - stb80nf06 - stw80nf06 12/14 dim. mm. inch min. typ max. min. typ. max. a 4.85 5.15 0.19 0.20 a1 2.20 2.60 0.086 0.102 b 1.0 1.40 0.039 0.055 b1 2.0 2.40 0.079 0.094 b2 3.0 3.40 0.118 0.134 c 0.40 0.80 0.015 0.03 d 19.85 20.15 0.781 0.793 e 15.45 15.75 0.608 0.620 e5.45 0.214 l 14.20 14.80 0.560 0.582 l1 3.70 4.30 0.14 0.17 l2 18.50 0.728 ?p 3.55 3.65 0.140 0.143 ?r 4.50 5.50 0.177 0.216 s5.50 0.216 to-247 mechanical data
stp80nf06 - stb80nf06 - stw80nf06 revision history 13/14 5 revision history table 7. revision history date revision changes 09-sep-2004 1 complete version 21-jun-2005 2 the word "stripfet" in the description title on the web was been corrected 17-aug-2006 3 the document has been reformatted 31-jan-2007 4 typo mistake on ta b l e 1 . 03-may-2007 5 r ds(on) max value has been changed
stp80nf06 - stb80nf06 - stw80nf06 14/14 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by an authorized st representative, st products are not recommended, authorized or warranted for use in milita ry, air craft, space, life saving, or life sustaining applications, nor in products or systems where failure or malfunction may result in personal injury, death, or severe property or environmental damage. st products which are not specified as "automotive grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2007 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of STP80NF0607

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X