Part Number Hot Search : 
2SD25 CYHME301 UF2001 TMG1C80A 14051 EH390 EM78M612 H2920
Product Description
Full Text Search
 

To Download SR215C104KARAP2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  15 radial leads/skycap ? /sr series see note see note dimensions: millimeters (inches) note: coating clean .784 (0.031) min. above seating plane styles sr15, sr20, sr30, sr40, sr50 style sr21 styles sr22, sr27 w max. w max. w max. max. t max. t max. t l.s. .762 (0.030) l.s. .762 (0.030) l.s. .762 (0.030) h max. h max. h max. 1.0" min. 1.0" min. 1.0" min. ld nom. ld nom. ld nom. 1.52 (0.060) max. avx sr series conformally coated radial leaded mlc temperature coefficients: c0g (np0), x7r, z5u 200, 100, 50 volts (300v, 400v & 500v also available) case material: epoxy lead material: rohs compliant, 100% tin xxx x x x front xxx a xx back capacitance code tolerance code voltage code temp. char. code 3 digit date code lot code avx logo quantity per bag sr15, 20, 21, 22, 27, 30 1000 pieces sr40, 50 500 pieces note: sr15, sr20, sr21, sr30, and sr40 available on tape and reel per eia specifications rs-468. see pages 34 and 35. general information marking packaging requirements how to order sr21 avx style sr15 sr20 sr21 sr22 sr27 sr30 sr40 sr50 5 voltage 5 = 50v 1 = 100v 2 = 200v 9 = 300v 8 = 400v 7 = 500v e temperature coefficient a = c0g (np0) c = x7r e = z5u 104 capacitance first two digits are the significant figures of capacitance. third digit indicates the additional number of zeros. for example, order 100,000 pf as 104. (for values below 10pf use r in place of decimal point, e.g., 1r4 = 1.4pf.) m capacitance tolerance c0g (np0): c = .25pf d = .5pf f = 1% (>50pf only) g = 2% (>25pf only) j = 5% k = 10% x7r: j = 5% k = 10% m = 20% z5u: m = 20% z = +80% -20% a failure rate a = not applicable r leads r = rohs long lead 1.0" minimum drawings are for illustrative purposes only. actual lead form shape could vary within stated tolerances based on body size. tr1 packaging blank = bulk packaging t = trimmed leads .230" .030" bulk packaging tr1 = tape and reel packaging ap1 = ammopack packaging see packaging specification page 34-35.
16 radial leads/skycap ? /sr series c0g (np0) dielectric size and capacitance specifications eia characteristic dimensions: millimeters (inches) for other styles, voltages, tolerances and lead lengths see part no. codes or contact factory. *other capacitance values available upon special request. capacitance ranges available for sr12 and sr07 same as sr15 sr62 and sr59 same as sr21 sr64 and sr65 same as sr30 sr75 same as sr40 sr13 same as sr21 note: for others voltages, tolerances, electrical specifications and npo typical characteristics, see the avx multilayer ceramic leaded capacitors catalog. = industry preferred values = sr20 only 200 100 50 200 100 50 200 100 50 200 100 50 100 50 100 50 100 50 avx style sr15 sr20 sr21 sr22 sr27 sr30 sr40 sr50 avx insertable sr07 sr29 sr59 n/a n/a sr65 sr75 n/a width 3.81 5.08 5.08 5.08 6.604 7.62 10.16 12.70 (w) (.150) (.200) (.200) (.200) (.260) (.300) (.400) (.500) height 3.81 5.08 5.08 5.08 6.35 7.62 10.16 12.70 (h) (.150) (.200) (.200) (.200) (.250) (.300) (.400) (.500) thickness 2.54 3.175 3.175 3.175 4.06 3.81 3.81 5.08 (t) (.100) (.125) (.125) (.125) (.160) (.150) (.150) (.200) lead spacing 2.54 2.54 5.08 6.35 7.62 5.08 5.08 10.16 (l.s.) (.100) (.100) (.200) (.250) (.300) (.200) (.200) (.400) lead diameter .508 .508 .508 .508 .508 .508 .508 .635 (l.d.) (.020) (.020) (.020) (.020) (.020) (.020) (.020) (.025) cap. in.* industry preferred wvdc wvdc wvdc wvdc wvdc wvdc wvdc wvdc pf values in blue 200 100 50 1.0-9.9 sr151a1r0dar 10 sr151a100kar 15 sr ----- a150kar 22 sr ----- a220kar 33 sr ----- a330kar 39 sr ----- a390kar 47 sr ----- a470kar 68 sr ----- a680kar 100 sr151a101kar 150 sr ----- a151kar 220 sr ----- a221kar 330 sr ----- a331kar 390 sr ----- a391kar 470 sr ----- a471kar 680 sr ----- a681kar 1000 sr211a102kar 1500 sr ----- a152kar 2200 sr ----- a222kar 3900 sr ----- a392kar 4700 sr ----- a472kar 6800 sr ----- a682kar 8200 sr-----a822kar 10,000 sr305a103kar 15,000 sr-----a153kar 22,000 sr ----- a223kar 33,000 sr ----- a333kar 39,000 sr ----- a393kar 47,000 sr ----- a473kar 68,000 sr ----- a683kar 100,000 sr ----- a104kar
17 radial leads/skycap ? /sr series x7r dielectric avx style sr15 sr20 sr21 sr22 sr27 sr30 sr40 sr50 avx insertable sr07 sr29 sr59 n/a n/a sr65 sr75 n/a width 3.81 5.08 5.08 5.08 6.604 7.62 10.16 12.70 (w) (.150) (.200) (.200) (.200) (.260) (.300) (.400) (.500) height 3.81 5.08 5.08 5.08 6.35 7.62 10.16 12.70 (h) (.150) (.200) (.200) (.200) (.250) (.300) (.400) (.500) thickness 2.54 3.175 3.175 3.175 4.06 3.81 3.81 5.08 (t) (.100) (.125) (.125) (.125) (.160) (.150) (.150) (.200) lead spacing 2.54 2.54 5.08 6.35 7.62 5.08 5.08 10.16 (l.s.) (.100) (.100) (.200) (.250) (.300) (.200) (.200) (.400) lead diameter .508 .508 .508 .508 .508 .508 .508 .635 (l.d.) (.020) (.020) (.020) (.020) (.020) (.020) (.020) (.025) cap. in.* industry preferred wvdc wvdc wvdc wvdc wvdc wvdc wvdc wvdc pf values in blue 200 100 50 200 100 50 200 100 50 100 50 100 50 200 100 50 200 100 50 200 100 50 470 sr ----- c471kaa 1000 sr155c102kaa 1500 sr ----- c152kaa 2200 sr ----- c222kaa 3300 sr ----- c332kaa 4700 sr ----- c472kaa 6800 sr ----- c682kaa 10,000 sr215c103kaa 15,000 sr ----- c153kaa 22,000 sr ----- c223kaa 33,000 sr ----- c333kaa 47,000 sr ----- c473kaa 68,000 sr ----- c683kaa 100,000 sr215c104kaa 150,000 sr ----- c154kaa 220,000 sr215c224kaa 330,000 sr ----- c334kaa 390,000 sr ----- c394kaa 470,000 sr305c474kaa 1.0 uf sr305c105kaa 2.2 uf sr405c225kaa 2.7 uf sr505c275kaa 4.7 uf sr505c475kaa 10.0 uf sr655c106kaa = industry preferred values = extended range = extended range with 0.150" thickness maximum size and capacitance specifications eia characteristic dimensions: millimeters (inches) for other styles, voltages, tolerances and lead lengths see part no. codes or contact factory.
18 radial leads/skycap ? /sr series z5u dielectric for other styles, voltages, tolerances and lead lengths see part no. codes or contact factory. *other capacitance values available upon special request. capacitance ranges available for sr12 and sr07 same as sr15 sr62 and sr59 same as sr21 sr64 and sr65 same as sr30 sr75 same as sr40 sr13 same as sr21 note: for others voltages, tolerances, electrical specifications and npo typical characteristics, see the avx multilayer ceramic leaded capacitors catalog. maximum capacitance value style* c0g (np0) x7r sr29 900 pf .015 f sr20 1800 pf .033 f sr28 sr59 900 pf .015 f sr13 sr21 1800 pf .033 f sr30 sr61 7200 pf .12 f sr65 sr40 sr75 .015 f .27 f sr22 1800 pf .033 f sr27 1800 pf .033 f sr76 .015 f .27 f sr50 .036 f .59 f avx 500 volt skycaps** *consult pages 28 and 29 for style sizes. **voltage rating based on dwv of 150% of rated voltage. avx style sr15 sr20 sr21 sr22 sr27 sr30 sr40 sr50 avx insertable sr07 sr29 sr59 n/a n/a sr65 sr75 n/a width 3.81 5.08 5.08 5.08 6.604 7.62 10.16 12.70 (w) (.150) (.200) (.200) (.200) (.260) (.300) (.400) (.500) height 3.81 5.08 5.08 5.08 6.35 7.62 10.16 12.70 (h) (.150) (.200) (.200) (.200) (.250) (.300) (.400) (.500) thickness 2.54 3.175 3.175 3.175 4.06 3.81 3.81 5.08 (t) (.100) (.125) (.125) (.125) (.160) (.150) (.150) (.200) lead spacing 2.54 2.54 5.08 6.35 7.62 5.08 5.08 10.16 (l.s.) (.100) (.100) (.200) (.250) (.300) (.200) (.200) (.400) lead diameter .508 .508 .508 .508 .508 .508 .508 .635 (l.d.) (.020) (.020) (.020) (.020) (.020) (.020) (.020) (.025) cap. in.* industry preferred wvdc wvdc wvdc wvdc wvdc wvdc wvdc wvdc pf values in blue 100 50 100 50 100 50 100 50 100 50 100 50 100 50 100 50 10,000 sr155e103zar 47,000 sr ----- e473zar 100,000 sr215e104zar 150,000 sr ----- e154zar 220,000 sr215e224zar 330,000 sr215e334zar 470,000 sr215e474zar 680,000 sr ----- e684zar 1.0 f sr ----- 105zar 1.5 f sr30e155zar 2.2 f sr30e225zar 3.3 f sr30e335zar 4.7 f sr30e475zar = industry preferred values = sr20 only size and capacitance specifications eia characteristic dimensions: millimeters (inches)


▲Up To Search▲   

 
Price & Availability of SR215C104KARAP2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X